Part Number Hot Search : 
40014 39C66 2SK3235 09181390 25D621KJ UT12005 KK4013BD XP0053A
Product Description
Full Text Search
 

To Download RC1206LF-331M-101-M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  irc advanced film division general note irc reserves the right to make changes in product specification without notice or liability . all information is subject to ircs own data and is considered accurate at time of going to print. a subsidiary of tt electronics plc ? corpus christi texas 78411 usa ? irc advanced film division telephone: 361 992 7900 ? facsimile: 361 992 3377 ? email: afdsales@irctt.com ? website: www.irctt.com pcf rc series issue february 2006 sample p ar t number: pcf - rc1206lf - 330 k - 470 - m family model rc1206lf resistor code example: 330 = 33 , 101 = 100 resistor tolerance k=10%, m=20% capacitor code example: 470 = 47pf, 101 = 100pf capacitor tolerance m= 20% packaging available: tubes, tape & reel resistor/capacitor chip network ? rohs compliant ? saves board space ? reduces component count ? resistor and capacitor on one 1206 size chip pcf rc series electrical data environmental data sample part number: pcf - rc1206lf - 330 k - 470 - m sample part number: pcf - rc1206lf - 330 k - 470 - m resistor capacitor range ( ? ) 10 - 1k 10pf - 200pf tolerance 10%, 20% 20% max voltage 5v 50v power rating 0.125w n/a operating temperature -55 c + 125 c -55 c + 125 c temperature coeffecient (-55 c to +85 c) 200 ppm/ c +20% / - 55% dissipation factor n/a 5% max 1khz test method test limits terminal strength 3mm bending for 10 seconds no mechanical damage resistance to soldering heat 260 c 5 c for 10 1 sec. ? r : 3% ? c : 10% resistance to vibration (10 ~ 55 ~ 10 hz) for 1 min. amplitude 1.5mm 3 directions for 2 hours ? r : 3% ? c : 10% solerability 235 c 5 c for 3 0.5 sec. ? r : 3% ? c : 10% temperature cycling -40 c/30 min., +125 c/ 30 min., 100 cycles ? r : 3% ? c : 10% terminal strength 70 c 2 c, dc50v on for 90 min. and off for 30 min. for 1,000 hours ? r : 3% ? c : 10% load life in humidity 70 c 2 c, 90 ~ 95% rh dc50v on for 90 min. and off for 30 min. for 1,000hours ? r : 3% ? c : 10% physical data ordering data l a w h b to p side bo tt om model a b c d e rc1206 3.2 0.2 1.6 0.2 0.7 0.1 0.5 0.3 0.4 0.2


▲Up To Search▲   

 
Price & Availability of RC1206LF-331M-101-M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X