Part Number Hot Search : 
X25160 MAC229A4 F18N50 MAC210A4 MAX1885 LZ9GG33M LTC3809 HBU31
Product Description
Full Text Search
 

To Download NCB0603R800TR020F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  15 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com ? ferrite chip beads ncb series features ? rugged construction in standard eia sizes ? effective em/rfi suppression up to 1 ghz ? current ratings up to 5 amps (style 2) ? 100% closed magnetic circuit, avoids crosstalk ? both flow and reflow soldering applicable ? operating temperature range: -40 o c to +125 o c standard values and case sizes (mm) eia size nic part number impedance at 100mhz (25% tol.) dc resistance max. ( ) dc current max. (ma) style code a (mm) b (mm) c (mm) d (mm) 0201 ncb0201n100tr050f 10 0.15 500 1 0.6 0.03 0.3 0.03 0.3 0.03 0.15 0.05 ncb0201n330tr030f 33 0.5 300 ncb0201n560tr030f 56 0.6 300 ncb0201n800tr050f 80 0.5 500 ncb0201n121tr030f 120 0.7 300 ncb0201n241tr020f 240 1.0 200 0402 ncb0402p300tr030f 30 0.2 300 1 1.0 0.5 0.50 0.15 0.5 0.15 0.25 0.15 ncb0402p600tr030f 60 0.25 300 ncb0402p121tr010f 120 0.3 100 ncb0402p151tr010f 151 0.3 100 ncb0402p221tr010f 220 0.4 100 ncb0402p301tr005f 300 0.75 50 ncb0402p331tr010f 330 0.5 100 ncb0402p471tr010f 470 0.65 100 ncb0402p601tr010f 600 0.8 100 0603 ncb0603r100tr070f 10 0.2 700 1 1.6 0.2 0.8 0.15 0.8 0.15 0.4 0.2 ncb0603r300tr070f 30 0.2 700 ncb0603r600tr070f 60 0.2 700 NCB0603R800TR020F 80 0.3 200 ncb0603r121tr060f 120 0.25 600 ncb0603r141tr020f 140 0.3 200 ncb0603r151tr060f 150 0.25 600 ncb0603r221tr055f 220 0.3 550 ncb0603r301tr050f 300 0.35 500 ncb0603r451tr010f 450 0.7 100 ncb0603r471tr035f 470 0.45 350 ncb0603r601tr035f 600 0.5 350 ncb0603r751tr020f 750 0.7 200 ncb0603r801tr010f 800 0.9 100 ncb0603r102tr020f 1000 0.7 200 ncb0603r152tr030f 1500 1.0 300 ncb0603r202tr015f 2000 1.2 150 0805 ncb0805a070tr060f 7 0.1 600 1 2.0 0.2 1.25 0.2 0.9 0.2 0.5 0.3 ncb0805a110tr090f 11 0.1 900 ncb0805a170tr060f 17 0.1 600 ncb0805a260tr060f 26 0.1 600 ncb0805a300tr060f 30 0.1 600 ncb0805a320tr050f 32 0.3 500 ncb0805a400tr060f 40 0.1 600 ncb0805a600tr090f 60 0.1 900 ncb0805a800tr040f 80 0.4 400 ncb0805a900tr060f 90 0.1 600 ncb0805a121tr080f 120 0.2 800 ncb0805a151tr080f 150 0.2 800 ncb0805a221tr075f 220 0.3 750 ncb0805a301tr070f 300 0.3 700 ncb0805a401tr020f 400 0.9 200 ncb0805a471tr070f 470 0.35 700 ncb0805a601tr050f 600 0.4 500 ncb0805a801tr045f 800 0.4 450 ncb0805a102tr040f 1000 0.45 400 rohs compliant includes all homogeneous materials *see part number system for details
16 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com ? standard values and case sizes (mm) ferrite chip beads ncb series for impedance (z) over frequency curves see www.rfpassives.com eia size nic p/n impedance at 100mhz : (25% tol.) dc resistance max. (:) dc current max. (ma) style code a (mm) b (mm) c (mm) d (mm) 0805 ncb0805a152tr035f 1500 0.5 350 1 2.0 0.2 1.25 0.2 0.9 0.2 0.5 0.3 ncb0805a202tr025f 2000 0.6 250 ncb0805a222tr010f 2200 0.75 100 ncb0805a232tr020f 2300 0.8 200 ncb0805a252tr020f 2500 0.75 200 ncb0805a272tr015f 2700 1.1 150 1206 ncb1206b190tr050f 19 0.15 500 1 3.2 0.2 1.6 0.2 1.1 0.2 0.5 0.3 ncb1206b260tr050f 26 0.15 500 ncb1206b310tr050f 31 0.2 500 ncb1206b320tr050f 32 0.15 500 ncb1206b420tr050f 42 0.2 500 ncb1206b500tr050f 50 0.2 500 ncb1206b600tr040f 60 0.2 400 ncb1206b700tr050f 70 0.2 500 ncb1206b900tr050f 90 0.2 500 ncb1206b101tr090f 100 0.15 900 ncb1206b121tr090f 120 0.15 900 ncb1206b151tr090f 150 0.15 900 ncb1206b201tr020f 200 0.5 200 ncb1206b221tr070f 220 0.35 700 ncb1206b301tr070f 300 0.35 700 ncb1206b401tr020f 400 0.5 200 ncb1206b471tr040f 470 0.35 400 ncb1206b501tr020f 500 0.5 200 ncb1206b601tr040f 600 0.4 400 ncb1206b801tr030f 800 0.6 300 ncb1206b102tr030f 1000 0.6 300 ncb1206b122tr010f 1200 1 100 ncb1206b152tr030f 1500 0.7 300 ncb1206b202tr030f 2000 1.5 300 1210 ncb1210c310tr040f 31 0.3 400 1 3.2 0.2 2.5 0.2 1.3 0.2 0.5 0.3 ncb1210c320tr040f 32 0.3 400 ncb1210c520tr040f 52 0.3 400 ncb1210c600tr040f 60 0.3 400 ncb1210c800tr040f 80 0.3 400 ncb1210c900tr040f 90 0.3 400 ncb1210c202tr010f 2000 1.5 100 1806 ncb1806e600tr040f 60 0.3 400 1 4.5 0.25 1.6 0.2 1.6 0.2 0.5 0.3 ncb1806e800tr040f 80 0.3 400 ncb1806e101tr050f 100 0.1 500 ncb1806e151tr020f 150 0.5 200 1812 ncb1812d700tr030f 70 0.4 300 1 4.5 0.25 3.2 0.2 1.5 0.2 0.5 0.3 ncb1812d800tr030f 80 0.4 300 ncb1812d121tr050f 120 0.3 500 ncb1812d131tr030f 130 0.4 300 part number system a 020 part thickness max; a=1.1mm, b=1.3mm, c=1.5mm, d=1.7mm, e=1.8mm, k=2.8mm, l=3.1mm, n=0.33, p=0.65mm, r=0.95mm packaging: tr = tape and reel 0805 size ncb series 121 impedance at 100mhz 3 digit code; rst two digits are signi cant third digit is no. of zeros f rohs compliant tr dc current rating (see standard values and case size table)
19 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com ? ferrite chip beads ncb & ncb-h series reel dimensions dimensions (mm) tape dimensions (mm) size a b c 0201 0.30 0.32 0.25 0402 0.80 0.55 0.50 0603 1.00 0.60 0.80 0805 1.00 1.20 1.20 1206 1.00 1.80 2.00 1210 1.00 2.70 2.00 1806 1.05 1.80 3.30 1812 1.05 3.50 3.30 1612 1.70 2.00 2.20 3312 1.70 2.00 6.60 3119 1.70 2.00 5.80 dim size: 0201, 0402, 0603, 0805, 1206, 1210 size: 1806, 1812, 1612 size: 3312, 3319 a 178 2.0 b 60 1.0 c 13.0 0.5 d 21.0 0.8 e 2.0 0.5 w 10.0 1.0 14.0 1.0 18.0 1.0 t 2.0 0.5 r 1.0 e w b c d a t r recommended land pattern (mm) b a a c dimensions ncb1206b ncb1206e ncb1210c ncb1806e ncb1812d ncb1612k ncb3312k ncb3119l a 1.94 0.1 1.94 0.1 2.80 0.1 1.94 0.1 3.64 0.1 3.65 0.1 3.45 0.1 5.25 0.1 b 3.54 0.1 3.64 0.1 3.42 0.1 4.94 0.1 4.94 0.1 5.40 0.1 9.30 0.1 8.75 0.1 t 1.29 0.05 1.90 0.05 1.64 0.05 1.90 0.05 1.80 0.05 3.05 0.05 3.05 0.05 3.70 0.05 w 8.0 12.0 16.0 e 1.75 2.0 f 3.5 5.5 7.5 g 2.0 0.05 4.0 0.05 p 4.0 0.1 8.0 0.1 chips/reel 3,000 2,000 2,500 2,000 1,000 500 500 500 fig. 2 2 2 2 2 2 2 2 dimensions ncb0201n ncb0402p ncb0603r ncb0805a a 0.38 0.03 0.62 0.03 1.05 0.03 1.50 0.05 b 0.68 0.03 1.12 0.03 1.85 0.03 2.30 0.05 t 0.44 0.03 0.60 0.03 0.95 0.05 0.95 0.05 w 8.0 0.1 e 1.75 0.1 f 3.5 0.1 p1 2.0 0.1 4.0 0.1 p2 2.0 0.1 chips/reel 10,000 10,000 4,000 4,000 fig. 1 1 1 1 figure 1 (pressed paper carrier) t f w e a b p1 p2 figure 2 (embossed plastic carrier) g 4.00.1 f 0.1 e 0.05 w0.2 p a b +0.1 1.5-0 0.30 0.05 t tape dimensions (mm)


▲Up To Search▲   

 
Price & Availability of NCB0603R800TR020F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X