Part Number Hot Search : 
1N5806 RU6888R N2907A A1182 ERJL14 161230 2SC460 2SB1503
Product Description
Full Text Search
 

To Download MITSUMIELECTRICCOLTD-M60-09-30-134P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mitsumi nne??e????? nn%fotjuzqjfdf$poofdups1mvh $1.4fsjft ? ??'&"563&4  t???px 1 ?
q~ 1 ?
qt?h6-f 7 y w1#5 %pb{  ??? ?x ??? y ?? p b{ ?h z y ???d pb{   ? s ?e?
: w ??q1-? ?w?
?w-;? ?pb{  z?xz t???p
?t?m?i ytsl om?bwpz 9`m ?? ?8 sw??wc? ? tp?? `h
? ??-j?b{   ? ??? ?q????? ? u k?z mc?? z ? yxz ???, xt???? ? ?pa
b ?mpb{  ???? ? ?w???? ?w-;? ?pb{ ?h z ? we????? ??`o z ???, x t?w ?v?w-`h? ??  qo m? b{ 1. the insulator, material is of heat-and chemical- resistance pbt resin  black  approved under ul-94v-0. 2. contact is solder plated. gold plating is also available if desired. 3. polarization device is designed in. 4. the terminals, protected by the surrounding insulator housing, are well protected from violent vibration and shock. 5. the style are straight and angle types. terminals are for solder-dip. 6. cp-m60 series have a device to prevent flux from rising when soldered. the formed contact pins at both sides enables the connectors to be in place during the soldering operation. connectors ??
r?)085003%&3 .  1 ?? ?? ?3??? series no. ??
: no. of contacts ??? ? ? y contact tail style    ? ?? straight   ????  angle ??? ? ?w ?? [ contact finish   ??? y ??  solder plating   y ??  gold plating
mitsumi nne??e??????nn%fotjuzqjfdf$poofdups1mvh ?
$?%*.&/4*0/4 6ojunn 5pmfsbodf?nn ? ? ???4usbjhiuqmvh ??????"ohmfqmvh ?
:
go .fbtvsfnfou /ppg$poubdut - " #                                                        


▲Up To Search▲   

 
Price & Availability of MITSUMIELECTRICCOLTD-M60-09-30-134P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X