Part Number Hot Search : 
SZN4979 1MA14 BP201G GP1U771R 7939R 2SJ144 SS239KUA EPF8124S
Product Description
Full Text Search
 

To Download MAX3014EGP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general description the max3013?ax3022 8-channel level translators pro- vide the level shifting necessary to allow 100mbps data transfer in a multivoltage system. externally applied volt- ages, v cc and v l , set the logic levels on either side of the device. logic signals present on the v l side of the device appear as a higher voltage logic signal on the v cc side of the device, and vice-versa. the max3013?ax3022 feature an en input that, when at logic low, places all inputs/outputs on both sides in tristate and reduces the v cc and v l supply currents to 0.1 ?. these devices operate at a guaranteed data rate of 100mbps for v l > 1.8v. the max3013?ax3022 accept a v cc voltage from +1.65v to +3.6v and a v l voltage from +1.2v to (v cc - 0.4v), making them ideal for data transfer between low- voltage asics/plds and higher voltage systems. the max3013?ax3022 are available in 5 x 4 ucsp, 20- pin 5mm x 5mm qfn, and 20-pin tssop packages. applications low-voltage asic level translation cell phones spi, microwire level translation portable pos systems portable communication devices gps telecommunications equipment features ? 100mbps guaranteed data rate ? bidirectional level translation (max3013) ? unidirectional level translation (max3014?ax3022) ? v l operation down to +1.2v ? ultra-low 0.1? supply current in shutdown ? low-quiescent current (0.1?) ? ucsp, qfn, and tssop packages max3013?ax3022 +1.2v to +3.6v, 0.1?, 100mbps, 8-channel level translators ________________________________________________________________ maxim integrated products 1 ordering information 19-3156; rev 1; 8/04 for pricing, delivery, and ordering information, please contact maxim/dallas direct! at 1-888-629-4642, or visit maxim? website at www.maxim-ic.com. ordering information continued at end of data sheet. pin configurations continued at end of data sheet. typical operating circuit appears at end of data sheet. part temp range pin-package n u m b er o f v l v c c t r a n sl a t o r s number of v l v cc translators data rate ( mbps) max3013 eup -40? to +85? 20 tssop 8 8 100 max3013ebp-t -40? to +85? 5 x 4 ucsp 8 8 100 max3013egp -40? to +85? 20 qfn-ep* 8 8 100 20 19 18 17 16 15 14 13 1 2 3 4 5 6 7 8 i/o v cc 1 i/o v cc 2 i/o v cc 3 i/o v cc 4 i/o v l 4 i/o v l 3 i/o v l 2 i/o v l 1 v cc gnd i/o v cc 5 i/o v cc 6 i/o v l 6 i/o v l 5 en v l 12 11 9 10 i/o v cc 7 i/o v cc 8 i/o v l 8 i/o v l 7 max3013 tssop top view pin configurations * ep = exposed paddle. ucsp is a trademark of maxim integrated products, inc. spi is a trademark of motorola, inc. microwire is a trademark of national semiconductor corp.
max3013?ax3022 +1.2v to +3.6v, 0.1?, 100mbps, 8-channel level translators 2 _______________________________________________________________________________________ absolute maximum ratings electrical characteristics (v cc = +1.65v to +3.6v, v l = +1.2v to (v cc - 0.4v) (note 1), en = v l , c iovl 15pf, c iovcc 40pf, t a = t min to t max . typical val- ues are at v cc = +3.3v, v l = +1.8v, t a = +25 c.) (note 2) stresses beyond those listed under ?bsolute maximum ratings?may cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specificatio ns is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. (all voltages referenced to gnd.) v cc ...........................................................................-0.3v to +4v v l ..............................................................................-0.3v to +4v i/o v cc .......................................................-0.3v to (v cc + 0.3v) i/o v l .............................................................-0.3v to (v l + 0.3v) en .................................................................-0.3v to (v l + 0.3v) short-circuit duration i/o v l , i/o v cc to gnd...........continuous continuous power dissipation (t a = +70 c) 20-pin tssop (derate 11mw/ c above +70 c) ..........879mw 5 x 4 ucsp (derate 10mw/ c above +70 c) ..............800mw 20-pin qfn (derate 20.0mw/ c above +70 c) .............1.60w operating temperature range ...........................-40 c to +85 c junction temperature ......................................................+150 c storage temperature range .............................-65 c to +150 c lead temperature (soldering, 10s) .................................+300 c parameter symbol conditions min typ max units power supplies v l supply range v l 1.2 v cc - 0.4 v v cc supply range v cc 1.65 3.6 v supply current from v cc i qvcc i/o v cc_ = 0, i/o v l _ = 0 or i/o v cc _ = v cc , i/o v l _ = v l 0.1 1 a i/o v cc _ = 0, i/o v l _ = 0 or i/o v cc _ = v cc , i/o v l _ = v l 0.1 4 supply current from v l i qvl i/o v cc _ = 0, i/o v l _ = 0 or i/o v cc _ = v cc , i/o v l _ = v l , v l < v cc - 0.2v 0.1 100 ? v cc tristate output mode supply current i ts-vcc t a = +25 c, en = 0 0.03 1 a t a = +25 c, en = 0 0.1 0.2 v l tristate output mode supply current i ts-vl t a = +25 c, en = 0, v l = v cc - 0.2v 1 2 ? t a = +25 c, en = 0, 0.15 i/o tristate output mode leakage current t a = +25 c, en = 0, v l = v cc - 0.2v 30 ? logic-level thresholds i/o v l_ input-voltage high v ihl 2/3 x v l v i/o v l_ input-voltage low v ill 1/3 x v l v i/o v cc_ input-voltage high v ihc 2/3 x v cc v i/o v cc_ input-voltage low v ilc 1/3 x v cc v en input-voltage high v ih t a = +25 c 2/3 x v l v
max3013?ax3022 +1.2v to +3.6v, 0.1?, 100mbps, 8-channel level translators _______________________________________________________________________________________ 3 electrical characteristics (continued) (v cc = +1.65v to +3.6v, v l = +1.2v to (v cc - 0.4v) (note 1), en = v l , c iovl 15pf, c iovcc 40pf, t a = t min to t max . typical val- ues are at v cc = +3.3v, v l = +1.8v, t a = +25 c.) (note 2) parameter symbol conditions min typ max units en input-voltage low v il t a = +25 c 1/3 x v l v en input current t a = +25 c5a i/o v l_ output-voltage high v ohl i/o v l_ source current = 20? 2/3 x v l v i/o v l_ output-voltage low v oll i/o v l_ sink current = 20? 1/3 x v l v i/o v cc_ output-voltage high v ohc i/o v cc_ source current = 20? 2/3 x v cc v i/o v cc_ output-voltage low v olc i/o v cc_ sink current = 20? 1/3 x v cc v timing characteristics (v cc = +1.65v to +3.6v, v l = +1.2v to (v cc - 0.4v) (note 1), en = v l , c iovl 15pf, c iovcc 40pf, t a = t min to t max . typical val- ues are at v cc = +3.3v, v l = +1.8v, t a = +25 c.) (note 2) parameter symbol conditions min typ max units c iov c c = 15p f, fi g ur e 1 2.5 c iov c c = 20p f, fi g ur e 1 3 i/o v cc_ rise time t rvcc c iov c c = 40p f, fi g ur e 1 4 ns c iov c c = 15p f, fi g ur e 1 2.5 c iov c c = 20p f, fi g ur e 1 3 i/o v cc_ fall time t fvcc c iov c c = 40p f, fi g ur e 1 4 ns i/o v cc_ one-shot output 18.5 ? i/o v l_ rise time t rvl c iovl = 15pf, figure 2 2.5 ns i/o v l_ fall time t fvl c iovl = 15pf, figure 2 2.5 ns i/o v l_ one-shot output impedance 12.5 ? propagation delay (driving i/o v l_ ) i/o vl-vcc c iov c c = 15p f, fi g ur e 1 6.5 ns
max3013?ax3022 +1.2v to +3.6v, 0.1?, 100mbps, 8-channel level translators 4 _______________________________________________________________________________________ note 1: v l must be less than or equal to v cc - 0.4v during normal operation. however, v l can be greater than v cc - 0.4v during starting up and shutting down conditions. note 2: all units are 100% production tested at t a = +25?. limits over the operating temperature range are guaranteed by design and not production tested. note 3: not production tested. guaranteed by design. timing characteristics (continued) (v cc = +1.65v to +3.6v, v l = +1.2v to (v cc - 0.4v) (note 1), en = v l , c iovl 15pf, c iovcc 40pf, t a = t min to t max . typical val- ues are at v cc = +3.3v, v l = +1.8v, t a = +25 c.) (note 2) parameter symbol conditions min typ max units propagation delay (driving i/o v cc_ ) i/o vcc-vl c iovl = 15p f, fi g ur e 2 6 ns part-to-part skew t ppskew c iov c c = 15p f, c iovl = 15p f, v c c = 2.5v , v l = 1.8v ( n ote 3) 4ns propagation delay from i/o v l_ to i/o v cc_ after en t en-vcc c iov c c = 15p f, fi g ur e 3 1000 ns propagation delay from i/o v cc_ to i/o v l_ after en t en-vl c iovl = 15p f, fi g ur e 4 1000 ns c iov c c = 15p f, c iovl = 15p f, v l > 1.8v 100 maximum data rate c iov c c = 15p f, c iovl = 15p f, v l > 1.2v 80 mbps t ypical operating characteristics (data rate = 100mbps, v cc = 3.3v, v l = 1.8v, t a = +25 c, unless otherwise noted.) 0 0.2 0.1 0.4 0.3 0.5 0.6 v l supply current vs. supply voltage max3013 toc02 v cc supply voltage (v) v l supply current (ma) 1.5 3.0 2.5 2.0 3.5 4.0 driving i/o v l v l = 1.25v c iovcc = 15pf 0 0.2 0.6 0.4 0.8 1.0 v l supply current vs. supply voltage max3013 toc01 v cc supply voltage (v) v l supply current (ma) 2.0 3.0 2.5 3.5 4.0 driving i/o v l v l = 1.8v c iovcc = 15pf 0 5 15 10 20 25 v cc supply current vs. supply voltage max3013 toc03 v cc supply voltage (v) v cc supply current (ma) 2.0 3.0 2.5 3.5 4.0 driving i/o v l v l = 1.8v c iovcc = 15pf
max3013?ax3022 +1.2v to +3.6v, 0.1?, 100mbps, 8-channel level translators _______________________________________________________________________________________ 5 t ypical operating characteristics (continued) (data rate = 100mbps, v cc = 3.3v, v l = 1.8v, t a = +25 c, unless otherwise noted.) 0 5 15 10 20 25 v cc supply current vs. supply voltage max3013 toc04 v cc supply voltage (v) v cc supply current (ma) 1.5 3.0 2.5 2.0 3.5 4.0 driving i/o v l v l = 1.25v c iovcc = 15pf 2.0 2.4 3.2 2.8 3.6 4.0 v l supply current vs. temperature max3013 toc05 temperature ( c) v l supply current (ma) -40 35 10 -15 60 85 driving i/o v cc c iovl = 15pf 16 15 14 13 12 -40 10 -15 35 60 85 v cc supply current vs. temperature max3013 toc06 temperature ( c) v cc supply current (ma) driving i/o v cc c iovl = 15pf 0 0.2 0.6 0.4 0.8 1.0 v l supply current vs. capacitive load on i/o v cc max3013toc07 capacitive load (pf) v l supply current (ma) 020 10 30 40 driving i/o v l 10 13 19 16 22 25 v cc supply current vs. capacitive load on i/o v cc max3013 toc08 capacitive load (pf) v cc supply current (ma) 020 10 30 40 driving i/o v l 0 0.3 0.9 0.6 1.2 1.5 rise/fall time vs. capacitive load on i/o v cc max3013 toc09 capacitive load (pf) rise/fall time (ns) 020 10 30 40 driving i/o v l t fall t rise
t ypical operating characteristics (continued) (data rate = 100mbps, v cc = 3.3v, v l = 1.8v, t a = +25 c, unless otherwise noted.) max3013?ax3022 +1.2v to +3.6v, 0.1?, 100mbps, 8-channel level translators 6 _______________________________________________________________________________________ 0 0.2 0.6 0.4 0.8 1.0 rise/fall time vs. capacitive load on i/o v l max3013 toc10 capacitive load (pf) rise/fall time (ns) 010 51520 driving i/o v cc t fall t rise 0 1 3 2 4 5 propagation delay vs. capacitive load on i/o v cc max3013 toc11 capacitive load (pf) propagation delay (ns) 020 10 30 40 driving i/o v l t phl t plh 0 1 3 2 4 5 propagation delay vs. capacitive load on i/o v l max3013 toc12 capacitive load (pf) propagation delay (ns) 010 51520 driving i/o v cc t phl t plh typical i/o v cc driving max3013 toc13 i/o v cc 1v/div i/o v l 1v/div 4ns/div 150 160 180 170 190 200 t en-vcc vs. temperature (c iovcc = 15pf) max3013 toc14 temperature ( c) t en-vcc (ns) -40 35 10 -15 60 85 0 20 60 40 80 100 t en-vl vs. temperature (c iovl = 15pf) max3013 toc15 temperature ( c) t en-vl (ns) -40 35 10 -15 60 85
max3013?ax3022 +1.2v to +3.6v, 0.1?, 100mbps, 8-channel level translators _______________________________________________________________________________________ 7 pin description (max3013) pin tssop qfn ucsp name function 1 18 b1 i/o v l 1 input/output 1, referenced to v l 2 19 a1 i/o v l 2 input/output 2, referenced to v l 3 20 b2 i/o v l 3 input/output 3, referenced to v l 4 1 a2 i/o v l 4 input/output 4, referenced to v l 5 2 a3 v l v l input voltage, +1.2v v l (v cc - 0.4v) . bypass v l to gnd with a 0.1? capacitor. 6 3 a4 en enable input. if en is pulled low, all inputs/outputs are in tristate. drive en high (v l ) for normal operation. 7 4 b3 i/o v l 5 input/output 5, referenced to v l 8 5 a5 i/o v l 6 input/output 6, referenced to v l 9 6 b4 i/o v l 7 input/output 7, referenced to v l 10 7 b5 i/o v l 8 input/output 7, referenced to v l 11 8 c5 i/o v cc 8 input/output 8, referenced to v cc 12 9 c4 i/o v cc 7 input/output 7, referenced to v cc 13 10 d5 i/o v cc 6 input/output 6, referenced to v cc 14 11 c3 i/o v cc 5 input/output 5, referenced to v cc 15 12 d4 gnd ground 16 13 d3 v cc v cc input voltage, +1.65v v cc +3.6v. bypass v cc to gnd with a 0.1? capacitor. 17 14 d2 i/o v cc 4 input/output 4, referenced to v cc 18 15 c2 i/o v cc 3 input/output 3, referenced to v cc 19 16 d1 i/o v cc 2 input/output 2, referenced to v cc 20 17 c1 i/o v cc 1 input/output 1, referenced to v cc pin description (max3014?ax3022) name function (note 4) v cc v cc input voltage, +1.65v v cc +3.6v. bypass v cc to gnd with a 0.1? capacitor. v l v l input voltage, +1.2v v l v cc - 0.4v. bypass v l to gnd with a 0.1? capacitor. gnd ground en enable input. if en is pulled low, all inputs/outputs are in tristate. drive en high (v l ) for normal operation. iv l 1?v l 8 inputs referenced to v l , numbers 1 to 8 ov l 1?v l 8o utputs referenced to v l , numbers 1 to 8 iv cc 1?v cc 8 inputs referenced to v cc , numbers 1 to 8 ov cc 1?v cc 8 outputs referenced to v cc , numbers 1 to 8 note 4: for specific pin numbers, see the pin configurations for more information.
max3013?ax3022 +1.2v to +3.6v, 0.1?, 100mbps, 8-channel level translators 8 _______________________________________________________________________________________ max3013 i/o v cc i/o v cc c iovcc v cc v l i/o v l source 90% 50% 10% t fvcc t rvcc i/o v l 90% 50% 10% en i/o vl-vcc i/o vl-vcc t rise/fall 3ns t est circuits/timing diagrams figure 1. driving i/o v l test circuit and timing
max3013?ax3022 +1.2v to +3.6v, 0.1?, 100mbps, 8-channel level translators _______________________________________________________________________________________ 9 max3013 i/o v l i/o v cc v cc v l i/o v l c iovl source 90% 50% 10% t fvl t rvl i/o v cc 90% 50% 10% en i/o vcc-vl i/o vcc-vl t rise/fall 3ns figure 2. driving i/o v cc test circuit and timing t est circuits/timing diagrams (continued)
max3013?ax3022 +1.2v to +3.6v, 0.1?, 100mbps, 8-channel level translators 10 ______________________________________________________________________________________ max3013 i/o v cc v l c iovcc i/o v l source en t' en-vcc max3013 i/o v cc i/o v l v l v l 0v i/o v cc v cc /2 v cc 0v 0v en c iovcc i/o v l source en t" en-vcc i/o v l v l v l 0v i/o v cc v cc /2 v cc 0v 0v en t en-vcc is whichever is larger between t' en-vcc and t" en-vcc . figure 3. propagation delay from i/o v l to i/o v cc after en max3013 i/o v cc c iovl v cc i/o v l source en t' en-vl max3013 i/o v cc i/o v cc v l v cc 0v i/o v l v l /2 v l 0v 0v en c iovl i/o v l source en t" en-vl i/o v cc v l v cc 0v i/o v l v l /2 v l 0v 0v en t en-vcc is whichever is larger between t' en-vcc and t" en-vcc . figure 4. propagation delay from i/o v cc to i/o v l after en t est circuits/timing diagrams (continued)
max3013?ax3022 +1.2v to +3.6v, 0.1?, 100mbps, 8-channel level translators ______________________________________________________________________________________ 11 detailed description the max3013?ax3022 logic-level translators provide the level shifting necessary to allow 100mbps data trans- fer in a multivoltage system. externally applied voltages, v cc and v l , set the logic levels on either side of the device. logic signals present on the v l side of the device appear as a higher voltage logic signal on the v cc side of the device, and vice-versa. the max3013 bidirectional level translator allows data translation in either direction (v l ? v cc ) on any single data line. the max3014?ax3022 unidirectional translators level-shift data in one direction (v l v cc or v cc v l ) on any single data line. the max3013?ax3022 accept v l from +1.2v to (v cc - 0.4v) and operate with v cc from +1.65v to +3.6v, making them ideal for data transfer between low-voltage asics/plds and higher voltage systems. the max3013?ax3022 feature an input enable mode (en) that reduces v cc and v l supply currents to 0.1?, when in tristate mode. these devices operate at a guaranteed data rate of 100mbps for v l > +1.8v. level translation for proper operation, ensure that +1.65v v cc +3.6v, +1.2v v l (v cc - 0.4v). during power-up sequencing, v l v cc does not damage the device. during power- supply sequencing, when v cc is floating and v l is pow- ering up, up to 40ma current can be sourced to each load on the v l side, yet the device does not latch up. the maximum data rate depends heavily on the load capacitance (see the typical operating characteristics , rise/fall times), output impedance of the driver, and the operating voltage range (see the timing characteristics ). input driver requirements the max3013?ax3022 architecture is based on a one-shot accelerator output stage (see figure 5). accelerator output stages are always in tristate mode except when there is a transition on any of the transla- tors on the input side, either i/o v l or i/o v cc . then, a short pulse is generated during which the accelerator output stages become active and charge/discharge the capacitances at the i/os. due to its bidirectional nature, both input stages become active during the one-shot pulse. this can lead to some current feeding into the external source that is driving the translator. however, this behavior helps to speed up the transition on the driven side. for proper operation, the external driver must meet the following conditions: <25 ? output impedance and >20ma output current. figure 6 shows a graph of typical input current vs. input voltage. output load requirements the max3013?ax3022 i/o were designed to drive cmos inputs. do not load the i/o lines with a resistive load less than 25k ? . also, do not place an rc circuit at the input of the max3013?ax3022 to slow down the edges. if a slower data rate is required, please see the max3000e/max3001e logic-level translator. for i 2 c level translation, please refer to the max3372e max3379e/max3390e?ax3393e data sheet. ov cc v l iv l v cc p one-shot n one-shot typical driving one-channel on v l side 150 ? 4k ? iv cc v l ov l v cc typical driving one-channel on v cc side 4k ? 150 ? n one-shot p one-shot figure 5. max3013?ax3022 simplified diagram (1 i/o line) i 2 c is a trademark of philips corp. purchase of i 2 c components of maxim integrated products, inc. or one of its sublicensed associated companies, conveys a license under the philips i 2 c patent rights to use these components in an i 2 c system, provid- ed that the system conforms to the i 2 c standard specification as defined by philips.
max3013?ax3022 +1.2v to +3.6v, 0.1?, 100mbps, 8-channel level translators 12 ______________________________________________________________________________________ enable input (en) the max3013?ax3022 feature an en input. pull en low to set the max3013?ax3022? i/o on both sides in tristate output mode. drive en to logic high (v l ) for normal operation. applications information power-supply decoupling to reduce ripple and the chance of introducing data errors, bypass v l and v cc to ground with a 0.1? ceramic capacitor. place the bypass capacitors as close to the power-supply input pins as possible. 8-bit bus translation the max3013?ax3022 level-shift the data present on the i/o line between +1.2v to +3.6v, making them ideal for level translation between a low-voltage asic and a higher voltage system. the typical operating circuit shows the max3013 bidirectional translator in an 8-bit bus level translation from a 1.8v system to a 3.3v sys- tem and vice versa. unidirectional vs. bidirectional level translator the max3013 bidirectional translator can operate as a unidirectional device to translate signals without inver- sion. the max3014?ax3022 unidirectional translators level-shift data in one direction (v l v cc or v cc v l ) on any single data line (see the ordering information ). these devices provide the smallest solution (ucsp pack- age) for unidirectional level translation without inversion. 0v v th_in /r in * -(v s - v th_in )/r in * i in v th_in *r in = 4k ? when driving v l side. r in = 150 ? when driving v cc side. v s v in where v s = v cc or v l . figure 6. typical i in vs. v in max3013 +1.8v +3.3v +1.8v system controller +3.3v system gnd v l v cc en bit 1 bit 2 bit 0 bit 3 bit 4 bit 5 bit 6 bit 7 bit 1 bit 2 bit 0 bit 3 bit 4 bit 5 bit 6 bit 7 i/o v cc 1 i/o v cc 2 i/o v cc 3 i/o v cc 4 i/o v l 4 i/o v l 3 i/o v l 2 i/o v l 1 0.1 f 0.1 f i/o v cc 5 i/o v cc 6 i/o v l 6 i/o v l 5 i/o v cc 7 i/o v cc 8 i/o v l 8 i/o v l 7 t ypical operating circuit chip information transistor count: 1447 process: bicmos
max3013?ax3022 +1.2v to +3.6v, 0.1?, 100mbps, 8-channel level translators ______________________________________________________________________________________ 13 ordering information (continued) part temp range pin-package n u m b er o f v l v c c t r a n sl a t o r s number of v l v cc translators data rate ( mbps) max3014 eup* -40? to +85? 20 tssop 8 0 100 max3014ebp-t* -40? to +85? 5 x 4 ucsp 8 0 100 MAX3014EGP* -40? to +85? 20 qfn-ep** 8 0 100 max3015 eup* -40? to +85? 20 tssop 7 1 100 max3015ebp-t* -40? to +85? 5 x 4 ucsp 7 1 100 max3015egp* -40? to +85? 20 qfn-ep** 7 1 100 max3016 eup* -40? to +85? 20 tssop 6 2 100 max3016ebp-t* -40? to +85? 5 x 4 ucsp 6 2 100 max3016egp* -40? to +85? 20 qfn-ep** 6 2 100 max3017 eup* -40? to +85? 20 tssop 5 3 100 max3017ebp-t* -40? to +85? 5 x 4 ucsp 5 3 100 max3017egp* -40? to +85? 20 qfn-ep** 5 3 100 max3018 eup* -40? to +85? 20 tssop 4 4 100 max3018ebp-t* -40? to +85? 5 x 4 ucsp 4 4 100 max3018egp* -40? to +85? 20 qfn-ep** 4 4 100 max3019 eup* -40? to +85? 20 tssop 3 5 100 max3019ebp-t* -40? to +85? 5 x 4 ucsp 3 5 100 max3019egp* -40? to +85? 20 qfn-ep** 3 5 100 max3020 eup* -40? to +85? 20 tssop 2 6 100 max3020ebp-t* -40? to +85? 5 x 4 ucsp 2 6 100 max3020egp* -40? to +85? 20 qfn-ep** 2 6 100 max3021 eup* -40? to +85? 20 tssop 1 7 100 max3021ebp-t* -40? to +85? 5 x 4 ucsp 1 7 100 max3021egp* -40? to +85? 20 qfn-ep** 1 7 100 max3022 eup* -40? to +85? 20 tssop 0 8 100 max3022ebp-t* -40? to +85? 5 x 4 ucsp 0 8 100 max3022egp* -40? to +85? 20 qfn-ep** 0 8 100 * future product?ontact factory for availability. ** ep = exposed paddle.
max3013?ax3022 +1.2v to +3.6v, 0.1?, 100mbps, 8-channel level translators 14 ______________________________________________________________________________________ 20 19 18 17 16 15 14 13 1 2 3 4 5 6 7 8 ov cc 1 ov cc 2 ov cc 3 ov cc 4 iv l 4 iv l 3 iv l 2 iv l 1 v cc gnd ov cc 5 ov cc 6 iv l 6 iv l 5 en v l 12 11 9 10 ov cc 7 ov cc 8 iv l 8 iv l 7 max3014 tssop 20 19 18 17 16 15 14 13 1 2 3 4 5 6 7 8 iv cc 1 ov cc 2 ov cc 3 ov cc 4 iv l 4 iv l 3 iv l 2 ov l 1 v cc gnd ov cc 5 ov cc 6 iv l 6 iv l 5 en v l 12 11 9 10 ov cc 7 ov cc 8 iv l 8 iv l 7 max3015 tssop 20 19 18 17 16 15 14 13 1 2 3 4 5 6 7 8 iv cc 1 iv cc 2 ov cc 3 ov cc 4 iv l 4 iv l 3 ov l 2 ov l 1 v cc gnd ov cc 5 ov cc 6 iv l 6 iv l 5 en v l 12 11 9 10 ov cc 7 ov cc 8 iv l 8 iv l 7 max3016 tssop 20 19 18 17 16 15 14 13 1 2 3 4 5 6 7 8 iv cc 1 iv cc 2 iv cc 3 ov cc 4 iv l 4 ov l 3 ov l 2 ov l 1 v cc gnd ov cc 5 ov cc 6 iv l 6 iv l 5 en v l 12 11 9 10 ov cc 7 ov cc 8 iv l 8 iv l 7 max3017 tssop 20 19 18 17 16 15 14 13 1 2 3 4 5 6 7 8 iv cc 1 iv cc 2 iv cc 3 iv cc 4 ov l 4 ov l 3 ov l 2 ov l 1 v cc gnd iv cc 5 ov cc 6 iv l 6 ov l 5 en v l 12 11 9 10 ov cc 7 ov cc 8 iv l 8 iv l 7 max3019 tssop 20 19 18 17 16 15 14 13 1 2 3 4 5 6 7 8 iv cc 1 iv cc 2 iv cc 3 iv cc 4 ov l 4 ov l 3 ov l 2 ov l 1 v cc gnd iv cc 5 iv cc 6 ov l 6 ov l 5 en v l 12 11 9 10 ov cc 7 ov cc 8 iv l 8 iv l 7 max3020 tssop 20 19 18 17 16 15 14 13 1 2 3 4 5 6 7 8 iv cc 1 iv cc 2 iv cc 3 iv cc 4 ov l 4 ov l 3 ov l 2 ov l 1 v cc gnd iv cc 5 iv cc 6 ov l 6 ov l 5 en v l 12 11 9 10 iv cc 7 ov cc 8 iv l 8 ov l 7 max3021 tssop 20 19 18 17 16 15 14 13 1 2 3 4 5 6 7 8 iv cc 1 iv cc 2 iv cc 3 iv cc 4 ov l 4 ov l 3 ov l 2 ov l 1 v cc gnd iv cc 5 iv cc 6 ov l 6 ov l 5 en v l 12 11 9 10 iv cc 7 iv cc 8 ov l 8 ov l 7 max3022 tssop 20 19 18 17 16 15 14 13 1 2 3 4 5 6 7 8 iv cc 1 iv cc 2 iv cc 3 iv cc 4 ov l 4 ov l 3 ov l 2 ov l 1 v cc gnd ov cc 5 ov cc 6 iv l 6 iv l 5 en v l 12 11 9 10 ov cc 7 ov cc 8 iv l 8 iv l 7 max3018 tssop pin configurations (continued)
max3013?ax3022 +1.2v to +3.6v, 0.1?, 100mbps, 8-channel level translators ______________________________________________________________________________________ 15 max3013 20 ucsp (bottom view) max3014 20 ucsp (bottom view) i/o v cc 4 i/o v cc 2 v cc gnd i/o v cc 3 i/o v cc 1 i/o v cc 5 i/o v cc 7 i/o v l 3 i/o v l 1 i/o v l 5 i/o v l 7 i/o v l 4 i/o v l 2v l en i/o v cc 6 i/o v cc 8 i/o v l 8 i/o v l 6 1 b a c d 2345 v cc ov cc 2 gnd ov cc 6 ov cc 5 ov cc 1ov cc 7ov cc 8 iv l 5 iv l 1iv l 7iv l 8 v l iv l 2eniv l 6 ov cc 4 ov cc 3 iv l 3 iv l 4 1 b a c d 345 2 max3015 20 ucsp (bottom view) v cc ov cc 2 gnd ov cc 6 ov cc 5 ov cc 1ov cc 7ov cc 8 iv l 5 ov l 1iv l 7iv l 8 v l iv l 2eniv l 6 ov cc 4 ov cc 3 iv l 3 iv l 4 1 b a c d 345 2 max3016 20 ucsp (bottom view) v cc iv cc 2 gnd ov cc 6 ov cc 5 iv cc 1ov cc 7ov cc 8 iv l 5 ov l 1iv l 7iv l 8 v l ov l 2eniv l 6 ov cc 4 ov cc 3 iv l 3 iv l 4 1 b a c d 345 2 max3017 20 ucsp (bottom view) v cc iv cc 2 gnd ov cc 6 ov cc 5 iv cc 1ov cc 7ov cc 8 iv l 5 ov l 1iv l 7iv l 8 v l ov l 2eniv l 6 ov cc 4 iv cc 3 ov l 3 iv l 4 1 b a c d 345 2 max3018 20 ucsp (bottom view) v cc iv cc 2 gnd ov cc 6 ov cc 5 iv cc 1ov cc 7ov cc 8 iv l 5 ov l 1iv l 7iv l 8 v l ov l 2eniv l 6 iv cc 4 iv cc 3 ov l 3 ov l 4 1 b a c d 345 2 pin configurations (continued)
max3013?ax3022 +1.2v to +3.6v, 0.1?, 100mbps, 8-channel level translators 16 ______________________________________________________________________________________ max3019 20 ucsp (bottom view) v cc iv cc 2 gnd ov cc 6 iv cc 5 iv cc 1ov cc 7ov cc 8 ov l 5 ov l 1iv l 7iv l 8 v l ov l 2eniv l 6 iv cc 4 iv cc 3 ov l 3 ov l 4 1 b a c d 345 2 max3020 20 ucsp (bottom view) v cc iv cc 2 gnd iv cc 6 iv cc 5 iv cc 1ov cc 7ov cc 8 ov l 5 ov l 1iv l 7iv l 8 v l ov l 2enov l 6 iv cc 4 iv cc 3 ov l 3 ov l 4 1 b a c d 345 2 max3021 20 ucsp (bottom view) v cc iv cc 2 gnd iv cc 6 iv cc 5 iv cc 1iv cc 7ov cc 8 ov l 5 ov l 1ov l 7iv l 8 v l ov l 2enov l 6 iv cc 4 iv cc 3 ov l 3 ov l 4 1 b a c d 345 2 max3022 20 ucsp (bottom view) v cc iv cc 2 gnd iv cc 6 iv cc 5 iv cc 1iv cc 7iv cc 8 ov l 5 ov l 1ov l 7ov l 8 v l ov l 2enov l 6 iv cc 4 iv cc 3 ov l 3 ov l 4 1 b a c d 345 2 pin configurations (continued)
max3013?ax3022 +1.2v to +3.6v, 0.1?, 100mbps, 8-channel level translators ______________________________________________________________________________________ 17 20 19 18 17 16 i/o v l 3 i/o v l 2 i/o v l 1 i/o v cc 1 i/o v cc 2 6 7 8 9 10 i/o v l 7 i/o v l 8 i/o v cc 8 i/o v cc 7 i/o v cc 6 11 12 13 14 15 i/o v cc 5 gnd v cc i/o v cc 4 i/o v cc 3 5 4 3 2 1 i/o v l 6 i/o v l 5 en **exposed paddle v l i/o v l 4 max3013 5mm x 5mm qfn top view 20 19 18 17 16 iv l 3 iv l 2 iv l 1 ov cc 1 ov cc 2 6 7 8 9 10 iv l 7 iv l 8 ov cc 8 ov cc 7 ov cc 6 11 12 13 14 15 ov cc 5 gnd v cc ov cc 4 ov cc 3 5 4 3 2 1 iv l 6 iv l 5 en **exposed paddle v l iv l 4 max3014 5mm x 5mm qfn 20 19 18 17 16 iv l 3 iv l 2 ov l 1 iv cc 1 ov cc 2 6 7 8 9 10 iv l 7 iv l 8 ov cc 8 ov cc 7 ov cc 6 11 12 13 14 15 ov cc 5 gnd v cc ov cc 4 ov cc 3 5 4 3 2 1 iv l 6 iv l 5 en **exposed paddle v l iv l 4 max3015 5mm x 5mm qfn 20 19 18 17 16 iv l 3 ov l 2 ov l 1 iv cc 1 iv cc 2 6 7 8 9 10 iv l 7 iv l 8 ov cc 8 ov cc 7 ov cc 6 11 12 13 14 15 ov cc 5 gnd v cc ov cc 4 ov cc 3 5 4 3 2 1 iv l 6 iv l 5 en **exposed paddle v l iv l 4 max3016 5mm x 5mm qfn 20 19 18 17 16 ov l 3 ov l 2 ov l 1 iv cc 1 iv cc 2 6 7 8 9 10 iv l 7 iv l 8 ov cc 8 ov cc 7 ov cc 6 11 12 13 14 15 ov cc 5 gnd v cc ov cc 4 iv cc 3 5 4 3 2 1 iv l 6 iv l 5 en **exposed paddle v l iv l 4 max3017 5mm x 5mm qfn 20 19 18 17 16 ov l 3 ov l 2 ov l 1 iv cc 1 iv cc 2 6 7 8 9 10 iv l 7 iv l 8 ov cc 8 ov cc 7 ov cc 6 11 12 13 14 15 ov cc 5 gnd v cc iv cc 4 iv cc 3 5 4 3 2 1 iv l 6 iv l 5 en **exposed paddle v l ov l 4 max3018 5mm x 5mm qfn pin configurations (continued)
max3013?ax3022 +1.2v to +3.6v, 0.1?, 100mbps, 8-channel level translators 18 ______________________________________________________________________________________ 20 19 18 17 16 ov l 3 ov l 2 ov l 1 iv cc 1 iv cc 2 6 7 8 9 10 iv l 7 iv l 8 ov cc 8 ov cc 7 ov cc 6 11 12 13 14 15 iv cc 5 gnd v cc iv cc 4 iv cc 3 5 4 3 2 1 iv l 6 ov l 5 en **exposed paddle v l ov l 4 max3019 5mm x 5mm qfn 20 19 18 17 16 ov l 3 ov l 2 ov l 1 iv cc 1 iv cc 2 6 7 8 9 10 iv l 7 iv l 8 ov cc 8 ov cc 7 iv cc 6 11 12 13 14 15 iv cc 5 gnd v cc iv cc 4 iv cc 3 5 4 3 2 1 ov l 6 ov l 5 en **exposed paddle v l ov l 4 max3020 5mm x 5mm qfn qfn-ep** (5mm x 5mm) **connect exposed paddle to gnd. 5mm x 5mm qfn 20 19 18 17 16 ov l 3 ov l 2 ov l 1 iv cc 1 iv cc 2 6 7 8 9 10 ov l 7 ov l 8 iv cc 8 iv cc 7 iv cc 6 11 12 13 14 15 iv cc 5 gnd v cc iv cc 4 iv cc 3 5 4 3 2 1 ov l 6 ov l 5 en **exposed paddle v l ov l 4 max3022 5mm x 5mm qfn 20 19 18 17 16 ov l 3 ov l 2 ov l 1 iv cc 1 iv cc 2 6 7 8 9 10 ov l 7 iv l 8 ov cc 8 ov cc 7 ov cc 6 11 12 13 14 15 iv cc 5 gnd v cc iv cc 4 iv cc 3 5 4 3 2 1 ov l 6 ov l 5 en **exposed paddle v l ov l 4 max3021 pin configurations (continued)
max3013?ax3022 +1.2v to +3.6v, 0.1?, 100mbps, 8-channel level translators ______________________________________________________________________________________ 19 package information (the package drawing(s) in this data sheet may not reflect the most current specifications. for the latest package outline info rmation go to www.maxim-ic.com/packages .) tssop4.40mm.eps
max3013?ax3022 +1.2v to +3.6v, 0.1?, 100mbps, 8-channel level translators 20 ______________________________________________________________________________________ package information (continued) (the package drawing(s) in this data sheet may not reflect the most current specifications. for the latest package outline info rmation go to www.maxim-ic.com/packages .) 5x4 ucsp.eps i 1 1 21-0095 package ? outline, ? 5x4 ? ucsp
max3013?ax3022 +1.2v to +3.6v, 0.1?, 100mbps, 8-channel level translators ______________________________________________________________________________________ 21 package information (continued) (the package drawing(s) in this data sheet may not reflect the most current specifications. for the latest package outline info rmation go to www.maxim-ic.com/packages .) 32l qfn.eps
max3013?ax3022 +1.2v to +3.6v, 0.1?, 100mbps, 8-channel level translators maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim product. no circu it patent licenses are implied. maxim reserves the right to change the circuitry and specifications without notice at any time. 22 ____________________maxim integrated products, 120 san gabriel drive, sunnyvale, ca 94086 408-737-7600 2004 maxim integrated products printed usa is a registered trademark of maxim integrated products. package information (continued) (the package drawing(s) in this data sheet may not reflect the most current specifications. for the latest package outline info rmation go to www.maxim-ic.com/packages .)


▲Up To Search▲   

 
Price & Availability of MAX3014EGP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X