Part Number Hot Search : 
TLP62 ER07AEJ LC73872M ADV71 HC908 LV8402GP FFCR55S0 TPQA05
Product Description
Full Text Search
 

To Download KBPC3502GW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  kbpc35005g/gw-kbpc3510g/gw 35a glass passivated bridge rectifier d s 21224 rev. a-4 1 of 2 kbpc35005g/gw-kbpc3510g/gw features w suffix designates wire leads no suffix designates faston terminals kbpc-gw kbpc-g kbpc-g / kbpc-gw dim min max a 28.40 28.70 b 10.97 11.23 c 15.70 16.70 e 22.86 25.40 g 13.50 14.50 h hole for #10 screw 5.08 f nominal j 17.50 18.50 k 10.90 11.90 l 0.97 f nominal m 30.50 ? n 10.97 11.23 p 17.60 18.60 all dimensions in mm maximum ratings and electrical characteristics @ t a = 25c unless otherwise specified mechanical data single phase, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. characteristic symbol kbpc35 005g/w kbpc35 01g/w k bpc35 02g/w k bpc35 04g/w k bpc35 06g/w k bpc35 08g/w k bpc35 10g/w unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 50 100 200 400 600 800 1000 v rms reverse voltage v r(rms) 35 70 140 280 420 560 700 v average rectified output current @ t c = 55c i o 35 a non-repetitive peak forward surge current 8.3 ms single half sine-wave superimposed on rated load (jedec method) i fsm 400 a forward voltage (per element) @ i f = 17.5a v fm 1.1 v peak reverse current @t c = 25c at rated dc blocking voltage @ t c = 125c i r 5.0 500 a i 2 t rating for fusing (t<8.3ms) (note 1) i 2 t 660 a 2 s typical junction capacitance (note 2) c j 300 pf typical thermal resistance junction to case (note 3) r  jc 2.7 k/w operating and storage temperature range t j, t stg -65 to +150 c notes: 1. measured at non-repetitive, for t > 1ms and < 8.3ms. 2. measured at 1.0 mhz and applied reverse voltage of 4.0 v dc. 3. thermal resistance from junction to case per element mounted on pc board with 13 x 13mm (0.03mm thick) land areas.  glass passivated die construction  diffused junction  low reverse leakage current  low power loss, high efficiency  surge overload rating to 400a peak  electrically isolated metal case for maximum heat dissipation  case to terminal isolation voltage 2500v  ul listed under recognized component index, file number e95060  case: molded epoxy  terminals: plated leads solderable per mil-std-202, method 208  polarity: symbols marked on case  mounting: through hole for #10 screw  mounting torque: 8.0 inch-pounds maximum  weight: kbpc-g 24 grams (approx)  kbpc-gw 21 grams (approx)  mounting position: any  marking: type number
d s 21224 rev. a-4 2 of 2 kbpc35005g/gw-kbpc3510g/gw


▲Up To Search▲   

 
Price & Availability of KBPC3502GW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X