Part Number Hot Search : 
10C010A MASTER RN1244 HEF4737B 1N4933G1 SP211H CDBF0340 LA1180
Product Description
Full Text Search
 

To Download KBPC2502GW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  + ~ _ ~ + ~ _ ~ maximum ratings and electrical characteristics ratings at 25 ambient temperature unless otherwise s pecified. kbpc25 10g/w 1000 700 1000 kbpc25 08g/w 800 560 800 kbpc25 06g/w 600 420 600 kbpc25 04g/w 400 280 400 kbpc25 02g/w 200 140 200 50 35 50 kbpc25 01g/w 100 70 100 notes : 1.measured at non-repetitive, for greater t han 1ms and less than 8.3ms 2.measured at 1.0mhz and applied rev erse voltage of 4.0v dc. 3.device mounted on 300mm x 300mm x 1.6mm cu pla te heatsink. v rms v dc v rrm i (av) i fsm v f maximum average forward rectified current peak forward surge current 8.3ms single half sine-wave super imposed on rated load maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum forward voltage at 12.5a dc 25.0 350 1.1 t j operating temperature range -55 to +150 c t stg storage temperature range -55 to +150 c typical thermal resistance (note 3) r 0jc 3.0 c/w c j typical junction capacitance per element (note 2) 300 pf i r maximum dc reverse current at rated dc blocking voltage @t j =125 c @t j =25 c 5.0 500 ua v a a v unit v v 508 a s 2 i t 2 i t rating for fusing (t < 8.3ms), (note 1) 2 characteristics symbol @t c =ta kbpc25 005g/w features rating to 1000v prv high efficiency glass passivated chip junction electrically isolated metal case for maximum heat dissipation ul recognized file # e95060 mechanical data case : mounted in the bridge encapsulation mounting : hole for # 10 screw poarity : as marked on case weight : 0.85 ounces , 24.0 grams (terminal) : 0.74 ounces , 21.0 grams (wire) glass passivated bridge rectifiers reverse voltage - 50 to 1000 volts forward current - 25 amperes c g k j i l b m n all dimensions in millimeter kbpc-g/kbpc-gw dim. min. max. a c d ef g h b 31.80 8.40 7.90 28.30 28.80 18.60 17.60 10.90 11.90 17.60 18.60 16.10 14.80 m l k j i 17.10 13.80 17.10 16.10 0.76 0.86 6.30 0.97 1.07 5.59 5.08 hole for no. 10 screw n 21.30 18.80 6.50 d a d e f b c d n (wire) kbpc-gw kbpc-g (terminal) kbpc25005g(w) thru 2510g(w) semiconductor lite-on rev. 4, sep-2010, kbdi02
rating and characteristic curves kbpc25005g(w) thru kbpc2510g(w) fig.2 - maximum non-repetitive surge current number of cycles at 60hz peak forward surge current, amperes 1 5 10 50 100 2 20 0 50 100 150 200 450 400 350 300 250 single half-sine-wave fig.3 - typical junction capacitance capacitance , (pf) reverse voltage , volts 10 0.1 100 100 10 1 1000 4 t j = 25 c, f= 1mhz fig.4 - typical forward characteristics instantaneous forward voltage , volts instantaneous forward current ,(a) 0.2 0.4 1.2 1.4 0 0.1 10 100 0.6 0.8 1.0 0.01 1.8 1.6 pulse width 300us t j = 25 c 1.0 fig.5 - typical reverse characteristics instantaneous reverse current ,(ua) 20 40 120 140 0 0.01 0.1 100 10 60 80 100 t j = 25 c 1.0 50v-400v 600v-1000v t j = 125 c percent of rated peak reverse voltage, (%) fig.1 - forward current derating curve average forward current amperes 5 0 15 case temperature , c 10 40 60 80 100 20 140 120 20 single phase half wave 60hz resistive or inductive load
legal disclaimer notice kbpc25005g(w) thru kbpc2510g(w) lsc reserves the right to make changes to this docu ment and its products and specifications at any time without notice. custome rs should obtain and confirm the latest product information and specifications b efore final design, purchase or use. lsc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does l sc assume any liability for application assistance or customer product design. lsc does not warrant or accept any liability with products which are purcha sed or used for any unintended or unauthorized application. no license is granted by implication or otherwise u nder any intellectual property rights of lsc. lsc products are not authorized for use as critical components in life support devices or systems without express written approval of lsc. important notice and disclaimer


▲Up To Search▲   

 
Price & Availability of KBPC2502GW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X