emc technology cage code # 24602 dwg # 1009955000 8851 sw old kansas ave. change notice en 09-e1001 rev lvl b stuart, fl 34997 sheet 1 of 3 title: specification control drawing part identifier: hr05xxx (x)=test code: a=group a; b=group b; c=group c (xx)=db value (01-20db) description: chip attenuator with high reliability testing. note: single lot and date code available upon request. assembly dwg: n/a 1.0 specifications: 1.1 electrical: 1.1.1 impedance: 50 ohms nominal. 1.1.2 frequency range: dc-18 ghz. 1.1.3 attenuation values available: 0-20 db in 1 db increments. 1.1.4 attenuation accuracy: see table. 1.1.5 attenuation stability: 0.0001 db/db/c attenuation accuracy db dc - 4 ghz 4 - 8 ghz 8 - 12.4 ghz 12.4 - 18 ghz 0 -0,+.3 -0,+.5 -0,+.5 -0,+.5 1 -3 0.3 0.5 0.5 0.5 4 - 6 0.4 0.5 0.5 0.75 7 - 10 0.5 0.5 0.75 1.0 11 - 15 0.75 + 0.5,-3.0 + 0.5,-3.5 --- 16 - 20 1.0 + 0.5,-4.0 + 1.0,-6.0 --- 1.1.6 vswr: dc - 4 ghz - 1.25 max 8 - 18 ghz - 1.50 max 4 - 8 ghz - 1.35 max 1.1.7 input power: 100 milliwatts cw. 1.1.7.1 full rated power to 125 c, derated linearly to 0 watts at 150 c. 1.1.7.2 peak power, 1 watt for 10us pulse width @ 1% duty cycle. 1.2 mechanical: 1.2.1 outline dwg: see sheet 3. 1.2.2 workmanship: per mil-prf-55342. 1.3 environmental: 1.3.1 altitude: 1.3.1.1 non-operating: sea level to 50,000 feet. 1.3.1.2 operating: sea level to 50,000 feet. 1.3.2 temperature range: 1.3.2.1 non-operating: -55 c to +150 c. 1.3.2.2 operating: -55c to +150c. 1.3.3 vibration: per mil-std-202, method 204, cond. d. 1.3.4 shock: per mil-std-202, method 213, cond. i. 1.3.5 moisture resistance: per mil-st d-202, method 106 except subcycle steps 7a and 7b and polarization and load are not applicable. 2.0 unit marking: marked with color dot and orientation line . legibility and permanency per mil-std-130. 3.0 quality assurance: 3.1 verify 100% visual pre-cap in spection performed per tp-8965. 3.2 preform group a, b and/or c testing as indicated by the part number per tp-8965. 3.3 test data requirements: 3.3.1 test data required for cus tomer - see paragraph 5.0 of tp-8965. 3.3.2 data retention - 24 months. 3.3.3 test samples required for custo mer - see paragraph 5.0 of tp-8965. 4.0 packaging: standard pack per 755w002. (serialized waffle pack)
|