Part Number Hot Search : 
T1122 UES702 HVL43 GBPC25 206VDC MG300 SM6K2 BZX85
Product Description
Full Text Search
 

To Download HM76-40100J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  6 6-85 model hm76 series model hm76 series drum core, space ef?ient high performance surface mount inductors inductance range: 1 to 1,000h rated current: up to 15 amps features ? high performance, high current capacities ? meets today? circuit demands for compact size and current requirements ? low core loss, excellent for high frequency applications ? designed for the latest clock speeds ? low pro?e, designed for machine placement ? easily incorporated into volume production ? compatible with vapor phase and infrared re?w soldering ? no special handling necessary ? wide range of standard values ? special values available ? 1:1 coupled inductors are available in model hm76-40xxx ? excellent for circuit isolation (note 3 & 4) electrical operating/storage temperature range -40? to +85? insulation system class b, 130? temperature rise, maximum 40? applications ? note book computers, pda? ? dc/dc converters for hand held equipment ? battery charging circuits ? emi ?ters ? inductor for general purpose ? ideal for high current, space limited designs speci?ations subject to change without notice. schematics 3 4 1 2 1 figure 1 & 3 figure 2 2
6-86 model hm76 series notes: 1. inductance measured at 100khz, 0.1 vrms, without dc current. 2. rated dc current at which inductance will be decreased by 10% from its initial value or the dc current at which ? t = 40 c, whichever is smaller. 3. resistance measured with both windings conducted in parallel (case size 40 only). 4. rated current will be decreased by 50% when parts are connected as coupled inductors. 5. part numbers which appear in bold print are standard items and generally available from factory stock. part number inductance dc resistance rated figure (note 5) h 20% @ 25 c current (note 1) ? max amps (note 3) (note 2, 4) hm76-101r0 j 1.0 0.03 2.90 1 hm76-101r5 j 1.5 0.05 2.80 1 hm76-102r2 j 2.2 0.06 2.40 1 hm76-103r3 j 3.3 0.09 2.00 1 hm76-104r7 j 4.7 0.12 1.50 1 hm76-106r8 j 6.8 0.17 1.30 1 hm76-10100 j 10 0.22 1.00 1 hm76-10150 j 15 0.30 0.80 1 hm76-10220 j 22 0.43 0.70 1 hm76-10330 j 33 0.69 0.57 1 hm76-10470 j 47 0.92 0.46 1 hm76-10680 j 68 1.39 0.37 1 hm76-10101 j 100 1.98 0.28 1 hm76-10151 j 150 3.08 0.22 1 hm76-10221 j 220 4.47 0.18 1 hm76-10331 j 330 6.90 0.15 1 hm76-10471 j 470 11.55 0.12 1 hm76-20100 j or g 10 0.07 2.00 1 or 3 hm76-20150 j or g 15 0.09 1.50 1 or 3 hm76-20220 j or g 22 0.15 1.30 1 or 3 hm76-20330 j or g 33 0.21 1.10 1 or 3 hm76-20470 j or g 47 0.31 0.80 1 or 3 hm76-20680 j or g 68 0.42 0.70 1 or 3 hm76-20101 j or g 100 0.58 0.60 1 or 3 hm76-20151 j or g 150 0.89 0.50 1 or 3 hm76-20221 j or g 220 1.30 0.40 1 or 3 hm76-20331 j or g 330 2.00 0.30 1 or 3 hm76-20471 j or g 470 2.50 0.20 1 or 3 hm76-20681 j or g 680 3.50 0.10 1 or 3 hm76-20102 j or g 1,000 6.00 0.05 1 or 3 specifications - case size 10 and 20
6 6-87 model hm76 series notes: 1. inductance measured at 100khz, 0.1 vrms, without dc current. 2. rated dc current at which inductance will be decreased by 10% from its initial value or the dc current at which ? t = 40 c, whichever is smaller. 3. resistance measured with both windings conducted in parallel (case size 40 only). 4. rated current will be decreased by 50% when parts are connected as coupled inductors. 5. part numbers which appear in bold print are standard items and generally available from factory stock. part number inductance dc resistance rated figure (note 5) h 20% @ 25 c current (note 1) ? max amps (note 3) (note 2, 4) hm76-301r0 j or g 1.0 0.01 8.50 1 or 3 hm76-301r5 j or g 1.5 0.01 7.90 1 or 3 hm76-302r2 j or g 2.2 0.02 7.40 1 or 3 hm76-303r3 j or g 3.3 0.02 6.60 1 or 3 hm76-304r7 j or g 4.7 0.02 6.00 1 or 3 hm76-306r8 j or g 6.8 0.03 5.20 1 or 3 hm76-308r2 j or g 8.2 0.03 5.00 1 or 3 hm76-30100 j or g 10 0.04 4.60 1 or 3 hm76-30150 j or g 15 0.05 3.70 1 or 3 hm76-30220 j or g 22 0.07 3.10 1 or 3 hm76-30330 j or g 33 0.11 2.50 1 or 3 hm76-30470 j or g 47 0.16 2.00 1 or 3 hm76-30680 j or g 68 0.20 1.80 1 or 3 hm76-30820 j or g 82 0.24 1.58 1 or 3 hm76-30101 j or g 100 0.30 1.50 1 or 3 hm76-30151 j or g 150 0.44 1.20 1 or 3 hm76-30221 j or g 220 0.64 1.00 1 or 3 hm76-30331 j or g 330 1.00 0.80 1 or 3 hm76-30471 j or g 470 1.50 0.50 1 or 3 hm76-30681 j or g 680 2.20 0.40 1 or 3 hm76-30102 j or g 1,000 3.15 0.30 1 or 3 hm76-403r3 j 3.3 0.01 9.80 2 hm76-404r7 j 4.7 0.01 9.30 2 hm76-406r8 j 6.8 0.02 7.70 2 hm76-408r2 j 8.2 0.02 7.00 2 hm76-40100 j 10 0.02 6.50 2 hm76-40150 j 15 0.03 5.30 2 hm76-40220 j 22 0.04 4.40 2 hm76-40330 j 33 0.06 3.50 2 hm76-40470 j 47 0.07 3.00 2 hm76-40680 j 68 0.11 2.50 2 hm76-40820 j 82 0.12 2.20 2 hm76-40101 j 100 0.15 2.00 2 hm76-40151 j 150 0.22 1.70 2 hm76-40221 j 220 0.33 1.30 2 hm76-40331 j 330 0.45 1.10 2 hm76-40471 j 470 0.70 0.93 2 hm76-40681 j 680 1.00 0.78 2 hm76-40102 j 1,000 1.45 0.65 2 specifications - case size 30 and 40
6-88 model hm76 series notes: 1. inductance measured at 100khz, 0.1 vrms, without dc current. 2. rated dc current at which inductance will be decreased by 10% from its initial value or the dc current at which ? t = 40 c, whichever is smaller. 3. resistance measured with both windings conducted in parallel (case size 40 only). 4. rated current will be decreased by 50% when parts are connected as coupled inductors. 5. part numbers which appear in bold print are standard items and generally available from factory stock. part number inductance dc resistance rated figure (note 5) h 20% @ 25 c current (note 1) ? max amps (note 3) (note 2, 4) hm76-501r0 j or g 1.0 0.003 15.0 1 or 3 hm76-502r2 j or g 2.2 0.006 12.0 1 or 3 hm76-503r3 j or g 3.3 0.008 9.80 1 or 3 hm76-505r6 j or g 5.6 0.010 7.50 1 or 3 hm76-50100 j or g 10 0.023 6.00 1 or 3 hm76-50150 j or g 15 0.035 4.50 1 or 3 hm76-50220 j or g 22 0.045 4.00 1 or 3 hm76-50330 j or g 33 0.075 3.00 1 or 3 hm76-50470 j or g 47 0.096 2.60 1 or 3 hm76-50680 j or g 68 0.140 2.30 1 or 3 hm76-50101 j or g 100 0.190 1.70 1 or 3 hm76-50151 j or g 150 0.290 1.50 1 or 3 hm76-50221 j or g 220 0.410 1.20 1 or 3 hm76-50331 j or g 330 0.540 1.00 1 or 3 hm76-50471 j or g 470 0.800 0.83 1 or 3 hm76-50681 j or g 680 1.150 0.72 1 or 3 hm76-50102 j or g 1,000 1.800 0.56 1 or 3 specifications - case size 50
6-89 model hm76 series a max. pin #1 indicator pin #1 indicator b max. a max. b max. c max. c max. 4 2 3 1 d .005 g .005 e f d .005 f e i h .067 1.70 .102 2.59 .102 2.59 .051 1.30 .107 2.72 .107 2.72 .466 11.84 .100 2.54 .102 2.59 .10 2.54 .135 3.43 .135 3.43 .157 4.00 .135 3.43 .059 1.50 .120 3.05 .120 3.05 .157 4.00 .145 3.68 .218 5.54 .404 10.26 .404 10.26 .520 13.21 .595 15.11 .127 3.23 .137 3.50 .232 5.90 .284 7.21 .284 7.21 .188 4.78 .370 9.40 .370 9.40 .622 15.80 .60 15.24 .280 7.30 .530 13.46 .530 13.46 .634 16.10 .746 18.95 case size fig. figure 2 (case size: 40) figure 1 (case sizes: 10, 20, 30 & 50) recommended solder pad layout abcdefg h i k 1 1 1 2 1 10 20 30 40 50 d k g d .107 2.72 y y y y y y y y y y outline dimensions - termination type ? inch mm
6-90 model hm76 series pin #1 indicator a max. b max. c max. d .005 f e i h .107 2.72 .107 2.72 .107 2.72 .135 3.43 .135 3.43 .135 2.43 .102 2.59 .102 2.59 .102 2.59 .120 3.05 .120 3.05 .145 3.68 .480 12.19 .480 12.19 .700 17.78 .137 3.50 .232 5.90 .284 7.21 .370 9.40 .370 9.40 .600 15.24 .595 15.11 .595 15.11 .790 20.07 case size fig. figure 3 (case sizes: 20, 30 & 50) recommended solder pad layout note: case size 10 and 40 not available in this model. abcdef h i 3 3 3 20 30 50 d y y outline dimensions - termination type ? inch mm
6 6-91 model hm76 series packaging standard: embossed tape & reel all units oriented with lead #1 to the same side of sprocket hole. reel: capacity, units case size 10 = 500 case size 20 = 1,000 case size 30 = 350 case size 40 = 200 case size 50 = 200 diameter case size 10 = 7 (177.8mm) case size 20 = 13 (330.2mm) case size 30 = 13 (330.2mm) case size 40 = 13 (330.2mm) case size 50 = 13 (330.2mm) tape and reel (inch/mm) p w .010 .002 0.25 0.05 .157 .004 4.0 0.1 .079 .002 2.0 0.05 t .069 .004 1.75 0.1 tape material: polyestyrene .008 0.2 .004 0.1 .004 0.1 a .059+.004/-0 1.5+0.1-0 b .004 0.1 case size w dim. .473 12.0 .945 24.0 .945 24.0 .945 24.0 1.26 32.0 t dim. .138 3.50 .138 3.50 .236 6.00 .307 7.80 .315 8.00 p dim. .315 8.00 .473 12.0 .630 16.0 .945 24.0 .945 24.0 b dim. .291 7.40 .543 13.8 .543 13.8 .630 16.0 .748 19.0 a dim. .185 4.70 .390 9.90 .390 9.90 .630 16.0 .610 15.5 10 20 30 40 50
6-92 ordering information hm76 20 100 j model series case size: 10 (figure 1 only) 20 (figure 1 & 3 only) 30 (figure 1 & 3 only) 40 (figure 2 only) 50 (figure 1 & 3 only) termination type: g = (case sizes: 20, 30, 50) j = (case sizes: 10, 20, 30, 40, 50) inductance code: 1st two digits are significant. last digit denotes number of trailing zeros.


▲Up To Search▲   

 
Price & Availability of HM76-40100J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X