Part Number Hot Search : 
74LS163A HSBD436 PSA3195C 13900 MBRF735 B72207 963AE 3080E
Product Description
Full Text Search
 

To Download DO1608C-472 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? coilcraft, inc. 2005 smt power inductors C do1608 series document 177 specifications subject to change without notice. document 177 revised 12/10/04 the do1608 series has a footprint of only 0.26 0.175 (6,6 mm 4,5 mm). their high energy storage and very low resistance make them the ideal inductors for dc-dc conversion in notebook computers, pdas, step-up or step-down converters, flash memory programmers, etc. for reliable surface mounting, we?ve designed the do series with a flat top and robust temperature deflection to prevent damage during solder reflow. in addition to the standard versions shown here, custom inductors are available to meet your exact requirements. part l 20% 1 dcr max srf typ i sat 2 i rms 3 number (h) (ohms) (mhz) (a) (a) do1608c-102 1.0 0.05 130 2.90 2.9 do1608c-152 1.5 0.06 115 2.60 2.8 do1608c-222 2.2 0.07 90 2.30 2.4 do1608c-332 3.3 0.08 70 2.00 2.0 DO1608C-472 4.7 0.09 50 1.50 1.5 do1608c-682 6.8 0.13 45 1.20 1.4 do1608c-103 10 0.16 35 1.10 1.1 do1608c-153 15 0.23 30 0.90 1.2 do1608c-223 22 0.37 20 0.70 0.8 do1608c-333 33 0.51 15 0.58 0.6 do1608c-473 47 0.64 14 0.50 0.5 do1608c-683 68 0.86 11 0.40 0.4 do1608c-104 100 1.27 9 0.31 0.3 do1608c-154 150 2.00 6 0.27 0.25 do1608c-224 220 3.11 5.5 0.22 0.20 do1608c-334 330 3.80 5 0.18 0.16 do1608c-474 470 5.06 4 0.16 0.15 do1608c-684 680 9.20 3 0.14 0.12 do1608c-105 1000 13.8 2 0.10 0.07 1. tested at 100 khz, 0.1 vrms, 0 adc. 2. dc current at which the inductance drops 10% (typ) from its value without current. 3. average current for 15c temperature rise from 25c. 4. operating temperature range ? 40c to +85c. 5. electrical specifications at 25c. see qualification standards section for environmental and test data. see color coding section for part marking data. xxx 0.260 6,60 max 0.175 4,45 max recommended land pattern 0.160 4,06 0.140 3,56 0.055 1,40 0.270 6,86 0.090 2,29 0.040 1,02 min 0.170 4,32 0.050 1,27 part markings 1st significant digit 2nd significant digit multiplier dash number 0.155 3,94 dia 0.115 2,92 max xxx weight: 128 ? 164 mg terminations: nickel/gold over moly-manganese tape and reel: 750/7 reel; 2500/13 reel 12 mm tape width for packaging data see tape and reel specifications section.
? coilcraft, inc. 2005 smt power inductors C do1608 series typical l vs frequency typical l vs current document 177-2 specifications subject to change without notice. document 177-2 revised 10/31/03


▲Up To Search▲   

 
Price & Availability of DO1608C-472

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X