Part Number Hot Search : 
209SP GP30G 3KP90A MTZJ12 APE8805 11DF1 AD7836 3025S
Product Description
Full Text Search
 

To Download CY7C1061AV33-12ZIT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1m x 16 static ram cy7c1061av33 cypress semiconductor corporation ? 198 champion court ? san jose , ca 95134-1709 ? 408-943-2600 document #: 38-05256 rev. *f revised october 3, 2006 features ?high speed ?t aa = 10 ns ? low active power ? 990 mw (max.) ? operating voltages of 3.3 0.3v ? 2.0v data retention ? automatic power-down when deselected ? ttl-compatible inputs and outputs ? easy memory expansion with ce 1 and ce 2 features ? available in pb-free and non pb-free 54-pin tsop ii package and non pb-free 60-ball fine-pitch ball grid array (fbga) package functional description the cy7c1061av33 is a high-performance cmos static ram organized as 1,048,576 words by 16 bits. writing to the device is accomplished by enabling the chip (ce 1 low and ce 2 high) while forcing the write enable (we ) input low. if byte low enable (ble ) is low, then data from i/o pins (i/o 0 through i/o 7 ), is written into the location specified on the address pins (a 0 through a 19 ). if byte high enable (bhe ) is low, then data from i/o pins (i/o 8 through i/o 15 ) is written into the location specified on the address pins (a 0 through a 19 ). reading from the device is accomplished by enabling the chip by taking ce 1 low and ce 2 high while forcing the output enable (oe ) low and the write enable (we ) high. if byte low enable (ble ) is low, then data from the memory location specified by the address pins will appear on i/o 0 to i/o 7 . if byte high enable (bhe ) is low, then data from memory will appear on i/o 8 to i/o 15 . see the truth table at the back of this data sheet for a complete description of read and write modes. the input/output pins (i/o 0 through i/o 15 ) are placed in a high-impedance state when the device is deselected (ce 1 high/ce 2 low), the outputs are disabled (oe high), the bhe and ble are disabled (bhe , ble high), or during a write operation (ce 1 low, ce 2 high, and we low). the cy7c1061av33 is available in a 54-pin tsop ii package with center power and ground (r evolutionary) pinout, and a 60-ball fine-pitch ball grid array (fbga) package. logic block diagram tsop ii (top view) we 1 2 3 4 5 6 7 8 9 10 11 14 31 32 36 35 34 33 37 40 39 38 12 13 41 43 42 16 15 29 30 a 5 a 6 a 7 a 8 a 0 a 1 oe v ss a 17 i/o 15 a 2 ce 1 i/o 2 i/o 0 i/o 1 bhe a 3 a 4 18 17 20 19 i/o 3 27 28 25 26 22 21 23 24 i/o 6 i/o 4 i/o 5 i/o 7 a 16 a 15 ble v cc i/o 14 i/o 13 i/o 12 i/o 10 i/o 9 i/o 8 a 14 a 13 a 12 a 11 a 9 a 10 ce 2 44 46 45 47 50 49 48 51 53 52 54 v ss v cc a 19 a 18 v cc v cc v ss dnu (do not use) v ss nc v cc i/o 11 v ss 15 16 a 1 a 2 a 3 a 4 a 5 a 6 a 7 a 8 column decoder row decoder sense amps input buffer 1m x 16 array a 0 a 12 a 14 a 13 a a a 17 a 18 a 10 a 11 i/o 0 ?i/o 7 oe i/o 8 ?i/o 15 ce 1 we ble bhe a 9 a 19 ce 2 pin configurations [1, 2]
cy7c1061av33 document #: 38-05256 rev. *f page 2 of 11 selection guide ?10 ?12 unit maximum access time 10 12 ns maximum operating current commercial 275 260 ma industrial 275 260 maximum cmos standby current commercial/industrial 50 50 ma pin configurations [1, 2] 60-ball fbga 3 2 6 5 4 1 d e b a c f g h (top view) nc nc nc nc nc nc nc nc nc nc nc nc notes: 1. nc pins are not connected on the die. 2. dnu pins have to be left floating or tied to vss to ensure proper application. we v cc a 11 a 10 nc a 6 a 0 a 3 ce 1 i/o 10 i/o 8 i/o 9 a 4 a 5 i/o 11 i/o 13 i/o 12 i/o 14 i/o 15 v ss a 9 a 8 oe v ss a 7 i/o 0 bhe ce 2 a 17 a 2 a 1 ble v cc i/o 2 i/o 1 i/o 3 i/o 4 i/o 5 i/o 6 i/o 7 a 15 a 14 a 13 a 12 dnu a 16 a 18 a 19
cy7c1061av33 document #: 38-05256 rev. *f page 3 of 11 maximum ratings (above which the useful life may be impaired. for user guide- lines, not tested.) storage temperature ................................. ?65 c to +150 c ambient temperature with power applied............................................. ?55 c to +125 c supply voltage on v cc to relative gnd [3] .... ?0.5v to +4.6v dc voltage applied to outputs in high-z state [3] ....................................?0.5v to v cc + 0.5v dc input voltage [3] ................................ ?0.5v to v cc + 0.5v current into outputs (low).... ..................................... 20 ma operating range range ambient temperature v cc commercial 0 c to +70 c 3.3v 0.3v industrial ?40 c to +85 c dc electrical characteristics over the operating range parameter description test conditions ?10 ?12 unit min. max. min. max. v oh output high voltage v cc = min., i oh = ?4.0 ma 2.4 2.4 v v ol output low voltage v cc = min., i ol = 8.0 ma 0.4 0.4 v v ih input high voltage 2.0 v cc + 0.3 2.0 v cc + 0.3 v v il input low voltage [3] ?0.3 0.8 ?0.3 0.8 v i ix input leakage current gnd < v i < v cc ?1 +1 ?1 +1 a i oz output leakage current gnd < v out < v cc , output disabled ?1 +1 ?1 +1 a i cc v cc operating supply current v cc = max., f = f max = 1/t rc commercial 275 260 ma industrial 275 260 ma i sb1 automatic ce power-down current ?ttl inputs ce 2 <= v il, max. v cc , ce > v ih v in > v ih or v in < v il , f = f max 70 70 ma i sb2 automatic ce power-down current ?cmos inputs ce 2 <= 0.3v max. v cc , ce > v cc ? 0.3v, v in > v cc ? 0.3v, or v in < 0.3v, f = 0 commercial/ industrial 50 50 ma capacitance [4] parameter description test conditions tsop ii fbga unit c in input capacitance t a = 25 c, f = 1 mhz, v cc = 3.3v 6 8 pf c out i/o capacitance 8 10 pf ac test loads and waveforms [5] notes: 3. v il (min.) = ?2.0v for pulse durations of less than 20 ns. 4. tested initially and after any design or proc ess changes that may affect these parameters. 5. valid sram operation does not occur until the power supplies have reached the minimum operating v dd (3.0v). as soon as 1ms (t power ) after reaching the minimum operating v dd , normal sram operation can begin including reduction in v dd to the data retention (v ccdr , 2.0v) voltage. 90% 10% 3.3v gnd 90% 10% all input pulses 3.3v output 5 pf* including jig and scope (a) (b) r1 317 ? r2 351 ? rise time > 1v/ns fall time: > 1v/ns (c) output 50 ? z 0 = 50 ? v th = 1.5v 30 pf* * capacitive load consists of all com- ponents of the test environment.
cy7c1061av33 document #: 38-05256 rev. *f page 4 of 11 ac switching characteristics over the operating range [7] parameter description ?10 ?12 unit min. max. min. max. read cycle t power v cc (typical) to the first access [8] 11 ms t rc read cycle time 10 12 ns t aa address to data valid 10 12 ns t oha data hold from address change 3 3 ns t ace ce 1 low/ce 2 high to data valid 10 12 ns t doe oe low to data valid 5 6 ns t lzoe oe low to low-z 1 1 ns t hzoe oe high to high-z [9] 56 ns t lzce ce 1 low/ce 2 high to low-z [9] 33 ns t hzce ce 1 high/ce 2 low to high-z [9] 56 ns t pu ce 1 low/ce 2 high to power-up [10] 00 ns t pd ce 1 high/ce 2 low to power-down [10] 10 12 ns t dbe byte enable to data valid 5 6 ns t lzbe byte enable to low-z 1 1 ns t hzbe byte disable to high-z 5 6 ns write cycle [11, 12] t wc write cycle time 10 12 ns t sce ce 1 low/ce 2 high to write end 7 8 ns t aw address set-up to write end 7 8 ns t ha address hold from write end 0 0 ns t sa address set-up to write start 0 0 ns t pwe we pulse width 7 8 ns t sd data set-up to write end 5.5 6 ns t hd data hold from write end 0 0 ns t lzwe we high to low-z [9] 33 ns t hzwe we low to high-z [9] 56 ns t bw byte enable to end of write 7 8 ns notes: 6. valid sram operation does not occur until the power supplies have reached the minimum operating v dd (3.0v). as soon as 1ms (t power ) after reaching the minimum operating v dd , normal sram operation can begin including reduction in v dd to the data retention (v ccdr , 2.0v) voltage. 7. test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5v, input pulse levels of 0 to 3. 0v, and output loading of the specified i ol /i oh and specified transmission line loads. test conditio ns for the read cycle use output loading shown in part a) of the ac test l oads, unless specified otherwise. 8. this part has a voltage regulator which steps down the voltage from 3v to 2v internally. t power time has to be provided initially before a read/write operation is started. 9. t hzoe , t hzce , t hzwe , t hzbe and t lzoe , t lzce , t \lzwe , t lzbe are specified with a load capacitance of 5 pf as in (b) of ac test loads. transition is measured 200 mv from steady-state voltage. 10. these parameters are guaranteed by design and are not tested. 11. the internal write time of the me mory is defined by the overlap of ce 1 low (ce 2 high) and we low. chip enables must be active and we and byte enables must be low to initiate a write, and the transition of any of these si gnals can terminate the write. the input data set-up and hold timing should be referenced to the leading edge of the signal that terminates the write. 12. the minimum write cycle time for write cycle no. 3 (we controlled, oe low) is the sum of t hzwe and t sd .
cy7c1061av33 document #: 38-05256 rev. *f page 5 of 11 data retention waveform 3.0v 3.0v t cdr v dr > 2v data retention mode t r ce v cc switching waveforms read cycle no. 1 [13,14] read cycle no. 2(oe controlled) [14, 15] notes: 13. device is continuously selected. oe , ce , bhe and/or bhe = v il . ce2 = v ih . 14. we is high for read cycle. 15. address valid prior to or coincident with ce 1 transition low and ce 2 transition high. previous data valid data valid t rc t aa t oha address data out 50% 50% data valid t rc t ace t doe t lzoe t lzce t pu high impedance t hzoe t hzbe t pd high oe ce 1 icc impedance address data out v cc supply t dbe t lzbe t hzce bhe , ble current i cc i sb ce 2
cy7c1061av33 document #: 38-05256 rev. *f page 6 of 11 write cycle no. 1(ce controlled) [16,17,18] write cycle no. 2(ble or bhe controlled) notes: 16. data i/o is high-impedance if oe or bhe and/or ble = v ih . 17. if ce 1 goes high simultaneously with we going high, the output remains in a high-impedance state. 18. ce is a shorthand combination of both ce 1 and ce 2 combined. it is active low. switching waveforms (continued) t hd t sd t sce t sa t ha t aw t pwe t wc bw datai/o address ce we bhe, ble t t hd t sd t bw t sa t ha t aw t pwe t wc t sce datai/o address bhe ,ble we ce
cy7c1061av33 document #: 38-05256 rev. *f page 7 of 11 write cycle no. 3(we controlled, oe low) [16,17,18] switching waveforms (continued) t hd t sd t sce t ha t aw t pwe t wc t bw data i/o address ce we bhe , ble t sa t lzwe t hzwe
cy7c1061av33 document #: 38-05256 rev. *f page 8 of 11 truth table ce 1 ce 2 oe we ble bhe i/o 0 ?i/o 7 i/o 8 ?i/o 15 mode power h x x x x x high-z high-z power-down standby (i sb ) x l x x x x high-z high-z power-down standby (i sb ) l h l h l l data out data out read all bits active (i cc ) l h l h l h data out high-z read lower bits only active (i cc ) l h l h h l high-z data out read upper bits only active (i cc ) l h x l l l data in data in write all bits active (i cc ) l h x l l h data in high-z write lower bits only active (i cc ) l h x l h l high-z data in write upper bits only active (i cc ) l h h h x x high-z high-z selected, outputs disabled active (i cc ) ordering information speed (ns) ordering code package diagram package type operating range 10 cy7c1061av33-10zxc 51-85160 54-pin tsop ii (pb-free) commercial cy7c1061av33-10bac 51-85162 60-ball (8 mm x 20 mm x 1.2 mm) fbga cy7c1061av33-10zi 51-85160 54-pin tsop ii industrial cy7c1061av33-10zxi 54-pin tsop ii (pb-free) cy7c1061av33-10bai 51-85162 60-ball (8 mm x 20 mm x 1.2 mm) fbga 12 cy7c1061av33-12zc 51-85160 54-pin tsop ii commercial cy7c1061av33-12zxc 54-pin tsop ii (pb-free) cy7c1061av33-12bac 51-85162 60-ball (8 mm x 20 mm x 1.2 mm) fbga cy7c1061av33-12zi 51-85160 54-pin tsop ii industrial cy7c1061av33-12zxi 54-pin tsop ii (pb-free) cy7c1061av33-12bai 51-85162 60-ball (8 mm x 20 mm x 1.2 mm) fbga contact local cypress representative for availability of the these parts.
cy7c1061av33 document #: 38-05256 rev. *f page 9 of 11 package diagrams 51-85160-** 54-pin tsop ii (51-85160)
cy7c1061av33 document #: 38-05256 rev. *f page 10 of 11 ? cypress semiconductor corporation, 2006. the information contained herein is subject to change without notice. cypress semic onductor corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a cypress product. nor does it convey or imply any license under patent or ot her rights. cypress products are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agr eement with cypress. furthermore, cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to re sult in significant injury to the user. the inclusion of cypress products in life-support systems application implies that the manu facturer assumes all risk of such use and in doing so indemni fies cypress against all charges. all products and company names mentioned in this docum ent may be the trademarks of their respective holders. package diagrams (continued) dimensions in mm part # ba60a standard pkg. bk60a lead free pkg. pkg weight: 0.30 gms a 1 a1 corner 0.75 0.75 ?0.300.05(48x) ?0.25mcab ?0.05mc b a 0.15(4x) 0.210.05 1.20 max c seating plane 0.530.05 0.25 c 0.15 c a1 corner top view bottom view 2 3 4 3.75 5.25 b c d e f 65 46 5 23 1 8.000.10 20.000.10 a 20.000.10 8.000.10 b 1.875 2.625 g h d g h e f b c a 18.00 6.00 dummy ball (0.3) x12 0.36 0.75 1.00 0.75 1.00 60-ball fbga (8 mm x 20 mm x 1.2 mm) (51-85162) 51-85162-*d
cy7c1061av33 document #: 38-05256 rev. *f page 11 of 11 document history page document title: cy7c1061av33 1m x 16 static ram document number: 38-05256 rev. ecn no. issue date orig. of change description of change ** 113725 03/28/02 nsl new data sheet *a 117058 07/31/02 dfp removed 15-ns bin *b 117989 08/30/02 dfp added 8-ns bin changed icc for 8, 10, 12 bins t power changed from 1 s to 1 ms. load cap comment changed (for tx line load) t sd changed to 5.5 ns for the 10-ns bin changed some 8-ns bin numbers (t hz , t doe , t dbe ) removed hz


▲Up To Search▲   

 
Price & Availability of CY7C1061AV33-12ZIT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X