Part Number Hot Search : 
150B6 RF160 001000 CXA3202N IRFD9024 05M000 A6358 BAS11
Product Description
Full Text Search
 

To Download CPCC0547R00JE32 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 30218 for tec hnical questions, contact: ww2aresistors@vishay.com www.vishay.com revision: 17-feb-11 1 wirewound/metal film resistors, commercial power, vertical mount cpcl, cpcc, cpcp, cpcf vishay dale features ? board space saving due to vertical design ? meets or exceeds requirements of eia standard rs-344 ? high power to size ratio ? special inorganic potting compound and ceramic case provide high thermal conductivity in a fireproof package ? compliant to rohs directive 2002/95/ec notes ? non-inductively wound types are available on the cpcp series signified by a 1 in the special character on part number such as cpcp0510r00fb321. max. resistance valu e will be ? of the standard cpcp. (1) cpcx07 is only available as cpcc or cpcf high volume style which is noted by usin g e66 package code and ca n be found on datashe et www.vishay.com/doc?30116 . standard electrical specifications global model historical model power rating p 70 c w resistance range ? tolerance % weight (typical) g cpcl02 cpcl-2 2 0.01 to 0.10 5, 10 3.5 cpcc02 cpcc-2 2 0.1 to 500 5, 10 3.5 cpcp02 cpcp-2 2 0.1 to 4k 1, 5 3.5 cpcf02 cpcf-2 2 501 to 150k 1, 5, 10 3.5 cpcl03 cpcl-3 3 0.01 to 0.10 5, 10 5.5 cpcc03 cpcc-3 3 0.1 to 800 5, 10 5.5 cpcp03 cpcp-3 3 0.1 to 5k 1, 5 5.5 cpcf03 cpcf-3 3 801 to 150k 1, 5, 10 5.5 cpcl05 cpcl-5 5 0.01 to 0.10 5, 10 6.9 cpcc05 cpcc-5 5 0.1 to 800 5, 10 6.9 cpcp05 cpcp-5 5 0.1 to 5k 1, 5 6.9 cpcf05 cpcf-5 5 801 to 150k 1, 5, 10 6.9 cpcc07/cpcf07 (1) cpcc07/cpcf07 7 0.1 to 50k 5, 10 9.2 cpcl10 cpcl-10 10 0.01 to 0.10 5, 10 14.3 cpcc10 cpcc-10 10 0.1 to 1.5k 5, 10 14.3 cpcp10 cpcp-10 10 0.1 to 8k 1, 5 14.3 technical specifications parameter unit cpclxx cpccxx cpcpxx cpcfxx temperature coefficient ppm/c 100 = 0.05 ? to 0.1 ?? 400 = 0.01 ? to 0.049 ? 300 = 1.0 ? and above, 600 = 0.1 ? to 0.99 ? , 400 for cpcc07 20 = 10 ? and above, 50 = 1.0 ? to 9.9 ?? 90 = 0.1 ? to 0.99 ? 50 all values, 400 for cpcf07 short time overload - 5 x rated power for 5 s maximum working voltage v( p x r ) 1/2 operating temperature range c - 65 to + 275 - 65 to + 225 terminal strength lb 10 minimum dielectric withst anding voltage v ac 1000 global part number information global part numbering example: cpcc0515r00jb32 global model value tolerance packaging special (see standard electrical specifications global model column for options) r = decimal k = thousand r1500 = 0.15 ? 1k500 = 1500 ? f = 1.0 % h = 3.0 % j = 5.0 % k = 10.0 % e32 = lead (pb)-free two layer bulk e01 = lead (pb)-free skin pack e66 = lead (pb)-free bulk (cpcx07 only) (dash number) (up to 3 digits) from 1 to 999 as applicable b32 = tin/lead two layer bulk j01 = tin/lead skin pack historical part numbering example: cpcc-5 15 ? 5 % b32 cpcc-5 15 ? 5 % b32 historical model resistance value tolerance code packaging * pb containing terminations are not rohs compliant, exemptions may apply ** please see document vishay material category policy: www.vishay.com/doc?99902 pcc0515r 00jb3 2 c
www.vishay.com for technical questions, contact: ww2aresistors@vishay.com document number: 30218 2 revision: 17-feb-11 cpcl, cpcc, cpcp, cpcf vishay dale wirewound/metal film resistors, commercial power, vertical mount dimensions in inches [millimeters] material specifications part marking: dale, model, wattage, value, tolerance, date code cpcl: element: self-supporting copper-nickel alloy or nickel-chrome alloy, depend ing on resistance value body: steatite ceramic case with inorganic potting compound terminals: tinned copper cpcc: element: copper-nickel alloy or nickel-chrome alloy, depending on resistance value core: woven fiberglass (cpcc 07 is alumina ceramic) body: steatite ceramic case with inorganic potting compound end caps: tin plated steel terminals: tinned copper cpcp: element: copper-nickel alloy or nickel-chrome alloy, depending on resistance value core: ceramic body: steatite ceramic case with inorganic potting compound end caps: stainless steel terminals: tinned copperweld ? cpcf: element: metal film - nickel-chrome alloy (cpcf07 is nickel oxide) core: alumina ceramic body: steatite ceramic case with inorganic potting compound end caps: brass alloy terminals: solder-coated copper (cpcf07 is tinned copper) derating note ? cpcc07 and cpcf07 dera tings begin at 40 c in lieu of 70 c global model dimensions in inches [millimeters] a 0.031 [0.794] b 0.031 [0.794] c + 0.043 [1.09] - 0.012 [0.305] d 0.005 [0.127] e 0.040 [1.02] cpcl02, cpcc02 cpcp02, cpcf02 0.807 [20.50] 0.433 [11.00] 0.276 [7.01] 0.032 [0.813] 0.197 [5.00] cpcl03, cpcc03 cpcp03, cpcf03 0.984 [24.99] 0.472 [11.99] 0.315 [8.00] 0.032 [0.813] 0.197 [5.00] cpcl05, cpcc05 cpcp05, cpcf05 1.003 [25.48] 0.512 [13.00] 0.354 [8.99] 0.032 [0.813] 0.197 [5.00] cpcc07 , cpcf07 1.535 0.059 [39.00 1.50] 0.512 0.043 [13.00 1.10] 0.354 0.043 [9.00 1.10] 0.032 0.005 [0.813 0.127] 0.197 + 0.079/- 0.039 [5.00 + 2.0/- 1.0] cpcl10, cpcp10 1.372 [34.85] 0.633 [16.08] 0.485 [12.32] 0.040 [1.02] 0.290 [7.37] cpcc10 0.036 [0.914] a e d c b 0.177 [4.50 ] + 1.98 - 0.991 + 0.078 - 0.039 ambient temperature in c rated power in % cpcl cpcc cpcp cpcf - 65 - 25 25 75 125 175 225 275 70 0 20 40 60 80 100 120 performance test conditions of test cpcp test limits cpcc, cpcl, cpcf test limits thermal shock - 55 c to + 275 c (+ 225 c for cpcf), 5 cycles, 30 min dwell time (2.0 % + 0.05 ? ) ? r (5.0 % + 0.05 ? ) ? r short time overload 5 x rated power for 5 s (2.0 % + 0.05 ? ) ? r (4.0 % + 0.05 ? ) ? r dielectric withstanding voltage 1000 v rms for 1 min (0.1 % + 0.05 ? ) ? r (2.0 % + 0.05 ? ) ? r low temperature storage - 65 c, full rated working voltage for 45 min (2.0 % + 0.05 ? ) ? r (3.0 % + 0.05 ? ) ? r bias humidity 75 c, 90 % to 100 % rh, 240 h (2.0 % + 0.05 ? ) ? r (5.0 % + 0.05 ? ) ? r load life 1000 h at rated power, + 40 c, 1.5 h on, 0.5 h off (5.0 % + 0.05 ? ) ? r (5.0 % + 0.05 ? ) ? r terminal strength 5 s to 10 s 10 pound pull test (1.0 % + 0.05 ? ) ? r (1.0 % + 0.05 ? ) ? r resistance to solder heat terminal immersed 3.5 s in molten solder up to body (1.0 % + 0.05 ? ) ? r (4.0 % + 0.05 ? ) ? r
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of CPCC0547R00JE32

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X