Part Number Hot Search : 
2545CT TB0252A MC30A FTSO5833 7IMN13 BL8095 2SC3858 3502M
Product Description
Full Text Search
 

To Download CC123-A3B245-1000M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cardinal components cardinal components cardinal components specifications: frequency range: 1.000 mhz to 35.000 mhz available stability options: 1.5 ppm 2.0 ppm 2.5 ppm 3.0 ppm 3.5 ppm 4.0 ppm 4.5 ppm 5.0 ppm output series: ttl/cmos operating temperature 0 c to +50 c range options: -10 c to +60 c -10 c to +70 c -20 c to +70 c -30 c to +60 c -30 c to +70 c -30 c to +75 c -40 c to +80 c frequency tuning range: 5 ppm min. 10 ppm min. output voltage: ttl v ol =0.4 v max. ttl v oh =2.4 v min. hcmos v ol =10%v dd v max. hcmos v oh =90%v dd v min. frequency trim range 3.0 ppm minimum with externally adjustable trimmer: output load: 10 ls ttl, 15 pf cmos maximum input current: 20 ma maximum rise/fall time: 10 ns duty cycle: 40/60% maximum frequency 1 ppm/yr aging at +25 c: storage temperature: -40 c to +80 c thru hole mount vc-tcxo  4.5 mm height  tight stability available  ttl/hcmos output cc123 part numbering example: cc123 l - a1 b2 45 - 22.5792 m series cc123 cc123 operating temp. a2 = -10 c ~+60 c a3 = -30 c ~+75 c a5 = -20 c ~+70 c a9 = 0 c ~+50 c aa = -10 c ~+70 c ab = -30 c ~+70 c ac = -30 c ~+60 c ae = -40 c ~+80 c a1 stability b1 = 5.0 ppm b2 = 3.0 ppm b3 = 2.5 ppm b4 = 2.0 ppm b5 = 1.5 ppm b9 = 4.0 ppm bb = 4.5 ppm bf = 3.5 ppm b2 symmetry blank = 40/60% 45 = 45/55% 45 frequency 22.5792 pull range l = 10 ppm m = 5 ppm m series blank = 5v l = 3.3v l voltage cc123 cardinal components, inc. 155 route 46 west wayne, nj 07470 rev: vt -090414-1 3 tel: (973)785-1333 e-mail: sales@cardinalxtal.com web: http://www.cardinalxtal.com i n p u t v o l t a g e : + 5 . 0 v d c 5 % , + 3 . 0 v d c 5 % + 1 . 6 5 v d c , 1 . 3 5 v d c e x t e r n a l c o n t r o l v o l t a g e : + 2 . 5 v d c , 2 . 0 v d c , vt-1


▲Up To Search▲   

 
Price & Availability of CC123-A3B245-1000M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X