Part Number Hot Search : 
FR16C100 EE08686 EV9800 PST9244 P1000 MBT2222 NCV33 S1308M
Product Description
Full Text Search
 

To Download C2E-A223K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/2 c2e radial type choke coils dimensions (mm): * l 82 h ( ul tube used ), l 100 h ( pvc tube used ) * length of the terminal pins does not include solder tips. *pin pitch to be measured from the root of the terminal. electrical characteristics toko part no. inductance (h) te st freq. qu min. te st freq. dcr ( ? ? ? ? ) max. dci (a) max. srf (mhz) ref. c2e-a1r0m 1.0 20% 100 khz 15 7.96 mhz 0.0086 6.2 188 c2e-a1r2m 1.2 20% 100 khz 15 7.96 mhz 0.010 5.2 172 c2e-a1r5m 1.5 20% 100 khz 15 7.96 mhz 0.0132 4.8 145 c2e-a2r2m 2.2 20% 100 khz 15 7.96 mhz 0.0147 4.1 115 c2e-a2r7m 2.7 20% 100 khz 15 7.96 mhz 0.0165 3.8 98 c2e-a3r3m 3.3 20% 100 khz 15 7.96 mhz 0.0185 3.5 78 c2e-a3r9m 3.9 20% 100 khz 15 7.96 mhz 0.020 3.2 60 c2e-a4r7m 4.7 20% 100 khz 15 7.96 mhz 0.0217 2.9 47 c2e-a5r6m 5.6 20% 100 khz 15 7.96 mhz 0.025 2.5 32 c2e-a6r8m 6.8 20% 100 khz 15 7.96 mhz 0.0322 2.3 30 c2e-a8r2m 8.2 20% 100 khz 15 7.96 mhz 0.0377 2.1 26 c2e-a100k 10 10% 1 khz 50 2.52 mhz 0.0407 2.0 25 c2e-a120k 12 10% 1 khz 50 2.52 mhz 0.046 1.7 23 c2e-a150k 15 10% 1 khz 50 2.52 mhz 0.053 1.6 20 c2e-a180k 18 10% 1 khz 40 2.52 mhz 0.0582 1.4 18 c2e-a220k 22 10% 1 khz 40 2.52 mhz 0.0667 1.3 17 c2e-a270k 27 10% 1 khz 40 2.52 mhz 0.0770 1.2 15 c2e-a330k 33 10% 1 khz 40 2.52 mhz 0.10 1.0 13 c2e-a390k 39 10% 1 khz 35 2.52 mhz 0.11 0.96 12 c2e-a470k 47 10% 1 khz 35 2.52 mhz 0.14 0.88 11 c2e-a560k 56 10% 1 khz 35 2.52 mhz 0.16 0.80 9.6 c2e-a680k 68 10% 1 khz 30 2.52 mhz 0.20 0.77 8.5 c2e-a820k 82 10% 1 khz 30 2.52 mhz 0.23 0.70 7.7 c2e-a101k 100 10% 1 khz 20 796 khz 0.26 0.64 7.1 c2e-a121k 120 10% 1 khz 20 796 khz 0.30 0.58 6.6 c2e-a151k 150 10% 1 khz 20 796 khz 0.38 0.53 6.0 c2e-a181k 180 10% 1 khz 20 796 khz 0.48 0.48 5.4 c2e-a221k 220 10% 1 khz 20 796 khz 0.60 0.43 4.8 c2e-a271k 270 10% 1 khz 25 796 khz 0.76 0.39 4.0 3.0 0.5 7.5 max. 10 max. * tube 10 min. 15 min. 0.6 0.1
2/2 toko part no. inductance (h) te st freq. qu min. te st freq. dcr ( ? ? ? ? ) max. dci (a) max. srf (mhz) ref. c2e-a331k 330 10% 1 khz 25 796 khz 0.88 0.35 3.7 c2e-a391k 390 10% 1 khz 25 796 khz 1.1 0.33 3.4 c2e-a471k 470 10% 1 khz 20 796 khz 1.2 0.30 3.2 c2e-a561k 560 10% 1 khz 20 796 khz 1.4 0.27 3.0 c2e-a681k 680 10% 1 khz 20 796 khz 1.8 0.24 2.6 c2e-a821k 820 10% 1 khz 20 796 khz 2.0 0.22 2.3 c2e-a102k 1000 10% 1 khz 55 252 khz 2.52 0.20 2.1 c2e-a122k 1200 10% 1 khz 65 252 khz 3.0 0.18 1.9 c2e-a152k 1500 10% 1 khz 60 252 khz 3.1 0.17 1.7 c2e-a182k 1800 10% 1 khz 65 252 khz 4.5 0.15 1.6 c2e-a222k 2200 10% 1 khz 60 252 khz 6.0 0.14 1.5 c2e-a272k 2700 10% 1 khz 65 252 khz 6.5 0.12 1.3 c2e-a332k 3300 10% 1 khz 70 252 khz 8.4 0.11 1.2 c2e-a392k 3900 10% 1 khz 90 252 khz 11 0.10 1.1 c2e-a472k 4700 10% 1 khz 80 252 khz 13 0.095 1.0 c2e-a562k 5600 10% 1 khz 80 252 khz 15 0.085 0.87 c2e-a682k 6800 10% 1 khz 80 252 khz 17 0.080 0.82 c2e-a822k 8200 10% 1 khz 85 252 khz 23 0.070 0.77 c2e-a103k 10000 10% 1 khz 85 79.6 khz 30 0.060 0.60 c2e-a123k 12000 10% 1 khz 85 79.6 khz 33 0.055 0.57 c2e-a153k 15000 10% 1 khz 85 79.6 khz 39 0.050 0.53 c2e-a183k 18000 10% 1 khz 85 79.6 khz 53 0.045 0.47 C2E-A223K 22000 10% 1 khz 85 79.6 khz 61 0.040 0.44 c2e-a273k 27000 10% 1 khz 85 79.6 khz 82 0.035 0.36 c2e-a333k 33000 10% 1 khz 85 79.6 khz 93 0.030 0.33 c2e-a393k 39000 10% 1 khz 85 79.6 khz 105 0.025 0.32 c2e-a473k 47000 10% 1 khz 85 79.6 khz 120 0.020 0.30  testing instrument inductance: hp4284 or equivalent. q: hp4285 or equivalent. d.c.r: keithley 580 micro ohm meter or equivalent. s.r.f.: hp4395a or equivalent. rated current: hp4284a, hp42841a, hpe3632a, hp34401a or equivalent. -idc 1: the current when the inductance decreases to 90% of initial value. (ta=25c) -idc 2: the current when the temperature of inductor increases by 40c. (ta=25c) the rated current indicates the smaller one between idc 1 & idc 2. * test conditions of inductance: 1.0h ~ 8.2h at 100khz / 1v 10h ~ 47000h at 1khz / 1v * test conditions of unloaded q: 1.0h ~ 8.2h at 7.96mhz / 1v 10h ~ 82h at 2.52mhz / 1v 100h ~ 820h at 796khz / 1v 1000h ~ 8200h at 252khz / 1v 10000h ~ 47000h at 79.6khz / 1v 45 hoi yuen road, yau lee centre, 7/f., kwun tong, kowloon, hong kong. tel: +852-2342 8131 fax: +852-2341 9570 hk coil division toko inc.


▲Up To Search▲   

 
Price & Availability of C2E-A223K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X