Part Number Hot Search : 
005057 HA1V6 BZX84C15 TAR5S27U P6KE600C AK200B5 IR3510M TMEGA1
Product Description
Full Text Search
 

To Download BR150-1040C1-36V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  br150 miniature 4pdt dry circuit to 2 a mp to mil - prf - 39016 specifications general contact arrangement .......................... 4pdt (4 form c) weight ................................ ............................. 0.3 oz max. designed to meet the requirements of mil - prf - 39016/14 performance contact rating (note 1) resi stive ................................ .......... 2 amp @ 28 vdc 0.5 amp @ 115v 60 + 400 hz (case ungrounded) inductive ................................ ........ 0.5 amp @ 28 vdc lamp ................................ ............. 0.1 amp @ 28 vdc low level ............................. 10 - 50a @ 10 - 50 mv dc or peak ac (note 4) life ................................ ... 100,000 operations minimum @ 1 amp load, 125 o c pull in power ................................ ............ 250 mw approx . operate/release time .................... 4 ms max, excluding bounce time at nominal coil voltage contact bounce time ...................... 2 ms max @ 1 amp 28 vdc contact load contact resistance before life ......................... 0.050 ohms max @ 1 amp and 6 vdc after life ............................ 0.150 ohms max @ 1 amp and 6 vdc en vironmental temperature range ............................... - 65 o c to +125 o c vibration (note 2) ............................... 0.4" da 10 - 38 hz, 30 g's 38 - 2,000 hz shock (operating) (note 2) ........................ 75 g's 11 ms electrical characteristics duty cycle ................................ ........................ continuous insulation resistance 10,000 megohms @ 500v 25 o c 1, 000 megohms @ 500v 125 o c dielectric strength: sea level: contact to case ................................ ...... 750 vrms contact to coil ................................ ........ 750 vrms coil to case ................................ ............ 500 vrms across open contacts ........................... 500 vrms 70,000 feet all points ................................ .................. 350 vrms m39016/14 qualified to er level m notes: 1. for case gr ounded loads and other ratings, consult the factory. 2. for applications requiring other shock and vibration levels, consult the factory. 3. for other ratings consult the factory. 4. relay contacts which have switched high level currents are no longer suitable for switching low level loads. 14930 e. alondra blvd., la mirada, ca 90638 - 5752 (714) 994 - 6500 fax (714) 994 - 3013 w: 2000 rev. 2
br150 coil data: model br150 part number br1 50 - 50()() - 6v br150 - 73()() - 9v br150 - 115()() - 12v br150 - 280()() - 18v br150 - 720()() - 26v br150 - 1040()() - 36v nominal coil voltage 6 vdc 9 vdc 12 vdc 18 vdc 26 vdc 36 vdc maximum coil voltage 7 vdc 11 vdc 1 4 vdc 22 vdc 35 vdc 42 vdc pull in voltage (max @+125 o c) 3.8 vdc 5.6 vdc 7.6 vdc 11.2 vdc 18.0 vdc 22.8 vdc pull in voltage (max) 2.7 vdc 4.2 vdc 5.4 vdc 8.4 vdc 13.5 vdc 17. 1 vdc drop out voltage (min) 0.3 vdc 0.4 vdc 0.6 vdc 0.8 vdc 1.5 vdc 1.9 vdc coil resistance 10% @ 25 o c 28 ohms 73 ohms 115 ohms 280 ohms 720 ohms 1040 ohms relay type nominal coil resistance terminal style mounting type nominal coil voltage br150 - 720 c 2 - 26v schematic terminal view terminal styles mounting codes general notes ? unless otherwise sp ecified, all tests made at nominal coil voltages, @ 25 o c. ? for special coil variations, switching configurations, terminals styles and mounting types, consult the factory. ? unless otherwise specified, tolerances on decimal dimensions are .010". ? specifications contained herein are subject to change without notice. 14930 e. alondra blvd., la mirada, ca 90638 - 5752 (714) 994 - 6500 fax (714) 994 - 3013 w: 2000 rev. 2 numbers for reference only schematic


▲Up To Search▲   

 
Price & Availability of BR150-1040C1-36V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X