Part Number Hot Search : 
9018H ER802 LHY3333 MT90863 2N700 155AE LHY3333 74HCT37
Product Description
Full Text Search
 

To Download AS5C4008CW-35LIT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sram as5c4008 as5c4008 rev. 6.4 01/10 micross components reserves the right to change products or speci cations without notice. 1 available as military specification ? smd 5962-95600 ? smd 5962-95613 ? mil std-883 options marking ? timing 12ns access -12 15ns access -15 17ns access -17 20ns access -20 25ns access -25 35ns access -35 45ns access -45 ? operating temperature range military: -55 o c to +125 o c xt industrial: -40 o c to +85 o c it ? packages ceramic dip (600 mil) cw no. 112 ceramic flatpack f no. 304 ceramic lcc ec no. 209 ceramic soj ecj no. 502 ? options 2v data retention/ low power l note: not all combinations of operating temperature, speed, data retention and low power are necessarily available. please contact factory for availability of speci c part number combinations. general description the as5c4008 is a 4 megabit monolithic cmos sram, orga- nized as a 512k x 8. the evolutionary 32 pin device allows for easy upgrades from the 1 meg sram. for exibility in high-speed memory applications, micross of- fers chip enable (ce\) and output enable (oe\) capabilities. these enhancements can place the outputs in high-z for additional exibility in system design. writing to these devices is accomplished when write enable (we\) and ce\ inputs are both low. reading is accomplished when we\ remains high and ce\ and oe\ go low. this allows systems designers to meet low standby power requirements. all devices operate from a single +5v power supply and all inputs are fully ttl-compatible. pin assignment (top view) 32-pin dip (cw), 32-pin lcc (ec) 32-pin soj (ecj) 512k x 8 sram sram memory array for more products and information please visit our web site at www.micross.com features ? high speed: 12, 15, 17, 20, 25, 35 and 45ns ? high-performance, low power military grade device ? single +5v 10% power supply ? easy memory expansion with ce\ and oe\ options ? all inputs and outputs are ttl-compatible ? ease of upgradability from 1 meg using the 32 pin evolutionary version. 32-pin flat pack (f) a18 a16 a14 a12 a7 a6 a5 a4 a3 a2 a1 a0 i/o0 i/o1 i/o2 vss 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 vcc a15 a17 we\ a13 a8 a9 a11 oe\ a10 ce\ i/o7 i/o6 i/o5 i/o4 i/o3 a18 a16 a14 a12 a7 a6 a5 a4 a3 a2 a1 a0 i/o0 i/o1 i/o2 vss 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 vcc a15 a17 we\ a13 a8 a9 a11 oe\ a10 ce\ i/o7 i/o6 i/o5 i/o4 i/o3
sram as5c4008 as5c4008 rev. 6.4 01/10 micross components reserves the right to change products or speci cations without notice. 2 functional block diagram truth table vcc gnd i/o7 a0:a18 i/o1 ce\ oe\ we\ input buffer row decoder 2,097,152 bit memory array i/o control column decoder power down mode oe\ ce\ we\ dq power standby x h x high-z standby read l l h q active not selected h l h high-z active write x l l d active
sram as5c4008 as5c4008 rev. 6.4 01/10 micross components reserves the right to change products or speci cations without notice. 3 absolute maximum ratings* voltage on vcc supply relative to vss..............-.5v to +7.0v storage temperature ......................................-65 c to +150 c short circuit output current (per i/o)?.......................20ma voltage on any pin relative to vss..................-.5v to vcc+1 v maximum junction temperature**..............................+150 c *stresses greater than those listed under ?absolute maximum ratings? may cause permanent damage to the device. this is a stress rating only and functional opera- tion of the device at these or any other conditions above those indicated in the operation section of this speci ca- tion is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability. ** junction temperature depends upon package type, cycle time, loading, ambient temperature and air ow. electrical characteristics and recommended dc operating conditions (-55 o c v ih ; vcc = max f = 0, outputs open ce\ < v il ; vcc = max f = max = 1/t rc outputs open ce\ < v cc -0.2v; vcc = max v in < vss +0.2v or v in > vcc -0.2v; f = 0 conditions power supply current: operating parameter conditions symbol max units notes input capacitance c i 12 pf 4 output capactiance co 14 pf 4 t a = 25 o c, f = 1mhz v in = 0
sram as5c4008 as5c4008 rev. 6.4 01/10 micross components reserves the right to change products or speci cations without notice. 4 electrical characteristics and recommended ac operating conditions (-55 o c sram as5c4008 as5c4008 rev. 6.4 01/10 micross components reserves the right to change products or speci cations without notice. 5 notes 1. all voltages referenced to v ss (gnd). 2. -2v for pulse width < 20ns 3. i cc is dependent on output loading and cycle rates. 4. this parameter is guaranteed but not tested. 5. test conditions as speci ed with the output loading as shown in fig. 1 unless otherwise noted. 6. t lzce, t lzwe, t lzoe, t hzce, t hzoe and t hzwe are speci ed with cl = 5pf as in fig. 2. transition is measured 200mv from steady state voltage. 7. at any given temperature and voltage condition, t hzce is less than t lzce, and t hzwe is less than t lzwe. 8. we\ is high for read cycle. 9. device is continuously selected. chip enables and output enables are held in their active state. 10. address valid prior to, or coincident with, latest occurring chip enable. 11. t rc = read cycle time. 12. chip enable and write enable can initiate and terminate a write cycle. 13. output enable (oe\) is inactive (high). 14. output enable (oe\) is active (low). 15. asi does not warrant functionality nor reliability of any product in which the junction temperature exceeds 150c. care should be taken to limit power to accept- able levels. fig. 1 output load equivalent fig. 2 output load equivalent data retention electrical characteristics (l version only) ac test conditions input pulse levels ................................................ vss to 3.0v input rise and fall times ................................................... 3ns input timing reference levels ......................................... 1.5v output reference levels .................................................. 1.5v output load ............................................ see figures 1 and 2 description symbol min max units notes v cc for retention data v dr 2v data retention current (l version only) v cc = 2v i ccdr 4.5 ma chip deselect to data retention time t cdr 0ns4 operation recovery time t r 10 ms 4, 11 ce\ > (vcc -0.2v) vin > (vcc -0.2v) or < 0.2v conditions 167 ohms 167 ohms 1.73v 1.73v c=5pf c=30pf q q
sram as5c4008 as5c4008 rev. 6.4 01/10 micross components reserves the right to change products or speci cations without notice. 6 read cycle no. 1 8 , 9 (write enabled controlled) read cycle no. 2 7, 8 , 10 (write enabled controlled) low v cc data retention waveform tr tcdr data retention mode data retention mode vdr vdr vcc ce\ 4.5v 4.5v >2v v ih v il t cdr t r tpd tpu thzce tace tlzce thzoe tlzoe taoe trc trc data valid ce\ oe\ dq icc t rc t aoe t lzoe t lzce t ace t pu t pd t hzce t hzoe taa toh trc trc previous data valid valid data valid address dq t rc t aa t oh
sram as5c4008 as5c4008 rev. 6.4 01/10 micross components reserves the right to change products or speci cations without notice. 7 write cycle no. 1 12 (chip enabled controlled) write cycle no. 2 12, 13 (write enabled controlled) tdh tds twp twp tah tcw taw tcw tas twc twc high z data vaild address ce\ we\ d q t wc t aw t cw t as t wp t ah t ds t dh tlzwe thzwe tdh tds twp1 twp1 tas tcw tah taw tcw twc twc data valid address valid address ce\ we\ d q t aw t wc t cw t wp1 t as t hzwe t lzwe t dh t ds t ah
sram as5c4008 as5c4008 rev. 6.4 01/10 micross components reserves the right to change products or speci cations without notice. 8 write cycle no. 3 7, 12, 14 (write enable controlled) don?t care unde ned t wc t cw ce\ t aw t ah q t wp2 t ds we\ d high-z address t as data valid t hzwe t lzwe
sram as5c4008 as5c4008 rev. 6.4 01/10 micross components reserves the right to change products or speci cations without notice. 9 micross case #112 (package designator cw) smd 5962-95600, case outline x e b b1 l l1 a mechanical definition* d pin 1 e e1 b2 note: these dimensions are per the smd. micross? package dimensional limits may differ, but they will be within the smd limits. *all measurements are in inches. min max a --- 0.225 b 0.014 0.026 b1 0.045 0.065 b2 0.008 0.018 d --- 1.680 e 0.510 0.620 e e1 l1 0.125 0.200 l 0.015 0.070 symbol smd specifications 0.100 bsc 0.600 bsc
sram as5c4008 as5c4008 rev. 6.4 01/10 micross components reserves the right to change products or speci cations without notice. 10 micross case #304 (package designator f) smd 5962-95600, case outline 9 mechanical definition* *all measurements are in inches. note: these dimensions are per the smd. micross? package dimensional limits may differ, but they will be within the smd limits. top view c e2 a q d e l e b d1 min max a 0.096 0.114 b 0.008 0.019 c 0.003 0.008 d 0.816 0.838 d1 0.742 0.758 e 0.419 0.460 e2 0.345 0.427 e l 0.290 0.310 q 0.024 0.038 symbol smd specifications 0.050 bsc
sram as5c4008 as5c4008 rev. 6.4 01/10 micross components reserves the right to change products or speci cations without notice. 11 micross case #209 (package designator ec) smd 5962-95600, case outline z mechanical definition* *all measurements are in inches. a a1 d e l e b2 r d1 note: these dimensions are per the smd. micross? package dimensional limits may differ, but they will be within the smd limits. min max a 0.080 0.100 a1 0.006 0.054 b2 0.022 0.028 d 0.815 0.835 d1 0.740 0.760 e 0.440 0.460 e l r 0.009 ref symbol smd specifications 0.050 bsc 0.100 ref
sram as5c4008 as5c4008 rev. 6.4 01/10 micross components reserves the right to change products or speci cations without notice. 12 micross case #502 (package designator ecj) mechanical definition* *all measurements are in inches. a a1 e b d e d1 l2 l typ note: this package meets smd 5962-95600, case outline u dimensions in every aspect, except dimension e2. a2 e2 min max a 0.115 0.160 a1 0.054 0.075 a2 0.025 0.063 b 0.012 0.028 d 0.815 0.835 d1 0 740 0760 symbol micross specifications d1 0 . 740 0 . 760 e 0.418 0.460 e2 0.460 0.440 e l 0.050 0.070 l2 0.115 0.135 0.050 bsc
sram as5c4008 as5c4008 rev. 6.4 01/10 micross components reserves the right to change products or speci cations without notice. 13 ordering information *available processes it = industrial temperature range -40 o c to +85 o c xt = extended temperature range -55 o c to +125 o c 883c = full military processing -55 o c to +125 o c **definition of options 2v data retention/low power l device number package type speed ns options** process device number package type speed ns options** process a s5c4008 as5c4008 ec ecj -15 -15 l l /* /* a s5c4008 a s5c4008 as5c4008 f fn fn -15 -15 -15 l l e /* /* /* a s5c4008 as5c4008 ec ecj -17 -17 l l /* /* a s5c4008 a s5c4008 as5c4008 f fn fn -17 -17 -17 l l e /* /* /* a s5c4008 as5c4008 ec ecj -20 -20 l l /* /* a s5c4008 a s5c4008 as5c4008 f fn fn -20 -20 -20 l l e /* /* /* a s5c4008 as5c4008 ec ecj -25 -25 l l /* /* a s5c4008 a s5c4008 as5c4008 f fn fn -25 -25 -25 l l e /* /* /* a s5c4008 as5c4008 ec ecj -35 -35 l l /* /* a s5c4008 a s5c4008 as5c4008 f fn fn -35 -35 -35 l l e /* /* /* a s5c4008 as5c4008 ec ecj -45 -45 l l /* /* a s5c4008 a s5c4008 as5c4008 f fn fn -45 -45 -45 l l e /* /* /* device number package type speed ns options** process as5c4008 cw -15 l /* as5c4008 cw -17 l /* as5c4008 cw -20 l /* as5c4008 cw -25 l /* as5c4008 cw -35 l /* as5c4008 cw -45 l /* example: as5c4008cw-25l/883c example: as5c4008fn-45e/883c example: as5c4008ec-20/883c
sram as5c4008 as5c4008 rev. 6.4 01/10 micross components reserves the right to change products or speci cations without notice. 14 micross to dscc part number cross reference for 5962-95600* * asi part number is for reference only. orders received referencing the smd part number will be processed per the smd. micross part # smd part # micross part # smd part # as5c4008cw-12l 5962-9560015qxa as5c4008f-12l 5962-9560015q9a as5c4008cw-12l 5962-9560016qxa as5c4008f-12l 5962-9560016q9a as5c4008cw-15 5962-9560014qxa as5c4008f-15 5962-9560014q9a as5c4008cw-15l 5962-9560013qxa as5c4008f-15l 5962-9560013q9a as5c4008cw-20l 5962-9560012qxa as5c4008f-20l 5962-9560012q9a as5c4008cw-25l 5962-9560011qxa as5c4008f-25l 5962-9560011q9a as5c4008cw-35l 5962-9560010qxa as5c4008f-35l 5962-9560010q9a as5c4008cw-45l 5962-9560009qxa as5c4008f-45l 5962-9560009q9a as5c4008cw-20 5962-9560004mxa as5c4008f-20 5962-9560004m9a as5c4008cw-20l 5962-9560008mxa as5c4008f-20l 5962-9560008m9a as5c4008cw-25 5962-9560003mxa as5c4008f-25 5962-9560003m9a as5c4008cw-25l 5962-9560007mxa as5c4008f-25l 5962-9560007m9a as5c4008cw-35 5962-9560002mxa as5c4008f-35 5962-9560002m9a as5c4008cw-35l 5962-9560006mxa as5c4008f-35l 5962-9560006m9a as5c4008cw-45 5962-9560001mxa as5c4008f-45 5962-9560001m9a as5c4008cw-45l 5962-9560005mxa as5c4008f-45l 5962-9560005m9a micross part # smd part # micross part # smd part # as5c4008ec-12l 5962-9560015qza as5c4008ecj-12l 5962-9560015qua as5c4008ec-12l 5962-9560016qza as5c4008ecj-12l 5962-9560016qua as5c4008ec-15 5962-9560014qza as5c4008ecj-15 5962-9560014qua as5c4008ec-15l 5962-9560013qza as5c4008ecj-15l 5962-9560013qua as5c4008ec-20l 5962-9560012qza as5c4008ecj-20l 5962-9560012qua as5c4008ec-25l 5962-9560011qza as5c4008ecj-25l 5962-9560011qua as5c4008ec-35l 5962-9560010qza as5c4008ecj-35l 5962-9560010qua as5c4008ec-45l 5962-9560009qza as5c4008ecj-45l 5962-9560009qua as5c4008ec-20 5962-9560004mza as5c4008ecj-20 5962-9560004mua as5c4008ec-20l 5962-9560008mza as5c4008ecj-20l 5962-9560008mua as5c4008ec-25 5962-9560003mza as5c4008ecj-25 5962-9560003mua as5c4008ec-25l 5962-9560007mza as5c4008ecj-25l 5962-9560007mua as5c4008ec-35 5962-9560002mza as5c4008ecj-35 5962-9560002mua as5c4008ec-35l 5962-9560006mza as5c4008ecj-35l 5962-9560006mua as5c4008ec-45 5962-9560001mza as5c4008ecj-45 5962-9560001mua as5c4008ec-45l 5962-9560005mza as5c4008ecj-45l 5962-9560005mua micross package designator cw micross package designator f micross package designator ec micross package designator ecj
sram as5c4008 as5c4008 rev. 6.4 01/10 micross components reserves the right to change products or speci cations without notice. 15 micross to dscc part number cross reference for 5962-95613* * asi part number is for reference only. orders received referencing the smd part number will be processed per the smd. micross part # smd part # micross part # smd part # as5c4008cw-12/h 5962-9561329hya as5c4008f-12/h 5962-9561329h9a as5c4008cw-12/lh 5962-9561328hya as5c4008f-12/lh 5962-9561328h9a as5c4008cw-15/h 5962-9561314hya as5c4008f-15/h 5962-9561314h9a as5c4008cw-17/h 5962-9561310hya as5c4008f-17/h 5962-9561310h9a as5c4008cw-17/lh 5962-9561324hya as5c4008f-17/lh 5962-9561324h9a as5c4008cw-20/h 5962-9561309hya as5c4008f-20/h 5962-9561309h9a as5c4008cw-20/lh 5962-9561323hya as5c4008f-20/lh 5962-9561323h9a as5c4008cw-25/h 5962-9561308hya as5c4008f-25/h 5962-9561308h9a as5c4008cw-25/h 5962-9561313hya as5c4008f-25/h 5962-9561313h9a as5c4008cw-25/lh 5962-9561322hya as5c4008f-25/lh 5962-9561322h9a as5c4008cw-25/lh 5962-9561327hya as5c4008f-25/lh 5962-9561327h9a as5c4008cw-35/h 5962-9561307hya as5c4008f-35/h 5962-9561307h9a as5c4008cw-35/h 5962-9561312hya as5c4008f-35/h 5962-9561312h9a as5c4008cw-35/lh 5962-9561321hya as5c4008f-35/lh 5962-9561321h9a as5c4008cw-35/lh 5962-9561326hya as5c4008f-35/lh 5962-9561326h9a as5c4008cw-45/h 5962-9561306hya as5c4008f-45/h 5962-9561306h9a as5c4008cw-45/h 5962-9561311hya as5c4008f-45/h 5962-9561311h9a as5c4008cw-45/lh 5962-9561320hya as5c4008f-45/lh 5962-9561320h9a as5c4008cw-45/lh 5962-9561325hya as5c4008f-45/lh 5962-9561325h9a as5c4008cw-55/h 5962-9561305hya as5c4008f-55/h 5962-9561305h9a as5c4008cw-55/lh 5962-9561319hya as5c4008f-55/lh 5962-9561319h9a as5c4008cw-12/h 5962-9561329hyc as5c4008f-12/h 5962-9561329h9c as5c4008cw-12/lh 5962-9561328hyc as5c4008f-12/lh 5962-9561328h9c as5c4008cw-15/h 5962-9561314hyc as5c4008f-15/h 5962-9561314h9c as5c4008cw-17/h 5962-9561310hyc as5c4008f-17/h 5962-9561310h9c as5c4008cw-17/lh 5962-9561324hyc as5c4008f-17/lh 5962-9561324h9c as5c4008cw-20/h 5962-9561309hyc as5c4008f-20/h 5962-9561309h9c as5c4008cw-20/lh 5962-9561323hyc as5c4008f-20/lh 5962-9561323h9c as5c4008cw-25/h 5962-9561308hyc as5c4008f-25/h 5962-9561308h9c as5c4008cw-25/h 5962-9561313hyc as5c4008f-25/h 5962-9561313h9c as5c4008cw-25/lh 5962-9561322hyc as5c4008f-25/lh 5962-9561322h9c as5c4008cw-25/lh 5962-9561327hyc as5c4008f-25/lh 5962-9561327h9c as5c4008cw-35/h 5962-9561307hyc as5c4008f-35/h 5962-9561307h9c as5c4008cw-35/h 5962-9561312hyc as5c4008f-35/h 5962-9561312h9c as5c4008cw-35/lh 5962-9561321hyc as5c4008f-35/lh 5962-9561321h9c as5c4008cw-35/lh 5962-9561326hyc as5c4008f-35/lh 5962-9561326h9c as5c4008cw-45/h 5962-9561306hyc as5c4008f-45/h 5962-9561306h9c as5c4008cw-45/h 5962-9561311hyc as5c4008f-45/h 5962-9561311h9c as5c4008cw-45/lh 5962-9561320hyc as5c4008f-45/lh 5962-9561320h9c as5c4008cw-45/lh 5962-9561325hyc as5c4008f-45/lh 5962-9561325h9c as5c4008cw-55/h 5962-9561305hyc as5c4008f-55/h 5962-9561305h9c as5c4008cw-55/lh 5962-9561319hyc as5c4008f-55/lh 5962-9561319h9c micross package designator cw micross package designator f
sram as5c4008 as5c4008 rev. 6.4 01/10 micross components reserves the right to change products or speci cations without notice. 16 micross to dscc part number cross reference for 5962-95613* * asi part number is for reference only. orders received referencing the smd part number will be processed per the smd. micross part # smd part # microsspart # smd part # as5c4008ec-12/h 5962-9561329hma as5c4008ecj-12/h 5962-9561329hta as5c4008ec-12/lh 5962-9561328hma as5c4008ecj-12/lh 5962-9561328hta as5c4008ec-15/h 5962-9561314hma as5c4008ecj-15/h 5962-9561314hta as5c4008ec-17/h 5962-9561310hma as5c4008ecj-17/lh 5962-9561324hta as5c4008ec-17/lh 5962-9561324hma as5c4008ecj-20/lh 5962-9561323hta as5c4008ec-20/h 5962-9561309hma as5c4008ecj-25/h 5962-9561313hta as5c4008ec-20/lh 5962-9561323hma as5c4008ecj-25/lh 5962-9561322hta as5c4008ec-25/h 5962-9561308hma as5c4008ecj-25/lh 5962-9561327hta as5c4008ec-25/h 5962-9561313hma as5c4008ecj-35/h 5962-9561312hta as5c4008ec-25/lh 5962-9561327hma as5c4008ecj-45/h 5962-9561311hta as5c4008ec-25/lh 5962-9561322hma as5c4008ecj-17/h 5962-9561310hta as5c4008ec-35/h 5962-9561307hma as5c4008ecj-20/h 5962-9561309hta as5c4008ec-35/h 5962-9561312hma as5c4008ecj-25/h 5962-9561308hta as5c4008ec-35/lh 5962-9561326hma as5c4008ecj-35/h 5962-9561307hta as5c4008ec-35/lh 5962-9561321hma as5c4008ecj-35/lh 5962-9561321hta as5c4008ec-45/h 5962-9561306hma as5c4008ecj-35/lh 5962-9561326hta as5c4008ec-45/h 5962-9561311hma as5c4008ecj-45/h 5962-9561306hta as5c4008ec-45/lh 5962-9561320hma as5c4008ecj-45/lh 5962-9561325hta as5c4008ec-45/lh 5962-9561325hma as5c4008ecj-45/lh 5962-9561320hta as5c4008ec-55/h 5962-9561305hma as5c4008ecj-55/h 5962-9561305hta as5c4008ec-55/lh 5962-9561319hma as5c4008ecj-55/lh 5962-9561319hta as5c4008ec-12/h 5962-9561329hmc as5c4008ecj-12/h 5962-9561329htc as5c4008ec-12/lh 5962-9561328hmc as5c4008ecj-12/lh 5962-9561328htc as5c4008ec-15/h 5962-9561314hmc as5c4008ecj-15/h 5962-9561314htc as5c4008ec-17/h 5962-9561310hmc as5c4008ecj-20/lh 5962-9561323htc as5c4008ec-17/lh 5962-9561324hmc as5c4008ecj-17/lh 5962-9561324htc as5c4008ec-20/h 5962-9561309hmc as5c4008ecj-25/h 5962-9561313htc as5c4008ec-20/lh 5962-9561323hmc as5c4008ecj-25/lh 5962-9561322htc as5c4008ec-25/h 5962-9561308hmc as5c4008ecj-25/lh 5962-9561327htc as5c4008ec-25/h 5962-9561313hmc as5c4008ecj-35/h 5962-9561312htc as5c4008ec-25/lh 5962-9561327hmc as5c4008ecj-45/h 5962-9561311htc as5c4008ec-25/lh 5962-9561322hmc as5c4008ecj-17/h 5962-9561310htc as5c4008ec-35/h 5962-9561307hmc as5c4008ecj-20/h 5962-9561309htc as5c4008ec-35/h 5962-9561312hmc as5c4008ecj-25/h 5962-9561308htc as5c4008ec-35/lh 5962-9561326hmc as5c4008ecj-35/h 5962-9561307htc as5c4008ec-35/lh 5962-9561321hmc as5c4008ecj-35/lh 5962-9561321htc as5c4008ec-45/h 5962-9561306hmc as5c4008ecj-35/lh 5962-9561326htc as5c4008ec-45/h 5962-9561311hmc as5c4008ecj-45/h 5962-9561306htc as5c4008ec-45/lh 5962-9561320hmc as5c4008ecj-45/lh 5962-9561325htc as5c4008ec-45/lh 5962-9561325hmc as5c4008ecj-45/lh 5962-9561320htc as5c4008ec-55/h 5962-9561305hmc as5c4008ecj-55/h 5962-9561305htc as5c4008ec-55/lh 5962-9561319hmc as5c4008ecj-55/lh 5962-9561319htc micross package designator ec micross package designator ecj
sram as5c4008 as5c4008 rev. 6.4 01/10 micross components reserves the right to change products or speci cations without notice. 17 document title 512k x 8 sram sram memory array revision history rev # history release date status 6.3 corrected a2 measurement from base november 2009 release to the bottom of the lead removed eca package 6.4 added micross information january 2010 release


▲Up To Search▲   

 
Price & Availability of AS5C4008CW-35LIT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X