Part Number Hot Search : 
ZPD15 TDA724 HD6433 AOC3860A CY8C5488 SMAJ530 KBP01M 78M18
Product Description
Full Text Search
 

To Download AISM-1812-R22M-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smd molded wound chip inductor | | | | | | | | | | | | | | | aism-1812 standard specifications: applications: features: 4.2 x 3.2 x 3.2m m pb rohs compliant abracon is iso 9001 / qs 9000 ce r tified abracon is iso 9001 / qs 9000 ce r tified 3033 2 esp e ranza, ran c ho san t a mar g ari t a, califo r nia 9268 8 te l 949 - 546 - 8000 | fa x 949 - 546 - 800 1 | ww w .ab r a c on. c o m revised: 02.08.08 visit www.abracon.com for terms & conditions of sale ? low dcr ? best suited for power supply lines p arameters abracon p/n: aism-1812-xxx series operating temperature: - 40c to + 85c storage temperature: - 55c to + 125c ? vcrs & video cameras ? automobile audio systems ? computer products & peripherals t o l e ra n c e q t est f r e q . s r f ( m h z ) dcr ( ) i d c ( m a ) l ( h ) p a r t n o . options and part identificatio0ns: aism - 1812 - g n i g e c n a t c u d n i k=10% m=20% t tape and reel tolerance please refer to the tables - (% ) (min ) (mhz ) (min ) (max ) (max) 0.1 0 m 35 25. 2 30 0 0.1 8 800 0.1 2 m 35 25. 2 28 0 0.2 0 770 0.1 5 m 35 25. 2 25 0 0.2 2 730 0.1 8 m 35 25. 2 22 0 0.2 4 700 0.2 2 m 40 25. 2 20 0 0.2 5 665 0.2 7 m 40 25. 2 18 0 0.2 6 635 0.3 3 m 40 25. 2 16 5 0.2 8 605 0.3 9 m 40 25. 2 15 0 0.3 0 575 0.4 7 m 40 25. 2 14 5 0.3 2 545 0.5 6 m 40 25. 2 14 0 0.3 6 520 0.6 8 m 40 25. 2 13 5 0.4 0 500 0.8 2 m 40 25. 2 13 0 0.4 5 475 1. 0 k / m 5 0 7.9 6 10 0 0.5 0 450 1. 2 k / m 5 0 7.9 6 8 0 0.5 5 430 1. 5 k / m 5 0 7.9 6 7 0 0.6 0 410 1. 8 k / m 5 0 7.9 6 6 0 0.6 5 390 2. 2 k / m 5 0 7.9 6 5 5 0.7 0 380 2. 7 k / m 5 0 7.9 6 5 0 0.8 0 370 3. 3 k / m 5 0 7.9 6 4 5 0.8 0 355 3. 9 k / m 5 0 7.9 6 4 0 0.9 0 330 4. 7 k / m 5 0 7.9 6 3 5 1. 0 315 5. 6 k / m 5 0 7.9 6 3 3 1. 1 300 6. 8 k / m 5 0 7.9 6 2 7 1. 2 285 8. 2 k / m 5 0 7.9 6 2 5 1. 4 270 1 0 k / m 5 0 2.5 2 2 0 1. 6 250 1 2 k / m 5 0 2.5 2 1 8 2. 0 225 1 5 k / m 5 0 2.5 2 1 7 2. 5 200 1 8 k / m 5 0 2.5 2 1 5 2. 8 190 2 2 k / m 5 0 2.5 2 1 3 3. 2 180 2 7 k / m 5 0 2.5 2 1 2 3. 6 170 3 3 k / m 5 0 2.5 2 1 1 4. 0 160 3 9 k / m 5 0 2.5 2 1 0 4. 5 150 4 7 k / m 5 0 2.5 2 1 0 5. 0 140 5 6 k / m 5 0 2.5 2 9. 0 5. 5 135 6 8 k / m 5 0 2.5 2 9. 0 6. 0 130 8 2 k / m 5 0 2.5 2 8. 0 7. 0 120 10 0 k / m 4 0 0.79 6 8. 0 8. 0 110 12 0 k / m 4 0 0.79 6 6. 0 8. 0 110 15 0 k / m 4 0 0.79 6 5. 0 9. 0 105 18 0 k / m 4 0 0.79 6 5. 0 9. 5 102 22 0 k / m 4 0 0.79 6 4. 0 1 0 100 27 0 k / m 4 0 0.79 6 4. 0 1 2 92 33 0 k / m 4 0 0.79 6 3. 5 1 4 85 39 0 k / m 4 0 0.79 6 3. 0 1 8 80 47 0 k / m 4 0 0.79 6 3. 0 2 6 62 56 0 k / m 3 0 0.79 6 3. 0 3 0 50 68 0 k / m 3 0 0.79 6 3. 0 3 0 50 82 0 k / m 3 0 0.79 6 2. 5 3 5 30 100 0 k / m 2 0 0.25 2 2. 5 4 0 30 aism-1812-821 aism-1812-10 2 aism-1812-181 aism-1812-271 aism-1812-331 aism-1812-471 aism-1812-330 aism-1812-560 aism-1812-680 aism-1812-121 aism-1812-150 aism-1812-180 aism-1812-220 aism-1812-270 aism-1812-r22 aism-1812-4r7 aism-1812-100 aism-1812-120 aism-1812-r10 aism-1812-r12 aism-1812-r15 aism-1812-r18 aism-1812-391 aism-1812-221 aism-1812-561 aism-1812-681 aism-1812-151 aism-1812-820 aism-1812-101 aism-1812-r27 aism-1812-r33 aism-1812-1r8 aism-1812-390 aism-1812-470 aism-1812-r39 aism-1812-r47 aism-1812-r56 aism-1812-r68 aism-1812-r82 aism-1812-1r0 aism-1812-1r2 aism-1812-1r5 aism-1812-5r6 aism-1812-6r8 aism-1812-8r2 aism-1812-2r2 aism-1812-2r7 aism-1812-3r3 aism-1812-3r9
smd molded wound chip inductor ||||||||||||||| aism-1812 4.2 x 3.2 x 3.2mm pb rohs compliant abracon is iso 9001 / qs 9000 certified abracon is iso 9001 / qs 9000 certified 30332 esperanza, rancho santa margarita, california 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com revised: 02.08.08 visit www.abracon.com for terms & conditions of sale outline drawing: dimensions: mm tape & reel: tape and reel 500pcs/reel d imensions of ta p e d imensions of reel dimensions: mm dimensions: inches mm a (mm) b (mm) k (mm) p (mm) w (mm) pcs/reel 3.5 0.1 4.9 0.1 3.4 0.1 8.0 0.1 12.0 0.3 500 abracon p/n aism-1812 a b cw 1782 602 13.50.5 13.50.5 series aism-1812 c b a w


▲Up To Search▲   

 
Price & Availability of AISM-1812-R22M-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X