Part Number Hot Search : 
C4071BF FZT593 F45IT DTC123EE G225E S5000 HMC252 D74LVC16
Product Description
Full Text Search
 

To Download 860-6R01-001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dialight corporation 1501 route 34 south ? farmingdale, nj 07727 usa tel: (1) 732-919-3119 ? fax: (1) 732-751-5778 www.dialight.com led obstruction light features / benefits 860 series  the dialight 860 series is the faa type l810 red led obstruction light. designed for steady burning, this fixture is used to mark any obstacle that may present hazards to aircraft navigation. the us patent office has issued patent number 6,425,678 b1 for this series. application operating conditions  temperature: -67 o f to +131 o f (-55 o c to +55 o c) finish  cast aluminum  stainless steel hardware certified to: faa ac no: 150/5345-43f canadian aviation regulation car 621.19 (transport canada) compliant to: icao (annex 14 - fourth edition, july 2004 )  available as a single or dual unit  available in 12vdc, 24vdc, 48vdc, 120vac, and 220vac versions (50 or 60hz)  earth grounding provisions provided  unique optically designed lens to enhance led operation and provide 360 o visibility  state-of-the-art high-flux led technology  lasts years longer than an incandescent  weather/corrosion resistant lamp assembly and housing  self-contained wiring compartment eliminates additional boxes  threaded 1 and 3/4 bottom hub for mounting  can be operated steady or flashed (controller not supplied)  5 year warranty  resistant to shock and vibration  ip 65 / ip 66 / nema 4x rated mdtf860x001_n dialight europe ltd. exning road, newmarket, england, cb8 0ax tel: +44 (0) 1638 665541 ? fax: +44 (0) 1638 561735 www.dialight-obstruction-lights.com a subsidiary of dialight plc us patent# 6,425,678
dual units part number volts 860-1r01-002* 120 v ac 860-6r01-002** 120 v ac 860- 1r02-002 220 v ac 860-1r03-002* 12 vdc 860-3r03-002 (low wattage) 12 vdc 860-1r05-002* 24 vdc 860-6r05-002** 24 vdc 860-1r04-002* 48 vdc part number approx. shipping weight container dimensions weights & measurements ordering information single unit 7.14 lbs 16 x 9 x 8 dual unit 16.06 lbs 22 x 17 x 9 electrical specifications single units part number volts 860-1r01-001* 120 vac 860-6R01-001** 120 vac 860-1r02- 001 220 vac 860-1r03-001* 12 vdc 860-3r03-001 (low wattage) 12 vdc 860-1r05-001* 24 vdc 860-6r05-001** 24 vdc 860-1r04-001* 48 vdc replacement light assemblies part number volts 860-1r01 120 vac 860-6r01** 120 vac 860-1r02 220 vac 860-1r03 12 vdc 860-3r03 (low wattage) 12 vdc 860-1r05 24 vdc 860-6r05** 24 vdc 860-1r04 48 vdc operating voltage watts (w) pf va min typ max min typ max amps 120vac units .3 46.5 92 120 132 10 14.5 17.5 120ma 220vac units (60hz) .17 72 198 220 264 11 14.5 17.5 120ma 220vac units (50hz) - - 198 220 264 12 14 17 - 12vdc units (standard) - - 10 12 14 20 24.5 29 2.0 a 12vdc units (low wattage) - - 10 12 14 7.0 7.50 8.8 .62 a 24vdc units - - 21 24 27 17 22 29 920ma 48vdc units - - 43 48 53 11 13.5 16 275ma dialight corporation 1501 route 34 south ? farmingdale, nj 07727 usa tel: (1) 732-919-3119 ? fax: (1) 732-751-5778 www.dialight.com mdtf860x001_n dialight europe ltd. exning road, newmarket, england, cb8 0ax tel: +44 (0) 1638 665541 ? fax: +44 (0) 1638 561735 www.dialight-obstruction-lights.com a subsidiary of dialight plc photometric data mechanical dimensions lens assembly 283.1mm (11.14) ref wire housing 147mm (5.79) ref 247.7mm (9.75) ref 359.2mm (14.14) ref 394.6mm (15.54) ref l810 isotropic intensity chart * faa approved ** canadian spec


▲Up To Search▲   

 
Price & Availability of 860-6R01-001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X