Part Number Hot Search : 
ON1111 68710H VCS1625 Q4840 SDA803AS 1GT101DC P89C52BN 1N5236
Product Description
Full Text Search
 

To Download 50SMLJ60A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features mechanical data terminals: solderable per mil-std-750, method 2026 polarity: color band denotes positive end( cathode) except bi-directional types. standard packaging: 16mm tape per ( eia 481). weight: 0.007 ounce, 0.21 gram maximum ratings @ 25 o c unless otherwise specified peak pulse current on 10/1000us waveform(note2) i ppm see page 2,3 amps peak pulse power disspation on 10/1000us waveform(note2,3) p ppm minimum 5000 watts peak forward surge current (jedec method) (note 3,4) i fsm) 300.0 amps operation and storage temperature range t j , t stg -55 o c to +175 o c 2. non-repetitive current pulse and derated above ta=25 o c 3. mounted on 8.0mm 2 copper pads to each terminal. 4. 8.3ms, single half sine-wave or equivalent square wave, duty cycle=4 pulses per. minutes maximum. 5.0smlj11a thru 5.0smlj170ca transient voltage suppressor 11 to 170 volts 5000 watt mcc dimensions inches mm dim min max min max note a .079 .103 2.00 2.62 b .115 .121 2.92 3.07 c .002 .008 0.051 0.203 d .006 .012 0.152 0.305 e .030 .050 0.76 1.27 f ..305 .320 7.75 8.13 g .260 .280 6.60 7.11 h .220 .245 5.59 6.22 0.070? 0.190" 0.125? suggested solder pad layout g h e d f a b c do-214ab (smc j) ( lead frame) for surface mount application in order to optimize board space low profile package glass passivated junction excellent clamping capability repetition rate( duty cycle): 0.01% fast response time: typical less than 1ps from 0v to bv min typical i d less than 1ua above 10v high temperature soldering: 260 o c/10 seconds at terminals  
 omponents 20736 marilla street chatsworth       
     revision: f 2013/01/01 ul recognized file # e331408 tm micro commercial components www.mccsemi .com 1 of 5 ? lead free finish/rohs compliant (note1) ("p"suffix designates compliant. see ordering information) note: ? low inductance ? built in strain relief epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 1. high temperature solder exemptions applied,see eu directive annex 7. power dissipation on infinite heat sink at tl=75 o c p d 6.5 watts ? halogen free available upon request by adding suffix "-hf"
maximum clamping voltage reverse leakage @ipp @v rwm vc(v) i d (a) 5.0smlj 11a 11 12.2 13.5 10 18.2 275 800 5pen 5.0smlj 12a 12 13.3 14.7 10 19.9 252 800 5pep 5.0smlj 13a 13 14.4 15.9 10 21.5 233 500 5peq 5.0smlj 14a 14 15.6 17.2 10 23.2 216 200 5per 5.0smlj 15a 15 16.7 18.5 1 24.4 205 100 5pes 5.0smlj 16a 16 17.8 19.7 1 26 193 50 5pet 5.0smlj 17a 17 18.9 20.9 1 27.6 181 20 5peu 5.0smlj 18a 18 20 22.1 1 29.2 172 10 5pev 5.0smlj 20a 20 22.2 24.5 1 32.4 155 5 5pew 5.0smlj 22a 22 24.4 26.9 1 35.5 141 5 5pex 5.0smlj 24a 24 26.7 29.5 1 38.9 129 5 5pez 5.0smlj 26a 26 28.9 31.9 1 42.1 119 5 5pfe 5.0smlj 28a 28 31.1 34.4 1 45.4 110 5 5pfg 5.0smlj 30a 30 33.3 36.8 1 48.4 103 5 5pfk 5.0smlj 33a 33 36.7 40.6 1 53.3 93.9 5 5pfm 5.0smlj 36a 36 40 44.2 1 58.1 86.1 5 5pfp 5.0smlj 40a 40 44.4 49.1 1 64.5 77.6 5 5pfr 5.0smlj 43a 43 47.8 52.8 1 69.4 72.1 5 5pft 5.0smlj 45a 45 50 55.3 1 72.7 68.8 5 5pfv 5.0smlj 48a 48 53.3 58.9 1 77.4 64.7 5 5pfx 5.0smlj 51a 51 56.7 62.7 1 82.4 60.7 5 5pfz 5.0smlj 54a 54 60 66.3 1 87.1 57.5 5 5rge 5.0smlj 58a 58 64.4 71.2 1 93.6 53.5 5 5pgg 5.0smlj 60a 60 66.7 73.7 1 96.8 51.7 5 5pgk 5.0smlj 64a 64 71.1 78.6 1 103 48.6 5 5pgm 5.0smlj 70a 70 77.8 86 1 113 44.3 5 5pgp 5.0smlj 75a 75 83.3 92.1 1 121 41.4 5 5pgr 5.0smlj 78a 78 86.7 95.8 1 126 39.7 5 5pgt 5.0smlj 85a 85 94.4 104 1 137 36.5 5 5pgv 5.0smlj 90a 90 100 111 1 146 34.3 5 5pgx 5.0smlj 100a 100 111 123 1 162 30.9 5 5pgz 5.0smlj 110a 110 122 135 1 177 28.3 5 5phe 5.0smlj 120a 120 133 147 1 193 26 5 5phg 5.0smlj 130a 130 144 159 1 209 24 5 5phk 5.0smlj 150a 150 167 185 1 243 20.6 5 5phm 5.0smlj 160a 160 178 197 1 259 19.3 5 5php 5.0smlj 170a 170 189 209 1 275 18.2 5 5phr device marking code part number peak pulse current ipp (a) test current i t (ma) breakdown voltage v br (v) max.@it breakdown voltage v br (v) min.@it reverse stand- off voltage v rwm (v) mcc tm micro commercial components 5.0smlj11a~ 5.0smlj170a www. mccsemi .com 2 of 5 revision: f 2013/01/01
maximum clamping voltage reverse leakage @ipp @v rwm vc(v) i d (a) 5.0smlj 11ca 11 12.2 13.5 10 18.2 275 800 5ben 5.0smlj 12ca 12 13.3 14.7 10 19.9 252 800 5bep 5.0smlj 13ca 13 14.4 15.9 10 21.5 233 500 5beq 5.0smlj 14ca 14 15.6 17.2 10 23.2 216 200 5ber 5.0smlj 15ca 15 16.7 18.5 1 24.4 205 100 5bes 5.0smlj 16ca 16 17.8 19.7 1 26 193 50 5bet 5.0smlj 17ca 17 18.9 20.9 1 27.6 181 20 5beu 5.0smlj 18ca 18 20 22.1 1 29.2 172 10 5bev 5.0smlj 20ca 20 22.2 24.5 1 32.4 155 5 5bew 5.0smlj 22ca 22 24.4 26.9 1 35.5 141 5 5bex 5.0smlj 24ca 24 26.7 29.5 1 38.9 129 5 5bez 5.0smlj 26ca 26 28.9 31.9 1 42.1 119 5 5bfe 5.0smlj 28ca 28 31.1 34.4 1 45.4 110 5 5bfg 5.0smlj 30ca 30 33.3 36.8 1 48.4 103 5 5bfk 5.0smlj 33ca 33 36.7 40.6 1 53.3 93.9 5 5bfm 5.0smlj 36ca 36 40 44.2 1 58.1 86.1 5 5bfp 5.0smlj 40ca 40 44.4 49.1 1 64.5 77.6 5 5bfr 5.0smlj 43ca 43 47.8 52.8 1 69.4 72.1 5 5bft 5.0smlj 45ca 45 50 55.3 1 72.7 68.8 5 5bfv part number reverse stand- off voltage v rwm (v) breakdown voltage v br (v) min.@it breakdown voltage v br (v) max.@it test current i t (ma) peak pulse current ipp (a) device marking code mc c tm micro commercial components 5.0smlj11ca~ 5.0smlj170ca www.mccsemi .com 3 of 5 revision: f 2013/01/01 for bidirectional type having vrwm of 20 volts and less,the ir limit is double. 5.0smlj 48ca 48 53.3 58.9 1 77.4 64.7 5 5bfx 5.0smlj 51ca 51 56.7 62.7 1 82.4 60.7 5 5bfz 5.0smlj 54ca 54 60 66.3 1 87.1 57.5 5 5bge 5.0smlj 58ca 58 64.4 71.2 1 93.6 53.5 5 5bgg 5.0smlj 60ca 60 66.7 73.7 1 96.8 51.7 5 5bgk 5.0smlj 64ca 64 71.1 78.6 1 103 48.6 5 5bgm 5.0smlj 70ca 70 77.8 86 1 113 44.3 5 5bgp 5.0smlj 75ca 75 83.3 92.1 1 121 41.4 5 5bgr 5.0smlj 78ca 78 86.7 95.8 1 126 39.7 5 5bgt 5.0smlj 85ca 85 94.4 104 1 137 36.5 5 5bgv 5.0smlj 90ca 90 100 111 1 146 34.3 5 5bgx 5.0smlj 100ca 100 111 123 1 162 30.9 5 5bgz 5.0smlj 110ca 110 122 135 1 177 28.3 5 5bhe 5.0smlj 120ca 120 133 147 1 193 26 5 5bhg 5.0smlj 130ca 130 144 159 1 209 24 5 5bhk 5.0smlj 150ca 150 167 185 1 243 20.6 5 5bhm 5.0smlj 160ca 160 178 197 1 259 19.3 5 5bhp 5.0smlj 170ca 170 189 209 1 275 18.2 5 5bhr
0. 1 1 10 100 1000 0.000001 0.00001 0.0001 0.001 t d -p ul se wi dth (s ec .) p ppm -peak pulse power (kw) 0.0000001 0.31x0.31" (8 .0 x8 .0 mm) co p per pa d ar ea ratings and characteristic curves (t a =25c unless otherwise noted) i ppm - peak pulse current, % i rsm 0 0 50 10 0 15 0 1. 0 2.0 3.0 4.0 t r =10sec peak value i ppm i ppm 2 t j =25c pulse width(td) is de?ned as the point where the peak current decays to 50% of i ppm 10/1 00 0sec. waveform as de?ned by r.e.a t d t-time (ms) half value i ppm ( ) 0 20 40 60 80 100 02 55 07 5 100 125 150 17 5 pe ak pu ls e po wer (p pp ) or current (i pp ) derating in percentage % t j -i nitial te mp erat ur e (oc) 1 10 100 1000 10000 10000 0 1. 0 10. 01 00.0 1 000.0 cj (p f) v br - reverse breakdown vo ltage (v) bi -d ir ec ti o nal @ vr uni- di re ct io nal v = ov bi -d ir ec ti o nal v = ov uni- di re ct io nal @ vr 0 0. 5 1 1. 5 2 2. 5 3 3. 5 4 4. 5 5 5. 5 6 6. 5 02 5507 5 100 125 150 175 p m(av) , steady state power dissipation (w) t a -ambient te mperature (oc) figure 1 - peak pulse power rating curve figure 2 - peak pulse power or current derating curve vs initial junction temperature figure 3 - pulse waveform figure 4 - typical junction capacitance figure 5 - steady state power derating curve 11 0 100 nu mb er of c ycl es at 60 hz 0 50 100 150 200 250 300 350 i fsm - peak forward surge current (a) figure 6 - maximum non-repetitive peak forward surge current uni-directional only mc c tm micro commercial components 5.0smj11ca 5.0smj10ca revision: f 2013/01/01 www.mccsemi .com 4 of 5
mcc revision: f 2013/01/01 tm micro commercial components www. mccsemi .com 5 of 5 1 device packing part number-tp tape&reel: 3kpcs/reel ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. note : adding "-hf" suffix for halogen free, eg. part number-tp-hf


▲Up To Search▲   

 
Price & Availability of 50SMLJ60A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X