Part Number Hot Search : 
PG781 EF4013B CLS0402 2A122K 4HC451 4HC451 GP10M 4HC451
Product Description
Full Text Search
 

To Download 0609-N3020B001500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   phase-out cord sets 3027 www.schurter.com/pg07_ 2 connectors power cord with iec connector c13, straight c13 70 c description power supply cord / interconnection cord, protection class i, pin tem - perature 70 c, cable approvals - ul file number: e45116 - csa file number: 27325 references weblinks pd f , general product informatio n , approval s , roh s , china-roh s , mating connector s , e-stor e , schurter-stock-chec k , distributor- stock-chec k , accessorie s technical data ratings iec 10 a / 250 vac; 50 hz ratings ul/csa 10 a / 250 vac; 60 hz dielectric strength > 3 kvdc between l-n > 1.5 kvac between l/n-pe (1 min/50 hz) allowable operation temp. -25 c to 70 c degree of protection from front side ip 20 acc. to iec 60529 protection class suitable for appliances with protection class 1 acc. to iec 61140 terminal moulded material: housing pvc, black or grey connector c13 acc. to iec/en 60320-2-2 ul 498, csa c22.2 no. 42 (for cold conditions) pin-temperature 70 c, 10 a, protection class 1 dimensions 51.7 mm 16.6 72 51.7 11 40 25 ? 4
2 phase-out cord sets 3027 www.schurter.com/pg07_ 2 connectors config. code type | - | r | - | 3027 | - | d | - | length | the characters are placeholders for the correspondingly keys of selections from the key tables. typ is placed for the connector type on the second end, length is the cord length in mm. type | - | r | - | 3027 | - | d | - | length | = cord end 2 cord end 2 zzzz, p18 6 , 060 7 , 060 8 , 060 9 , 114 0 , 234 3 , 422 u , 432 1 , 437 0 , 439 0 type | - | r | - | 3027 | - | d | - | length | = cord type cord type configuration key h03vv-f 3g0,75mm2 c h05vv-f 3g0,75mm2 g h05vv-f 3g1,0mm2 i svt 3x18awg n sjt 3x18awg p cord definition is detailed in general product information xxx type | - | r | - | 3027 | - | d | - | length | = color color configuration key jet black; ral9005 a silver grey; ral7001 b type | - | r | - | 3027 | - | d | - | length | = cord length cord length zzzz, 000500, 001000, 001500, 002000, 002500, 003000, 005000 cord length in mm mating inlets/plug s category / description appliance inletoverview complet e iec appliance inlet c14, snap-in mounting, front side, solder or quick-connect terminal 071 1 iec appliance inlet c14, screw-on mounting, rear side, pcb terminal 100 1 iec appliance inlet c18, screw-on mounting, rear side, pcb terminal 100 5 iec appliance inlet c14, snap-in mounting, solder, quick-connect, screw or pcb terminal 601 0 iec appliance inlet c18, snap-in mounting, solder, quick-connect, screw- or pcb terminal 601 5 appliance inletfurther types to302 7 ... distribution unitoverview complet e distribution unit for snap-in mounting with 1 iec appliance inlet c14 and 1 appliance outlet f 071 2 distribution unit with 1 iec appliance inlet c14 or power cord, 4 iec appliance outlets f and extra components 474 0 distribution unit with 1 iec appliance inlet c14 and 2 appliance outlets f, shuttered 474 1 distribution unit with 1 iec appliance inlet c14 and 4 appliance outlets f 474 7 distribution unitfurther types to302 7 interconnection cordoverview complet e interconnection cord with iec plug e, angled 060 7 interconnection cord with iec plug e, angled 060 8 interconnection cord with iec plug e, straight 060 9 interconnection cord with iec plug g, angled 607 b interconnection cord with iec plug g, angled 608 b interconnection cordfurther types to302 7 ...
3 phase-out cord sets 3027 www.schurter.com/pg07_ 2 connectors category / description plugoverview complet e iec plug e, cord connector (rewireable), straight, max. cable diameter 8.5 mm 473 2 iec plug e, cord connector (rewireable), angled, max. cable diameter 10 mm 473 3 iec plug e, cord connector (rewireable), straight, max. cable diameter 10 mm 473 5 iec plug e, cord connector (rewireable), angled, max. cable diameter 10 mm 473 6 iec plug e, cord connector (rewireable), straight 900 9 plugfurther types to302 7 ... power entry moduleoverview complet e iec appliance inlet c14 or c18 with fuseholder 1- or 2-pole 106 2 iec appliance inlet c14 or c18 with fuseholder 1- or 2-pole 106 4 iec appliance inlet c18 with fuseholder 1-pole 106 5 iec appliance inlet c18 with fuseholder 1- or 2-pole 106 6 iec appliance inlet c14 with fuseholder 1- or 2-pole 109 2 power entry modulefurther types to302 7 ... power entry module with line filteroverview complet e iec appliance inlet c14 with filter 511 0 iec appliance inlet c14 with filter, circuit breaker ta45 514 5 iec appliance inlet c14 with filter, fuseholder 1-pole 520 0 iec appliance inlet c14 with filter, fuseholder 1- or 2-pole 522 0 iec appliance inlet c14 with filter, fuseholder 2-pole 8843- 8 power entry module with line filterfurther types to302 7 ... the specifications, descriptions and illustrations indicated in this document are based on current information. all content is subject to modifications and amendments.


▲Up To Search▲   

 
Price & Availability of 0609-N3020B001500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X