Part Number Hot Search : 
5KP15 36532A8 BUK72 1203SH3 75NS04Z B3164 MAX9742 AOT5N60
Product Description
Full Text Search
 

To Download ZB8PD-2000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  internet http://www.minicircuits.com p.o. box 350166, brooklyn, new york 11235-0003 (718) 934-4500 fax (718) 332-4661 distribution centers north america 800-654-7949 ? 417-335-5935 ? fax 417-335-5945 ? europe 44-1252-832600 ? fax 44-1252-837010 mini-circuits ? mini-circuits iso 9001 & iso 14001 certified 138 060731 psc-8a psc-8 l = low range [f l to 10 f l ] m = mid range [10 f l to f u /2] u = upper range [f u /2 to f u ] new  jcps-8-10 5-1000 34 20 22 16 20 15 0.5 1.5 1.2 2.2 1.8 3.0 5 10 15 1.0 0.7 1.3 bg291 hn 39.95  jcps-8-10-75 5-1000 34 20 25 15 20 13 0.8 1.5 1.0 2.5 1.8 3.0 3 8 10 0.4 0.5 1.3 bg291 hn 71.95  jcps-8-850-75 10-850 34 20 25 15 20 15 0.7 1.5 1.0 2.0 1.8 3.0 ? ? ? 0.6 0.7 1.0 bg291 hn 69.95  jcps-8-850 10-850 34 20 25 17 20 15 0.8 1.5 1.0 2.5 1.8 3.0 5 10 15 0.6 0.7 1.0 bg291 hn 69.95 psc-8-1 0.5-175 30 25 30 20 25 18 0.8 1.2 0.8 1.2 1.0 1.6 1.0 2.5 5.0 0.2 0.3 0.5 c07 bp 79.45 psc-8-1w 10-600 25 20 23 16 20 16 1.0 1.8 1.2 2.2 1.7 2.8 2.0 4.0 10.0 0.3 0.6 0.9 c07 bp 114.45  psc-8-1-75 0.5-175 25 20 30 20 25 20 0.5 1.1 0.6 1.1 0.7 1.3 2.0 2.5 5.0 0.2 0.2 0.3 c07 bp 83.45  psc-8-6 0.01-10 40 20 40 25 28 23 0.3 1.0 0.5 1.0 0.6 1.1 4.0 2.5 4.0 0.4 0.2 0.3 c07 bp 98.45 psc-8a-4 5-500 25 20 23 18 20 15 0.7 1.2 1.0 1.8 1.4 2.5 3.0 8.0 16.0 0.2 0.3 0.5 e10 bq 108.45  psc-8a4-75 1-300 26 20 30 25 30 23 0.8 1.2 0.7 1.1 0.9 1.3 1.0 3.0 8.0 0.2 0.2 0.4 e10 br 98.45 jcps-8 surface mount isolation db insertion loss, db above 9db phase unbalance degrees f l -f u m      max. l max. u max. amplitude unbalance db u max. m      max. l max. freq. range mhz model no. m      typ. min. l typ. min. u typ. min. l typ. max. m      typ. max. u typ. max. c o n n e c t i o n case style qty. (1-9) price $ ea. note b notes:  aqueous washable  non-hermetic * vswr, input 1.06:1 typical, 1.2:1 max; output 1.17:1 typical, 1.35:1 max ** vswr, input 1.22:1 typical, 1.5:1 max; output 1.11:1 typical, 1.30:1 max *** vswr, input 1.25:1 typical, 1.8:1 max; output 1.10:1 typical 1.40:1 max  below 0.1 mhz power handling decrease as to typically 15 dbm at 0.01 mhz, 23 dbm at 0.025 mhz, and 29 dbm at 0.05 mhz.  denotes 75 ohm model, for coax connector models 75 ohm bnc connec- tors are standard.  when specification for only m range given, specification applies to entire frequency range. available only with sma connectors. a. general quality control procedures, environmental specifications, hi-rel and mil description are given in general information (section 0). b. connector types and case mounted options, case finishes are given in section 0, see ?case styles & outline drawings?. c. prices and specifications subject to change without notice. 1. absolute maximum power, voltage and current ratings: 1a. matched power rating, models zb8pd, zc8pd .................................. 10 watt model jcps-8-10 ........................................... 0.5 watt all other models, ........................................... 1 watt 1b. internal load dissipation, model zc8pd1 ............................................. 2 watt models jcps-8-850/75, jcps-8-10 ............... 0.875 watt zb8pd, zc8pd ................................................ 0.875 watt all other models, ........................................... 0.62 watt p ower s plitters /c ombiners 8 w ay -0 10 khz to 1000 mhz 50&75 see suggested pcb layouts: pl-037 for jcps models (50 ) pl-074 for jcps models (75 )
the design engineers search engine provides actual data instantly at: http://www.minicircuits.com in stock... immediate delivery for custom versions of standard models consult our applications dept. mini-circuits m i n i - c i r c u i t s ? 040205 139 nsn guide mcl no. nsn psc-8-1 6625-01-365-5615 zb8pd-1(n) 5985-01-482-9739 zb8pd-2 (sma) 5895-01-499-6724 zb8pd-4(sma) 5985-01-372-8880 zcsc-8-1 5895-01-495-8803 zfsc-8-1 5895-01-495-8803 zfsc-8- 1(bnc) 5820-01-136-7244 zfsc-8-1(sma) 6625-01-223-1235 zfsc-8-1-75 5895-01-326-8664 zfsc-8-43(sma) 6625-01-495-8801 zfsc-8375 5895-01-229-0156 zc8pd-900* 800-900 30 20 0.4 0.7 5.0 0.4 ab186 ? 158.95 new zc8pd1-10 300-1000 27 17 0.6 1.4 8.0 0.7 de749 ? 169.95 zcsc-8-1 2-250 37 27 30 20 24 18 0.65 1.2 0.8 1.2 1.0 1.6 2.0 4.0 8.0 0.2 0.3 0.5 uu215 ? 119.95 zfsc-8-1 0.5-175 30 25 30 20 25 18 0.8 1.2 0.8 1.2 1.0 1.6 1.0 2.5 5.0 0.2 0.2 0.3 r29 ? 99.95  zfsc-8-1-75 0.5-175 25 20 30 20 25 20 0.5 1.0 0.6 1.1 0.7 1.3 1.0 2.5 5.0 0.2 0.3 0.5 r29 ? 102.95  zfsc-8-4-75 5-1000 35 20 25 16 20 15 0.4 1.0 0.6 1.6 1.6 2.7 2.0 7.0 13.0 0.3 0.5 1.2 r29 ? 139.95  zfsc-84-75 1-300 26 20 30 25 30 23 0.8 1.5 0.7 1.1 0.9 1.5 4.0 3.0 8.0 0.2 0.2 0.4 r29 ? 119.95  zfsc-8375 50-90 30 25 30 25 25 25 1.0 1.0 1.0 1.3 1.3 1.3 2.0 2.0 2.0 0.2 0.2 0.2 r29 ? 119.95 zfsc-8-4 5-700 35 20 25 17 20 17 0.8 1.2 1.2 1.8 1.8 2.5 2.0 5.0 15.0 0.2 0.4 0.7 r29 ? 128.95 zfsc-8-43 10-1000 23 20 25 20 26 20 1.0 1.6 1.4 2.1 2.1 2.9 5.0 10.0 20.0 0.4 0.4 0.7 r29 ? 138.95 zb8pd-1** 800-960 30 20 0.4 0.9 8.0 0.4 z41 ? 138.95 zb8pd-2 1000-2000 24 17 0.8 1.3 18.0 0.8 z41 ? 138.95 zb8pd-4 2000-4200 23 16 0.8 1.8 10.0 1.2 z41 ? 138.95 zb8pd-6.4 5600-6800 26 18 0.8 1.7 15.0 0.7 z41 ? 138.95 zb8pd-8.4 7200-8400 25 20 0.9 1.6 15.0 0.8 z41 ? 149.95 ZB8PD-2000*** 800-2000 26 18 0.8 1.7 ? 0.7 z41 ? 149.95  zb8pd-22-75 950-2200 24 16 0.7 1.6 ? 0.7 z41 ? 189.95 zcsc-8 zb8pd l = low range [f l to 10 f l ] m = mid range [10 f l to f u /2] u = upper range [f u /2 to f u ] zc8pd zfsc-8 isolation db insertion loss, db above 9db phase unbalance degrees f l -f u m      max. l max. u max. amplitude unbalance db u max. m      max. l max. freq. range mhz model no. m      typ. min. l typ. min. u typ. min. l typ. max. m      typ. max. u typ. max. c o n n e c t i o n case style qty. (1-9) price $ ea. note b surface mount ? , plug-in & coaxial 500 khz to 8.4 ghz zc8pd1 pin connections see case style outline drawings for pin locations port bp bq br hn sum port 2 29 29 1 port 1 1773 port 2 5 16 16 4 port 3 9 31 31 5 port 4 13 24 24 6 port 5 16 9 9 9 port 6 12 2 2 10 port 7 8 26 26 11 port 8 4 17 17 12 gnd ext. 3,6,7,14,15 ? ? 2,7,8,13,14 case gnd 3,6,7,14,15 all other pins all other pins 2,7,8,13,14 not used 10,11 4,5,15 15 ? demo board ? ? ? tb-134 (50 ) tb-136 (75 )


▲Up To Search▲   

 
Price & Availability of ZB8PD-2000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X