Part Number Hot Search : 
R71H47 4729A IRF513 0015474 BD720 RBU801M TN2905A 300205A
Product Description
Full Text Search
 

To Download XO1B147456MHZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  
   tel: +44 1460 256 100 fax: +44 1460 256 101 e-mail: sales@golledge.com web: www.golledge.com 19 mar 2002  
     
                !"#$% ! &' '(' )'((!* 
   military temperature range option  frequencies down to 2.0khz  excellent shock resistance  enable / disable tristate option product + option codes + frequency eg: xo1/a 10.0mhz 50ppm 0+70c xo1t/ce 20.0mhz 50ppm -55+125c with enable / disable option code x (eg xo1/x) denotes a custom specification.    
  scale 1:1 
  xo1: standard stability option xo1t: tight stability option option codes xo1 xo1t product parameters  standard.  optional - please specify required code(s) when ordering input (pin 1) output (pin 8)    
  open ?1? level ?0? level enabled enabled high impedance frequencies in mhz 
  ! 10.0000 10.1500 10.2300 10.2400 11.0592 12.0000 12.2880 12.8000 13.0000 14.7456 16.0000 16.3840 18.4320 19.2000 19.6608 20.0000 binary divisions of these frequencies also available. other frequencies may be available on request. please consult our sales office. * frequency stability is inclusive of calibration @ 25c, operating temperature range, supply voltage change, load change and ageing over 10 years. frequency range: 2.0khz ~ 20.0mhz  frequency stability* (max): 50ppm over 0 to +70c  a 80ppm over -40 to +85c  b 100ppm over -55 to +125c  c 20ppm over 0 to +70c  a 30ppm over -40 to +85c  b 50ppm over -55 to +125c  c operable temperature range: -55 to +125c  storage temperature range: -65 to +125c  supply voltage (v dd ): +5.0v (10%)  supply current (max): 15ma  driving ability: cmos / 10 lsttl  logic levels: ?0? level = 0.4v max  ?1? level = 90% v dd min start up time: 5ms max  waveform symmetry: 40:60 max @ 50%v dd  rise / fall times: 7ns max  enable / disable function: none (pin 1 nc)  tristate (control via pin 1)  e shock resistance: 5,000g, 0.3ms, ? sine  vibration resistance: 10g / 10 ~ 2,000hz 


▲Up To Search▲   

 
Price & Availability of XO1B147456MHZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X