Part Number Hot Search : 
D1003 ADP3190 1045CT EGP30B BCX70H 1N4937 8NBFJ D1803
Product Description
Full Text Search
 

To Download TB100-10L1QC3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  25 poles a b poles a b poles a b 02 1.40 1.12 14 5.90 5.62 26 10.40 10.12 03 1.78 1.50 15 6.28 6.00 27 10.78 10.50 04 2.16 1.88 16 6.66 6.38 28 1 1.16 10.88 05 2.53 2.25 17 7.03 6.75 29 1 1.53 1 1.25 06 2.90 2.62 18 7.40 7.12 30 1 1.90 1 1.62 07 3.28 3.00 19 7.78 7.50 31 12.28 12.00 08 3.66 3.38 20 8.16 7.88 32 12.66 12.38 09 4.03 3.75 21 8.53 8.25 33 13.03 12.75 10 4.40 4.12 22 8.90 8.62 34 13.40 13.12 1 1 4.78 4.50 23 9.28 9.00 35 13.78 13.50 12 5.16 4.88 24 9.66 9.38 36 14.16 13.88 13 5.53 5.25 25 10.03 9.75 series tb100 double row t erminal blocks specifica tions rating: ul: 20a, 250v* csa: 20a, 150v* center spacing: .375 ? or 3/8 ? (9.52 mm) w ire size: #14 - 22 a wg cu screw size: #6-32 philslot screws t orque rating: 9 in-lb. max. distance between barriers: .30 ? (7.62 mm) mounting: #6 screws materials: molded base: black, ul rated 94vo thermoplastic t erminal plating: t in over brass; screws: zinc plated steel operating t emperature: 130 c (260 f) max., -40 c (-40 f) min. breakdown v oltage: 3600v rms approvals: ul e62622; csa lr15364; iec compliance; ce certified * max. rating shown; some options may be rated lower - consult factory . .14 (3.5) .375 (9.5) .30 (7.6) .17 dia. (4.3) .14 (3.5) .88 (22.3) .41 (10.4) .31 (7.9) a b .25 (6.3) * dimensions in inches. t o convert to millimeters, multiply by 25.4. part numbering system series poles screw options marking hardware options n n n n n n n n n n - n n n n n n n n n n n n n n n n n n n n 02 to 36 blank - std. screws l1 to l6 - std. marking qc1 to qc20 - quick connects 00 - screws shipped bulk marker strips (pg 33) b - brass philslot, nickel plated covers (pg 32) bs - brass sems philslot, nickel plated sp - steel sems philslot, zinc plated st - stainless steel, philslot t b 1 0 0 inches (mm) tb100 tb100-08 tb100-045p cooper bussmann l 7300 w . wilson ave l chicago, il 60656-4708 l f ax: 708-867-2211 l phone: 708-867-4600 w ebsite: http://www .busscc.com index
26 screw options hardware options b brass philslot nickel plated bs brass sems philslot nickel plated sp steel sems philslot zinc plated st stainless steel philslot qc8 qc9 qc1 1 qc10 qc12 qc13 qc7 qc20 qc108 qc 45 ? qc 90 qc105 flat ? qc 45 qc109 qc 90 ? qc 90 j101 flat slip-on oj4 closed over barrier oj2 slip-on over barrier quick connects ? assembled t erminals .187 ? x .020 ? . max. current rating 13 amps. for other orientations, contact factory . quick connects ? bulk min. order per part no. ? 100 pieces. jumpers ? bulk min. order per part no. ? 100 pieces. contact factory for jumper assembly . qc1 qc2 qc4 qc3 qc5 qc6 qc17 qc18 qc19 qc14 qc15 qc16 qc102 qc 45 ? none qc101 flat ? none qc103 qc 90 ? none qc104 flat ? flat qc107 qc 45 ? qc 45 qc106 flat ? qc 90 cooper bussmann l 7300 w . wilson ave l chicago, il 60656-4708 l f ax: 708-867-2211 l phone: 708-867-4600 w ebsite: http://www .busscc.com index


▲Up To Search▲   

 
Price & Availability of TB100-10L1QC3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X