Part Number Hot Search : 
SLA4391 EM91865A 01900 2SA1902R 91930 BZX55C1 10150 SMB15
Product Description
Full Text Search
 

To Download STV160NF02LAT4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/8 december 2000 stv160nf02la n-channel 20v - 0.0018 w - 160a powerso-10 stripfet? power mosfet (1) v dd = 35v, i d = 45a, r g = 22 w , l = 330 m h, starting t j =25 c (**)limited only maximum junction temperature allowed by powerso-10 n typical r ds (on) = 0.0018 w n low threshold drive n ultra low on-resistance n ultra fast switching n 100% avalanche tested n very low gate charge n low profile, very low parasitic inductance powerso-10 package description the stv160nf02la represents the second gen- eration of application specific stmicroelectronics well established stripfet? process based on a very unique strip layout design. the resulting mosfet shows unrivalled high packing density with ultra low on-resistance and superior switching charactestics. process simplification also trans- lates into improved manufacturing reproducibility. this device is particularly suitable for high current, low voltage switching application where efficiency is crucial applications n buck converters in high performance telecom and vrms dc- dc converters absolute maximum ratings ( l ) pulse width limited by safe operating area note: marking will be stv160nf02al type v dss r ds(on) i d stv160nf02la 20 v < 0.0027 w 160 a symbol parameter value unit v ds drain-source voltage (v gs = 0) 20 v v dgr drain-gate voltage (r gs = 20 k w ) 20 v v gs gate- source voltage 15 v i d (**) drain current (continuos) at t c = 25c 160 a i d drain current (continuos) at t c = 100c 11 3 a i dm ( l ) drain current (pulsed) 640 a p tot total dissipation at t c = 25c 210 w derating factor 1.4 w/c e as (1) single pulse avalanche energy 330 mj t stg storage temperature C65 to 175 c t j max. operating junction temperature 175 c powerso-10 1 10 internal schematic diagram connection diagram (top view)
stv160nf02la 2/8 thermal data electrical characteristics (tcase = 25 c unless otherwise specified) off on (1) dynamic rthj-case thermal resistance junction-case max 0.71 c/w rthj-amb thermal resistance junction-ambient max 50 c/w t l maximum lead temperature for soldering purpose 300 c symbol parameter test conditions min. typ. max. unit v (br)dss drain-source breakdown voltage i d = 250 a, v gs = 0 20 v i dss zero gate voltage drain current (v gs = 0) v ds = max rating 1a v ds = max rating, t c = 125 c 10 a i gss gate-body leakage current (v ds = 0) v gs = 15 v 100 na symbol parameter test conditions min. typ. max. unit v gs(th) gate threshold voltage v ds = v gs , i d = 250a 1v r ds(on) static drain-source on resistance v gs = 10 v, i d = 80 a v gs = 10 v, i d = 45 a v gs = 8 v, i d = 80 a v gs = 5 v, i d = 40 a v gs = 10 v, i d =80 a;t j = 175 c v gs = 8 v, i d =80 a; t j = 175 c v gs = 5 v, i d =40 a; t j = 125 c 1.8 1.76 1.9 3.8 2.7 2.7 3.7 6.4 6 8 14 m w m w m w m w m w m w m w i d(on) on state drain current v ds > i d(on) x r ds(on)max, v gs =10v 160 a symbol parameter test conditions min. typ. max. unit g fs (1) forward transconductance v ds > i d(on) x r ds(on)max, i d = 80a 210 s r g gate resistance v ds = 0 v, f = 1 mhz, v gs = 0 1.1 w c iss c oss c rss input capacitance output capacitance reverse transfer capacitance v ds = 15 v, f = 1 mhz, v gs = 0 5500 3210 750 pf pf pf c iss c oss c rss input capacitance output capacitance reverse transfer capacitance v ds = 0 v, f = 1 mhz, v gs = 0 8400 14500 5800 pf pf pf l s internal source inductance from the lead end (6mm from package body) to the die center 3nh l d internal drain inductance not available on surface mounting package
3/8 stv160nf02la electrical characteristics (continued) switching on switching off source drain diode note: 1. pulsed: pulse duration = 300 s, duty cycle 1.5 %. 2. pulse width limited by safe operating area. symbol parameter test conditions min. typ. max. unit t d(on) turn-on delay time v dd = 15 v, i d = 80 a r g = 4.7 w v gs = 10v (see test circuit, figure 3) 30 ns t r rise time 650 ns q g q gs q gd total gate charge gate-source charge gate-drain charge v dd = 16 v, i d = 160 a, v gs = 10 v 130 20 54 175 nc nc nc symbol parameter test conditions min. typ. max. unit t d(off) t f turn-off-delay time fall time v dd = 15 v, i d = 80 a, r g =4.7 w, v gs = 10 v (see test circuit, figure 5) 105 200 ns ns t d(off) t r(voff) t f t c turn-off delay time off-voltage rise time fall time cross-over time vclamp = 16 v, i d = 40 a r g =4.7 w, v gs = 10v 90 45 125 180 ns ns ns ns symbol parameter test conditions min. typ. max. unit i sd source-drain current 160 a i sdm (1) source-drain current (pulsed) 640 a v sd (2) forward on voltage i sd = 160 a, v gs = 0 1.5 v t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd = 160a, di/dt = 100a/s, v dd = 15v, t j = 25c (see test circuit, figure 5) 90 225 5 ns nc a safe operating area thermal impedance
stv160nf02la 4/8 tranconductance output characteristics gate charge vs gate-source voltage capacitance variations tranfer characteristics static drain-source on resistance
5/8 stv160nf02la normalized on resistance vs temperature source-drain diode forward characteristics basic schematic for motherboard vrm whith synchronous rectification basic schematic mosfets switch used in secondary side of a froward convert normalized gate thereshold voltage vs temp.
stv160nf02la 6/8 fig. 5: test circuit for inductive load switching and diode recovery times fig. 4: gate charge test circuit fig. 2: unclamped inductive waveform fig. 1: unclamped inductive load test circuit fig. 3: switching times test circuit for resistive load
7/8 stv160nf02la dim. mm inch min. typ. max. min. typ. max. a 3.35 3.65 0.132 0.144 a1 0.00 0.10 0.000 0.004 b 0.40 0.60 0.016 0.024 c 0.35 0.55 0.013 0.022 d 9.40 9.60 0.370 0.378 d1 7.40 7.60 0.291 0.300 e 1.27 0.050 e 9.30 9.50 0.366 0.374 e1 7.20 7.40 0.283 0.291 e2 7.20 7.60 0.283 0.300 e3 6.10 6.35 0.240 0.250 e4 5.90 6.10 0.232 0.240 f 1.25 1.35 0.049 0.053 h 0.50 0.002 h 13.80 14.40 0.543 0.567 l 1.20 1.80 0.047 0.071 q 1.70 0.067 a 0 o 8 o detail "a" plane seating a l a1 f a1 h a d d1 = = = = = = e4 0.10 a e1 e3 c q a = = b b detail "a" seating plane = = = = e2 6 10 5 1 e b he m 0.25 = = = = 0068039-c powerso-10 mechanical data
stv160nf02la 8/8 information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsib ility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectroni cs. specifi cation mentio ned in this publication are subject to change without notice. this publication supersedes and replaces all in formation previou sly supplied. stmicroel ectron ics products are not authorized for use as critical components in life support devices or systems without express written approval of stmicroelectron ics. the st logo is a trademark of stmicroelectronics ? 2000 stmicroelectronics C pr inted in italy C all rights reserved stmicroelectronics group of companies australia - brazil - china - finland - france - germany - hong kong - india - italy - japan - malay sia - malta - morocco - singapore - spain - sweden - switzerland - united kingdom - u.s.a. http://www.st.com
about st products applications support buy news & events st worldwide contact us login search the site part number search search for part #: STV160NF02LAT4 example: *74*00* matching documents: 1 - 1 of 1 generic part number(s) orderable part number(s) status product page/ datasheet description stv160nf02la STV160NF02LAT4 active n-channel 20v 0.0018 ohm 160a powerso-10 stripfet power mosfet transistors | power mosfets | n - channel (12v to 40v) search time: 0.074s all rights reserved ? 2007 stmicroelectronics :: terms of use :: privacy policy pa g e 1 of 1 stmicroelectronics | part number search 23-au g -2007 mhtml:file://c:\temp\s gst\STV160NF02LAT4.mht


▲Up To Search▲   

 
Price & Availability of STV160NF02LAT4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X