Part Number Hot Search : 
CRBV5 C8950 MC68HC9 SY5PA SC1152 03994 2SK12 P5630
Product Description
Full Text Search
 

To Download SDR0604TTEB100K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bolivar drive p.o. box 547 bradford, pa 16701 usa 814-362-5536 fax 814-362-8883 www.koaspeer.com specifications given herein may be changed at any time without prior notice. please confirm technical specifications before you order and/or use. page 1 of 4 fixed high-frequency inductors type sdr 0604 (smd power chokes) 1. scope this specification applies to smd type choke coil sdr0604 produced by koa speer electronics, inc. 2. dimensions & construction ss-264 r1 aha 6/30/06 koa speer electronics, inc. 3. type designation type designation shall be as the following form. tolerance k: ?0% m: ?0% y: ?5% m packaging teb: 13" embossed plastic (0604: 1,500 pieces/reel) teb sdr type size 0604 0604 termination material t: sn (other termination styles available, contact factory for options) t 100 nominal inductance 100: 10? 101: 100? b a f magnet wire electrode ceramic substrate certified certified a b f (typ.) dimensions inches (mm) size .220?008 (5.60.2) .177?012 (4.50.3) .071 (1.8) 0604 4. pcb pattern dimensions in inches (mm) .067 (1.7) .228 (5.8) .236 (6.0)
bolivar drive p.o. box 547 bradford, pa 16701 usa 814-362-5536 fax 814-362-8883 www.koaspeer.com specifications given herein may be changed at any time without prior notice. please confirm technical specifications before you order and/or use. page 2 of 4 ss-264 r1 5. applications & ratings koa speer electronics, inc. part designation nominal inductance l (h) @ 1khz dc resistance maximum ( ? ) allowable dc current maximum (amps) operating temperature range storage temperature range inductance tolerance sdr0604 tteb 3r3m sdr0604 tteb 3r9m sdr0604 tteb 4r7m sdr0604 tteb 5r6m sdr0604 tteb 6r8m sdr0604 tteb 8r2m sdr0604 tteb 100m sdr0604 tteb 120m sdr0604 tteb 150y sdr0604 tteb 180y sdr0604 tteb 220y sdr0604 tteb 270y 10 12 15 18 22 27 3.3 3.9 4.7 5.6 6.8 8.2 m: ?0% y: ?5% 0.06 0.07 0.07 0.08 0.08 0.09 0.10 0.12 0.14 0.15 0.19 0.22 2.0 1.9 1.8 1.7 1.6 1.5 1.45 1.4 1.3 1.25 1.1 1.0 -40? to +85? -40? to +125? sdr0604 tteb 330k sdr0604 tteb 470k sdr0604 tteb 560k sdr0604 tteb 680k sdr0604 tteb 820k sdr0604 tteb 101k sdr0604 tteb 121k sdr0604 tteb 151k sdr0604 tteb 181k sdr0604 tteb 221k sdr0604 tteb 390k 33 39 47 56 68 82 100 120 150 180 220 k: ?0% 0.25 0.32 0.37 0.42 0.52 0.60 0.70 0.93 1.10 0.88 0.80 0.72 0.68 0.62 0.58 0.52 0.48 0.40 1.38 1.57 0.38 0.35
ss-264 r1 bolivar drive p.o. box 547 bradford, pa 16701 usa 814-362-5536 fax 814-362-8883 www.koaspeer.com specifications given herein may be changed at any time without prior notice. please confirm technical specifications before you order and/or use. page 3 of 4 item performance test method (jis c 5321) resistance to change of to put the sample on paper phenolic resin laminate base and to vibrate vibration inductance: ?% at the frequency of 10-55-10 hz for each x, y, z direction for 2 hours and to sweep it at a full vibration width .059" (1.5mm) for 1 minute. resistance to no remarkable to immerse into solder bath of 260 5 ? for 10 1 seconds. soldering visual damage solderability the electrode to immerse for 3 0.5 seconds at 235 5 ? shall be covered with new solder 6. mechanical performance item performance test method (jis c 5321) resistance to change of to leave in a bath at -40 2 ? for 1,000 hours. cold inductance: ?0% temperature change of to keep at -25? ~ 85? for 30 minutes in 5 cycles and leave for cycling inductance: ?0% 10 ~ 15 minutes in normal temperature at the time of transition between low temperatures and high temperatures resistance to change of to leave in a bath at 85 2 ? for 2 hours. heat inductance: ?0% (resistance to heat of ferrite core: 120?) t. c. r change of 20? shall be standard and change of inductance shall be measured inductance: ?% at -25? ~ 85?. resistance to change of temperature: 60 2 ? damp inductance: ?0% humidity: 90 ~ 95% (steady state) test hours: 1,000 hours endurance change of temperature: 40 2 ? (under damp inductance: ?0% humidity: 90 ~ 95% and load) to supply allowable current for 1,000 hours continually endurance change of temperature: 85 2 ? (under high inductance: ?0% to supply allowable current for 1,000 hours temperature) 7. environmental tests koa speer electronics, inc.
bolivar drive p.o. box 547 bradford, pa 16701 usa 814-362-5536 fax 814-362-8883 www.koaspeer.com specifications given herein may be changed at any time without prior notice. please confirm technical specifications before you order and/or use. page 4 of 4 ss-264 r1 8. packaging carrier tape reels type a b c d g n t 0604 12.99 .512 .512 .472 .551 1.97 .724 (330) (12 0.5) (13 0.5) (12) (14 max) (50 min) (18.4) materials: paper plastics dimensions in inches (mm) * sdr0604: 1,500 pieces/reel a b ? .079 (2.0 0.5) ? g n t embossed carrier thickness .004 (0.1 max.) embossed cavity d .472 (12) cover tape end .157 (4.0) start .315 (8.0) no component 15.73 (400) component user direction of feed no component 7.86 (200) ** strength of cover tape: the force for tearing off cover tape is 10 to 130 grams in the arrow direction. top cover tape base tape 165 to 180 koa speer electronics, inc.


▲Up To Search▲   

 
Price & Availability of SDR0604TTEB100K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X