Part Number Hot Search : 
KTC3535T 9010D 07523 9010D 9010D SM201 DS050 EPC25
Product Description
Full Text Search
 

To Download RBU801M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  maximum ra tings and electrical characteristics ratings at 25 o c ambient temperature unless otherwise specified. resistive or inductive load. RBU801M thru rbu807m m a x i m u m r a t ings (@ t a =25 o c unless otherwise noted) electrical characteristics (@t a =25 o c unless otherwise noted) please see page 3 for dimension rbu r a tings maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current at t c = *75 o c (note 4) peak forward surge current 8.3 ms single half sine-wave superimposed on rated load (jedec method) typical thermal resistance (note 1) current squarad time symbol v rrm v dc i fsm i 2 t t j , t stg v rms units volts volts amps 8.0 200 165.9 3.4 26 amps a 2 /sec 0 c/ w 0 c operating a nd storage t e mperature ra n g e r q jc r q ja i o -55 to + 150 volts 100 RBU801M rbu803m rbu805m rbu802m rbu804m 200 800 rbu806m 50 100 200 800 50 70 140 560 35 1000 rbu807m 1000 700 400 400 280 600 600 420 2010-05 rev:c characteristics at rated dc blocking voltage v f symbol i r uamps maximum dc reverse current maximum instantaneous forward voltage at 8.0a dc volts 2.0 @t a = 125 o c @t a = 25 o c 1.1 500 units RBU801M rbu803m rbu805m rbu802m rbu804m rbu806m rbu807m notes : 1 . thermal resistance : heat-sink case mounted or if pcb mounted. 2. "fully rohs compliant", "100% sn plating (pb-free)". 3. equivalent to vishay's gbu8 series. 4. "*" heat sink temperature. f e a tures mechanical da t a * low power loss, high efficiency * low leakage * low forward voltage drop * high current capability * high speed switching * high surge capabitity * high reliability * guard ring construction on dice * anti-esd * epoxy: device has ul flammability classification 94v-o * mounting position: any * w e ight: 0. 0 1 gra m (approx.) * flat le a d fra me 5. available in halogen-free epoxy by adding suffix -hf after the part nbr. single-phase glass passivated silicon bridge rectifier voltage range 50 to 1000 volts current 8.0 amperes
instantaneous forward voltage, (v) average rectifier forward current, (a) instantaneous forward current, (a) heat sink temperature, ( o c) 0.4 1.0 4.0 0.1 0.4 10 20 average forward output current, (a) 0 2.0 4.0 6.0 8.0 0.8 0.6 1.0 1.2 150 100 50 0 0 2 4 0 8 12 16 20 24 28 12 10 4 6 8 14 rating and characteristics curves ( RBU801M thru rbu807m ) fig.3 forward dissipation fig.1 typical forward current derating curve fig.2 typical instantaneous forward characteristics power dissipation, (w) number of cycles at 60hz peak forward surge current, (a) 1 0 120 160 200 40 80 240 5 2 10 20 50 100 fig.4 maximum non-repetitive forward surge current 8.3ms single half sine-wave jedec method t c = 150 o c (typ.) t c = 25 o c (typ.) pulse test per one diode sine wave t j =150 o c
dimensions in inches and (millimeters) .880 (22.3) .860 (21.8) .160 (4.1) .512 (13.0) .140 (3.5) .085 (2.16) .075 (1.90) .140 (3.56) .130 (3.30) .022 (0.56) .018 (0.46) .080 (2.03) .065 (1.65) .710 (18.0) .690 (17.5) .050 (1.27) .040 (1.02) .080 (2.03) .060 (1.52) .740 (18.8) .720 (18.3) .100 (2.54) .085 (2.16) .085 (2.16) .065 (1.65) .366 (9.3) .343 (8.7) .210 (5.33) .190 (4.83) .310(7.9) .290(7.4) .075 (1.9)r
marking description r b u 8 0 x m v y w w rectron logo part no. year ? code (y:last digit of year& a:2010, b:2011?? ) week ? code ww01~52 voltage-code 1-------50v 5-------600v 2-------100v 6-------800v 3-------200v 7-------1000v 4-------400v ul logo
packaging of diode and bridge rectifiers bulk pack package ea per box inner box size (mm) carton size (mm) ea per carton gross weight(kg) tube pack package ea per box inner box size (mm) carton size (mm) ea per carton weight(kg) packing code packing code rbu -c 1,000 2,000 13.62 490*135*110 510*293*131 rbu -b 450 240*239*35 502*251*126 2,700 13.00
rectron inc reserves the right to make changes without notice to any product specification herein, to make corrections, modifications, enhancements or other changes. rectron inc or anyone on its behalf assumes no responsibility or liabi- lity for any errors or inaccuracies. data sheet specifications and its information contained are intended to provide a product description only. "typical" paramet- ers which may be included on rectron data sheets and/ or specifications ca- n and do vary in different applications and actual performance may vary over ti- me. rectron inc does not assume any liability arising out of the application or use of any product or circuit. rectron products are not designed, intended or authorized for use in medical, life-saving implant or other applications intended for life-sustaining or other rela- ted applications where a failure or malfunction of component or circuitry may di- rectly or indirectly cause injury or threaten a life without expressed written appr- oval of rectron inc. customers using or selling rectron components for use in such applications do so at their own risk and shall agree to fully indemnify rect- ron inc and its subsidiaries harmless against all claims, damages and expendit- ures. disclaimer notice


▲Up To Search▲   

 
Price & Availability of RBU801M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X