Part Number Hot Search : 
2N3337 MBR30 T74LV STX6904 08775 IA120 JCS8N65B 2N3337
Product Description
Full Text Search
 

To Download QTH-150-01-C-D-EM3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  do not scale from this print .7450 ref 18.92 .160 ref 4.06 .1400 ref 3.56 .0400 ref 1.02 .0080 ref 0.20 .1680 4.267 (see note 7) .01969 (typ) 0.500 .1432 3.638 (typ) 2 max sway n "a" "a" t-1g1-01-x c3 c4 see note 7 (no of pos / 30) x .7875 [20.003] ref .7875 ref 20.003 .2350 5.97 ref .1550 ref 3.94 {(no of pos / 30) x .7875 [20.003]} + .3900 [9.910] ref .6440 ref 16.36 29 eq spaces @ .01969 [.5000] .0470 1.19 ref qth-30-01-d-emx-xx c1 01 02 n n n qth-xxx-01-x-d-emx-xx no of positions -030, -060, -090, **-120, **-150 (per row) **see note 13 edge mount thickness -em2: .064[1.63] +/-.004 pcb (use qth-30-01-d-em2-xx & t-1s42-01-x) plating specification -f: flash selective gold with matte tin tails (use t-1s42-xx-f & t-1g1-01-f) [see note 8] -l: light selective gold with matte tin tails (use t-1s42-xx-l & t-1g1-01-l) -h: heavy gold (use t-1s42-xx-h & t-1g1-01-g) -c: electro-polished selective (use t-1s42-xx-c, t-1g1-01-l) lead style -01: .1680[4.267] aso only (application specific order) -em3: (use qth-30-01-d-em3-xx & t-1s42-02-x) see note 12 -d: double (use qth-30-01-d-emx-xx) no of banks row specification -ty: tray packaging option .118 3.00 "b" .0030[.076] (inside to inside of pin) .2782 7.067 ref 'a' section "a"-"a" t-1s42-xx-x c2 "a" ref "c" ref .1750 4.45 ref .0150 ref 0.38 .0058 0.15 ref detail 'a' scale 3 : 1 c * = see note 12 sheet of unless otherwise specified, dimensions are in inches. tolerances are: decimals angles .xx: .01[.3] 2 .xxx: .005[.13] .xxxx: .0020[.051] material: .5mm hs edge mount terminal assembly by: qth-xxx-01-x-d-emx-xx dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing dean p 4/20/2000 1 1 sheet scale: 1.5:1 insulator: lcp, color: black terminal & ground plane: phos bronze c:\enterprisevault\dwg\misc\mktg\qth-xxx-01-x-d-emx-xx-mkt.slddrw 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail: info@samtec.com code: 55322 notes: 1. represents a critical dimension. 2. burr allowance: .0015[.038] max. 3. minimum pushout force: 5 oz. 4. minimum ground plane retention: 1 lb. 5. note deleted. 6. parts to be molded to position. 7. ground plane to be within .004[.10] coplanarity & max varience of .002. 8. -l plating can be substituted for -f plating (terminal), -g plating can be substituted for -f plating (ground plane). 9. note deleted. 10. board thickness to be measured from solder pad to solder pad. 11. see www.samtec.com/processing/edgemt_tectalk/index.htm for processing edge mount parts to board. 12. -em3 is not a standard offering; available as an asp only. please contact samtec interconnect processing group with order inquiries 13. for new applications requiring these positions, please contact samtec interconnect processing group. revision n


▲Up To Search▲   

 
Price & Availability of QTH-150-01-C-D-EM3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X