Part Number Hot Search : 
TN7147 HYAAM A05000 R5F3650K BC856A X1000 MSM8128 KMOC30
Product Description
Full Text Search
 

To Download NATT330M100V10X105JBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change surface mount aluminum electrolytic capacitors natt series features ? cylindrical v-chip construction for surface mounting ? available with anti-vibration wide terminations ? extended temperature & load life (1,000 ~ 2,000 hours @ +125c) ? suitable for dc-dc converter, dc-ac inverter, etc. ? designed for automatic mounting and reflow soldering characteristics low esr component liquid electrolyte for performance data see www.lowesr.com rated voltage rating 6.3 ~ 100vdc rated capacitance range 2.2 ~ 4,700 f operating temp. range -40 ~ +125c capacitance tolerance 20% (m) max. leakage current after 2 miuntes @ 20c 0.01cv or 3 a whichever is greater tan @ 120hz/20c w.v. (vdc) 6.3 10 16 25 35 50 63 100 s.v. (vdc) 8.0 13 20 32 44 63 79 125 tan 0.30 0.24 0.20 0.16 0.14 0.14 0.12 0.10 low temperature stability impedance ratio @ 120hz w.v. (vdc) 6.3 10 16 25 35 50 63 100 z-25c/z+20c 43222222 z-40c/z+20c 86433333 load life test @ 125c 1,000 ~ 2,000 hours (see speci cations tables for speci c part numbers) capacitance change within 30% of initial measured value tan less than 300% of the speci ed maximum value leakage current less than the speci ed maximum value cap ( f) code working voltage (vdc) 6.3 10 16 25 35 50 63 100 2.2 2r2 - - - - - 6.3x6.3 - - 3.3 3r3 - - - - - 6.3x6.3 - - 4.7 4r7 - - - - 6.3x6.3 6.3x6.3 - - 10 100 - - - - 6.3x6.3 6.3x6.3 - 8x10.5 22 220 - - - - 6.3x6.3 6.3x8 8x10.5 8x10.5 33 330 - - - 6.3x6.3 6.3x8 6.3x8 8x10.5 10x10.5 8x10.5 47 470 - 6.3x6.3 6.3x6.3 6.3x8 6.3x8 8x10.5 8x10.5 12.5x14 8x10.5 10x10.5 10x10.5 100 101 6.3x6.3 6.3x8 6.3x8 6.3x8 8x10.5 10x10.5 10x10.5 16x17 8x10.5 8x10.5 10x10.5 12.5x14 12.5x14 220 221 6.3x8 6.3x8 8x10.5 8x10.5 10x10.5 12.5x14 12.5x14 - 8x10.5 10x10.5 12.5x14 16x17 330 331 8x10.5 8x10.5 10x10.5 10x10.5 12.5x14 12.5x14 16x17 - 12.5x14 16x17 470 471 8x10.5 10x10.5 12.5x14 12.5x14 12.5x14 16x17 16x17 - 16x17 680 681 10x10.5 12.5x14 12.5x14 12.5x14 16x17 16x17 - - 1000 102 12.5x14 12.5x14 12.5x14 16x17 16x17 - - - 1500 152 12.5x14 12.5x14 16x17 16x17 - - - - 2200 222 12.5x14 16x17 16x17 - - - - - 3300 332 16x17 16x17 - - - - - - 4700 472 16x17 - - - - - - - code peak re ow temperature n 260c l 250c k 245c j 240c h 235c code finish & reel size b sn-bi finish & 13" reel lb sn-bi finish & 15" reel s 100% sn finish & 13" reel ls 100% sn finish & 15" reel peak reflow temperature codes standard values and case sizes (mm) termination finish & packaging options codes sac alloy compatible 230c ~ 260c case size dimensions (mm) case size d0.5 l max. a0.2 b0.2 i0.3 w p0.3 6.3x6.3 6.3 6.3 6.6 6.6 2.5 0.5~0.8 2.2 6.3x8 6.3 8.0 6.6 6.6 2.5 0.5~0.8 2.2 8x10.5 8.0 10.5 8.3 8.3 2.9 0.7~1.0 3.2 10x10.5 10.0 10.5 10.3 10.3 3.2 1.1~1.4 4.6 12.5x14 12.5 14.0 12.8 12.8 4.5 1.1~1.4 4.6 16x17 16.0 17.0 16.3 16.3 5.5 1.8~2.1 7.0 0.3mm max. d l + - i i w p a b *see part number system for details pnb s fd il rohs compliant includes all homogeneous materials note 1: 16mm diameter parts are only available with sn nish. note 2: 12.5mm & 16mm parts are only available on 15" reels.
2 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change surface mount aluminum electrolytic capacitors natt series nic part number cap. ( f) w.v. (vdc) dissipaton factor (tan ) max. impedance ( ) 100khz, +20c max. ripple current (ma) +125c, 100khz load life hours @ +125c natt101m6.3v6.3x6.3nbf 100 6.3 0.30 1.60 70 1,000 natt221m6.3v6.3x8nbf 220 0.30 0.90 100 1,000 natt331m6.3v8x10.5nbf 330 0.30 0.40 160 2,000 natt471m6.3v8x10.5nbf 470 0.30 0.40 160 2,000 natt681m6.3v10x10.5lbf 680 0.30 0.30 220 2,000 natt102m6.3v12.5x14klbf 1000 0.30 0.12 550 2,000 natt152m6.3v12.5x14klbf 1500 0.30 0.12 550 2,000 natt222m6.3v12.5x14klbf 2200 0.30 0.12 550 2,000 natt332m6.3v16x17jlsf 3300 0.30 0.08 900 2,000 natt472m6.3v16x17jlsf 4700 0.30 0.08 900 2,000 natt470m10v6.3x6.3nbf 47 10 0.24 1.60 70 1,000 natt101m10v6.3x8nbf 100 0.24 0.90 100 1,000 natt221m10v6.3x8nbf 220 0.24 0.90 100 1,000 natt221m10v8x10.5nbf 220 0.24 0.40 160 2,000 natt331m10v8x10.5nbf 330 0.24 0.40 160 2,000 natt471m10v10x10.5lbf 470 0.24 0.30 220 2,000 natt681m10v12.5x14klbf 680 0.24 0.12 550 2,000 natt102m10v12.5x14klbf 1000 0.24 0.12 550 2,000 natt152m10v12.5x14klbf 1500 0.24 0.12 550 2,000 natt222m10v16x17jlsf 2200 0.24 0.08 900 2,000 natt332m10v16x17jlsf 3300 0.24 0.08 900 2,000 natt470m16v6.3x6.3nbf 47 16 0.20 1.60 70 1,000 natt101m16v6.3x8nbf 100 0.20 0.90 110 1,000 natt101m16v8x10.5nbf 100 0.20 0.40 160 2,000 natt221m16v8x10.5nbf 220 0.20 0.40 160 2,000 natt331m16v10x10.5lbf 330 0.20 0.30 220 2,000 natt471m16v12.5x14klbf 470 0.20 0.12 550 2,000 natt681m16v12.5x14klbf 680 0.20 0.12 550 2,000 natt102m16v12.5x14klbf 1000 0.20 0.12 550 2,000 natt152m16v16x17jlsf 1500 0.20 0.08 900 2,000 natt222m16v16x17jlsf 2200 0.20 0.08 900 2,000 natt330m25v6.3x6.3nbf 33 25 0.16 1.60 70 1,000 natt470m25v6.3x8nbf 47 0.16 0.90 100 1,000 natt101m25v6.3x8nbf 100 0.16 0.90 100 1,000 natt101m25v8x10.5nbf 100 0.16 0.40 160 2,000 natt221m25v8x10.5nbf 220 0.16 0.40 160 2,000 natt221m25v10x10.5lbf 220 0.16 0.30 220 2,000 natt331m25v10x10.5lbf 330 0.16 0.30 220 2,000 natt331m25v12.5x14klbf 330 0.16 0.12 550 2,000 natt471m25v12.5x14klbf 470 0.16 0.12 550 2,000 natt681m25v12.5x14klbf 680 0.16 0.12 550 2,000 natt102m25v16x17jlsf 1000 0.16 0.08 900 2,000 natt152m25v16x17jlsf 1500 0.16 0.08 900 2,000 natt4r7m35v6.3x6.3nbf 4.7 35 0.14 2.00 60 1,000 natt100m35v6.3x6.3nbf 10 0.14 1.60 70 1,000 natt220m35v6.3x6.3nbf 22 0.14 1.60 70 1,000 natt330m35v6.3x8nbf 33 0.14 0.90 100 1,000 natt470m35v6.3x8nbf 47 0.14 0.90 100 1,000 natt470m35v8x10.5nbf 47 0.14 0.40 160 2,000 natt101m35v8x10.5nbf 100 0.14 0.40 160 2,000 natt101m35v10x10.5lbf 100 0.14 0.30 220 2,000 natt221m35v10x10.5lbf 220 0.14 0.30 220 2,000 natt221m35v12.5x14klbf 220 0.14 0.12 550 2,000 natt331m35v12.5x14klbf 330 0.14 0.12 550 2,000 natt471m35v12.5x14klbf 470 0.14 0.12 550 2,000 natt471m35v16x17jlsf 470 0.14 0.08 900 2,000 natt681m35v16x17jlsf 680 0.14 0.08 900 2,000 natt102m35v16x17jlsf 1000 0.14 0.08 900 2,000 standard values, case sizes and specifications for automotive equipment, see part number system
3 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com nic part number cap. ( f) w.v. (vdc) dissipaton factor (tan ) max. impedance ( ) 100khz, +20c max. ripple current (ma) +125c, 100khz load life hours @ +125c natt2r2m50v6.3x6.3nbf 2.2 50 0.14 3.50 45 1,000 natt3r3m50v6.3x6.3nbf 3.3 0.14 3.50 45 1,000 natt4r7m50v6.3x6.3nbf 4.7 0.14 3.50 45 1,000 natt100m50v6.3x6.3nbf 10 0.14 2.80 50 1,000 natt220m50v6.3x8nbf 22 0.14 2.00 80 1,000 natt330m50v6.3x8nbf 33 0.14 2.00 80 1,000 natt330m50v8x10.5nbf 33 0.14 0.70 140 2,000 natt470m50v8x10.5nbf 47 0.14 0.70 140 2,000 natt470m50v10x10.5lbf 47 0.14 0.50 240 2,000 natt101m50v10x10.5lbf 100 0.14 0.50 240 2,000 natt101m50v12.5x14klbf 100 0.14 0.23 490 2,000 natt221m50v12.5x14klbf 220 0.14 0.23 490 2,000 natt331m50v12.5x14klbf 330 0.14 0.23 490 2,000 natt331m50v16x17jlsf 330 0.14 0.15 800 2,000 natt471m50v16x17jlsf 470 0.14 0.15 800 2,000 natt681m50v16x17jlsf 680 0.14 0.15 800 2,000 natt220m63v8x10.5kbf 22 63 0.12 1.0 100 1,500 natt330m63v8x10.5kbf 33 0.12 1.0 100 1,500 natt470m63v8x10.5kbf 47 0.12 1.0 100 1,500 natt470m63v10x10.5jbf 47 0.12 0.5 150 1,500 natt101m63v10x10.5jbf 100 0.12 0.5 150 1,500 natt101m63v12.5x14jlbf 100 0.12 0.25 350 1,500 natt221m63v12.5x14jlbf 220 0.12 0.25 350 1,500 natt221m63v16x17hlsf 220 0.12 0.18 500 1,500 natt331m63v16x17hlsf 330 0.12 0.18 500 1,500 natt471m63v16x17hlsf 470 0.12 0.18 500 1,500 natt100m100v8x10.5jbf 10 100 0.10 1.00 70 1,500 natt220m100v8x10.5jbf 22 0.10 1.00 70 1,500 natt330m100v10x10.5jbf 33 0.10 0.80 115 1,500 natt470m100v12.5x14hlbf 47 0.10 0.33 350 1,500 natt101m100v16x17hlsf 100 0.10 0.24 500 1,500 standard values, case sizes and specifications surface mount aluminum electrolytic capacitors natt series for automotive equipment, see part number system natt 101 m 16v 6.3x8 n b w y f rohs compliant wide terminations (opt.) termination/packaging code re ow temperature code size in mm working voltage tolerance code m=20% capacitance code in f, rst 2 digits are signi cant third digit is no. of zeros, ?r? indicates decimal for values under 10 f series part number system optional: suitable for automotive equipment, sourced to special production and inspection at ts-16949 certi ed production site ripple current frequency multiplier capacitance ( f) frequency (hz) 100 1k 10k 100k <22 0.50 0.80 0.90 1.0 <150 0.65 0.85 0.92 1.0 >150 0.70 0.85 0.95 1.0
4 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change diameter time above 200c time above 217c time above 230c peak temperature 5 seconds 6.3mm ~ 8mm 80 sec. max. 70 sec. max. 40 sec. max. 260c 10mm 70 sec. max. 60 sec. max. 40 sec. max. 250c 12.5mm 60 sec. max. 50 sec. max. 30 sec. max. 245c 16mm 50 sec. max. 40 sec. max. 20 sec. max. 240c peak reflow temperature & duration (6.3 ~ 50v) peak reflow temperature & duration (100v) diameter time above 200c time above 217c time above 230c peak temperature 5 seconds 8mm 60 sec. max. 50 sec. max. 30 sec. max. 240c 10mm 50 sec. max. 40 sec. max. 20 sec. max. 240c 12.5mm 50 sec. max. 40 sec. max. 20 sec. max. 235c 16mm 45 sec. max. 30 sec. max. 10 sec. max. 235c case size a b c 6x3x6.3 6.3x8 2.1 3.5 1.8 8x10.5 2.8 4.1 2.1 10x10.5 4.3 4.4 2.5 12.5x14 4.3 5.8 2.5 16x17 6.6 6.5 5.0 a c b recommended land pattern dimensions (mm) review & compare re ow soldering heat limits v-chip smt aluminum electrolytic capacitors www.niccomp.com/rsl peak reflow temperature & duration (63v) diameter time above 200c time above 217c time above 230c peak temperature 5 seconds 8mm 60 sec. max. 50 sec. max. 30 sec. max. 245c 10mm 50 sec. max. 40 sec. max. 20 sec. max 240c 12.5mm 50 sec. max. 40 sec. max. 20 sec. max. 240c 16mm 50 sec. max. 40 sec. max. 15 sec. max. 235c surface mount aluminum electrolytic capacitors natt series c w p a r r t b case size d 0.5 l max. a, b c 0.2 p 0.2 w r t 8 x 10.5wt 8.0 10.5 8.3 0.2 9.0 3.2 0.7 ~ 1.0 (0.7) (1.3) 10 x 10.5wt 10.0 10.8 10.3 0.2 11.0 4.6 1.0 ~ 1.4 (0.7) (1.3) 12.5 x 14wt 12.5 14.3 13.5 0.2 14.2 4.6 1.0 ~ 1.4 (2.2) (2.4) 16 x 17wt 16.0 17.5 17.0 0.2 18.0 7.0 1.8 ~ 2.1 (3.0) (2.0) wide termination (wt) dim. (mm) case size a b c 8x10.5 2.5 4.5 4.7 10x10.5 3.8 4.8 4.7 12.5x14 3.8 6.1 6.9 16x17 5.0 8.0 9.5 wt land pattern dim. (mm) a c b termination de ection: wt = 0.15mm max. from bottom of support terminals d l wt anti-vibration skirt capacitors can withstand two times reflow at the above conditions. second reflow shall be at least one hour after natural cool to room temperature. time above 200c (see table) 50 100 150 200 time (seconds) temperature - deg. c preheat - 120 seconds max. (150c ~ 180c) peak temperature (see table) 230 time above 230c (see table) time above 217c (see table)
5 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change surface mount aluminum electrolytic capacitors natt series t a p feeding + - 1.5 ? +0.1/- 1.75 d b c 1.5 +0.1/-0 1.75 + 0.15 t 4 + 0.1 case size a 0.5 b 0.5 c 0.3 d 0.1 p 0.1 t 0.2 6.3 x 6.3 7.0 7.0 16.0 7.5 12.0 6.6 6.3 x 8 7.0 7.0 16.0 7.5 12.0 8.3 8 x 10.5 8.7 8.7 24.0 11.5 16.0 11.1 10 x 10.5 10.7 10.7 24.0 11.5 16.0 11.2 12.5 x 14 13.2 13.2 32.0 14.2 24.0 14.2 16 x 17 17.5 17.5 44.0 20.2 28.0 17.5 case size w 1.0 qty per reel 13" (330mm) 15" (380mm) 6.3 x 6.3 18 800 1,000 6.3 x 8 18 500 900 8 x 10.5 26 300 500 10 x 10.5 26 300 500 12.5 x 14 34 - 250 16 x 17 46 - 200 2mm 0.5mm 13mm 0.5mm 21mm 0.8mm 330mm 2.0mm or 380mm 2.0mm 50mm min. w 3mm tr13 330mm (13") reel tr15 380mm (15") reel taping specifications (mm) 1. both leader and trailer tape: minimum 40mm (1.57") empty carrier tape pockets. 2. leader tape: approximately 20cm of cover tape at leader. 3. connection: maximum 3 connections (slices) per reel. carrier tape dimensions (mm)


▲Up To Search▲   

 
Price & Availability of NATT330M100V10X105JBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X