Part Number Hot Search : 
SMB36 TIP41C07 TIP41C07 2N4400 C1775 LHG35162 SI535 SE094
Product Description
Full Text Search
 

To Download MIW230011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  miw2300 series dc/dc converter 3w, dip-package e-mail:sales@minmax.com.tw tel:886-6-2923150 2011/09/28 rev:6 page 1 of 4 ? features ? dip-24 metal package 31.8 x 20.3 x 10.2 mm (1.25 x 0.8 x 0.4 inches) ? ultra-wide 4:1 input range ? excellent load and line regulation ? operating temp. range ?40c to +85c ? short circuit protection ? i/o-isolation 1500vdc ? input filter meet s en55022,class a and fcc, level a ? 3 years product warranty product overview the minmax miw2300 series is a range of isolated 3w dc/dc converter modules featuri ng fully regulated output voltages and ultra -wide 4:1 input voltage ranges. the product comes in a shielded metal dip-24 package with standard pinout. an high efficiency allows an operating tempe rature range of ?40c to +85c. the product features an input filter meet ing en 55022,class a and fcc, level a. typical applications for these converters are in battery ope rated equipment and instrumentatio n, distributed power systems, dat a communication and general industrial electronics. model selection guide output current input current efficiency (typ.) input voltage (range) output voltage max. min. @max. load @no load reflected ripple current max. capacitive load @max. load model number vdc vdc ma ma ma(typ.) ma(typ.) ma(typ.) uf % miw2321 3.3 750 93 138 680 75 miw2322 5 600 75 158 470 79 miw2323 12 250 32 154 330 81 miw2324 15 200 25 152 220 82 miw2326 12 125 16 156 150# 80 miw2327 24 (9 ~ 36) 15 100 13 156 20 15 100# 80 miw2331 3.3 750 93 68 680 76 miw2332 5 600 75 78 470 80 miw2333 12 250 32 75 330 83 miw2334 15 200 25 74 220 84 miw2336 12 125 16 76 150# 82 miw2337 48 (18 ~ 75) 15 100 13 76 10 10 100# 82 # for each output input specifications parameter model min. typ. max. unit 24v input models -0.7 --- 50 input surge voltage (1 sec. max.) 48v input models -0.7 --- 100 24v input models 6 7.5 9 start-up voltage 48v input models 12 15 18 24v input models --- --- 8.5 under voltage shutdown 48v input models --- --- 16 vdc reverse polarity input current --- --- 0.5 a short circuit input power --- --- 2000 mw internal power dissipation --- --- 2500 mw conducted emi all models compliance to en 55022,class a and fcc part 15,class a
miw2300 series dc/dc converter 3w, dip-package e-mail:sales@minmax.com.tw tel:886-6-2923150 2011/09/28 rev:6 page 2 of 4 ? output specifications parameter conditions min. typ. max. unit output voltage accuracy --- 0.5 2.0 % output voltage balance dual out put, balanced loads --- 0.5 3.0 % line regulation vin=min. to max. --- 0.2 1.0 % load regulation io=min. to max. --- 0.3 1.0 % ripple & noise (20mhz) --- 40 75 mv p-p ripple & noise (20mhz) over line, load & temp. --- --- 150 mv p-p ripple & noise (20mhz) --- --- 15 mv rms transient recovery time --- 150 500 us transient response deviation 25% load step change --- 3 --- % temperature coefficient --- 0.01 0.02 %/ over load protection foldback 110 300 --- % short circuit prot ection continuous general specifications parameter conditions min. typ. max. unit i/o isolation voltage (rated) 60 seconds 1500 --- --- vdc i/o isolation resistance 500 vdc 1000 --- --- m ? i/o isolation capacitance 100khz, 1v --- 380 500 pf switching frequency --- 350 --- khz mtbf (calculated) mil-hdbk-217f@25 , ground benign 1,000,000 --- --- hours safety approvals ul/cul 60950-1 recogni tion(csa certificate), iec/en 60950-1 input fuse 24v input models 48v input models 1000ma slow-blow type 500ma slow-blow type environmental specifications parameter conditions min. max. unit operating temperature range (wit h derating) ambient -40 +85 case temperature --- +90 storage temperature range -50 +125 humidity (non condensing) --- 95 % rel. h cooling free-air convection lead temperature (1.5mm from case for 10sec.) --- 260 power derating curve ~ ] ambient temperature output power (%) 0 20 40 60 80 100 -40 0 20 60 100 110 80 40 400lfm 200lfm 100lfm natural convection
miw2300 series dc/dc converter 3w, dip-package e-mail:sales@minmax.com.tw tel:886-6-2923150 2011/09/28 rev:6 page 3 of 4 ? notes 1 specifications typical at ta=+25 , resistive load, nominal input voltage and ra ted output current unless otherwise noted. 2 transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100% 3 ripple & noise measurement bandwidth is 0-20mhz. 4 these power converters require a minimu m output loading to maintain specified re gulation, operation u nder no-load conditions will not damage these modules; however they may not meet all specifications listed. 5 all dc/dc converters should be externally fused at the front end for protection. 6 other input and output voltage may be av ailable, please contact factory. 7 specifications subject to change without notice. package specifications mechanical dimensions pin connections pin single output dual output 2 -vin -vin 3 -vin -vin 9 no pin common 11 nc -vout 14 +vout +vout 16 -vout common 22 +vin +vin 23 +vin +vin nc: no connection ? all dimensions in mm (inches) ? tolerance: x.x0.25 (x.xx0.01) x.xx0.13 ( x.xxx0.005) ? pin diameter ? 0.5 0.05 (0.020.002) physical characteristics case size : 31.8x20.3x10.2mm (1.25x0.80x0.40 inches) case material : non-conductive black pl astic (flammability to ul 94v-0 rated) weight : 12.2g bottom view 2 23 15.24 [0.60] 31.8[1.25] 5.08 [0.20] 22 3 11 9 16 14 4.5 [0.18] 2.54 [0.10] 10.2 [0.40] 4.5 [0.18] 15.22 [0.60] 20.3 [0.80] 2.54 [0.10] 0.50 [0.02]
miw2300 series dc/dc converter 3w, dip-package 18, sin sin road, an-ping industr ial district, tainan 702, taiwan tel: 886-6-2923150 fax: 886-6-2923149 e-mail: sales@minmax.com.tw 2011/09/28 rev:6 page 4 of 4 ? minmax technology co., ltd. test configurations input reflected-ripple current test setup input reflected-ripple current is measured with a inductor lin (4 .7uh) and cin (220uf, esr < 1.0 ? at 100 khz) to simulate source impedance. capacitor cin, offsets possible battery im pedance. current ripple is measured at the input terminals of the module, measuremen t bandwidth is 0-500 khz. +out -out +vin -vin dc / dc converter load battery + lin + cin to oscilloscope current probe peak-to-peak output noise measurement test use a cout 0.47uf ceramic capacitor. scope measurement should be made by using a bnc socket, measurement bandwidth is 0-20 mhz . position the load between 50 mm and 75 mm from the dc/dc converter. +out -out +vin -vin single output dc / dc converter resistive load scope copper strip cout copper strip +out -out +vin -vin dual output dc / dc converter resistive load scope copper strip cout com. scope cout copper strip copper strip design & feature considerations overcurrent protection to provide protection in a fault (output overload) condition, the unit is equipped with internal cu rrent limiting circuitry and can endure current limiting for an unlimited duration. at the point of current-limit in ception, the unit shifts from voltage contro l to current control. the unit operates n ormally once the output current is brought back into its specified range. input source impedance the power module should be connected to a lo w ac-impedance input source. highly inductive source impedances can affect the stab ility of the power module. in applications where power is supplied ov er long lines and output loading is high, it may be necessary to use a capacitor at t he input to ensure startup. capacitor mounted close to the power module helps ensure stabilit y of the unit, it is recommended to use a good quality low equ ivalent series resistance (esr < 1.0 ? at 100 khz) capacitor of a 4.7uf for the 24v input devices and a 2.2uf for the 48v devices. + +out -out +vin -vin dc / dc converter load dc power source + - cin output ripple reduction a good quality low esr capacitor placed as close as practicable across the load will give the best ripple and noise performance . to reduce output ripple, it is recommended to use 3.3uf capacitors at the output. +out -out +vin -vin load dc power source + - cout single output dc / dc converter +out -out +vin -vin load dc power source + - cout com. dual output dc / dc converter load cout maximum capacitive load the miw2300 series has limitation of maximum connected capacitanc e at the output. the power module may be operated in current limiting mode during start-up, affecting the ramp-up and the startup time. for optimum perfo rmance we recommend 680uf maximum capacitive load for 3.3v output , 470uf for 5v output, 330uf for 12v output, 220uf for 15v output, 150uf for 12v output and 100uf for 15v output. the maximum capacitance can be found in the data sheet. thermal considerations many conditions affect the thermal perform ance of the power module, such as orient ation, airflow over the module and board spac ing. to avoid exceeding the maximum temperature rating of the components inside the power module, the case temperature must be kept below 90 . the derating curves are det ermined from measurements obt ained in a test setup. dut position of air velocity probe and thermocouple 50mm / 2in air flow 15mm / 0.6in


▲Up To Search▲   

 
Price & Availability of MIW230011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X