Part Number Hot Search : 
D45H11J3 2N7627UC 1991237 20P3600 C20VI UPD61051 MC6833 C2922
Product Description
Full Text Search
 

To Download MBR0540 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions inches mm dim min m a x min m a x note a .140 .152 3.55 3.85 b .100 .112 2.55 2.85 c .055 .071 1.40 1.80 d ----- .053 ----- 1.35 e .012 .031 0.30 .78 g .006 ----- 0.15 ----- h ----- .01 ----- .25 j ----- .006 ----- .15 features maximum ratings operating temperature: -55 o c to +150 o c storage temperature: -55 o c to +150 o c maximum thermal resistance: 244 o c/w junction to ambient mbr0520 r2 20v 14v 20v mbr0530 r3 30v 21v 30v MBR0540 r4 40v 28v 40v mbr0560 r6 60v 42v 60v maximum dc blocking voltage mcc catalog number device marking maximum recurrent peak reverse volta g e maximum rms voltage electrical characteristics @ 25 o c unless otherwise specified average forward current i f(av) 0.5a peak forward surge current i fsm 5.5a 8.3ms half sine maximum instantaneous forward voltage mbr0520 0.45v mbr053 0 mbr054 0 mbr056 0 mbr058 0 v f 0.55v 0.55v 0.70v 0.8 0v i fm =0.5a t a =25 o c maximum dc reverse current at rated dc blocking volta g e i r 0.2ma t j =25 o c typical junction capacitance c j 30pf measured at 1.0mhz, v r =4.0 v mbr0520 thru mbr0580 0.5 amp schottky rectifier 20 to 80 volts 0.036 0.093" 0.048 suggested solder pad layout a b e c j d h g sod123 www. mccsemi .com  
 omp onents 2 0736 marilla street chatsworth       
     mcc t a = 50 o c power dissi p ation p 410mw d tm micro commercial components 1 of 3 lead free finish/rohs compliant ("p" suffix designates rohs compliant. see ordering information) revision: b 2013/01/01 mbr0580 r8 80v 56v 80v epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 halogen free available upon request by adding suffix "-hf" low forward voltage and extremely low thermal resistance for surface mount application
mbr0520 thru mbr0580 average forward rectified current - amperes versus eeerure versus uereses s es mcc www. mccsemi .com tm micro commercial components figure 5 typical forward characteristics mbr0560 2 of 3 revision: b 2013/01/01 figure 3 typical forward characteristics mbr0520 figure4 typical forward characteristics mbr0530~MBR0540 1 0.1 0.01 0.1 0.2 0.3 0.4 0.5 i f , instantaneous forward current (amps ) t j = 100c 75 c 25 c ?25 c v f , instantaneous forward voltage (volts) 1 0.1 t j = 1 2 5 c 7 5 c 2 5 c 40 c 0.01 0.15 0. 2 0.25 0.3 0.35 0.4 0.45 0. 5 0.55 v f , in s t ant an e o u s vo l t age (vol ts) 1 0.1 t j =125c 75c 25c 40 c 0.01 0.40 0.45 0.50 0.55 0.60 0.65 0.70 0.75 0.80 v f , inst ant aneous vol t age (vol ts) 0 c figure6 typical forward characteristics 1 0.1 t j =125c 75c 25c 40 c 0.01 0.50 0.55 0.60 0.65 0.70 0.75 0.80 0.85 0.90 v f , inst ant aneous vol t age (vol ts) mbr0580
mcc tm micro commercial components www. mccsemi .com 3 of 3 revision: b 2013/01/01 device packing part number-tp tape&reel: 3 kpcs/reel ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. note : adding "-hf" suffix for halogen free, eg. part number-tp-hf


▲Up To Search▲   

 
Price & Availability of MBR0540

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X