Part Number Hot Search : 
V300B28 MMBD71 M8708120 ANALO 74LVC1G GL128P WMN6T OP294
Product Description
Full Text Search
 

To Download ILD1-X001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ild1, ild2, ild5, ilq1, ilq2, ilq5 www.vishay.com vishay semiconductors rev. 1.8, 28-jun-11 1 document number: 83646 for technical questions, contact: optocoupleranswers@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 optocoupler, phototransistor output (dual, quad channel) description the ild1, ild2, ild5, ilq1, ilq2 , ilq5 are optically coupled isolated pairs employing gaas infrared leds and silicon npn phototransistor. signal information, including a dc level, can be transmitted by the drive while maintaining a high degree of electrical isol ation between input and output. the ild1, ild2, ild5, ilq1, ilq2, ilq5 are especially designed for driving medium-s peed logic and can be used to eliminate troublesome ground loop and noise problems. also these couplers can be used to replace relays and transformers in many digital interface applications such as ctr modulation. the ild1, ild2, ild5 has two is olated channels in a single dip package and the ilq1, ilq2, ilq5 has four isolated channels per package. features ? current transfer ratio at i f = 10 ma ? isolation test voltage, 5300 v rms ? compliant to rohs di rective 2002/95/ec and in accordance to weee 2002/96/ec agency approvals ? ul1577, file no. e52744 system code h, double protection ? csa 93751 ? bsi iec 60950; iec 60065 ? din en 60747-5-2 (vde 0884) available with option 1 ?fimko i179015-3 1 2 3 4 8 7 6 5 e c c e a c c a a c c a a c c a e c c e e c c e 16 15 14 13 12 11 10 9 1 2 3 4 5 6 7 8 v de i179012-1 dual channel quad channel ordering information i lx#-x0##t part number x = d (dual) or q (quad) package option tape and reel agency certified/package dual channel quad channel ctr (%) ul, csa, bsi, fimko 20 to 300 100 to 500 50 to 400 20 to 300 100 to 500 50 to 400 dip-8 ild1 ild2 ild5 - - - dip-8, 400 mil, option 6 - ild2-x006 - - - - smd-8, option 7 ild1-x007t (1) ild2-x007t (1) ---- smd-8, option 9 ild1-x009t (1) ild2-x009t (1) ild5-x009t (1) --- dip-16 - - - ilq1 ilq2 ilq5 dip-16, 400 mil, option 6 - - - ilq1-x006 ilq2-x006 - smd-16, option 7 - - - ilq1-x007 ilq2-x007t (1) - smd-16, option 9 - - - ilq1-x009t (1) ilq2-x009t (1) ilq5-x009t (1) > 0.1 mm 10.16 mm > 0.7 mm 7.62 mm dip-# option 7 option 6 option 9
ild1, ild2, ild5, ilq1, ilq2, ilq5 www.vishay.com vishay semiconductors rev. 1.8, 28-jun-11 2 document number: 83646 for technical questions, contact: optocoupleranswers@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes ? additional options may be possibl e, please contact sales office. (1) also available in tubes; do not put t on end. notes ? stresses in excess of the abso lute maximum ratings can cause permanent damage to the device. functional operation of the devic e is not implied at these or any other conditions in excess of those give n in the operational sections of this document. exposure to abs olute maximum ratings for extended periods of the time can adversely affect reliability. (1) refer to reflow profile for soldering conditions for surface mount ed devices (smd). refer to wave profile for soldering conditi ons for throught hole devices (dip). vde, ul, csa, bsi, fimko 20 to 300 100 to 500 50 to 400 20 to 300 100 to 500 50 to 400 dip-8 ILD1-X001 ild2-x001 ild5-x001 - - - dip-8, 400 mil, option 6 - ild2-x016 - - - - smd-8, option 7 - ild2-x017 - - - - smd-8, option 9 ild1-x019t - - - - - dip-16 - - - - ilq2-x001 - dip-16, 400 mil, option 6 - - - - ilq2-x016 - smd-16, option 7 - - - - ilq2-x017t (1) - absolute maximum ratings (t amb = 25 c, unless otherwise specified) parameter test condition part symbol value unit input reverse voltage v r 6v forward current i f 60 ma surge current i fsm 2.5 a power dissipation p diss 100 mw derate linearly from 25 c 1.3 mw/c output collector emitter reverse voltage ild1 v ceo 50 v ilq1 v ceo 50 v ild2 v ceo 70 v ilq2 v ceo 70 v ild5 v ceo 70 v ilq5 v ceo 70 v collector current i c 50 ma t < 1 ms i c 400 ma power dissipation p diss 200 mw derate lineary from 25 c 2.6 mw/c coupler isolation test voltage between emitter and detector v iso 5300 v rms creepage distance ? 7mm clearance distance ? 7mm isolation resistance v io = 500 v, t amb = 25 c r io ? 10 12 ? v io = 500 v, t amb = 100 c r io ? 10 11 package power dissipation p tot 250 mw derate linearly from 25 c 3.3 mw/c storage temperature t stg - 40 to + 150 c operating temperature t amb - 40 to + 100 c junction temperature t j 100 c soldering temperature (2) 2 mm from case bottom t sld 260 c agency certified/package dual channel quad channel ctr (%)
ild1, ild2, ild5, ilq1, ilq2, ilq5 www.vishay.com vishay semiconductors rev. 1.8, 28-jun-11 3 document number: 83646 for technical questions, contact: optocoupleranswers@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note ? minimum and maximum values are testing requirements. typical valu es are characteristics of the device and are the result of en gineering evaluation. typical values are for information only and are not part of the testing requirements. electrical characteristics (t amb = 25 c, unless otherwise specified) parameter test condition symbol min. typ. max. unit input forward voltage i f = 60 ma v f 1.25 1.65 v reverse current v r = 6 v i r 0.01 10 a capacitance v r = 0 v, f = 1 mhz c o 25 pf thermal resistance, junction to lead t thjl 750 k/w output collector emitter capacitance v ce = 5 v, f = 1 mhz c ce 6.8 pf collector emitter leakage current v vce = 10 v i ceo 550na saturation voltage, collector emitter i c = 1 ma, i b = 20 a v cesat 0.25 0.4 v dc forward current gain v ce = 10 v, i b = 20 a h fe 200 650 1800 dc forward current gain saturated v ce = 0.4 v, i b = 20 a h fesat 120 400 600 thermal resistance, junction to lead r thjl 500 k/w coupler capacitance (input to output) v io = 0 v, f = 1 mhz c io 0.8 pf current transfer ratio (t amb = 25 c, unless otherwise specified) parameter test condition part symbol min. typ. max. unit i c /i f (collector emitter saturated) i f =10 ma, v ce = 0.4 v ild1 ctr cesat 75 % ilq1 ctr cesat 75 % ild2 ctr cesat 170 % ilq2 ctr cesat 170 % ild5 ctr cesat 100 % ilq5 ctr cesat 100 % i f =10 ma, v ce = 10 v ild1 ctr ce 20 80 300 % ilq1 ctr ce 20 80 300 % ild2 ctr ce 100 200 500 % ilq2 ctr ce 100 200 500 % ild5 ctr ce 50 130 400 % ilq5 ctr ce 50 130 400 %
ild1, ild2, ild5, ilq1, ilq2, ilq5 www.vishay.com vishay semiconductors rev. 1.8, 28-jun-11 4 document number: 83646 for technical questions, contact: optocoupleranswers@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note ? according to din en 60747-5-2 (vde 0884) (see figure 2). these op tocouplers are suitab le for safety electrical insulation on ly within the safety ratings. compli ance with the safety ratings shall be ensured by means of suitable protective circuits. fig. 1 - derating diagram fig. 2 - test pulse diagram for sample test according to din en 60747-5-2 (vde 0884); iec 60747-5-5 safety and insulation ratings parameter test condition symbol min. typ. max. unit isolation test voltage between emitter and detector v iso 5300 v rms isolation resistance v io = 500 v, t amb = 25 c r io 10 12 ? v io = 500 v, t amb = 100 c 10 11 climatic classification (according to iec 68 part 1) 55/100/21 comparative tracking index cti 175 rated impulse voltage v iotm 10 kv maximum working voltage recurring peak voltage v iorm 890 v forward current i si 275 ma power dissipation p so 400 mw safety temperature t si 175 c creepage distance 7.0 mm clearance distance 7.0 mm insulation distance per iec 60950 2.10.5.1 0.4 mm t si - safety temperature (c) 0 50 100 150 200 250 300 350 400 450 0 25 50 75 100 125 150 175 phototransistor p so (mw) ir-diode i si (ma) t 13930 t 1 , t 2 = 1 s to 10 s t 3 , t 4 = 1 s t test = 10 s t stres = 12 s v iotm v pd v iowm v iorm 0 t 1 t test t tr = 60 s t stres t 3 t 4 t 2
ild1, ild2, ild5, ilq1, ilq2, ilq5 www.vishay.com vishay semiconductors rev. 1.8, 28-jun-11 5 document number: 83646 for technical questions, contact: optocoupleranswers@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 switching characteristics (t amb = 25 c, unless otherwise specified) parameter test condition part symbol min. typ. max. unit non-saturated current v ce = 5 v, r l = 75 ? , 50 % of v pp ild1 i f 20 ma ilq1 i f 20 ma ild2 i f 5ma ilq2 i f 5ma ild5 i f 10 ma ilq5 i f 10 ma delay v ce = 5 v, r l = 75 ? , 50 % of v pp ild1 t d 0.8 s ilq1 t d 0.8 s ild2 t d 1.7 s ilq2 t d 1.7 s ild5 t d 1.7 s ilq5 t d 1.7 s rise time v ce = 5 v, r l = 75 ? , 50 % of v pp ild1 t r 1.9 s ilq1 t r 1.9 s ild2 t r 2.6 s ilq2 t r 2.6 s ild5 t r 2.6 s ilq5 t r 2.6 s storage v ce = 5 v, r l = 75 ? , 50 % of v pp ild1 t s 0.2 s ilq1 t s 0.2 s ild2 t s 0.4 s ilq2 t s 0.4 s ild5 t s 0.4 s ilq5 t s 0.4 s fall time v ce = 5 v, r l = 75 ? , 50 % of v pp ild1 t f 1.4 s ilq1 t f 1.4 s ild2 t f 2.2 s ilq2 t f 2.2 s ild5 t f 2.2 s ilq5 t f 2.2 s propagation h to l v ce = 5 v, r l = 75 ? , 50 % of v pp ild1 t phl 0.7 s ilq1 t phl 0.7 s ild2 t phl 1.2 s ilq2 t phl 1.2 s ild5 t phl 1.1 s ilq5 t phl 1.1 s propagation l to h v ce = 5 v, r l = 75 ? , 50 % of v pp ild1 t plh 1.4 s ilq1 t plh 1.4 s ild2 t plh 2.3 s ilq2 t plh 2.3 s ild5 t plh 2.5 s ilq5 t plh 2.5 s
ild1, ild2, ild5, ilq1, ilq2, ilq5 www.vishay.com vishay semiconductors rev. 1.8, 28-jun-11 6 document number: 83646 for technical questions, contact: optocoupleranswers@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 saturated current v ce = 0.4 v, r l = 1 k ? , v cc = 5 v, v th = 1.5 v ild1 i f 20 ma ilq1 i f 20 ma ild2 i f 5ma ilq2 i f 5ma ild5 i f 10 ma ilq5 i f 10 ma delay v ce = 0.4 v, r l = 1 k ? , v cc = 5 v, v th = 1.5 v ild1 t d 0.8 s ilq1 t d 0.8 s ild2 t d 1s ilq2 t d 1s ild5 t d 1.7 s ilq5 t d 1.7 s rise time v ce = 0.4 v, r l = 1 k ? , v cc = 5 v, v th = 1.5 v ild1 t r 1.2 s ilq1 t r 1.2 s ild2 t r 2s ilq2 t r 2s ild5 t r 7s ilq5 t r 7s storage v ce = 0.4 v, r l = 1 k ? , v cc = 5 v, v th = 1.5 v ild1 t s 7.4 s ilq1 t s 7.4 s ild2 t s 5.4 s ilq2 t s 5.4 s ild5 t s 4.6 s ilq5 t s 4.6 s fall time v ce = 0.4 v, r l = 1 k ? , v cc = 5 v, v th = 1.5 v ild1 t f 7.6 s ilq1 t f 7.6 s ild2 t f 13.5 s ilq2 t f 13.5 s ild5 t f 20 s ilq5 t f 20 s propagation h to l v ce = 0.4 v, r l = 1 k ? , v cc = 5 v, v th = 1.5 v ild1 t phl 1.6 s ilq1 t phl 1.6 s ild2 t phl 5.4 s ilq2 t phl 5.4 s ild5 t phl 2.6 s ilq5 t phl 2.6 s propagation l to h v ce = 0.4 v, r l = 1 k ? , v cc = 5 v, v th = 1.5 v ild1 t plh 8.6 s ilq1 t plh 8.6 s ild2 t plh 7.4 s ilq2 t plh 7.4 s ild5 t plh 7.2 s ilq5 t plh 7.2 s switching characteristics (t amb = 25 c, unless otherwise specified) parameter test condition part symbol min. typ. max. unit
ild1, ild2, ild5, ilq1, ilq2, ilq5 www.vishay.com vishay semiconductors rev. 1.8, 28-jun-11 7 document number: 83646 for technical questions, contact: optocoupleranswers@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 typical characteristics (t amb = 25 c, unless otherwise specified) fig. 3 - non-saturated switching schematic fig. 4 - non-saturated switching timing fig. 5 - saturated switching schematic fig. 6 - saturated switching timing common mode transient immunity (t amb = 25 c, unless otherwise specified) parameter test condition symbol min. typ. max. unit common mode rejection, output high v cm = 50 v p-p , r l = 1 k ?? i f = 0 ma cm h 5000 v/s common mode rejection, output low v cm = 50 v p-p , r l = 1 k ?? i f = 10 ma cm l 5000 v/s common mode coupling capacitance c cm 0.01 pf iild1_01 v o v cc = 5 v r l = 75 f = 10 khz, df = 50 % i f = 10 ma iild1_02 t d t r 50 % phl t plh t s t f t i f v o iild1_03 v o v cc = 5 v r l f = 10 khz, df = 50 % i f = 10 ma iild1_04 i f t r v o t d t s t f t phl t plh v th = 1.5 v
ild1, ild2, ild5, ilq1, ilq2, ilq5 www.vishay.com vishay semiconductors rev. 1.8, 28-jun-11 8 document number: 83646 for technical questions, contact: optocoupleranswers@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 7 - normalized non-sa turated and saturated ctr vs. led current fig. 8 - normalized non-sa turated and saturated ctr vs. led current fig. 9 - normalized non-sa turated and saturated ctr vs. led current fig. 10 - normalized non-sa turated and saturated ctr vs. led current fig. 11 - normalized non-sa turated and saturated ctr vs. led current fig. 12 - collector emitter cu rrent vs. temperature and led current iild1_05 100 10 1 0.1 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 i f - forward current (ma) v f - forward voltage (v) t a = - 55 c t a = 100 c t a = 25 c iild1_06 100 10 1 0.1 0.0 0.5 1.0 1.5 nctr (sat) nctr i f - led current (ma) ctrnf - normalized ctr factor normalized to: v ce = 10 v,i f = 10 ma t a = 25 c ctr ce(sat) v ce = 0.4 v iild1_07 100 10 1 0.1 0.0 0.5 1.0 1.5 nctr (sat) nctr i f - led current (ma) ctrnf - normalized ctr factor normalized to: v ce =10v, i f = 10 ma,t a = 25 c t a = 50 c ctr ce(sat) v ce = 0.4 v iild1_08 100 10 1 0.1 0.0 0.5 1.0 1.5 i f - led current (ma) nctr(sat) nctr normalized to: v ce = 10 v, i f = 10 ma t a = 25 c ctr ce(sat )v ce = 0.4 v t a = 70 c ctr - normalized ctr factor iild1_09 0.1 1 10 100 1.5 1.0 0.5 0.0 i f - led current (ma) nctr - normalized ctr nctr(sat) nctr normalized to: v ce = 10 v, i f = 10 ma, t a = 25 c ctrce(sat) v ce = 0.4 v t a = 85 c iild1_10 60 50 30 20 10 0 0 5 10 15 20 25 30 35 50 c 70 c 85 c i f - led current (ma) i ce - collector current (ma) 25 c 40
ild1, ild2, ild5, ilq1, ilq2, ilq5 www.vishay.com vishay semiconductors rev. 1.8, 28-jun-11 9 document number: 83646 for technical questions, contact: optocoupleranswers@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 13 - collector emitter leakage current vs.temperature fig. 14 - propagation delay vs. collector load resistor package dimensions in millimeters iild1_11 100 80 60 40 20 0 - 20 10 10 10 10 10 10 10 10 - 2 - 1 0 1 2 3 4 5 t a - ambient temperature (c) i ceo - collector emitter (na) v ce = 10 v typical iild1_12 r l - collector load resistor (k ) 100 10 1 0.1 1 10 100 1000 1.0 1.5 2.0 2.5 t plh t phl t plh - propagation low-high (s) t phl - propagation high-low (s) t a = 25 c, i f = 10 ma v cc = 5 v, v th = 1.5 v i178006 pin one id 6.645 0.165 9.77 0.14 0.95 0.19 4 typ. 2.54 typ. 10 3 to 9 7.62 typ. 0.51 0.05 0.25 0.05 3.045 0.255 3.555 0.255 0.70 0.19 6.095 0.255 4 3 2 1 0.79 1.27 5 6 7 8 iso method a
ild1, ild2, ild5, ilq1, ilq2, ilq5 www.vishay.com vishay semiconductors rev. 1.8, 28-jun-11 10 document number: 83646 for technical questions, contact: optocoupleranswers@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package dimensions in millimeters package marking (example) notes ? only option 1 and 7 reflected in the package marking. ? the vde logo is only marked on option 1 parts. ? tape and reel suffix (t) is not part of the package marking. i178007 6.48 6.81 19.77 20.07 0.76 1.14 4 2.54 typ. 10 typ. 3 to 9 0.46 0.56 0.20 0.30 2.79 3.30 pin one id 3.30 3.81 8 7 6 5 4 3 2 1 9 10 11 12 13 14 15 16 7.62 typ. 5.84 6.35 1.27 iso method a 0.51 0.89 0.79 18450-9 0.35 0.25 10.16 10.92 7.8 7.4 10.36 9.96 option 6 8 min. 7.62 typ. 4.6 4.1 8.4 min. 10.3 max. 0.7 option 7 r 0.010 (0.25) 0.100 (2.54) 0.030 (0.76) 0.070 (1.78) 0.060 (1.52) 0.435 (11.05) 0.315 (8.00) min. 8 min. 0.51 1.02 7.62 ref. 9.53 10.03 0.25 typ. 0.102 0.249 15 max. option 9 r 0.010 (0.25) 0.100 (2.54) 0.030 (0.76) 0.070 (1.78) 0.060 (1.52) 0.435 (11.05) 0.315 (8.00) min. ild2 v yww h 68 ilq2 v yww h 68
vishay dip-16 document number 83239 rev. 1.1, 09-dec-03 vishay semiconductors www.vishay.com 1 dip-16 package dimensions in inches (mm) .255 (6.48) .265 (6.81) .779 (19.77 ) .790 (20.07) .030 (.76) .045 (1.14) 4 .100 (2.54)typ. 10 typ. 3C9 .018 (.46) .022 (.56) .008 (.20) .012 (.30) .110 (2.79) .130 (3.30) pin one id .130 (3.30) .150 (3.81) .020(.51) .035 (.89) 87654321 910111213141516 .031(.79) .300 (7.62) typ. .230 (5.84) .250 (6.35) .050 (1.27) i178007 iso method a
www.vishay.com 2 document number 83239 rev. 1.1, 09-dec-03 vishay dip-16 vishay semiconductors ozone depleting substances policy statement it is the policy of vishay semiconductor gmbh to 1. meet all present and future national and international statutory requirements. 2. regularly and continuously improve the performance of our products, processes, distribution and operatingsystems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. it is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (odss). the montreal protocol (1987) and its london amendments (1990) intend to severely restrict the use of odss and forbid their use within the next ten years. various national and international initiatives are pressing for an earlier ban on these substances. vishay semiconductor gmbh has been able to use its policy of continuous improvements to eliminate the use of odss listed in the following documents. 1. annex a, b and list of transitional substances of the montreal protocol and the london amendments respectively 2. class i and ii ozone depleting substances in the clean air act amendments of 1990 by the environmental protection agency (epa) in the usa 3. council decision 88/540/eec and 91/690/eec annex a, b and c (transitional substances) respectively. vishay semiconductor gmbh can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances. we reserve the right to make changes to improve technical design and may do so without further notice. parameters can vary in different applications. all operating parameters must be validated for each customer application by the customer. should the buyer use vishay semiconductors products for any unintended or unauthorized application, the buyer shall indemnify vishay semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. vishay semiconductor gmbh, p.o.b. 3535, d-74025 heilbronn, germany telephone: 49 (0)7131 67 2831, fax number: 49 (0)7131 67 2423
vishay dip-8 document number 83241 rev. 1.1, 09-dec-03 vishay semiconductors www.vishay.com 1 dip-8 package dimensions in inches (mm) i178006 pin one id .255 (6.48) .268 (6.81) .379 (9.63) .390 (9.91) .030 (0.76) .045 (1.14) 4 typ. .100 (2.54) typ. 10 3C9 .300 (7.62) typ. .018 (.46) .022 (.56) .008 (.20) .012 (.30) .110 (2.79) .130 (3.30) .130 (3.30) .150 (3.81) .020 (.51 ) .035 (.89 ) .230(5.84) .250(6.35) 4 3 2 1 .031 (0.79) .050 (1.27) 5 6 78 iso method a
www.vishay.com 2 document number 83241 rev. 1.1, 09-dec-03 vishay dip-8 vishay semiconductors ozone depleting substances policy statement it is the policy of vishay semiconductor gmbh to 1. meet all present and future national and international statutory requirements. 2. regularly and continuously improve the performance of our products, processes, distribution and operatingsystems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. it is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (odss). the montreal protocol (1987) and its london amendments (1990) intend to severely restrict the use of odss and forbid their use within the next ten years. various national and international initiatives are pressing for an earlier ban on these substances. vishay semiconductor gmbh has been able to use its policy of continuous improvements to eliminate the use of odss listed in the following documents. 1. annex a, b and list of transitional substances of the montreal protocol and the london amendments respectively 2. class i and ii ozone depleting substances in the clean air act amendments of 1990 by the environmental protection agency (epa) in the usa 3. council decision 88/540/eec and 91/690/eec annex a, b and c (transitional substances) respectively. vishay semiconductor gmbh can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances. we reserve the right to make changes to improve technical design and may do so without further notice. parameters can vary in different applications. all operating parameters must be validated for each customer application by the customer. should the buyer use vishay semiconductors products for any unintended or unauthorized application, the buyer shall indemnify vishay semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. vishay semiconductor gmbh, p.o.b. 3535, d-74025 heilbronn, germany telephone: 49 (0)7131 67 2831, fax number: 49 (0)7131 67 2423
document number: 83715 for technical questions, please contact: optocoupl er.answers@vishay.com www.vishay.com rev. 1.4, 11-jan-08 1 footprints footprints vishay semiconductors fig. 1 - so8a and dso8a smd fig. 2 - sop-4, miniflat fig. 3 - sop-6, 5 pin wide body fig. 4 - 8 pin pcmcia 0.236 (5.99) r 0.010 (0.13) 0.050 (1.27) 17977 0.014 (0.36) 0.036 (0.91) 0.045 (1.14) 0.170 (4.32) 0.260 (6.6) 0.195 (5.0) 0.296 (7.6) 0.004 (0.1) 0.006 (0.15) 0.050 (1.27) 0.035 (0.9) possi b le footprint 1 8 403 0.027 (0.7) 0.172 (4.4) 0.273 (7.0) 0.027 (0.7) 0.004 (0.1) 0.00 6(0 .15) 0.050 (1.27) 0.035 (0.9) 0.099 (2.54) 0.325 ( 8 .2) 0.425 (10. 8 ) 0.293 (7.5) 0.39 8 (10.2) possi b le footprint 1 8 406 17972 0.336 ( 8 .53) 0.266 (6.76) 0.356 (9.04) 0.050 (1.27) 0.045 (1.14) r 0.010 (0.25) 0.014 (0.36) 0.036 (0.91)
www.vishay.com for technical questions, pleas e contact: optocoupler.answers@vishay.com document number: 83715 2 rev. 1.4, 11-jan-08 footprints vishay semiconductors footprints fig. 5 - 8 pin pcmcia, heat sink fig. 6 - mini coupler fig. 7 - sop-16 fig. 8 - 4 pin mini-flat fig. 9 - sop-6, 4 pin wide body fig. 10 - 4 pin smd option 7 r 0.010 (0.25) 0.336 ( 8 .53) 0.0 8 6 (2.1 8 ) 0.050 (1.27) 17976 0.266 (6.76) 0.356 (9.04) 0.014 (0.36) 0.036 (0.91) 0.045 (1.14) 1797 8 0.296 (7.52) 0.276 (7.01) 0.010 (0.25) 0.053 (1.35) 0.024 (0.61) 0.026 (0.66) 0.216 (5.49) 0.050 (1.27) 0.040 (1.02) r 0.005 (0.13) 17974 r 0.010 (0.25) 0.270 (6. 8 6) 0.014 (0.36) 0.036 (0.91) 0.045 (1.14) 0.050 (1.27) 0.200 (5.0 8 ) 0.290 (7.37) 0.100 (2.54) 17973 0.270 (6. 8 6) 0.014 (0.36) 0.036 (0.91) 0.045 (1.14) 0.200 (5.0 8 ) 0.290 (7.37) r 0.010 (0.25) 1 8 405 0.027 (0.7) 0.004 (0.1) 0.006 (0.15) 0.035 (0.9) 0.099 (2.54) 0.325 ( 8 .2) 0.425 (10. 8 ) 0.293 (7.5) 0.39 8 (10.2) possi b le footprint 1796 2 r 0.010 (0.25) 0.406 (10.31) 0.100 (2.54) 0.030 (0.76) 0.070 (1.7 8 ) 0.060 (1.52) 0.435 (11.05) 0.315 ( 8 .00) min.
document number: 83715 for technical questions, please contact: optocoupl er.answers@vishay.com www.vishay.com rev. 1.4, 11-jan-08 3 footprints footprints vishay semiconductors fig. 11 - 6 pin smd option 7 fig. 12 - 8 pin smd option 7 fig. 13 - 16 pin smd option 7 fig. 14 - 4 pin smd option 8 17963 r 0.010 (0.25) 0.406 (10.31) 0.100 (2.54) 0.030 (0.76) 0.070 (1.7 8 ) 0.060 (1.52) 0.435 (11.05) 0.315 ( 8 .00) min. 17964 r 0.010 (0.25) 0.406 (10.31) 0.100 (2.54) 0.030 (0.76) 0.070 (1.7 8 ) 0.060 (1.52) 0.435 (11.05) 0.315 ( 8 .00) min. 17965 r 0.010 (0.25) 0.406 (10.31) 0.100 (2.54) 0.030 (0.76) 0.070 (1.7 8 ) 0.060 (1.52) 0.435 (11.05) 0.315 ( 8 .00) min. 17966 r 0.010 (0.25) 0.472 (11.99) 0.100 (2.54) 0.030 (0.76) 0.070 (1.7 8 ) 0.060 (1.52) 0.512 (13.00) 0.392 (9.95) min.
www.vishay.com for technical questions, pleas e contact: optocoupler.answers@vishay.com document number: 83715 4 rev. 1.4, 11-jan-08 footprints vishay semiconductors footprints fig. 15 - 6 pin smd option 8 fig. 16 - 4 pin smd option 9 fig. 17 - 6 pin smd option 9 fig. 18 - 8 pin smd option 9 fig. 19 - 16 pin smd option 9 17967 r 0.010 (0.25) 0.472 (11.99) 0.100 (2.54) 0.030 (0.76) 0.070 (1.7 8 ) 0.060 (1.52) 0.512 (13.00) 0.392 (9.95) min. 1796 8 r 0.010 (0.25) 0.395 (10.03) 0.100 (2.54) 0.030 (0.76) 0.070 (1.7 8 ) 0.060 (1.52) 0.435 (11.05) 0.315 ( 8 .00) min. 17969 r 0.010 (0.25) 0.395 (10.03) 0.100 (2.54) 0.030 (0.76) 0.070 (1.7 8 ) 0.060 (1.52) 0.435 (11.05) 0.315 ( 8 .00) min. 17970 r 0.010 (0.25) 0.395 (10.03) 0.100 (2.54) 0.030 (0.76) 0.070 (1.7 8 ) 0.060 (1.52) 0.435 (11.05) 0.315 ( 8 .00) min. 17971 r 0.010 (0.25) 0.395 (10.03) 0.100 (2.54) 0.030 (0.76) 0.070 (1.7 8 ) 0.060 (1.52) 0.435 (11.05) 0.315 ( 8 .00) min.
document number: 83715 for technical questions, please contact: optocoupl er.answers@vishay.com www.vishay.com rev. 1.4, 11-jan-08 5 footprints footprints vishay semiconductors fig. 20 - 16 pin pcmcia 17975 r 0.010 (0.25) 0.336 ( 8 .53) 0.100 (2.54) 0.050 (1.27) 0.266 (6.76) 0.014 (0.36) 0.045(1.14) 0.356 (9.04) 0.036 (0.91)
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of ILD1-X001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X