product data sheet specifications subject to change without notice. data sheet #: rev: date: page of copyright 2008 connor-winfield all rights reserved. a crystal controlled oscillators the connor-winfield hv5x-xxx series is a 5.0v hcmos, 14 pin dip hermetically sealed, voltage controlled crystal oscillator (vcxo). based on a fundamental crystal design the is designed for phased lock loop applications requiring low jitter and tight stability. hv5x-xxx 12 frequency range 80 khz to 29.999999 mhz 5.0v operation low jitter <1ps rms frequency stability hv51-xxx series 25ppm hermetically sealed package rohs 5/6 compliant hv52-xxx series 50ppm hv53-xxx series 100ppm hv54-xxx series 20ppm hv55-xxx series 10ppm hv56-xxx series 5ppm temperature range: 0 to 70c 14 pin 5.0v hcmos vcxo low frequencies vx014 09 02/25/09 the connor-winfield corp. 2111 comprehensive drive. aurora, il 60505. fax (630) 851-5040. phone (630) 851-4722. www.conwin.com ordering information features description cw 0426 hv52-150 24.704m hv51-xxx series hv56-xxx series hv55-xxx series hv54-xxx series hv53-xxx series hv52-xxx series vcxo series center frequency hv52-150 - 024.704m hcmos output characteristics table 6.0 parameter minimum nominal maximum units note load - - 15 pf voltage (high) (voh) 4.5 - - vdc (low) (vol) - - 0.5 vdc current (80 khz to 15.999 mhz) (high) (ioh) -4 - -ma (80 khz to 15.999 mhz) (low) (ioh) - - 4 ma current (16 mhz to 29.999 mhz) (high) (ioh) -8 - -ma (16 mhz to 29.999 mhz) (low) (ioh) - - 8 ma duty cycle at 50% of vcc 45 50 55 % rise / fall time 10% to 90% - 3 5 ns package characteristics table 7.0 package hermetically sealed, metal package. soldering process rohs 5/6 compliant. see solder profile on page 2. absolute maximum ratings table 1.0 parameter units minimum nominal maximum units note storage temperature -40 - 85 c supply voltage (vcc) -0.5 - 7 vdc control voltage (vc) -0.5 - 7 vdc model specifications model number table 2.0 hv51-xxx frequency stability: -25 - 25 ppm 1 hv52-xxx frequency stability: -50 - 50 ppm 1 hv53-xxx frequency stability: -100 - 100 ppm 1 hv54-xxx frequency stability: -20 - 20 ppm 1 hv55-xxx frequency stability: -10 - 10 ppm 1 hv56-xxx frequency stability: -5 - 5 ppm 1 pullability codes (xxx - add code to the end of the model number) table 3.0 040 frequency pullability: 20 - - ppm 2 100 frequency pullability: 50 - - ppm 2 150 frequency pullability: 75 - - ppm 2 160 frequency pullability: 80 - - ppm 2 200 frequency pullability: 100 - - ppm 2 250 frequency pullability: 125 - - ppm 2 300 frequency pullability: 150 - - ppm 2, 3 350 frequency pullability: 175 - - ppm 2, 3 400 frequency pullability: 200 - - ppm 2, 3 operating specifications table 4.0 parameter minimum nominal maximum units note frequency range (fo) .080 - 29.999999 mhz operating temperature range 0 - 70 c supply voltage (vcc) 4.75 5.0 5.25 vdc supply current (icc) - - 20 ma period jitter - 3 5 ps rms phase jitter (bw=12khz to 20mhz) - 0.5 1 ps rms ssb phase noise at 100hz offset - -90 - dbc/hz ssb phase noise at 1khz offset - -100 - dbc/hz ssb phase noise at 10khz offset - -125 - dbc/hz ssb phase noise at 100khz offset - -135 - dbc/hz input characteristics table 5.0 parameter minimum nominal maximum units note control voltage range (vc) 0.5 2.5 4.5 vdc center frequency 2.0 2.5 3.0 vdc monotonic linearity -15 - 15 % input impedance -50k-ohm modulation bandwidth (3db) 15 - -khz
product data sheet specifications subject to change without notice. data sheet #: rev: date: page of copyright 2008 connor-winfield all rights reserved. a crystal controlled oscillators 22 vx014 09 02/25/09 the connor-winfield corp. 2111 comprehensive drive. aurora, il 60505. fax (630) 851-5040. phone (630) 851-4722. www.conwin.com hv52 150 024.704m - - note: 1) frequency stability vs. change in temperature, referenced to frequency measured at 25c with control voltage @ 2.50vdc. 2) referenced to fo @ 25c. positive slope. 3) the wider frequency pullabilies are not available with models hv55 or hv56 series. output frequency: frequency format -xxx.xm min.* -xxx.xxxxxxm max.* *amount of numbers after the decimal point. m = mhz k=khz pullability: minimum deviation of +/-75ppm with 0.5 to 4.5v control voltage vcxo series example part number test circuit package outline and pin connections solder profile 100c 150c 225c 25c 183c 360 sec. max. 60-120s max. 60-150s max. time temperature 225c 0 tp ramp-down rate 6c/second max. 10-30s ramp-up rate 3c/second max. from 150c to 225c.
|