Part Number Hot Search : 
1N5692 M2001 S3FB018 10330 FDD6630 1N4762 855748 2000W
Product Description
Full Text Search
 

To Download HM7610100JLFTR13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2007/08 edition magnetic components selector guide we reserve the right to change specifications without prior notice www.bitechnologies.com 81 specifications (case size 10 and 20) dc resistance rated part inductance @ 25c (3) current (2,4) number h 20% (1) ? max amps schematic figure schematics schematic a schematic b specifications (case size 30 and 40) dc resistance rated part inductance @ 25c (3) current (2,4) number h 20% (1) ? max amps schematic figure hm76-301r0jlf 1.0 0.01 8.50 a 1 hm76-301r5jlf 1.5 0.01 7.90 a 1 hm76-302r2jlf 2.2 0.02 7.40 a 1 hm76-303r3jlf 3.3 0.02 6.60 a 1 hm76-304r7jlf 4.7 0.02 6.00 a 1 hm76-306r8jlf 6.8 0.03 5.20 a 1 hm76-308r2jlf 8.2 0.03 5.00 a 1 1 2 1 2 3 4 ? operating temperature range -40c to +125c ? ambient temperature, maximum 8 0 c ? insulation system class b, 130 c ? temperature rise , maximum 4 0 c ?? ? ? electrical / environmental drum core, space efficient high per formance surface m ount inductors rohs compliant hm76-101r0jlf 1.0 0.03 2.90 a 1 hm76-101r5j lf 1.5 0.05 2.80 a 1 hm76-102r2j lf 2.2 0.06 2.40 a 1 hm76-103r3j lf 3.3 0.09 2.00 a 1 hm76-104r7j lf 4.7 0.09 1.50 a 1 hm76-106r8j lf 6.8 0.17 1.30 a 1 hm76-10100j lf 10 0.16 1.10 a 1 hm76-10150j lf 15 0.30 0.80 a 1 ??????????? ?? 22 0.43 0.70 a 1 hm76-10330j lf 33 0.69 0.57 a 1 hm76-10470j lf 47 0.92 0.46 a 1 hm76-10680j lf 68 1.39 0.37 a 1 hm76-10101j lf 100 1.98 0.28 a 1 hm76-10151j lf 150 3.08 0.22 a 1 hm76-10221j lf 220 4.47 0.18 a 1 hm76-10331j lf 330 6.90 0.15 a 1 hm76-10471j lf 470 11.55 0.12 a 1 hm76-20100j lf 10 0.07 2.00 a 2 hm76-20150j lf 15 0.09 1.50 a 2 hm76-20220j lf 22 0.15 1.30 a 2 hm76-20330j lf 33 0.21 1.10 a 2 hm76-20470j lf 47 0.31 0.80 a 2 hm76-20680j lf 68 0.42 0.70 a 2 hm76-20101j lf 100 0.58 0.60 a 2 hm76-20151j lf 150 0.89 0.50 a 2 hm76-20221j lf 220 1.30 0.40 a 2 hm76-20331j lf 330 2.00 0.30 a 2 hm76-20471j lf 470 2.50 0.20 a 2 hm76-20681j lf 680 3.50 0.10 a 2 hm76-20102j lf 1,000 6.00 0.05 a 2
www.bitechnologies.com magnetic components selector guide 2007/08 edition we reserve the right to change specifications without prior notice. 82 hm76-50r78jlf 0.78 0.003 15.0 a 4 hm76-501r3jlf 1.3 0.0043 13.7 a 4 hm76-502r2j lf 2.2 0.006 12.0 a 4 hm76-503r3j lf 3.3 0.008 9.80 a 4 hm76-505r6j lf 5.6 0.010 7.50 a 4 hm76-50100j lf 10 0.023 6.00 a 4 hm76-50150j lf 15 0.035 4.50 a 4 hm76-50220j lf 22 0.045 4.00 a 4 hm76-50330j lf 33 0.075 3.00 a 4 hm76-50470j lf 47 0.096 2.60 a 4 hm76-50680j lf 68 0.140 2.30 a 4 hm76-50101j lf 100 0.190 1.70 a 4 hm76-50151j lf 150 0.290 1.50 a 4 hm76-50221j lf 220 0.410 1.20 a 4 hm76-50331j lf 330 0.540 1.00 a 4 hm76-50471j lf 470 0.800 0.83 a 4 hm76-50681j lf 680 1.150 0.72 a 4 hm76-50102j lf 1,000 1.800 0.56 a 4 hm76-30100jlf 10 0.04 4.60 a 1 hm76-30150jlf 15 0.05 3.70 a 1 hm76-30220j lf 22 0.07 3.10 a 1 hm76-30330j lf 33 0.11 2.50 a 1 hm76-30470j lf 47 0.16 2.00 a 1 hm76-30680j lf 68 0.20 1.80 a 1 hm76-30820j lf 82 0.24 1.58 a 1 hm76-30101j lf 100 0.30 1.50 a 1 hm76-30151j lf 150 0.44 1.20 a 1 hm76-30221j lf 220 0.64 1.00 a 1 hm76-30331j lf 330 1.00 0.80 a 1 hm76-30471j lf 470 1.50 0.50 a 1 hm76-30681j lf 680 2.20 0.40 a 1 hm76-30102j lf 1,000 3.15 0.30 a 1 hm76-403r3j lf 3.3 0.01 9.80 b 3 hm76-404r7j lf 4.7 0.01 9.30 b 3 hm76-406r8j lf 6.8 0.02 7.70 b 3 hm76-408r2j lf 8.2 0.02 7.00 b 3 hm76-40100j lf 10 0.02 6.50 b 3 hm76-40150j lf 15 0.03 5.30 b 3 hm76-40220j lf 22 0.04 4.40 b 3 hm76-40330j lf 33 0.06 3.50 b 3 hm76-40470j lf 47 0.07 3.00 b 3 hm76-40680j lf 68 0.11 2.50 b 3 hm76-40820j lf 82 0.12 2.20 b 3 hm76-40101j lf 100 0.15 2.00 b 3 hm76-40151j lf 150 0.22 1.70 b 3 hm76-40221j lf 220 0.33 1.30 b 3 hm76-40331j lf 330 0.45 1.10 b 3 hm76-40471j lf 470 0.70 0.93 b 3 hm76-40681j lf 680 1.00 0.78 b 3 hm76-40102j lf 1,000 1.45 0.65 b 3 notes: (1) inductance is measured at 100khz, 0.1 vrms, without dc current. (2) rated dc current at which inductance will be decreased by 10% from its initial value or the dc current at which ? t = 40c, whichever is smaller. (3) resistance is measured with both windings connected in parallel (case size 40 only). (4) rated current will be decreased by 50% when parts are connected as coupled inductors. specifications (case size 30 and 40) dc resistance rated part inductance @ 25c (3) current (2,4) number h 20% (1) ? max amps schematic figure specifications (case size 50) dc resistance rated part inductance @ 25c (3) current (2,4) number h 20% (1) ? max amps schematic figure
2007/08 edition magnetic components selector guide we reserve the right to change specifications without prior notice www.bitechnologies.com 83 packaging standard : embossed tape and reel all units orientated with lead #1 to the same side of sprocket hole. reel: diameter: case size 10 = 7 (177.8mm) all other case sizes = 13 (330.2mm) capacity: case size 10 = 500 units case size 20 = 1,000 units case size 30 = 350 units case size 40 = 200 units case size 50 = 200 units ordering information inductance code: first 2 digits are signi?cant. last digit denotes the number of trailing zeros. model series case size: 10 (figure 1) 40 (figure 3) 20 (figure 2) 50 (figure 4) 30 (figure 1) termination type hm76 20 100 j lf tr13 outline dimensions (inch/mm) figure 1 ( case size: 10 & 30 ) figure 2 ( case size: 20 ) figure 3 ( case size: 40 ) figure 4 ( case size: 50 ) recommended solder pad layout (1) for case size: 10, 20, 30 & 50 (2) for case size: 40 lead-free tr: tape & reel packing 7 C 7 reel 13 C 13 reel 100 100


▲Up To Search▲   

 
Price & Availability of HM7610100JLFTR13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X