Part Number Hot Search : 
BUF420AW BF1100R MAX31913 101MC 85HF80R RKZ3B1KD T9G00410 15KPA
Product Description
Full Text Search
 

To Download FQPF8N60CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?2004 fairchild semiconductor corporation rev. b, march 2004 fqp8n60c/fqpf8n60c qfet ? fqp8n60c/fqpf8n60c 600v n-channel mosfet general description these n-channel enhancement mode power field effect transistors are produced using fairchild?s proprietary, planar stripe, dmos technology. this advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. these devices are well suited for high efficiency switched mode power supplies, active power factor correction, electronic lamp ballasts based on half bridge topology. features ? 7.5a, 600v, r ds(on) = 1.2 ? @v gs = 10 v ? low gate charge ( typical 28 nc) ? low crss ( typical 12 pf) ? fast switching ? 100% avalanche tested ? improved dv/dt capability absolute maximum ratings t c = 25c unless otherwise noted * drain current limited by maximum junction temperature. thermal characteristics symbol parameter fqp8n60c fqpf8n60c units v dss drain-source voltage 600 v i d drain current - continuous (t c = 25c) 7.5 7.5 * a - continuous (t c = 100c) 4.6 4.6 * a i dm drain current - pulsed (note 1) 30 30 * a v gss gate-source voltage 30 v e as single pulsed avalanche energy (note 2) 230 mj i ar avalanche current (note 1) 7.5 a e ar repetitive avalanche energy (note 1) 14.7 mj dv/dt peak diode recovery dv/dt (note 3) 4.5 v/ns p d power dissipation (t c = 25c) 147 48 w - derate above 25c 1.18 0.38 w/c t j , t stg operating and storage temperature range -55 to +150 c t l maximum lead temperature for soldering purposes, 1/8 " from case for 5 seconds 300 c symbol parameter fqp8n60c fqpf8n60c units r jc thermal resistance, junction-to-case 0.85 2.6 c / w r cs thermal resistance, case-to-sink typ. 0.5 -- c / w r ja thermal resistance, junction-to-ambient 62.5 62.5 c / w to-220 fqp series g s d to-220f fqpf series g s d ! ! ! ! ! ! ! ! ! ! ! ! ? ? ? ? ! ! ! ! ! ! ! ! ! ! ! ! ? ? ? ? s d g
rev. b, march 2004 fqp8n60c/fqpf8n60c ?2004 fairchild semiconductor corporation electrical characteristics t c = 25c unless otherwise noted notes: 1. repetitive rating : pulse width limited by maximum junction temperature 2. l = 7.3mh, i as = 7.5 a, v dd = 50v, r g = 25 ?, starting t j = 25c 3. i sd 7.5a, di/dt 200a/ s, v dd bv dss, starting t j = 25c 4. pulse test : pulse width 300 s, duty cycle 2% 5. essentially independent of operating temperature symbol parameter test conditions min typ max units off characteristics bv dss drain-source breakdown voltage v gs = 0 v, i d = 250 a 600 -- -- v ? bv dss / ? t j breakdown voltage temperature coefficient i d = 250 a, referenced to 25c -- 0.7 -- v/c i dss zero gate voltage drain current v ds = 600 v, v gs = 0 v -- -- 1 a v ds = 480 v, t c = 125c -- -- 10 a i gssf gate-body leakage current, forward v gs = 30 v, v ds = 0 v -- -- 100 na i gssr gate-body leakage current, reverse v gs = -30 v, v ds = 0 v -- -- -100 na on characteristics v gs(th) gate threshold voltage v ds = v gs , i d = 250 a 2.0 -- 4.0 v r ds(on) static drain-source on-resistance v gs = 10 v, i d = 3.75 a -- 1.0 1.2 ? g fs forward transconductance v ds = 40 v, i d = 3.75 a (note 4) -- 8.7 -- s dynamic characteristics c iss input capacitance v ds = 25 v, v gs = 0 v, f = 1.0 mhz -- 965 1255 pf c oss output capacitance -- 105 135 pf c rss reverse transfer capacitance -- 12 16 pf switching characteristics t d(on) turn-on delay time v dd = 300 v, i d = 7.5a, r g = 25 ? (note 4, 5) -- 16.5 45 ns t r turn-on rise time -- 60.5 130 ns t d(off) turn-off delay time -- 81 170 ns t f turn-off fall time -- 64.5 140 ns q g total gate charge v ds = 480 v, i d = 7.5a, v gs = 10 v (note 4, 5) -- 28 36 nc q gs gate-source charge -- 4.5 -- nc q gd gate-drain charge -- 12 -- nc drain-source diode characteristics and maximum ratings i s maximum continuous drain-source diode forward current -- -- 7.5 a i sm maximum pulsed drain-source diode forward current -- -- 30 a v sd drain-source diode forward voltage v gs = 0 v, i s = 7.5 a -- -- 1.4 v t rr reverse recovery time v gs = 0 v, i s = 7.5 a, di f / dt = 100 a/ s (note 4) -- 365 -- ns q rr reverse recovery charge -- 3.4 -- c
rev. b, march 2004 ?2004 fairchild semiconductor corporation fqp8n60c/fqpf8n60c 0 5 10 15 20 25 30 0 2 4 6 8 10 12 v ds = 300v v ds = 120v v ds = 480v note : i d = 8a v gs , gate-source voltage [v] q g , total gate charge [nc] 0.20.40.60.81.01.21.4 10 -1 10 0 10 1 150 not es : 1. v gs = 0v 2. 250 s pulse test 25 i dr , reverse drain current [a] v sd , source-drain voltage [v] 0 5 10 15 20 0.5 1.0 1.5 2.0 2.5 3.0 3.5 v gs = 20v v gs = 10v note : t j = 25 r ds(on) [ ? ], drain-source on-resistance i d , drain current [a] typical characteristics figure 5. capacitance characteristics figure 6. gate charge characteristics figure 3. on-resistance variation vs drain current and gate voltage figure 4. body diode forward voltage variation with source current and temperature figure 2. transfer characteristics figure 1. on-region characteristics 10 -1 10 0 10 1 10 -1 10 0 10 1 v gs top : 15.0 v 10.0 v 8.0 v 7.0 v 6.5 v 6.0 v 5.5 v bottom : 5.0 v notes : 1. 250 s pulse test 2. t c = 25 i d , drain current [a] v ds , drain-source voltage [v] 246810 10 -1 10 0 10 1 150 o c 25 o c -55 o c notes : 1. v ds = 40v 2. 250 s pulse test i d , drain current [a] v gs , gate-source voltage [v] 10 -1 10 0 10 1 0 200 400 600 800 1000 1200 1400 1600 1800 2000 c iss = c gs + c gd (c ds = shorted) c oss = c ds + c gd c rss = c gd notes ; 1. v gs = 0 v 2. f = 1 mhz c rss c oss c iss capacitance [pf] v ds , drain-source voltage [v]
rev. b, march 2004 fqp8n60c/fqpf8n60c ?2004 fairchild semiconductor corporation 10 0 10 1 10 2 10 3 10 -2 10 -1 10 0 10 1 10 2 100 ms 1 ms 10 s dc 10 ms 100 s operation in this area is limited by r ds(on) notes : 1. t c = 25 o c 2. t j = 150 o c 3. single pulse i d , drain current [a] v ds , drain-source voltage [v] 10 0 10 1 10 2 10 3 10 -2 10 -1 10 0 10 1 10 2 10 s 100 ms dc 10 ms 1 ms 100 s operation in this area is limited by r ds(on) notes : 1. t c = 25 o c 2. t j = 150 o c 3. single pulse i d , drain current [a] v ds , drain-source voltage [v] typical characteristics (continued) figure 9-1. maximum safe operating area for fqp8n60c figure 10. maximum drain current vs case temperature figure 7. breakdown voltage variation vs temperature figure 8. on-resistance variation vs temperature figure 9-2. maximum safe operating area for fqpf8n60c -100 -50 0 50 100 150 200 0.8 0.9 1.0 1.1 1.2 notes : 1. v gs = 0 v 2. i d = 250 a bv dss , (normalized) drain-source breakdown voltage t j , junction temperature [ o c] -100 -50 0 50 100 150 200 0.0 0.5 1.0 1.5 2.0 2.5 3.0 notes : 1. v gs = 10 v 2. i d = 4 a r ds(on) , (normalized) drain-source on-resistance t j , junction temperature [ o c] 25 50 75 100 125 150 0 2 4 6 8 i d , drain current [a] t c , case temperature [ ]
rev. b, march 2004 fqp8n60c/fqpf8n60c ?2004 fairchild semiconductor corporation 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 -2 10 -1 10 0 notes : 1. z jc (t) = 0.85 /w m ax. 2. d uty factor, d =t 1 /t 2 3. t jm - t c = p dm * z jc (t) sin gle pu lse d=0.5 0.02 0.2 0.05 0.1 0.01 z jc (t), thermal response t 1 , square w ave pulse duration [sec] 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 -2 10 -1 10 0 notes : 1. z jc (t) = 2.6 /w m ax. 2. d uty factor, d=t 1 /t 2 3. t jm - t c = p dm * z jc (t) single pulse d=0.5 0.02 0.2 0.05 0.1 0.01 z jc (t), thermal response t 1 , square w ave pulse duration [sec] typical characteristics (continued) figure 11-1. transient thermal response curve for fqp8n60c figure 11-2. transient thermal response curve for fqpf8n60c t 1 p dm t 2 t 1 p dm t 2
rev. b, march 2004 fqp8n60c/fqpf8n60c ?2004 fairchild semiconductor corporation gate charge test circuit & waveform resistive switching test circuit & waveforms unclamped inductive switching test circuit & waveforms charge v gs 10v q g q gs q gd 3ma v gs dut v ds 300nf 50k 200nf 12v same type as dut charge v gs 10v q g q gs q gd 3ma v gs dut v ds 300nf 50k 200nf 12v same type as dut v gs v ds 10% 90% t d( on) t r t on t off t d(off) t f v dd 10v v ds r l dut r g v gs v gs v ds 10% 90% t d( on) t r t on t off t d(off) t f v dd 10v v ds r l dut r g v gs e as =li as 2 ---- 2 1 -------------------- bv dss -v dd bv dss v dd v ds bv dss t p v dd i as v ds (t) i d (t) time 10v dut r g l i d t p e as =li as 2 ---- 2 1 e as =li as 2 ---- 2 1 ---- 2 1 -------------------- bv dss -v dd bv dss v dd v ds bv dss t p v dd i as v ds (t) i d (t) time 10v dut r g l l i d i d t p
rev. b, march 2004 fqp8n60c/fqpf8n60c ?2004 fairchild semiconductor corporation peak diode recovery dv/dt test circuit & waveforms dut v ds + _ driver r g same type as dut v gs ? dv/dt controlled by r g ?i sd controlled by pulse period v dd l i sd 10v v gs ( driver ) i sd ( dut ) v ds ( dut ) v dd body diode forward voltage drop v sd i fm , body diode forward current body diode reverse current i rm body diode recovery dv/dt di/dt d = gate pulse width gate pulse period -------------------------- dut v ds + _ driver r g same type as dut v gs ? dv/dt controlled by r g ?i sd controlled by pulse period v dd l l i sd 10v v gs ( driver ) i sd ( dut ) v ds ( dut ) v dd body diode forward voltage drop v sd i fm , body diode forward current body diode reverse current i rm body diode recovery dv/dt di/dt d = gate pulse width gate pulse period -------------------------- d = gate pulse width gate pulse period --------------------------
rev. b, march 2004 fqp8n60c/fqpf8n60c ?2004 fairchild semiconductor corporation package dimensions 4.50 0.20 9.90 0.20 1.52 0.10 0.80 0.10 2.40 0.20 10.00 0.20 1.27 0.10 ?.60 0.10 (8.70) 2.80 0.10 15.90 0.20 10.08 0.30 18.95max. (1.70) (3.70) (3.00) (1.46) (1.00) (45 ) 9.20 0.20 13.08 0.20 1.30 0.10 1.30 +0.10 ?.05 0.50 +0.10 ?.05 2.54typ [2.54 0.20 ] 2.54typ [2.54 0.20 ] to-220 dimensions in millimeters
rev. b, march 2004 fqp8n60c/fqpf8n60c ?2004 fairchild semiconductor corporation package dimensions (continued) (7.00) (0.70) max1.47 (30 ) #1 3.30 0.10 15.80 0.20 15.87 0.20 6.68 0.20 9.75 0.30 4.70 0.20 10.16 0.20 (1.00x45 ) 2.54 0.20 0.80 0.10 9.40 0.20 2.76 0.20 0.35 0.10 3.18 0.10 2.54typ [2.54 0.20 ] 2.54typ [2.54 0.20 ] 0.50 +0.10 0.05 to-220f dimensions in millimeters
?2004 fairchild semiconductor corporation disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. life support policy fairchild?s products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms datasheet identification product status definition advance information formative or in design this datasheet contains the design specifications for product development. specifications may change in any manner without notice. preliminary first production this datasheet contains preliminary data, and supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. no identification needed full production this datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. obsolete not in production this datasheet contains specifications on a product that has been discontinued by fairchild semiconductor. the datasheet is printed for reference information only. rev. i9 trademarks the following are registered and unregistered trademarks fairchild semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. fact quiet series? fast ? fastr? fps? frfet? globaloptoisolator? gto? hisec? i 2 c? implieddisconnect? isoplanar? littlefet? microcoupler? microfet? micropak? microwire? msx? msxpro? ocx? ocxpro? optologic ? optoplanar? pacman? pop? power247? powersaver? powertrench ? qfet? qs? qt optoelectronics? quiet series? rapidconfigure? rapidconnect? silent switcher ? smart start? spm? stealth? superfet? supersot?-3 supersot?-6 supersot?-8 syncfet? tinylogic ? tinyopto? trutranslation? uhc? ultrafet ? vcx? acex? activearray? bottomless? coolfet? crossvolt ? dome? ecospark? e 2 cmos? ensigna? fact? across the board. around the world.? the power franchise ? programmable active droop?
careers | sitema go datasheets, samples, buy technical information applications design center support company investors my f a home >> find products >> product status/pricing/packaging fqpf8n60c 600v n-channel advance q-fet c-series general description back to top features back to top contents ? general description ? features ? product status/pricing/packaging ? order samples ? application notes ? qualification support these n-channel enhancement mode pow er field effect transistors are produced using fairchild?s proprietary, planar stripe, dmos technology. this advanced technology has been especially tailored to minimize on-state resistance, provide superior switchin g performance, and withstand high energy pulse in the avalanche and commutation mode. these devices are well suited for high efficiency switched mode power supplies, active power factor correction, electronic lamp ballasts based on half bridge topology. z 7.5a, 600v, r ds(on) = 1.2 @v gs = 10 v z low gate charge ( typical 28 nc) z low crss ( typical 12 pf) z fast switching z 100% avalanche tested z improved dv/dt capability datasheet download this datasheet e - mail this datasheet this page print version product product status pb-free status pricing* package type leads packing method package marking convention** line 1: $y (fairchild logo) related links request samples how to order products product change notices (pcns) support sales support quality and reliability design cente r pa g e 1 of 3 product folder - fairchild p/n fqpf8n60c - 600v n-cha nnel advance q-fet c-series 17-au g -2007 mhtml:file://c:\temp\FQPF8N60CT.mht
back to top application notes back to top qualification support click on a product for detailed qualification data back to top fqpf8n60c full production $1.12 to - 220f 3 rail & z (asm. plant code) & 4 (4-digit date code) line 2: fqpf line 3: 8n60c FQPF8N60CT full production $1.14 to - 220f 3 rail line 1: $y (fairchild logo) & z (asm. plant code) &e& 3 (3-digit date code) line 2: fqpf line 3: 8n60ct fqpf8n60cydtu full production $1.26 to - 220f 3 rail line 1: $y (fairchild logo) & z (asm. plant code) & 4 (4-digit date code) * fairchild 1,000 piece budgetary pricing ** a sample button will appear if the part is available through fa irchild's on-line samples program. if there is no sample butt on, please contact a fairchild distributor to obtain samples indicates product with pb -free second-level interconne ct. for more information click here. package marking information for product fqpf8n60c is available. click here for more information . a n - 6014: an - 6014 green current mode pwm controller fan7602 (390 k) jul 27, 2007 product fqpf8n60c FQPF8N60CT fqpf8n60cydtu ? 2007 fairchild semiconductor pa g e 2 of 3 product folder - fairchild p/n fqpf8n60c - 600v n-cha nnel advance q-fet c-series 17-au g -2007 mhtml:file://c:\temp\FQPF8N60CT.mht
products | design center | support | company news | investors | my fairchild | contact us | site index | privacy policy | site terms & conditions | standard terms & conditions o pa g e 3 of 3 product folder - fairchild p/n fqpf8n60c - 600v n-cha nnel advance q-fet c-series 17-au g -2007 mhtml:file://c:\temp\FQPF8N60CT.mht


▲Up To Search▲   

 
Price & Availability of FQPF8N60CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X