Part Number Hot Search : 
2AT90C LXT386LE MC10H155 HT82K628 00MHZ C3569 MDT2020 DT452P
Product Description
Full Text Search
 

To Download EC36015UH-20V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inductors ec series have copper winding on magnetic core structure with tinned copper axial leads. l uniform epoxy coating for humidity conformal coated inductors C axial leads C commercial use dimensions in mm series ec style 36 inductance value 0,47 h tolerance 20% packaging b r : tape and reel b : tape in box ammopack v : bulk pack e : radial style ordering procedure 28 ? 0,5 ?,05 10 max. first significant digit tolerance 4 max. 28 ? second significant digit multiplier 7-14 ec36 data sheet e 1/7.103 - 10497 electrical inductance range... 0,1 h to 1000 h tolerance... 20% 0,1 h < l 0,82 h 10% 1 h < l 1000 h limiting voltage... 250 v rms specifications marking 4 color bands. packaging 2000 pieces tape in box ammopack 5000 pieces tape and reel on request : 2000 pieces tape and reel radial style available (consult aztronic for dimensions). mechanical coating... epoxy resin terminations... tinned copper weight... 0,5 g environmental i operating temprature... + 70c temperature limits... C20c +100c
inductanc value h tolerance % q min. test frequency mhz srf min. mhz dcr max. i max. ma table 1 ec36 inductors - standard values 20 % 20 % 10 % 10 % 0,10 0,12 0,15 0,18 0,22 0,27 0,33 0,39 0,47 0,56 0,68 0,82 1 1,2 1,5 1,8 2,2 2,7 3,3 3,9 4,7 5,6 6,8 8,2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 25 25 45 45 50 50 55 55 60 65 65 70 70 65 40 55 55 50 45 40 40 35 30 70 70 70 70 65 65 65 60 60 55 55 50 25,2 25,2 7,96 7,96 2,52 2,52 0,796 0,796 0,252 320 320 300 300 300 280 250 230 210 172 157 144 131 121 110 100 94 86 80 74 68 53 45 34 20 14 0,9 7,6 6,3 6,3 6,3 6,2 5,7 5,3 4,8 3,8 3,5 3,3 3 2,8 2,6 2,4 2,25 2,1 1,95 1,85 1,4 0,15 0,16 0,17 0,19 0,21 0,24 0,28 0,32 0,36 0,41 0,47 0,24 0,24 0,27 0,3 0,32 0,35 0,35 0,35 0,37 0,39 0,43 0,48 0,52 0,58 0,63 0,72 0,77 0,84 0,94 1,03 1,12 1,22 1,34 1,47 1,62 1,8 3,7 4,2 4,6 5,1 5,8 6,4 7 7,7 8,5 9,4 12 17,4 900 900 890 890 880 800 750 680 650 600 550 980 920 880 830 790 750 720 670 640 620 590 550 530 500 480 460 430 410 390 370 350 340 320 306 290 275 185 175 165 155 146 137 133 126 120 113 100 100 7-15 vishay s.a. division aztronic z.i. de bellitourne bp 353 - az 53203 chateau-gontier cedex tl (33) 02 43 09 51 10 fax (33) 02 43 07 36 43


▲Up To Search▲   

 
Price & Availability of EC36015UH-20V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X