Part Number Hot Search : 
SB206 SPD5806S BH853 C2978IUP 2SC3997 SM8S30A 60005 2SB512
Product Description
Full Text Search
 

To Download EC36012UH-20R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 59005 revision 16- j ul-02 www.vishay.com 16 ec36 vishay aztronic for technical questions, contact sfer@vishay.com features  uniform epoxy coating for humidity  copper winding on magnetic core structure  tinned copper axial leads conformal coated inductors, axial leads, commercial use mechanical specifications coating epoxy resin terminations tinned copper weight 0.5g inductance range 0.1 h to 1000h tolerance 20% 0.1h < l 0.82h 10% 1h < l 1000h limiting voltage 250vrms electrical specifications environmental specifications operating temperature + 80 c temperature limits - 20 c + 100 c dimensions in millimeters 4 max. 4 max. 6 28 3 28 3 ? 4 max. ? 0.5 0.05
www.vishay.com 17 ec36 vishay aztronic document number: 59005 revision 16- j ul-02 for technical questions, contact sfer@vishay.com conformal coated inductors, axial leads, commercial use marking 4 color band. 36 inductance value style series ec packaging b tolerance 20% ordering information 0.47h r: tape and reel b: tape in box ? ammopack ? e: radial style 2000 pieces tape in box ? ammopack ? 5000 pieces tape and reel on request : 2000 pieces tape and reel radial style avail- able (consult vishay aztronic for dimensions). packaging ec36 inductors - standard values inductance value h 0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 20 % 20% 10% 10% 25 25 45 45 50 50 55 55 60 65 65 70 70 65 40 55 55 50 45 40 40 35 30 70 70 70 70 65 65 65 60 60 55 55 50 25.2 25.2 7.96 7.96 2.52 2.52 0.796 0.796 0.252 0.15 0.16 0.17 0.19 0.21 0.24 0.28 0.32 0.36 0.41 0.47 0.24 0.24 0.27 0.3 0.32 0.35 0.35 0.35 0.37 0.39 0.43 0.48 0.52 0.58 0.63 0.72 0.77 0.84 0.94 1.03 1.12 1.22 1.34 1.47 1.62 1.8 3.7 4.2 4.6 5.1 5.8 6.4 7 7.7 8.5 9.4 12 17.4 320 320 300 300 300 280 250 230 210 172 157 144 131 121 110 100 94 86 80 74 68 53 45 34 20 14 9.9 7.6 6.3 6.3 6.3 6.2 5.7 5.3 4.8 3.8 3.5 3.3 3 2.8 2.6 2.4 2.25 2.1 1.95 1.85 1.4 900 900 890 890 880 800 750 680 650 600 550 980 920 880 830 790 750 720 670 640 620 590 550 530 500 480 460 430 410 390 370 350 340 320 306 290 275 185 175 165 155 146 137 133 126 120 113 100 100 tolerance % q min. test frequency mhz i max. ma dcr max. ? srf min. mhz


▲Up To Search▲   

 
Price & Availability of EC36012UH-20R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X