modem transformer< pin type: ee series> type: ee1310 please refer to the sales offices on our website for a representative near you www.sumida.com 1/1 product description ? 13.5 13.5mm max.(l w),10.6mm max. height. ? in addition to the typical parameters shown here, custom designs are available. feature ? ideally used in set-top box ,fax/modem and other related equipment. ? rohs compliance. dimensions (mm) land pattern (mm) schematics(bottom) specification(part number:D10002) item spec.(D10002) spec.(d10006) impendance designed to reflect 100 ? on pri with 100 ? on sec. designed to reflect 100 ? on pri with 100 ? on sec. inductance(ls) 5mh 15%,10khz,0.1vac,1-4 (tie 2+3) 440 h 6%,10khz,0.1vac,1-4 (tie 2+3) leakage inductance(ls) 16h max.100khz,0.1vac,1-4(tie2+3, 8+9,7+10) 9h max.100khz,0.1vac,1-4(tie2+3, 8+9,7+10) 1-4 3.00 max ( ie2+3) 1-4 3.2 max (tie2+3) d.c.r.(at 20 ) 7-10 5.00 max ( ie8+9) 7-10 3.2 max (tie8+9) turns ratio pri-sec(1-4):(10-7) (tie 2+3,8+9)1:1 1% pri-sec(1-4):(10-7) (tie 2+3,8+9)1:1 1% dielectric rating: 1875vac for 1s ec. ,1-10(tie 2+3,8+9) 1875vac for 1sec. ,1-10(tie 2+3,8+9) longitudinal balance 40db min,30khz 1.1mhz , 1-4(8+9) 45db min,30khz 1.1mhz , 1-4(tie 2+3) frequency response 1.1 b, 30khz 1.1mhz(ref.300khz) 2.0db, 30khz 1.1mhz(ref.300khz) insertion loss 0.5db max at 300khz 0.5db max at 300khz interwinding capacitance(cs) 50pf max,100khz,0.1vac,1-10(t ie2+3, 8+9) 32pf max,100khz,0.1vac,1-10(tie2+3, 8+9) total harmonic distortions 80 b min,5.3vrms,30khz 100khz 80 b min,5.3vrms,30khz 100khz return loss 16.5 b min at 300khz 16.5 b min at 300khz s is winding start. 5 1 d10006 date code (0.1000) 2.5 0.9-10 (0.035) 10.16 (0.4000) 5 1 10 adhesive max.13.5 (0.531) max.13.5 (0.531) max.10.6 (0.417) 0.5 (0.019) 6 3.0 +1.0 -0.5 (0.118 ) +0.04 -0.02 ch p n i o m h j pri sec (dev ice) (line)
|