Part Number Hot Search : 
151MP2 12803505 0331K 0331K STM1818T LA1844MC 50RIA60 9MS8G01
Product Description
Full Text Search
 

To Download CRS-53S2O-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elite crs-53 miniature 2p3t dc-26.5ghz failsafe the crs-53 switch is a broadband, 2p3 t, electromechanical coaxial switch designed to switch a microwave signal from a common input to either of two outputs. the charac- teristic impedance is 50 ohms. the switches are small with the minimum spacing that is compatible with sma connectors, and can also be used as a spdt switch with external terminations. the crs-53 comes with either a f ailsafe or latc hing act uator. specifications rf contacts: b reak bef ore make actuator v olt ag e (v dc) 20 o c 12 15 28 curren t (ma) 420 350 200 switching time: 20 msec max connectors: sma (f) we igh t: 2.65 oz. max t emperature range: -55 o c to +85 o c (operating) shock: mil-std-202 method 213, condition d (500g non operating) v ibration: mil-std-202 method 214, condition d (10g rms non operating) humidity: mois ture seal a vailable mtbf: 7.3 million hours ( mil-hdbk-217f fixed, 25 o c, <1 c ycle pe r hou r) rf power handling: h = 1.75 max. std model h = 1.90 max. ttl model t ypical performance sp ec ifi cation s dc-6 ghz 6-12 ghz 12-18 ghz 18-26.5ghz vswr (max) 1.25:1 1.40:1 1.50:1 1.80:1 inse rt ion loss (m in) 0.20 db 0.40 db 0.50 db 0.70 db isola tion (max) 70 .0 db 60 .0 db 60 .0 db 50 .0 db 3000 800 400 200 80 40 10 pow w( wc re )stta 0.1 1.0 4.0 10 18 26.5 frequency ghz standard sma connectors 15 25 ruter ssol n 0.01 26.5 frequency ghz 0.01 26.5 frequency ghz 0.0 0.4 bd li bd noitalosi 90 80 70 60 t el: (800) 351-7368 www.teledynecoax.com email: coax@teledyne.com specifications subject to change without notice. 10/2007
ttl indicators ser ies connectors actuator v olt age part numbering system for crs-53 (failsafe) crs-53 s 1 o -t opt ions act uat or t ype connector s: sma female actuator voltage 1: 28vdc failsafe 2: 15vdc failsafe 3: 12vdc failsafe actuator t ype o: no indicator contacts c: indicator cont ac ts opt ions t: ttl drivers wi th diodes r: positive + common for other options cont act factory analog elite crs-53 miniature 2p3t dc-26.5ghz failsafe t el: (800) 351-7368 www.teledynecoax.com email: coax@teledyne.com specifications subject to change without notice. 10/2007


▲Up To Search▲   

 
Price & Availability of CRS-53S2O-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X