Part Number Hot Search : 
2N4093 C876764 SMBJ90CA ASWSS01 00059 200000 10310 RURG306
Product Description
Full Text Search
 

To Download BZX85-B110E1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bzx85 series zener diodes v z range 3.6 to 200v power dissipation 1.3w 6/5/01 features ?silicon planar power zener diodes. ?for use in stabilizing and clipping circuits with high power rating. ?the zener voltages are graded according to the international e 24 standard. replace suffix ? with ??for 2% tolerance. other voltage toler- ances and other zener voltages are available upon request. do-204al (do-41 glass) dimensions in inches and (millimeters) maximum ratings and thermal characteristics (t a = 25? unless otherwise noted) parameter symbol value unit zener current (see table ?haracteristics? power dissipation at t amb = 25? p tot 1.3 (1) w thermal resistance junction to ambient air r ja 130 (1) ?/w junction temperature t j 175 ? storage temperature range t s 55 to +175 ? note: (1) valid provided that leads at a distance of 10mm from case are kept at ambient temperature. mechanical data case: do-41glass case weight: approx. 0.35g packaging codes/options: d9/5k per 13?reel (52mm tape), 10k/box e1/5k per ammo tape (52mm tape), 10k/box extended voltage range min. 1.102 (28.0) min. 1.102 (28.0) max. .161 (4.1) max. ? cathode 0.034 (0.86) mark max. ? 0.102 (2.6)
bzx85 y3v6 < 15 60 < 500 1 0.08 0.05 < 20 1 290 2660 bzx85 y3v9 < 15 60 < 500 1 0.07 0.02 < 10 1 280 2540 bzx85 y4v3 < 13 50 < 500 1 0.05 +0.01 < 3 1 250 2440 bzx85 y4v7 < 13 45 < 600 1 0.03 +0.04 < 3 1 215 2320 bzx85 y5v1 < 10 45 < 500 1 0.01 +0.04 < 1 1.5 200 2200 bzx85 y5v6 < 7 45 < 400 1 0 +0.045 < 1 2 190 2080 bzx85 y6v2 < 4 35 < 300 1 +0.01 +0.055 < 1 3 170 1960 bzx85 y6v8 < 3.5 35 < 300 1 +0.015 +0.06 < 1 4 155 1800 bzx85 y7v5 < 3 35 < 200 0.5 +0.02 +0.065 < 1 4.5 140 1620 bzx85 y8v2 < 5 25 < 200 0.5 +0.03 +0.07 < 1 6.2 130 1520 bzx85 y9v1 < 5 25 < 200 0.5 +0.035 +0.075 < 1 6.8 120 1340 bzx85 y10 < 7 25 < 200 0.5 +0.04 +0.08 < 0.5 7.5 105 1200 bzx85 y11 < 8 20 < 300 0.5 +0.045 +0.08 < 0.5 8.2 97 1100 bzx85 y12 < 9 20 < 350 0.5 +0.045 +0.085 < 0.5 9.1 88 1000 bzx85 y13 < 10 20 < 400 0.5 +0.05 +0.085 < 0.5 10 79 900 bzx85 y15 < 10 15 < 500 0.5 +0.055 +0.09 < 0.5 11 71 760 bzx85 y16 < 15 15 < 500 0.5 +0.055 +0.09 < 0.5 12 66 700 bzx85 y18 < 20 15 < 500 0.5 +0.06 +0.09 < 0.5 13 62 600 bzx85 y20 < 24 10 < 600 0.5 +0.06 +0.09 < 0.5 15 56 540 bzx85 y22 < 25 10 < 600 0.5 +0.06 +0.095 < 0.5 16 52 500 bzx85 y24 < 25 10 < 600 0.5 +0.06 +0.095 < 0.5 18 47 450 bzx85 y27 < 30 8 < 750 0.25 +0.06 +0.095 < 0.5 20 41 400 bzx85 y30 < 30 8 < 1000 0.25 +0.06 +0.095 < 0.5 22 36 380 bzx85 y33 < 35 8 < 1000 0.25 +0.06 +0.095 < 0.5 24 33 350 bzx85 y36 < 40 8 < 1000 0.25 +0.06 +0.095 < 0.5 27 30 320 bzx85 y39 < 50 6 < 1000 0.25 +0.06 +0.095 < 0.5 30 28 296 bzx85 y43 < 50 6 < 1000 0.25 +0.06 +0.095 < 0.5 33 26 270 bzx85 y47 < 90 4 < 1500 0.25 +0.06 +0.095 < 0.5 36 23 246 bzx85 y51 < 115 4 < 1500 0.25 +0.06 +0.095 < 0.5 39 21 226 bzx85 y56 < 120 4 < 2000 0.25 +0.06 +0.095 < 0.5 43 19 208 bzx85 y62 < 125 4 < 2000 0.25 +0.06 +0.095 < 0.5 47 16 186 bzx85 y68 < 130 4 < 2000 0.25 0.055 0.095 < 0.5 51 15 171 bzx85 y75 < 135 4 < 2000 0.25 0.055 0.095 < 0.5 56 14 161 bzx85 y82 < 200 2.7 < 3000 0.25 0.055 0.095 < 0.5 62 12 141 bzx85 y91 < 250 2.7 < 3000 0.25 0.055 0.095 < 0.5 68 10 127 bzx85 y100 < 350 2.7 < 3000 0.25 0.055 0.095 < 0.5 75 9.4 116 bzx85 y110 < 450 2.7 < 4000 0.25 0.055 0.095 < 0.5 82 8.6 105 bzx85 y120 < 550 2 < 4500 0.25 0.055 0.095 < 0.5 91 7.8 96 bzx85 y130 < 700 2 < 5000 0.25 0.055 0.095 < 0.5 100 7.0 89 bzx85 y150 < 1000 2 < 6000 0.25 0.055 0.095 < 0.5 110 6.4 77 bzx85 y160 < 1100 1.5 < 6500 0.25 0.050 0.095 < 0.5 120 5.8 72 bzx85 y180 < 1200 1.5 < 7000 0.25 0.050 0.095 < 0.5 130 5.2 64 bzx85 y200 < 1500 1.5 < 8000 0.25 0.050 0.095 < 0.5 150 4.7 58 notes: (1) measured with pulses t p = 5 ms (2) valid provided that leads are kept at ambient temperature at a distance of 10 mm from case (3) measured with f = 1 khz electrical characteristics (t a = 25 c unless otherwise noted) maximum v f = 1.0 v at i f = 200 ma r zt (3) ( ? ) dynamic resistance temp. coefficient of zener voltage at i z = i zt vz (%/?) reverse leakage current admissible zener current (2) at i zt (ma) r zk (3) ( ? ) at i zk (ma) at i r ( a) at v r (v) i z (ma) at t p =10ms i zsm (ma) bzx85 series zener diodes min. max. type y = c for 5% y = b for 2%
bzx85 series zener diodes type 2% tol. bzx85-b3v6 3.53 3.67 60 bzx85-b3v9 3.82 3.98 60 bzx85-b4v3 4.21 4.39 50 bzx85-b4v7 4.61 4.79 45 bzx85-b5v1 5.00 5.20 45 bzx85-b5v6 5.49 5.71 45 bzx85-b6v2 6.08 6.32 35 bzx85-b6v8 6.66 6.94 35 bzx85-b7v5 7.35 7.65 35 bzx85-b8v2 8.04 8.36 25 bzx85-b9v1 8.92 9.28 25 bzx85-b10 9.80 10.2 25 bzx85-b11 10.8 11.2 20 bzx85-b12 11.8 12.2 20 bzx85-b13 12.7 13.3 20 bzx85-b15 14.7 15.3 15 bzx85-b16 15.7 16.3 15 bzx85-b18 17.6 18.4 15 bzx85-b20 19.6 20.4 10 bzx85-b22 21.6 22.4 10 bzx85-b24 23.5 24.5 10 bzx85-b27 26.5 27.5 8.0 bzx85-b30 29.4 30.6 8.0 bzx85-b33 32.3 33.7 8.0 bzx85-b36 35.3 36.7 8.0 bzx85-b39 38.2 39.8 6.0 bzx85-b43 42.1 43.9 6.0 bzx85-b47 46.1 47.9 4.0 bzx85-b51 50.0 52.0 4.0 bzx85-b56 54.9 57.1 4.0 bzx85-b62 60.8 63.2 4.0 bzx85-b68 66.6 69.4 4.0 bzx85-b75 73.5 76.5 4.0 bzx85-b82 80.4 83.6 2.7 bzx85-b91 89.2 92.8 2.7 bzx85-b100 98.0 102 2.7 bzx85-b110 108 112 2.7 bzx85-b120 118 122 2.0 bzx85-b130 127 133 2.0 bzx85-b150 147 153 2.0 bzx85-b160 157 163 1.5 bzx85-b180 176 184 1.5 bzx85-b200 196 204 1.5 type 5% tol. zener voltage range (1) at i z v z (v) min. max. test current i z (ma) zener voltage range (1) at i z v z (v) min. max. test current i z (ma) electrical characteristics (t a = 25 c unless otherwise noted) bzx85-c3v6 3.40 3.80 60 bzx85-c3v9 3.70 4.10 60 bzx85-c4v3 4.00 4.60 50 bzx85-c4v7 4.40 5.00 45 bzx85-c5v1 4.80 5.40 45 bzx85-c5v6 5.20 6.00 45 bzx85-c6v2 5.80 6.60 35 bzx85-c6v8 6.40 7.20 35 bzx85-c7v5 7.00 7.90 35 bzx85-c8v2 7.70 8.70 25 bzx85-c9v1 8.50 9.60 25 bzx85-c10 9.4 10.6 25 bzx85-c11 10.4 11.6 20 bzx85-c12 11.4 12.7 20 bzx85-c13 12.4 14.1 20 bzx85-c15 13.8 15.6 15 bzx85-c16 15.3 17.1 15 bzx85-c18 16.8 19.1 15 bzx85-c20 18.8 21.2 10 bzx85-c22 20.8 23.3 10 bzx85-c24 22.8 25.6 10 bzx85-c27 25.1 28.9 8.0 bzx85-c30 28.0 32.0 8.0 bzx85-c33 31.0 35.0 8.0 bzx85-c36 34.0 38.0 8.0 bzx85-c39 37.0 41.0 6.0 bzx85-c43 40.0 46.0 6.0 bzx85-c47 44.0 50.0 4.0 bzx85-c51 48.0 54.0 4.0 bzx85-c56 52.0 60.0 4.0 bzx85-c62 58.0 66.0 4.0 bzx85-c68 64.0 72.0 4.0 bzx85-c75 70.0 80.0 4.0 bzx85-c82 77.0 87.0 2.7 bzx85-c91 85.0 96.0 2.7 bzx85-c100 96.0 106 2.7 bzx85-c110 104 116 2.7 bzx85-c120 114 127 2.0 bzx85-c130 124 141 2.0 bzx85-c150 138 156 2.0 bzx85-c160 153 171 1.5 bzx85-c180 168 191 1.5 bzx85-c200 188 212 1.5 notes: (1) measured with pulses t p = 5 ms
bzx85 series zener diodes ratings and characteristic curves (t a = 25 c unless otherwise noted)
bzx85 series zener diodes ratings and characteristic curves (t a = 25 c unless otherwise noted)
bzx85 series zener diodes ratings and characteristic curves (t a = 25 c unless otherwise noted)


▲Up To Search▲   

 
Price & Availability of BZX85-B110E1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X