Part Number Hot Search : 
IN74A ML4821CP H2001 LM324N RE5RL38A 74240 NS1N54 SFV80
Product Description
Full Text Search
 

To Download AISC-1210H-5R6N-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unshielded smd power inductor |||||||||||||| | aisc-1210h standard specifications: applications: features: 3.2 x 2.5 x 2.0mm pb rohs compliant parameters abracon p/n: aisc-1210h-xxx series operating temperature: -25c to + 85c storage temperature: -25c to + 85c, 70% rh max. abracon is iso 9001 / qs 9000 certified abracon is iso 9001 / qs 9000 certified 30332 espe ranza, ranc ho sant a marg arit a, califor nia 92688 te l 949- 546- 8000 | fax 949- 546- 8001 | www .ab rac on. com revised: 08.25.10 visit www.abracon.com for terms & conditions of sale ? excellent for power line dc/dc conversion applications ? used in video, communications, notebook computer and other electronic equipment ? low dc resistance permits high current flow ? exhibit low voltage drops and inductance variations with respect to temperature rise and dc current level ? excellent solder heat resistance allows both flow and reflow soldering methods ? excellent mechanical reliability suitable for automotive, safety application ir: rated current that will cause initial inductance value approximately 10% rolloff or coil temperature rise by 40oc without core loss, which ever is smaller. (reference ambient temperature 20oc). l: measured with ch-1061 with 1320 srf: measured with hp-8714c rf network analyzaer options & part identification: (left blank if standard) t tape & reel tolerance code packaging please refer to the table aisc - 1210h - - inductance code please refer to the table inductance rdc(m ?) rated dc xam )h( l current (a) 0.15 1.0 mhz 400 21 4.40 0.27 1.0 mhz 250 22 4.00 0.39 1.0 mhz 200 33 3.10 0.82 1.0 mhz 150 53 2.60 1.0 1.0 mhz 100 63 2.30 1.2 1.0 mhz 90 92 2.10 1.5 1.0 mhz 80 100 1.70 1.8 1.0 mhz 72 110 1.50 2.2 1.0 mhz 64 124 1.30 2.4 1.0 mhz 62 130 1.30 2.7 1.0 mhz 60 132 1.20 3.3 1.0 mhz 53 167 1.15 3.9 1.0 mhz 45 222 1.00 4.7 1.0 mhz 43 247 0.90 5.6 1.0 mhz 38 359 0.78 6.8 1.0 mhz 32 392 0.75 8.2 1.0 mhz 30 450 0.70 10.0 1.0 mhz 26 509 0.65 12.0 1.0 mhz 26 674 0.61 15.0 1.0 mhz 26 760 0.55 18.0 1.0 mhz 20 978 0.45 22.0 100 khz 19 1000 0.43 27.0 100 khz 18 1240 0.38 33.0 100 khz 17 1940 0.35 39.0 100 khz 16 2000 0.33 47.0 100 khz 15 3200 0.30 56.0 100 khz 13 3640 0.25 68.0 100 khz 12 4060 0.21 82.0 100 khz 12 4580 0.20 aisc-1210h-150k test frequency aisc-1210h-1r2n aisc-1210h-1r5n aisc-1210h-1r8n aisc-1210h-2r2n aisc-1210h-2r4n aisc-1210h-2r7n aisc-1210h-180k aisc-1210h-100k aisc-1210h-120k aisc-1210h-3r3n aisc-1210h-3r9n aisc-1210h-4r7n aisc-1210h-5r6n aisc-1210h-6r8n aisc-1210h-8r2n aisc-1210h-220k aisc-1210h-270k aisc-1210h-330k aisc-1210h-390k aisc-1210h-470k aisc-1210h-560k aisc-1210h-680k aisc-1210h-820k abracon part number aisc-1210h-r15n aisc-1210h-r27n aisc-1210h-r39n aisc-1210h-r82n aisc-1210h-1r0n srf (mhz) min 100.0 100 khz 10 6880 0.18 120.0 100 khz 8 7470 0.16 150.0 100 khz 7 8320 0.14 180.0 100 khz 7 13160 0.12 220.0 100 khz 6.8 14400 0.10 270.0 100 khz 6 15000 0.08 330.0 100 khz 5.6 18900 0.06 390.0 1 khz 5 20400 0.06 470.0 1 khz 4 27500 0.06 560.0 1 khz 4 29800 0.05 680.0 1 khz 3.2 40000 0.04 inductance tolerance: n: 30%; k: 10% aisc-1210h-151k aisc-1210h-181k aisc-1210h-221k aisc-1210h-271k aisc-1210h-101k aisc-1210h-121k aisc-1210h-561k aisc-1210h-391k aisc-1210h-471k aisc-1210h-681k aisc-1210h-331k
unshielded smd power inductor |||||||||||||| | aisc-1210h 3 . 2 x 2 . 5 x 2 . 0mm pb rohs compliant abracon is iso 9001 / qs 9000 cer tified abracon is iso 9001 / qs 9000 cer tified 3033 2 e s p e ranza , ra n c h o s a n t a mar g a r i t a , c alif o r n i a 9268 8 t e l 949- 546- 8000 | f a x 949- 546- 800 1 | w w w . abra c o n . c o m revised: 08 .25 .10 visit www.abracon.com for terms & conditions of sale outline drawing: tape & reel: tape and reel 4,000pcs/reel dimensions: mm s er ies a b c d(r ef) e a(r ef) b (re f) c(r ef) 0. 126 0. 012 0. 098 0. 008 0 . 07 9 0. 01 2 0. 039 0. 098 0. 008 0. 118 0. 051 0. 039 a is c - 1210 h ( 3.2 0.3 ) ( 2.5 0.2 ) ( 2.0 0.3) ( 1.0) ( 2.5 0.2) ( 3.0) ( 1.3) ( 1.0) dimensions: inch (mm) a (mm) b (mm) k (mm) p (mm) w (mm) pcs/reel 2.84 0.1 3.71 0.1 2.57 0.1 4.0 0.1 8.0 0.3 1500 abracon p/n aisc-1210h z a c a c z 330-0.5 8.4+1.5 1001.0 series aisc-1210h attention: abracon corporation?s products are cots ? commercial-off-the-shelf products; suitable for commercial, industrial and, where designated, automotive applications. abracon?s products are not specifically designed for military, aviation, aerospace, life-dependant medical applications or any application requiring high reliability where component failure could result in loss of life and/or property. for applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from abracon corporation is required. please contact abracon corporation for more information.


▲Up To Search▲   

 
Price & Availability of AISC-1210H-5R6N-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X