Part Number Hot Search : 
10832 IN74ACT 1N980B VCO55 623G50 0SERIE TFS456P 1N4151
Product Description
Full Text Search
 

To Download 86012-1400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  b 1 molex fiber optics division 5224 katrine avenue, downers grove, il 60515 / tel: 800-a1-fiber or (630) 512-8787 web: www.molex.com/fiber st connectors and adapters features & benefits st * compatible bayonet coupling ensures complete compatibiltiy with existing st type hardware one piece body design reduces termination time and is field installable - essentially preassembled standard crimp and crimpless screw type kevlar ? retention provides a variety of termination options low insertion loss provides superior performance variety of connector styles are available, including long boot, short boot, 90 boot and 900  m buffered fiber * st is a trademark of lucent technologies ? kevlar is a registered trademark of e. i. dupont de nemours & co., inc. features and specifications reference information housing: ul v-0 connectors part no. body mode insertion loss/ ferrule ferrule cable type cable size boot kevlar mates with return loss material hole size retention 86010-5000 126  m simplex 2.40 and 3.00mm (.094? and .118?) black, long screw 86010-5200 126  m simplex 2.40 and 3.00mm (.094? and .118?) black, short crimp 86010-5300 126  m simplex 2.40 and 3.00mm (.094? and .118?) black, long crimp 86010-5400 126  m simplex 3.00mm (.118?) black, 90 screw 86010-5440 126  m simplex 3.00mm (.118?) red, 90 screw 86010-5500 126  m buffered/bare fiber 900  m black screw 86010-7000 127  m simplex 2.40 and 3.00mm (.094? and .118?) black, long screw 86010-7200 127  m simplex 2.40 and 3.00mm (.094? and .118?) black, short crimp 86010-7300 127  m simplex 2.40 and 3.00mm (.094? and .118?) black, long crimp 86010-7400 127  m simplex 3.00mm (.118?) black, 90 screw 86010-7500 127  m buffered/bare fiber 900  m black screw 86012-5000 126  m simplex 2.40 and 3.00mm (.094? and .118?) black, long screw 86012-5200 126  m simplex 2.40 and 3.00mm (.094? and .118?) black, short crimp 86012-5300 126  m simplex 2.40 and 3.00mm (.094? and .118?) black, long crimp 86012-5400 126  m simplex 3.00mm (.118?) black, 90 screw 86012-5440 126  m simplex 3.00mm (.118?) red, 90 screw 86012-5500 126  m buffered/bare fiber 900  m black screw 86012-7000 127  m simplex 2.40 and 3.00mm (.094? and .118?) black, long screw 86012-7200 127  m simplex 2.40 and 3.00mm (.094? and .118?) black, short crimp 86012-7300 127  m simplex 2.40 and 3.00mm (.094? and .118?) black, long crimp 86012-7400 127  m simplex 3.00mm (.118?) black, 90 screw 86012-7440 127  m simplex 3.00mm (.118?) red, 90 screw 86012-7500 127  m buffered/bare fiber 900  m black screw ordering information polymer ceramic sleeve adapters metal singlemode 0.17 db spc >45 db upc >55 db ceramic applications telecommunication networks local area networks (lans) data processing networks premise installations instrumentation the st series of connectors are designed for distribution applications and are fully compatible with existing st type hardware. five connector styles are available in both the multimode and singlemode versions. the screw-on kevlar captivation mechanism, in the long boot style, provides excellent retention without the expense and inconvenience of crimp tools. if the crimping method of kevlar retention is preferred, 3 options are available. a long boot style is designed to provide superior strain relief while the short boot style is designed for small bend radius applications where space is limited. for sensitive applications where controlled and managed bends are required, the 90 boot is available. a boot for 900m buffered fiber is also available. high quality, pre-polished and pre-radiused ceramic ferrules are combined with the latest engineering polymers and metals to produce the st connectors. pre-polished ferrules minimize the polishing times and provide a consistent ferrule end face geometry. when combined with the molex termination kit and methods, the molex st connectors produce superior results both in the factory and in the field. a broad range of st adapters are available to compliment the connectors. metal or polymer versions are available with either the precise ceramic, metal or the cost effective polymer alignment sleeves.
molex fiber optics division 5224 katrine avenue, downers grove, il 60515 / tel: 800-a1-fiber or (630) 512-8787 web: www.molex.com/fiber 2 st connectors and adapters ordering information connectors part no. body mode insertion loss/ ferrule ferrule cabletype cable size boot kevlar mates with return loss material hole size retention 86010-0000 .034 db standard 127  m simplex 2.40 and 3.00mm (.094? and .118?) black, long screw 86010-0200 .034 db standard 127  m simplex 2.40 and 3.00mm (.094? and .118?) black, short crimp 86010-0300 0.34 db standard 127  m simplex 2.40 and 3.00mm (.094? and .118?) black, long crimp 86010-0400 .034 db standard 127  m simplex 3.00mm (.118?) black, 90 screw 86010-0440 .034 db standard 127  m simplex 3.00mm (.118?) red, 90 screw 86010-0500 0.34 db standard 127  m buffered/bare fiber 900  m black screw 86010-1000 0.15 db 144  m simplex 2.40 and 3.00mm (.094? and .118?) black, long screw 86010-1200 0.15 db 144  m simplex 2.40 and 3.00mm (.094? and .118?) black, short crimp 86010-1300 0.15 db 144  m simplex 2.40 and 3.00mm (.094? and .118?) black, long crimp 86010-1400 0.15 db 144  m simplex 3.00mm (.118?) black, 90 screw 86010-1440 0.15 db 144  m simplex 3.00mm (.118?) red, 90 screw 86010-1500 0.15 db 144  m buffered/bare fiber 900  m black screw 86010-3000 0.15 db enhanced 128  m simplex 2.40 and 3.00mm (.094? and .118?) black, long screw 86010-3200 0.15 db enhanced 128  m simplex 2.40 and 3.00mm (.094? and .118?) black, short crimp 86010-3300 0.15 db enhanced 128  m simplex 2.40 and 3.00mm (.094? and .118?) black long crimp 86010-3400 0.15 db enhanced 128  m simplex 3.00mm (.118?) black, 90 screw 86010-3440 0.15 db enhanced 128  m simplex 3.00mm (.118?) red, 90 screw 86010-3500 0.15 db enhanced 128  m buffered/bare fiber 900  m black screw 86012-0000 0.34 db standard 127  m simplex 2.40 and 3.00mm (.094? and .118?) black, long screw 86012-0200 0.34 db standard 127  m simplex 2.40 and 3.00mm (.094? and .118?) black, short crimp 86012-0300 0.34 db standard 127  m simplex 2.40 and 3.00mm (.094? and .118?) black, long crimp 86012-0400 0.34 db standard 127  m simplex 3.00mm (.118?) black, 90 screw 86012-0440 0.34 db standard 127  m simplex 3.00mm (.118?) red, 90 screw 86012-0500 0.34 db standard 127  m buffered/bare fiber 900  m black screw 86012-1000 0.15 db 144  m simplex 2.40 and 3.00mm (.094? and .118?) black, long screw 86012-1200 0.15 db 144  m simplex 2.40 and 3.00mm (.094? and .118?) black, short crimp 86012-1300 0.15 db 144  m simplex 2.40 and 3.00mm (.094? and .118?) black, long crimp 86012-1400 0.15 db 144  m simplex 3.00mm (.118?) black, 90 screw 86012-1440 0.15 db 144  m simplex 3.00mm (.118?) red, 90 screw 86012-1500 0.15 db 144  m buffered/bare fiber 900  m black screw 86012-3000 0.15 db enhanced 128  m simplex 2.40 and 3.00mm (.094? and .118?) black, long screw 86012-3200 0.15 db enhanced 128  m simplex 2.40 and 3.00mm (.094? and .118?) black, short crimp 86012-3300 0.15 db enhanced 128  m simplex 2.40 and 3.00mm (.094? and .118?) black, long crimp 86012-3400 0.15 db enhanced 128  m simplex 3.00mm (.118?) black, 90 screw 86012-3440 0.15 db enhanced 128  m simplex 3.00mm (.118?) red, 90 screw 86012-3500 0.15 db enhanced 128  m buffered/bare fiber 900  m black screw metal multimode polymer multimode ceramic metal polymer or metal sleeve adapters characteristics units minimum maximum comments durability ~db 0.01 fotp-21a, 1000 cycles, cleaning every 100 cycles storage temperature range c -40 +80 may be further limited by cable specifications operating temperature range c -40 +80 may be further limited by cable specifications thermal shock ~db 0.01 -40 to +60c 10 cycles temperature cycle ~db 0.01 -40 to +80c 40 cycles humidity cycling ~db 0.01 fotp-5, +60c at 95% rh for 504 hours cable retention ~db 0.02 fotp-6, 40 lb. load without adhesive performance and specifications part no. body mounting style alignment sleeve 86172-0000 metal d-hole ceramic st to fc adapter st to st adapters part no. body mounting style alignment sleeve 86110-0000 ceramic 86112-0000 metal 86113-0000 polymer 86110-1000 ceramic 86112-1000 metal 86113-1000 polymer double d-hole metal black
b 3 molex fiber optics division 5224 katrine avenue, downers grove, il 60515 / tel: 800-a1-fiber or (630) 512-8787 web: www.molex.com/fiber st connector, polymer short boot st connectors and adapters drawings (for reference only) st connector, metal long boot st connector, polymer long boot all dimensions in inches mm 0.372
molex fiber optics division 5224 katrine avenue, downers grove, il 60515 / tel: 800-a1-fiber or (630) 512-8787 web: www.molex.com/fiber 4 st connectors and adapters drawings (for reference only) all dimensions in inches mm st connector, polymer 900  m boot st connector, metal 900  m boot st connector, metal short boot
b 5 molex fiber optics division 5224 katrine avenue, downers grove, il 60515 / tel: 800-a1-fiber or (630) 512-8787 web: www.molex.com/fiber st connectors and adapters drawings (for reference only) st connector, polymer 90 boot st connector, metal 90 boot all dimensions in inches mm
molex fiber optics division 5224 katrine avenue, downers grove, il 60515 / tel: 800-a1-fiber or (630) 512-8787 web: www.molex.com/fiber 6 st connectors and adapters drawings (for reference only) st adapter, polymer st adapter, metal st to fc adapter all dimensions in inches mm molex reserves the right to make any changes to the product(s) or information contained herein without notice. no liability is assumed as a result of their use or application. 86001-0023 rev. 5 usa/30mfo/2001.11 ?2001, molex


▲Up To Search▲   

 
Price & Availability of 86012-1400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X