2SK4101FS no. a1366-1/5 specifications of any and all sanyo semiconductor co.,ltd. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer ' s products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer ' s products or equipment. any and all sanyo semiconductor co.,ltd. products described or contained herein are, with regard to "standard application", intended for the use as general electronics equipment (home appliances, av equipment, communication device, office equipment, industrial equipment etc.). the products mentioned herein shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee thereof. if you should intend to use our products for applications outside the standard applications of our customer who is considering such use and/or outside the scope of our intended standard applications, please consult with us prior to the intended use. if there is no consultation or inquiry before the intended use, our customer shall be solely responsible for the use. features ? low on-resistance. ? high-speed switching. ? 10v drive. ? avalanche resistance guarantee. speci cations absolute maximum ratings at ta=25c parameter symbol conditions ratings unit drain-to-source voltage v dss 650 v gate-to-source voltage v gss 30 v drain current (dc) i dc *1 limited only by maximum temperature tch=150 c 7a i dpack *2 tc=25 c (sanyo ? s ideal heat dissipation condition)*3 6.4 a drain current (pulse) i dp pw 10 s, duty cycle 1% 28 a allowable power dissipation p d 2.0 w tc=25 c (sanyo ? s ideal heat dissipation condition)*3 35 w channel temperature tch 150 c storage temperature tstg --55 to +150 c avalanche energy (single pulse) *4 e as 194 mj avalanche current *5 i av 6a note : * 1 shows chip capability. * 2 package limited. * 3 sanyo?s condition is radiation from backside. the method is applying silicone grease to the backside of the device and attaching the device to water-cooled radiator made o f aluminium. * 4 v dd =50v, l=10mh, i av =6a * 5 l 10mh, single pulse marking : k4101fs 22410 tk im tc-00002271 / n2608qb ms im tc-00001728 sanyo semiconductors data sheet 2SK4101FS n-channel silicon mosfet general-purpose switching device applications www.semiconductor-sanyo.com/network ordering number : ena1366a
2SK4101FS no. a1366-2/5 electrical characteristics at ta=25c parameter symbol conditions ratings unit min typ max drain-to-source breakdown voltage v (br)dss i d =10ma, v gs =0v 650 v zero-gate voltage drain current i dss v ds =520v, v gs =0v 100 a gate-to-source leakage current i gss v gs =30v, v ds =0v 100 na cutoff voltage v gs (off) v ds =10v, i d =1ma 3 5 v forward transfer admittance | yfs | v ds =10v, i d =3.5a 2.3 4.6 s static drain-to-source on-state resistance r ds (on) i d =3.5a, v gs =10v 0.85 1.1 input capacitance ciss v ds =30v, f=1mhz 750 pf output capacitance coss v ds =30v, f=1mhz 136 pf reverse transfer capacitance crss v ds =30v, f=1mhz 28 pf turn-on delay time t d (on) see speci ed test circuit. 21 ns rise time t r see speci ed test circuit. 40 ns turn-off delay time t d (off) see speci ed test circuit. 89 ns fall time t f see speci ed test circuit. 31 ns total gate charge qg v ds =200v, v gs =10v, i d =7a 28.5 nc gate-to-source charge qgs v ds =200v, v gs =10v, i d =7a 5.2 nc gate-to-drain ?miller? charge qgd v ds =200v, v gs =10v, i d =7a 16 nc diode forward voltage v sd i s =7a, v gs =0v 0.9 1.2 v package dimensions unit : mm (typ) 7528-001 switching time test circuit avalanche resistance test circuit p. g r gs =50 g s i d =3.5a r l =57 v dd =200v v out 2SK4101FS d pw=10 s d.c. 0.5% v in 10v 0v v in 50 50 rg v dd l 10v 0v 2SK4101FS 1 : gate 2 : drain 3 : source sanyo : to-220f-3fs 10.16 0.8 15.87 12.98 3.3 6.68 3.23 1.47 max 15.8 4.7 2.54 2.76 123 0.5 2.54 2.54 3.18
2SK4101FS no. a1366-3/5 drain-to-source voltage, v ds -- v drain current, i d -- a gate-to-source voltage, v gs -- v drain current, i d -- a static drain-to-source on-state resistance, r ds (on) -- static drain-to-source on-state resistance, r ds (on) -- case temperature, tc -- c drain current, i d -- a diode forward voltage, v sd -- v source current, i s -- a gate-to-source voltage, v gs -- v i d -- v ds i d -- v gs r ds (on) -- v gs r ds (on) -- tc i s -- v sd | y fs | -- i d drain current, i d -- a switching time, sw time -- ns sw time -- i d drain-to-source voltage, v ds -- v ciss, coss, crss -- pf ciss, coss, crss -- v ds it12219 it12216 --50 --25 150 it12221 1.4 0.8 1.0 1.2 0.4 0.6 0.2 0.01 0.1 5 7 3 2 2 1.0 5 7 3 2 10 5 7 3 3 2 0 25 50 75 100 125 i d =3.5a --25 c 25 c tc=75 c tc=75 c 25 c --25 c v gs =0v it12223 020 10 30 100 1000 5 2 3 10 2 3 5 2 3 5 7 7 f=1mhz 10 5152030 25 0 0 5 25 15 10 20 it12218 5.5 6.0 6.5 7.0 7.5 10 8.0 8.5 9.0 9.5 5.0 0 0.5 1.0 3.0 1.5 2.5 2.0 0 0.5 1.0 3.0 2.5 2.0 1.5 tc=25 c v gs =5v 10v 15v i d =3.5a, v gs =10v 8v 50 40 ciss crss coss 0.1 1.0 23 2 57 23 57 3 10 100 10 7 5 3 2 7 3 5 2 it12222 t d (off) t d (on) v dd =200v v gs =10v t f t r 6v 25 c 75 c tc= --25 c it12217 6 4 2 8 10 20 12 14 16 18 0 0 5 25 15 20 10 v ds =20v it12220 0.1 23 57 3 1.0 2 7 5 2 2 3 3 7 10 5 2 1.0 10 357 235 tc= --25 c 25 c 75 c v ds =20v forward transfer admittance, | y fs | -- s
2SK4101FS no. a1366-4/5 total gate charge, qg -- nc gate-to-source voltage, v gs -- v drain-to-source voltage, v ds -- v drain current, i d -- a ambient temperature, ta -- c allowable power dissipation, p d -- w case temperature, tc -- c allowable power dissipation, p d -- w a s o v gs -- qg p d -- ta p d -- tc e as -- ta avalanche energy derating factor -- % ambient temperature, ta -- c 0 0 20 40 60 80 100 120 2.5 140 160 2.0 1.5 1.0 0.5 it12226 0 0 20 40 60 80 100 140 120 20 25 30 35 15 10 5 40 160 it12227 030 20 10 3 10 0 1 4 it12224 8 9 5 6 7 2 0 0 25 50 75 100 125 150 100 80 60 20 40 120 175 it10478 v ds =200v i d =7a tc=25 c single pulse * 1. shows chip capability * 2. sanyo's ideal heat dissipation condition it14235 0.01 0.1 2 3 5 7 2 1.0 3 5 7 2 0.1 10 s 100 s 100ms 10ms 1ms dc operation 1.0 23 57 2 10 357 2 10 3 5 7 7 2 3 5 i dc ( * 1)=7a i dpack ( * 2)=6.4a operation in this area is limited by r ds (on). i dp =28a 100 357 2 1000 357 pw 10 s
2SK4101FS no. a1366-5/5 sanyo semiconductor co.,ltd. assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all sanyo semiconductor co.,ltd. products described or contained herein. sanyo semiconductor co.,ltd. strives to supply high-quality high-reliability products, however, any and all semiconductor products fail or malfunction with some probability. it is possible that these probabilistic failures or malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause damage to other property. when designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. upon using the technical information or products described herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of sanyo semiconductor co.,ltd. or any third party. sanyo semiconductor co.,ltd. shall not be liable for any claim or suits with regard to a third party's intellectual property rights which has resulted from the use of the technical information and products mentioned above. information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equipment, refer to the "delivery specification" for the sanyo semiconductor co.,ltd. product that you intend to use. in the event that any or all sanyo semiconductor co.,ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities concerned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written consent of sanyo semiconductor co.,ltd. ps this catalog provides information as of february, 2010. speci cations and information herein are subject to change without notice. note on usage : since the 2SK4101FS is a mosfet product, please avoid using this device in the vicinity of highly charged objects.
|