Part Number Hot Search : 
B0805 SL1711 SP45XI 12203 LPT41 B0805 HD66410 BR31000
Product Description
Full Text Search
 

To Download 00917900X001X06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  43 ssl - discrete wire idc series 9176 the 917x series of surface mount insulation displacement connectors (idc) were developed to meet the harsh automotive and industrial market applications for connecting individual wires directly to a pcb ranging from 14 awg to 28 awg. this industry proven contact system has been tested to automotive levels of shock, vibration, and temperature cycling to prove their reliability and robustness. the simplicity of inserting a wire into the connector with a small tool allows a wide range of devices to be connected to the pcb without soldering. in ssl applications specifically, these connectors are used to bring power and signal onto the pcb or are used to daisy chain multiple boards together in a long string. while the idc contact provides a gas-tight connection to conductor of the wire, the housing has been designed to grab the insulation of the wire to provide a positive strain relief even in the harshest conditions. in case of repair, the wires can be removed and replace up to three times. the 9176 series accepts 18 awg to 24 awg wires with an insulation diameter ranging from 1.1mm to 2.1mm. these dual contact connectors support a 10 amp current rating with two large smt solder tails per wire to provide maximum stability on the pcb. available in 1p-3p configuration, these connectors can be end stackable for higher pin counts. the 9176 series also comes with optional locking strain relief caps that act as the termination tool for severe vibration applications. electrical ? current rating: 10 amp / contact ? voltage rating: 250 vac 9176 series 00 prefix 00x number of ways 06 plating option 06 = pure tin all over how to order x insulator color 00x wire gauge size code color application 0 black industrial 1 white lighting environmental ? operating temperature: -40oc to +125oc mechanical ? insulator material: nylon 46: ul94v0 ? contact material: phosphor bronze ? plating: tin over nickel ? durability: 3 cycles features and benefits ? idc contact provides a gas-tight connection to the pcb for long term reliability ? connector housing captures the wire insulation for positive strain relief ? tested to automotive levels on shock, vibration and temperature cycling for reliability ? low and high volume assembly tools to match production volumes ? reduced total applied cost versus solder or crimp processes ? optional thru and end caps lock in place to provide maximum strain relief ? high temperature insulator capable to 260oc reflow soldering processes applications ? connecting discrete wire components directly to the pcb ? bringing power and signals onto a pcb ? daisy chaining pcb?s together to create a continuous string of boards ? application notes: refer to 201-01-124 code no of details ways 001 1 page 44 002 2 page 45 003 3 page 46 code accepted wire cap code wire gauge insulation pages 47-48 001 18 gauge stranded ? 1.6-2.1 021 011 20 gauge stranded ? 1.6-2.1 021 022 22 gauge stranded ? 1.1-1.6 016 032 24 gauge stranded ? 1.1-1.6 016 certification: ul file #e320991
44 ssl - discrete wire idc series 9176 18-24 awg 1 way idc connector notes: 1. connector for idc wire to board connection. 2. contact material: phosphore bronze. insulation material: high temperature nylon 46. color refer to page 43. 3. connector designed to accept between 24 and 18 gauge stranded wire. 4. all dimensions for reference unless otherwise stated. 5. for full product specification refer to elco spec 201-01-106 and application notes 201-01-124. 6. for pcb space restricted by wire assembly tooling refer to page 47. 7. for hand wire assembly tooling refer to page 49. packing details reel qty 1000 leader 480mm trailer 120mm smt pcb layout pure tin pads code accepted a wire b wire gauge insulation 001 18 gauge stranded 0.72 ? 1.6-2.1 2.1 011 20 gauge stranded 0.60 ? 1.6-2.1 2.1 022 22 gauge stranded 0.47 ? 1.1-1.6 1.6 032 24 gauge stranded 0.37 ? 1.1-1.6 1.6
45 ssl - discrete wire idc series 9176 18-24 awg 2 way idc connector packing details reel qty 1000 leader 480mm trailer 120mm smt pcb layout pure tin pads code accepted a wire b wire gauge insulation 001 18 gauge stranded 0.72 ? 1.6-2.1 2.1 011 20 gauge stranded 0.60 ? 1.6-2.1 2.1 022 22 gauge stranded 0.47 ? 1.1-1.6 1.6 032 24 gauge stranded 0.37 ? 1.1-1.6 1.6 notes: 1. connector for idc wire to board connection. 2. contact material: phosphore bronze. insulation material: high temperature nylon 46. color refer to page 43. 3. connector designed to accept between 24 and 18 gauge stranded wire. 4. all dimensions for reference unless otherwise stated. 5. for full product specification refer to elco spec 201-01-106 and application notes 201-01-124. 6. for pcb space restricted by wire assembly tooling refer to page 47. 7. for hand wire assembly tooling refer to page 49 8. for press wire assembly tooling refer to page 50. 9. for accessory caps refer to pages 47 and 48.
46 ssl - discrete wire idc series 9176 18-24 awg 3 way idc connector packing details reel qty 1000 leader 480mm trailer 120mm smt pcb layout pure tin pads code accepted a wire b wire gauge insulation 001 18 gauge stranded 0.72 ? 1.6-2.1 2.1 011 20 gauge stranded 0.60 ? 1.6-2.1 2.1 022 22 gauge stranded 0.47 ? 1.1-1.6 1.6 032 24 gauge stranded 0.37 ? 1.1-1.6 1.6 notes: 1. connector for idc wire to board connection. 2. contact material: phosphore bronze. insulation material: high temperature nylon 46. color refer to page 43. 3. connector designed to accept between 24 and 18 gauge stranded wire. 4. all dimensions for reference unless otherwise stated. 5. for full product specification refer to elco spec 201-01-106 and application notes 201-01-124. 6. for pcb space restricted by wire assembly tooling refer to page 47. 7. for hand wire assembly tooling refer to page 49 8. for press wire assembly tooling refer to page 50. 9. for accessory caps refer to pages 47 and 48.
47 code slot a (awg) diameter b text 016 1.60 (22-24) 1.00 9176 ?1.6 021 2.10 (18-20) 1.50 9176 ?2.1 color x00 black 000 white 100 notes: 1. cap for idc wire to board connection, 2 and 3 way, through wire. 2. for use with standard 9176 idc connectors, see page 43 for the correct part code to match wire. 3. cap material: glass filled nylon 46, for colors see table below. 4. dimensions a, b and text, see table below. 5. caps designed to accommodate wire insulation diameters 1.1mm to 1.6mm and 1.6mm to 2.1mm. 6. all dimensions shown are reference dimensions. 7. packed in bags, 1000 pieces per bag. ssl - discrete wire idc series 9176 60-9176-00x-0xx-x00 accessory cap ? through wire
48 color x99 black 099 white 199 notes: 1. cap for idc wire to board connection, 2 and 3 way, with wire stop. 2. for use with standard 9176 idc connectors, see page 43 for the correct part code to match wire. 3. cap material: glass filled nylon 46, for colors see table below. 4. dimensions a, b and text, see table below. 5. caps designed to accommodate wire insulation diameters 1.1mm to 1.6mm and 1.6mm to 2.1mm. 6. all dimensions shown are reference dimensions. 7. packed in bags, 1000 pieces per bag. ssl - discrete wire idc series 9176 60-9176-00x-0xx-x99 accessory cap ? wire stop code slot a (awg) diameter b text 016 1.60 (22-24) 1.00 9176 ?1.6 021 2.10 (18-20) 1.50 9176 ?2.1
49 ssl - discrete wire idc series 9176 hand insertion tooling for single 18/24 gauge wire clearance area on pcb for hand tooling high production metal max tool insulation dia part number (awg) 2.10 (18-20) 06 9176 7017 01 000 1.60 (22-24) 06 9176 7017 02 000 max tool insulation dia part number (awg) 2.10 (18-20) 06 9176 7016 01 000 1.60 (22-24) 06 9176 7016 02 000 med production metal/plastic universal handle details tool part number 6.35 a/f hex 06 7000 7730 01 000 bit holder 1 way 2 way 3 way
50 ssl - discrete wire idc series 9176 insertion tooling requires hand press with flat rock plates high production metal no. max tool of ways insulation dia part number (awg) 2 2.10 (18-20) 06 9176 7017 01 002 1.60 (22-24) 06 9176 7017 02 002 3 2.10 (18-20) 06 9176 7017 01 003 1.60 (22-24) 06 9176 7017 02 003 2 way 2 way 3 way 3 way notes: 1. dimensions shown are reference dimensions. 2. maximum component height 1.00mm in this area. 3. maximum component height 6.00mm in this area. 4. the same restrictions apply to all wire insulation diameters 5. 2 and 3 way tools only, for use under hand press with flat plates. 6. for hand tooling refer to page 47.


▲Up To Search▲   

 
Price & Availability of 00917900X001X06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X