Part Number Hot Search : 
00T9L 2132FNG HT2813D KBU404G SKN20 HMC14 MPSW01A PEB24902
Product Description
Full Text Search
 

To Download XC95144XV-7CSG144I Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds051 (v3.0) june 25, 2007 www.xilinx.com 1 product specification 1-800-255-7778 ? 2005, 2007 xilinx, inc. all rights reserved. all xilinx tradem arks, registered trademarks, patents, and disclaimers are as li sted at http://www.xilinx.com/legal.htm . all other trademarks and registered trademarks are the property of their respective owners. all specifications are subject to c hange without notice. note: this product is being discontinued. you cannot order parts after may 14, 2008. xilinx recommends replac- ing xc95144xv devices with equivalent xc95144xl devices in all designs as soon as possible. recommended replacements are pin compatible, however require a v cc change to 3.3v, and a recompile of the design file. in addi- tion, there is no 1.8v i/o support, and only one output bank is supported. see xcn07010 for details regarding this dis- continuation, including device replacement recomendations for the xc95144xv cpld. features ? 144 macrocells with 3,200 usable gates ? available in small footprint packages - 100-pin tqfp (81 user i/o pins) - 144-pin tqfp (117 user i/o pins) - 144-pin csp (117 user i/o pins) ? optimized for high-performance 2.5v systems - low power operation - multi-voltage operation ? advanced system features - in-system programmable - two separate output banks - superior pin-locking and routability with fast connect? ii switch matrix - extra wide 54-input function blocks - up to 90 product-terms per macrocell with individual product-term allocation - local clock inversion with three global and one product-term clocks - individual output enable per output pin - input hysteresis on all user and boundary-scan pin inputs - bus-hold ciruitry on all user pin inputs - full ieee standard 1149.1 boundary-scan (jtag) ? fast concurrent programming ? slew rate control on individual outputs ? enhanced data security features ? excellent quality and reliability - 20 year data retention - esd protection exceeding 2,000v description the xc95144xv is a 2.5v cpld targeted for high-perfor- mance, low-voltage applications in leading-edge communi- cations and computing systems. it is comprised of eight 54v18 function blocks, providing 3,200 usable gates with propagation delays of 5 ns. power estimation power dissipation in cplds can vary substantially depend- ing on the system frequency, design application and output loading. to help reduce power dissipation, each macrocell in a xc9500xv device may be configured for low-power mode (from the default high-performance mode). in addi- tion, unused product-terms and macrocells are automati- cally deactivated by the software to further conserve power. for a general estimate of i cc , the following equation may be used: p total = p int + p io = i ccint x v ccint + p io separating internal and i/o power here is convenient because xc9500xv cplds also separate the correspond- ing power pins. p io is a strong function of the load capaci- tance driven, so it is handled by i = cvf. i ccint is another situation that reflects the actual design considered and the internal switching speeds. an estimation expression for i ccint (taken from simulation) is: i ccint (ma) = mc hs (0.122 x pt hs + 0.238) + mc lp (0.042 x pt lp + 0.171) + 0.04(mc hs + mc lp ) x f max x mc tog where: mc hs = # macrocells used in high speed mode mc lp = #macrocells used in low power mode pt hs = average p-terms used per high speed macrocell pt lp = average p-terms used over low power macrocell f max = max clocking frequency in the device mc tog = % macrocells toggling on each clock (12% is frequently a good estimate this calculation was derived from laboratory measurements of an xc9500xv part filled with 16-bit counters and allowing a single output (the lsb) to be enabled. the actual i cc value varies with the design application and should be veri- fied during normal system operation. figure 1 shows the above estimation in a graphical form. for a more detailed discussion of power consumption in this device, see xilinx 0 xc95144xv high-performance cpld ds051 (v3.0) june 25, 2007 01 product specification r
xc95144xv high-performance cpld 2 www.xilinx.com ds051 (v3.0) june 25, 2007 product specification r application note xapp361, ?planning for high speed xc9500xv designs.? figure 1: typical i cc vs. frequency for xc95144xv clock frequency (mhz) typical i cc (ma) 0 120 200 ds051_01_121501 100 150 low power 160 40 80 50 200 250 221 mhz 120 mhz high performance
xc95144xv high-performance cpld ds051 (v3.0) june 25, 2007 www.xilinx.com 3 product specification r supported i/o standards the xc95144xv cpld features both lvcmos and lvttl i/o implementations. see table 1 for i/o standard voltages. the lvttl i/o standard is a general purpose eia/jedec standard for 3.3v applications that use an lvttl input buffer and push-pull output buffer. the lvcmos2 standard is used in 2.5v applications. xc9500xv cplds are also 1.8v i/o compatible. the x25to18 setting is provided for generating 1.8v compatible outputs from a cpld normally operating in a 2.5v environ- figure 2: xc95144xv architecture function block outputs (indicated by the bold line) drive the i/o blocks directly. in-system programming controller jtag controller i/o blocks function block 1 macrocells 1 to 18 macrocells 1 to 18 macrocells 1 to 18 macrocells 1 to 18 jtag port 3 54 i/o/gts i/o/gsr i/o/gck i/o i/o i/o i/o 4 1 i/o i/o i/o i/o 3 ds051_02_041000 1 function block 2 54 function block 3 54 function block 4 54 macrocells 1 to 18 function block 8 54 18 18 18 18 18 fast connect ii switch matrix table 1: iostandard options iostandard v ccio lvttl 3.3v lvcmos2 2.5v x25to18 1.8v
xc95144xv high-performance cpld 4 www.xilinx.com ds051 (v3.0) june 25, 2007 product specification r ment. the ise software automatically groups outputs with matching iostandard settings into the same v ccio bank when no location constraints are specified. the default i/o standard for pads without iostandard attributes is lvttl for xc9500xv devices. absolute maximum ratings recommended operation conditions quality and reliability characteristics symbol description value units v cc supply voltage relative to gnd ?0.5 to 2.7 v v ccio supply voltage for output drivers ?0.5 to 3.6 v v in input voltage relative to gnd (1) ?0.5 to 3.6 v v ts voltage applied to 3-state output (1) ?0.5 to 3.6 v t stg storage temperature (ambient) ?65 to +150 o c t j junction temperature +150 o c notes: 1. maximum dc undershoot below gnd must be limited to either 0.5v or 10 ma, whichever is easier to achieve. during transitions, the device pins may undershoot to ?2.0v or overshoot to +3.6v, provided this over- or undershoot lasts less than 10 ns and with the forcing current being limited to 200 ma. 2. stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. these are stress ratings only, and functional operation of the device at these or any other conditions beyond those listed under operating condi tions is not implied. exposure to absolute maximum ratings conditions for extended periods of time may affect device reliability. 3. for solder specifications, see xilinx packaging . symbol parameter min max units v ccint supply voltage for internal logic and input buffers commercial t a = 0 o c to +70 o c 2.37 2.62 v industrial t a = ?40 o c to +85 o c 2.37 2.62 v ccio supply voltage for output drivers for 3.3v operation 3.0 3.6 v supply voltage for output drivers for 2.5v operation 2.37 2.62 v supply voltage for output drivers for 1.8v operation 1.71 1.89 v v il low-level input voltage 0 0.8 v v ih high-level input voltage 1.7 3.6 v v o output voltage 0 v ccio v symbol parameter min max units t dr data retention 20 - years n pe program/erase cycles (endurance) 1,000 - cycles v esd electrostatic discharge (esd) 2,000 - volts
xc95144xv high-performance cpld ds051 (v3.0) june 25, 2007 www.xilinx.com 5 product specification r dc characteristics (over recommended operating conditions) ac characteristics symbol parameter test conditions min max units v oh output high voltage for 3.3v outputs i oh = ?4.0 ma 2.4 - v output high voltage for 2.5v outputs i oh = ?1.0 ma 2.0 - v output high voltage for 1.8v outputs i oh = ?100 a 90% v ccio -v v ol output low voltage for 3.3v outputs i ol = 8.0 ma - 0.4 v output low voltage for 2.5v outputs i ol = 1.0 ma - 0.4 v output low voltage for 1.8v outputs i ol = 100 a-0.4v i il input leakage current v cc = 2.62v v ccio = 3.6v v in = gnd or 3.6v -10 a i ih input high-z leakage current v cc = 2.62v v ccio = 3.6v v in = gnd or 3.6v -10 a v cc min < v in < 3.6v - 150 a c in i/o capacitance v in = gnd f = 1.0 mhz -10pf i cc operating supply current (low power mode, active) v i = gnd, no load f = 1.0 mhz 29 ma symbol parameter xc95144xv-5 xc95144xv-7 units min max min max t pd i/o to output valid - 5.0 - 7.5 ns t su i/o setup time before gck 3.5 - 4.8 - ns t h i/o hold time after gck 0 - 0 - ns t co gck to output valid - 3.5 - 4.5 ns f system multiple fb internal operating frequency - 222.2 - 125.0 mhz t psu i/o setup time before p-term clock input 1.0 - 1.6 - ns t ph i/o hold time after p-term clock input 2.5 - 3.2 - ns t pco p-term clock output valid - 6.0 - 7.7 ns t oe gts to output valid - 4.0 - 5.0 ns t od gts to output disable - 4.0 - 5.0 ns t poe product term oe to output enabled - 7.0 - 9.5 ns t pod product term oe to output disabled - 7.0 - 9.5 ns t ao gsr to output valid - 10.0 - 12.0 ns t pao p-term s/r to output valid - 10.7 - 12.6 ns t wlh gck pulse width (high or low) 2.2 - 4.0 - ns t plh p-term clock pulse width (high or low) 5.0 - 6.5 - ns t aprpw asynchronous preset/reset pulse width (high or low) 5.0 - 6.5 - ns
xc95144xv high-performance cpld 6 www.xilinx.com ds051 (v3.0) june 25, 2007 product specification r internal timing parameters figure 3: ac load circuit symbol parameter xc95144xv-5 xc95144xv-7 units min max min max buffer delays t in input buffer delay - 2.0 - 2.3 ns t gck gck buffer delay - 1.2 - 1.5 ns t gsr gsr buffer delay - 2.0 - 3.1 ns t gts gts buffer delay - 4.0 - 5.0 ns t out output buffer delay - 2.1 - 2.5 ns t en output buffer enable/disable delay - 0 - 0 ns product term control delays t ptck product term clock delay - 1.7 - 2.4 ns t ptsr product term set/reset delay - 0.7 - 1.4 ns t ptts product term 3-state delay - 5.0 - 7.2 ns internal register and combinatorial delays t pdi combinatorial logic propagation delay - 0.2 - 1.3 ns t sui register setup time 2.0 - 2.6 - ns t hi register hold time 1.5 - 2.2 - ns t ecsu register clock enable setup time 2.0 - 2.6 - ns t echo register clock enable hold time 1.5 - 2.2 - ns t coi register clock to output valid time - 0.2 - 0.5 ns t aoi register async. s/r to output delay - 5.9 - 6.4 ns t rai register async. s/r recover before clock 5.0 7.5 ns t logi internal logic delay - 0.7 - 1.4 ns t logilp internal low power logic delay - 5.7 - 6.4 ns feedback delays t f fast connect ii feedback delay - 1.6 - 3.5 ns time adders t pta incremental product term allocator delay - 0.7 - 0.8 ns t pta2 adjacent macrocell p-term allocator delay - 0.3 - 0.3 ns t slew slew-rate limited delay - 3.0 - 4.0 ns r 1 v test c l r 2 device output output type v test 3.3v 2.5v 1.8v r 1 320 250 10k r 2 360 660 14k c l 35 pf 35 pf 35 pf ds051_03_0601000 v ccio 3.3v 2.5v 1.8v
xc95144xv high-performance cpld ds051 (v3.0) june 25, 2007 www.xilinx.com 7 product specification r xc95144xv i/o pins function block macro- cell tq100 tq144 cs144 bscan order bank function block macro- cell tq100 tq144 cs144 bscan order bank 1 1 - 23 h3 429 1 3 1 - 39 m3 321 1 1 2 11 16 f1 426 1 3 2 23 (1) 32 (1) l1 (1) 318 1 1 3 12 17 g2 423 1 3 3 - 41 k4 315 1 1 4 - 25 j1 420 1 3 4 - 44 n4 312 1 1 5 13 19 g3 417 1 3 5 24 33 l2 309 1 1 6 14 20 g4 414 1 3 6 25 34 l3 306 1 1 7 - --411- 3 7 - 46 l5 303 1 1 8 15 21 h1 408 1 3 8 27 (1) 38 (1) n2 (1) 300 1 1 9 16 22 h2 405 1 3 9 28 40 n3 297 1 1 10 - 31 k3 402 1 3 10 - 48 n5 294 1 1 11 17 24 h4 399 1 3 11 29 43 m4 291 1 1 12 18 26 j2 396 1 3 12 30 45 k5 288 1 1 13 -- -393- 3 13 - --285- 1 14 19 27 j3 390 1 3 14 32 49 k6 282 1 1 15 20 28 j4 387 1 3 15 33 50 l6 279 1 1 16 - 35 m1 384 1 3 16 - --276- 1 17 22 (1) 30 (1) k2 (1) 381 1 3 17 34 51 m6 273 1 118 -- - 378 - 3 18 - - - 270 - 2 1 - 142 c3 375 2 4 1 - 118 c9 267 2 2 2 99 (1) 143 (1) a2 (1) 372 2 4 2 87 126 a7 264 2 2 3 - --369- 4 3 - 133 a5 261 2 2 4 - 4c13662 4 4 - --258- 2 5 1 (1) 2 (1) b1 (1) 363 2 4 5 89 128 d7 255 2 2 6 2 (1) 3 (1) c2 (1) 360 2 4 6 90 129 a6 252 2 2 7 - --357- 4 7 - --249- 2 8 3 (1) 5 (1) d4 (1) 354 2 4 8 91 130 b6 246 2 2 9 4 (1) 6 (1) d3 (1) 351 2 4 9 92 131 c6 243 2 2 10 - 7d23482 4 10 - 135 c5 240 2 2 11 6 9e43452 4 11 93 132 d6 237 2 2 12 7 10 e3 342 2 4 12 94 134 b5 234 2 2 13 - 12 e1 339 2 4 13 - 137 a4 231 2 2 14 8 11 e2 336 2 4 14 95 136 d5 228 2 2 15 9 13 f4 333 2 4 15 96 138 b4 225 2 2 16 - 14 f3 330 2 4 16 - 139 c4 222 2 2 17 10 15 f2 327 2 4 17 97 140 a3 219 2 218---324- 4 18 - --216- notes: 1. global control pin.
xc95144xv high-performance cpld 8 www.xilinx.com ds051 (v3.0) june 25, 2007 product specification r xc95144xv i/o pins (continued) function block macro- cell tq100 tq144 cs144 bscan order bank function block macro- cell tq100 tq144 cs144 bscan order bank 5 1 - --213- 7 1 - --105- 5 2 35 52 n6 210 1 7 2 50 71 n12 102 1 5 3 - 59 l8 207 1 7 3 - 75 l12 99 1 5 4 - --204- 7 4 - --96- 5 5 36 53 m7 201 1 7 5 52 74 m13 93 1 5 6 37 54 n7 198 1 7 6 53 76 l13 90 1 5 7 - 66 m10 195 1 7 7 - 77 k10 87 1 5 8 39 56 k7 192 1 7 8 54 78 k11 84 1 5 9 40 57 n8 189 1 7 9 55 80 k13 81 1 5 10 - 68 n11 186 1 7 10 - 79 k12 78 1 5 11 41 58 m8 183 1 7 11 56 82 j11 75 1 5 12 42 60 k8 180 1 7 12 58 85 h10 72 1 5 13 - 70 l11 177 1 7 13 - 81 j10 69 1 5 14 43 61 n9 174 1 7 14 59 86 h11 66 1 5 15 46 64 k9 171 1 7 15 60 87 h12 63 1 5 16 - --168- 7 16 - 83 j12 60 1 5 17 49 69 m11 165 1 7 17 61 88 h13 57 1 518---162- 718---54- 6 1 - --159- 8 1 - --51- 6 2 74 106 c11 156 2 8 2 63 91 g11 48 2 6 3 - --153- 8 3 - 95 f11 45 2 6 4 - 111 b11 150 2 8 4 - 97 e13 42 2 6 5 76 110 a12 147 2 8 5 64 92 g10 39 2 6 6 77 112 a11 144 2 8 6 65 93 f13 36 2 6 7 - --141- 8 7 - --33- 6 8 78 113 d10 138 2 8 8 66 94 f12 30 2 6 9 79 116 a10 135 2 8 9 67 96 f10 27 2 6 10 - 115 b10 132 2 8 10 - 101 d13 24 2 6 11 80 119 b9 129 2 8 11 68 98 e12 21 2 6 12 81 120 a9 126 2 8 12 70 100 e10 18 2 6 13 - --123- 8 13 - 103 d11 15 2 6 14 82 121 d8 120 2 8 14 71 102 d12 12 2 6 15 85 124 a8 117 2 8 15 72 104 c13 9 2 6 16 - 117 d9 114 2 8 16 - 107 b13 6 2 6 17 86 125 b7 111 2 8 17 73 105 c12 3 2 618---108- 818---0-
xc95144xv high-performance cpld ds051 (v3.0) june 25, 2007 www.xilinx.com 9 product specification r xc95144xv global, jtag and power pins pin type tq100 tq144 cs144 i/o/gck1 22 30 k2 i/o/gck2 23 32 l1 i/o/gck3 27 38 n2 i/o/gts1 3 5 d4 i/o/gts2 4 6 d3 i/o/gts3 1 2 b1 i/o/gts4 2 3 c2 i/o/gsr 99 143 a2 tck 48 67 l10 tdi 45 63 l9 tdo (1) 83 122 c8 tms 47 65 n10 v ccint 2.5v 5, 57, 98 8, 42, 84, 141 b3, d1, j13, l4 v ccio 1 26, 38, 51 37, 55, 73 l7, n1, n13 v ccio 2 88 1, 109, 127 a1, a13, c7 gnd 21, 31, 44, 62, 69, 75, 84, 100 18, 29, 36, 47, 62, 72, 89, 90, 99, 108, 114, 123, 144 b2, b8, b12, c10, e11, g1, g12, g13, k1, m2, m5, m9, m12 no connects - - - notes: 1. tdo voltage is controlled by v ccio2 .
xc95144xv high-performance cpld 10 www.xilinx.com ds051 (v3.0) june 25, 2007 product specification r device part marking and ordering combination information device ordering and part marking number speed (pin-to-pin delay) pkg. symbol no. of pins package type operating range (1) xc95144xv-5tq100c 5 ns tq100 100-pin thin quad flat pack (tqfp) c xc95144xv-5tq144c 5 ns tq144 144-pin thin quad flat pack (tqfp) c xc95144xv-5cs144c 5 ns cs144 144-ball chip scale package (csp) c xc95144xv-7tq100c 7.5 ns tq100 100-pin thin quad flat pack (tqfp) c xc95144xv-7tq144c 7.5 ns tq144 144-pin thin quad flat pack (tqfp) c xc95144xv-7cs144c 7.5 ns cs144 144-ball chip scale package (csp) c xc95144xv-7tq100i 7.5 ns tq100 100-pin thin quad flat pack (tqfp) i xc95144xv-7tq144i 7.5 ns tq144 144-pin thin quad flat pack (tqfp) i xc95144xv-7cs144i 7.5 ns cs144 144-ball chip scale package (csp) i notes: 1. c = commercial: t a = 0 to +70c; i = industrial: t a = ?40 to +85c 2. some packages available in pb-free option. see xilinx packaging for more information. xc95xxxxv tq144 7c device type package speed operating range this line not related to device part number sample package with part marking. r 1
xc95144xv high-performance cpld ds051 (v3.0) june 25, 2007 www.xilinx.com 11 product specification r revision history the following table shows the revision history for this document.. date version revision 06/28/00 1.0 initial xilinx release. advance information specification. 01/25/01 2.0 added -4 performance specifications.updated i cc vs. frequency figure 1 . 05/15/01 2.1 updated i cc formula, recommended operation conditions, -4 and -5 ac characteristics and internal timing parameters 08/27/01 2.2 changed v ccio 3.3v from 3.13 to 3.0 (min), 3.46 to 3.60 (max); dc characteristics: i il - added "low" current, i ih - changed to "input leakage high current"; internal timing: -5 t aoi from 6.5 to 5.9. 06/20/02 2.3 updated i cc equation on page 1. updated component availability chart. changed to preliminary. added second test condition and max measurement to i ih dc characteristics. added part marking information to ordering information. removed -4 device. 06/25/02 2.4 fixed note 1 in xc95144xv global, jtag and power pins table. 01/08/03 2.5 corrected link on first page. 06/18/03 2.6 updated t sol from 260 to 220 o c. updated device part marking. 08/21/03 2.7 updated package device marking pin 1 orientation. 04/15/05 2.8 added t aprpw specification to ac characteristics. added iostandard information. 06/25/07 3.0 notice of discontinuance.


▲Up To Search▲   

 
Price & Availability of XC95144XV-7CSG144I

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X