Part Number Hot Search : 
256JJ ZSXXX CD214 MRF6V BTSC9 4HCT37 B40C10 ISL6363
Product Description
Full Text Search
 

To Download TSH-105-01-G-DH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  do not scale from this print no of pos x .07874[2.0000] ref .170 4.32 ref .050 1.27 ref .079 2.01 ref .126 3.20 .0197 0.50 sq ref (typ) (typ) 2 max sway .0394 1.00 ref "a" "a" c1 tsh-110-01-xx-dh-sl shown ((no of pos + 2) x .07874[2.0000]) .158 4.01 ref (no of pos x .07874[2.0000]) + .109[2.77] ref (no of pos -1) x .07874 [2.0000] .07874 ref 2.000 .005[.13] .010[.25] tsh-xx-d-es-xx-sl 01 02 20 19 tsh-1xx-xx-xx-xx-xx no of positions -dh row spec: -05 thru -35 -ra row spec: -05 thru -48 (per row) [increments of 5 std] row specification -dh: double horizontal (see fig. 1) -ra: right angle (see fig. 2) lead style -01: .126 post plating specification option -tr: tape and reel packaging (-dh only) -k: polyamide film pad (10 pos. min.) (use k-500-300, see fig. 3) ( not available on -ra) (not available on 15 thru 30 positions, see note fig. 3) -sl: solder locks .095 .010 2.41 0.25 .245 .010 6.22 0.25 (typ) 2 max toe .07874 2.000 0 3 .0060 [.152] 'a' section "a"-"a" pin a pin b (see note 6) c9 c2 .126 3.20 .103 .010 2.62 0.25 (see note 7) in-process 1 c3 .126 3.20 .300 .010 7.62 0.25 (see note 7) .095 ref 2.41 in-process 2 c4 positions -15 thru -30 patent number 6159045 positions -31 thru -48 s fig. 1 -dh: double horizontal [available in positions -05 thru -35] c s -g: gold, 20 au / 50 ni min on contact, 3 au / 50 ni min on tail -t: matte tin contact and tail -s: selective, 30 au / 50 ni min on contact, matte tin tail -l: light selective, 15 au / 50 ni min on contact, matte tin tail -h: heavy gold, 30 au / 50 ni min on contact, 3 au / 50 ni min on tail -f: flash selective, 3 au / 50 ni min on contact, matte tin tail -tm: matte tin contact and tail -sm: selective, 30 au / 50 ni min on contact, matte tin tail -lm: light selective, 15 au / 50 ni min on contact, matte tin tail -fm: flash selective, 3 au / 50 ni min on contact, matte tin tail sheet of unless otherwise specified, dimensions are in inches. tolerances are: decimals angles .xx: .01[.3] 2 .xxx: .005[.13] .xxxx: .0020[.051] material: 2mm horizontal mount terminal strip assembly by: tsh-1xx-xx-xx-xx-xx dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing kevin b 9/8/99 2 1 sheet scale: 2:1 f:\dwg\misc\mktg\tsh-1xx-xx-xx-xx-xx-mkt.slddrw notes: 1. represents a critical dimension. 2. max burr allowance: .002 [.05]. 3. max cut flash: .015 [.38]. 4. minimum pushout force: 2 lb. 5. coplanarity to include insulator. 6. pin a and pin b to be flush to .0030 [.076] above a line made by body. 7. shear to dimension shown. 8. measure at bend. 9. t-1s13-xx-t-2 must be filled in the same way as the selective plated pins to prevent band marks from being in the post area. 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail: info@samtec.com code: 55322 insulator: lcp, ul 94 vo terminal: phosphor bronze revision s
packaging view tube: pt-1-24-05-17 plug: tp-07 note: all positions are to be tubed. "r" .177 4.501 .049 .010 1.25 0.25 "s" "c" "c" "r" = use measured dimension "s" = (("r" - .177[4.50])/2) .020[.51] -k: polyamide film pad (10 position min) (same as fig. 1, unless otherwise stated) fig. 3 .183 4.65 section "c"-"c" .126 3.20 .0394 ref 1.00 "b" "b" fig. 2 -ra: right angle (same as fig. 1, unless otherwise stated) [available in positions -05 thru -48] c5 90 .050 1.27 (see note 8) .07874 .0050 2.000 0.13 .096 ref 2.43 section "b"-"b" pin a pin b c6 c7 2 max sway (any direction) .003 max 0.08 (see note 6) detail 'a' scale 3 : 1 pin a pin b c8 tube: pt-1-24-01-45 plug: tp-03 -ra option packaging view for 15 thru 30 positions, -k option not needed due to location of plastic shroud note: -dh option sheet of 2mm horizontal mount terminal strip assembly by: tsh-1xx-xx-xx-xx-xx dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing kevin b 9/8/99 2 2 sheet scale: 2:1 revision s f:\dwg\misc\mktg\tsh-1xx-xx-xx-xx-xx-mkt.slddrw 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail: info@samtec.com code: 55322


▲Up To Search▲   

 
Price & Availability of TSH-105-01-G-DH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X