Part Number Hot Search : 
H11D2 SAA4981 250MA 60000 7232P PMBT3946 ATMEL 74HC2400
Product Description
Full Text Search
 

To Download TFS1200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  filename: tfs 1200.doc version 1.3 09.06.2006 vi telefilter filter specification tfs 1200 1/5 tele filter gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.co m measurement condition ambient temperature: 23 c input pow er level: 0 dbm terminating impedance: * input: 168 ? // -1,0pf output: 168 ? // -1,0pf ch aracteristics remark: the reference lev e l for the relativ e attenuation a rel of the tfs 1200 is the minimu m of the pass band attenuation a min . the minimum of the pass band attenuation a min is defined as the insertion loss a e . the centre frequency f c is the arithmetic mean v a lue of the upper and low e r frequencies at the 3 db filter attenuation lev e l relativ e to the insertion loss a e . the nominal frequency f n is fix ed at 1200,0 mhz w i thout any tole rance. the giv en v a lues for both the relativ e attenuation a rel and the group delay ripple hav e to be achiev ed at the frequencies giv en below ev en if the centre frequency f c is shifted due to the temperature coefficient of frequency tc f in the operating temperature range and due to a production tolerance for the centre frequency f c . d a t a ty p. v a lue tolerance / limit insertion loss a e 3 , 2 5 d b m a x . 6 , 0 d b (reference level) nominal frequency f n - 1 2 0 0 , 0 m h z centre frequency f c 1 2 0 0 , 0 m h z - passband p b - f n 100,0 khz pass band ripple p - p 0 , 3 d b m a x . 1 , 0 d b relativ e attenuation a rel f n ? f n 0 , 1 mhz 0 , 3 d b m a x . 1 d b f n 3 m h z ? f n 6 mhz 2 0 d b m i n . 1 5 d b f n 6 m h z ? f n 1 7 mhz 2 8 d b m i n . 2 0 d b f n + 1 7 m h z ? f n + 3 0 mhz 3 3 d b m i n . 2 5 d b f n + 3 0 m h z ? f n + 1 8 0 mhz 4 3 d b m i n . 3 0 d b f n - 1 7 m h z ? f n - 1 1 5 0 mhz 3 9 d b m i n . 3 0 d b group delay ripple w i thin pb 1 9 n s m a x . 1 0 0 n s input pow er lev e l 2 6 d b m m a x . 1 5 d b m operating temperature range otr - - 40 c ... + 85c storage temperature range - - 45 c ... + 90c frequency inv e rsion temperature 4 0 c - temperature coefficient of frequency t c f ** 0,05 ppm/k 2 - *) the terminating impedances depend on paras itics and q-v a lues of matching element s and the board used, and are to be understo od as reference v a lues only . should there be additional ques tions do not hesitate to ask for an applic ation note or contac t our design team. **) ? f(h z ) = tc f (ppm/k 2 ) x (t-t 0 ) 2 x f to (mhz) ge ne ra te d: ch ecked / a p p r o v ed : vi telefilter reserves the right to make changes to the produc t(s) and/or information contained herein w i thout notice. no liab ility is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or infor mation. www..net
filename: tfs 1200.doc version 1.3 09.06.2006 vi telefilter filter specification tfs 1200 2/5 vi telefilter potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.com f ilter ch aracteristic 106 5 109 2 11 19 114 6 11 73 1 200 1 227 1254 1 281 1308 1335 -6 0 -5 0 -4 0 -3 0 -2 0 -1 0 0 f r e q ue nc y i n m h z m a gni t ude i n db 11 99 11 99 . 5 12 00 120 0. 5 12 01 12 01 . 5 -1 0 -8 -6 -4 -2 0 fre q u e n c y i n m h z m a g n it u d e in d b 11 99 11 99 . 5 12 00 120 0. 5 12 01 12 01 . 5 0. 25 0. 3 0. 35 0. 4 0. 45 0. 5 fre q u e n c y i n m h z d e l ay i n s cons truc tion a nd pin c onne c t ion (all dimensions in mm) date code: y ear + w eek u 2006 v 2007 w 2008 ... 1 ground 2 input 3 ground 4 ground 5 ground 6 output 7 ground 8 ground c00 u23 50 oh m t est circu i t 6 2 1, 3, 4, 5, 7, 8 vi telefilter reserves the right to make changes to the produc t(s) and/or information contained herein w i thout notice. no liab ility is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or infor mation
filename: tfs 1200.doc version 1.3 09.06.2006 vi telefilter filter specification tfs 1200 3/5 vi telefilter potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.com stability characteristics after the follow i ng tests the filter shall meet the w hole specification: 1. shock: 500g, 1 ms, half sine w a ve, 3 shocks each plane; din iec 68 t2 - 27 2. vibration: 10 hz to 500 hz, 0,35 mm or 5 g respecti vely , 1 octave per min, 10 cy cles per plan, 3 plans; din iec 68 t2 - 6 3. change of temperature: -55 c to 125c / 30 min. each / 10 cy cles din iec 68 part 2 ? 14 test n 4. resistance to solder heat (reflow ): reflow possible: tw ice max.; for temperature conditions refer to the attac hed "air reflow temperature conditions" on page 4; packin g tape & reel: iec 286 ? 3, w i th exeption of value for n and minimum bending radius; tape ty pe ii, embossed carrier tape w i th top cover tape on the upper side; max. pieces of filters peer reel: 3000 reel of empty components at start: min. 300 mm reel of empty components at start including leader: min. 500 mm trailer: min. 300 mm g do w ct f e g d1 p2 p1 po bo ao p u ll o f f d i re c t io n pin m a rk er ty p da t e c o d e ko t tape (al l di mensi ons i n mm) w : 12,00 0,3 po : 4,00 0,1 do : 1,50 +0,1/-0 e : 1,75 0,1 f : 5,50 0,05 g(min) : 0,75 p2 : 2,00 0,05 p1 : 8,00 0,1 d1(min) : 1,50 a o : 4,30 0,1 bo : 4,30 0,1 ct : 9,5 0,1 a c n w 1 w 2 r eel (all d i men s io n s in mm) a : 330 w 1 : 12,4 +2/-0 w 2 (max ) : 18,4 n(min) : 50 c : 13,0 +0,5/-0,2 the minimum bending radius is 45 mm. vi telefilter reserves the right to make changes to the produc t(s) and/or information contained herein w i thout notice. no liab ility is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or infor mation
filename: tfs 1200.doc version 1.3 09.06.2006 vi telefilter filter specification tfs 1200 4/5 vi telefilter potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.com a i r re flow te mpe r a t ure c onditions conditions exposure average ramp-up rate (30c to 217c) less than 3c/second > 100c betw een 300 and 600 seconds > 150c betw een 240 and 500 seconds > 217c betw een 30 and 150 seconds peak temperature max. 260c time w i thin 5c of actual peak temperature betw een 10 and 30 seconds cool-dow n rate (peak to 50c) less than 6c/second time from 30c to peak temperature no greater than 300 seconds chip-mount air reflow profile temperature / c max. 260c 217c time / s max. 300 s 10 ... 30 s 30 ... 150 s vi telefilter reserves the right to make changes to the produc t(s) and/or information contained herein w i thout notice. no liab ility is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or infor mation
filename: tfs 1200.doc version 1.3 09.06.2006 vi telefilter filter specification tfs 1200 5/5 vi telefilter potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.com history version reason of changes name date 1.0 - generation of development specification strehl 13.06.2005 1.1 - change of input pow er level to +15dbm sabah 06.07.2005 1.2 - add of ty pical values and ty pi cal filter performances sabah 06.07.2005 1.3 - improve limit line scheme - change filter characteristic noack 09.06.2006 vi telefilter reserves the right to make changes to the produc t(s) and/or information contained herein w i thout notice. no liab ility is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or infor mation


▲Up To Search▲   

 
Price & Availability of TFS1200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X