Part Number Hot Search : 
C4064V JAN2N TLP716 LM117 M62427 ERD15F CL432BLP 930911
Product Description
Full Text Search
 

To Download TDIA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  din timers td 22.5mm din rail mounting electronic timers ? ac/dc coil operation ? multi-time range ? multi-function, on-delay, off-delay and star/delta versions ? voltage range selectable ? marking plate cover options and ordering codes specification td/03/03 td ma ma mc mb ea ra ia aa ab sd sf din rail mount timers multi-function 4 function multi-function 2 c/o on-delay off-delay asymmetrical recycling true off-delay 3 minutes true off-delay 10 minutes star/delta on delay single function td multi voltage options all timers are multi-voltage i/p 24vac/dc and 100-230vac selectable on unit. except ea+ra models ea + ra models only ea + ra models only sf model only sf model only sf model only multi voltage options 110vac + 24vac/dc 230vac + 24vac/dc 24vac/dc 110vac 230vac tdma tdmc tdmb tdea tdra TDIA tdaa tdab tdsd tdsf operation modes a,b,c,d a,b,f,g a,b,c,d a b rp,ri t t s a e,f,g,h e,f,g,h time range 0.05sec- - 0.05sec- 0.05sec- - 0.05sec- - 0.05sec- - 0.05sec- - 0.1sec- - 0.1sec- - 0.5sec-3miny 0.1sec- - 10 days 10 days 10 days 10 days 10 days 10 days 3 min 10 min 40-100ms y 10 min accuracy ?.5% fs supply voltage 24vdc ?0%, 24vac-15% +10%, 110-230vac-15% +10% nominal power 24v 1.5va/ 24v 1.5va/ 24v 1.5va/ 24v 1.5va/ 24v 1.5va/ 24v 1.5va/ 24v 1.5va/ 24v 1.5va/ 24v 1.5va/ 24v 1.5va/ consumption 1w-110v 1w-110v 1w-110v 1w-110v 1w-110v 1w-110v 1w-110v 1w-110v 1w-110v 1w-110v 2va 230v 2va 230v 2va 230v 2va 230v 2va 230v 2va 230v 4va 230v 4va 230v 2va 230v 2va 230v 8va 8va 11va 8va 11va 8va 15va 15va 11va 11va input signal power on power on power on power on power on power on power on power on power on power on control contact must be control control control control 90% of a1-a2 contact contact contact contact contact configuration 1 c/o 1 c/o 2 c/o 1 c/o 1 c/o 1 c/o 1 c/o 1 c/o 1 c/o with 1 c/o programmable rest position control output 8a@250vac 8a@250vac 8a@250vac 5a@250vac 5a@250vac 5a@250vac 5a@250vac 5a@250vac 8a@250vac 5a@250vac life expectancy electrical 400,000 400,000 400,000 100,000 100,000 400,000 100,000 100,000 400,000 100,000 mechanical 30 x 10 6 30 x 10 6 30 x 10 6 10 x 10 6 10 x 10 6 30 x 10 6 30 x 10 6 30 x 10 6 30 x 10 6 10 x 10 6 allowable ambient temperature -25 ?c upto +55?c ip rating enclosures ip40 terminals ip20 terminals box clamp screw terminal upto 4mm 2 www.imopc.com y e a r g u a r a n t e e
din timers td continued td/03/03 mode functions a on delay on application of supply voltage the time period starts to run. on completion of time the relay energises. power off reset. b off delay supply to the unit must be continuous. on closure of the control contact (s) the relay energises immediately. on re-opening of s the time period starts to run and (r) de-energises if the control contact ( s ) is reclosed before the actual time period is completed, this period will be deleted and a new one starts on re-opening of ( s ). c single shot leading edge pulse started supply to the unit must be continuous. on closure of the control contact (s) the relay energises immediately and the time starts to run. on completion of the time the relay will de-energise. activation of (s) during the time out period has no effect. d single shot trailing edge supply to the unit must be continuous. the first closure of (s) has no effect. on opening of ( s ) the time period starts to run and (r) energises immediately. on completion of time the relay de-energises. activation of the control contact (s) during the time out period has no effect. e on delay with control contact supply to the unit must be continuous. on closure of (s) the time period starts to run. on completion of time the relay energises and stays energised as long as (s) is closed. opening the control contact before the time out is complete will reset the time period. f single shot leading edge on application of supply voltage the time starts and (r) energises immediately. following time out the relay will de-energise. for a new start of function the supply voltage must be interrupted. g flasher pause first on application of supply voltage the time period starts to run. the relay switches on and off for the periods, beginning with a pause. the time period for pause and pulse is equal. h pulse detection on application of supply voltage the relay energises. the first pulse of (s) starts the time period. receiving pulses during the time period extends it and (r) stays energised. receiving no pulses during the time period completes it and (r) de-energises. (r) stays latched until supply voltage has been interrupted. ri cyclic timer pulse started on application of supply voltage the time period starts to run. the relay switches on and off for the periods, beginning with a pulse. the time period for t1 and t2 can be different. the function continues as long as voltage is applied. rp cyclic timer pause started on application of supply voltage the time period starts to run. the relay switches on and off for the periods, beginning with a pause. the time period for t1 and t2 can be different. the function continues as long as voltage is applied. s star delta on application of supply voltage the contact 17 - 18 of the star relay is closed and the star time t1 begins to run. on completion of the t1 the star relay de-energises and the dwell time t2 starts. on completion of t2 the contact 17 - 28 of the delta relay is closed and remains in operation as long as the supply voltage is applied. t true off delay when supply voltage u is engaged the relay energises (contacts 15-18). when the supply voltage is removed the set time t begins to run. on completion of time t the output falls back to the off position (contacts 15-16). if the supply voltage u is re-engaged to the unit before t has elapsed, the time already elapsed is cancelled and starts again next time the supply voltage is interrupted. a u/t r b u/t s r c u/t s r d u/t s r e u/t s r h u/t s r t2 t1 17 - 28 17 - 18 s u/t y memory f u/t r g u/t r ri u/t r rp u/t r t u r www.imopc.com
din timers td continued td/03/03 function switches connection diagrams dimensions tdmb start function b, c, d, e and h by control contact a1-b1 h pulse detection g flashing pause first f single shot e on-delay controlled by trigger input d single shot trailing edge c single shot pulse operated b off-delay a on-delay h g f c b a tdma tdmc h g f e d c b a g f b a h g f e d c b a tdma; tdra tdmb tdea, tdaa, tdab, tdsf tdsd TDIA control function function rp: without link function ri: link a1-b1 positions of function switch with one contact as instantaneous c.t. both contacts delayed a1 a1 u+ ~ e s a1 a1 a1 15 15 15 15 17 25 r r1 r r r r2 a2 16 18 a2 16 18 a2 18 28 18 a1 15 b1 16 18 a2 u+ ~ e u+ ~ e u+ ~ e u+ ~ e s 25 a1 15 a1 17 a1 15 b1 26 28 16 18 a2 16 18 a2 18 28 a2 16 18 a2 a1 15 b1 61 82 62 8 16 a2 a21 5mm 65mm 70mm 22.5mm 64mm tdma, tdea, tdra, TDIA, tdaa, tdaa, tdab, tdsd, tdsf 5mm 85mm 89mm 22.5mm 85mm tdmb www.imopc.com if instantaneous option is selected r1 becomes timed and r2 becomes instantaneous


▲Up To Search▲   

 
Price & Availability of TDIA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X