Part Number Hot Search : 
7C148 50T60 MR7H5 SC162 4U016 FR2905 1N3573 7203L50P
Product Description
Full Text Search
 

To Download TC4002BP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tc4001bp/bf/bfn/bft 2007-10-01 1 toshiba cmos digital integrat ed ci rcuit silicon monolithic tc4001bp,tc4001bf,tc4001bfn,tc4001bft tc4001b quad 2 input nor gate the tc4001b is 2-input positive nor gate, respectively. since the outputs of these gates are equipped with the buffers, the input/output transmission characteristics have been improved and the variation of transmission time due to an increase in the load capacity is kept minimum. pin assignment logic diagram note: xxxfn (jedec sop) is not available in japan. tc4001bp tc4001bf tc4001bfn tc4001bft weight dip14-p-300-2.54 : 0.96 g (typ.) sop14-p-300-1.27a : 0.18 g (typ.) sol14-p-150-1.27 : 0.12 g (typ.) tssop14-p-0044-0.65a : 0.06 g (typ.) 1/4 tc4001b a x = ba + x b v dd 9 b4 x4 8 14 13 12 11 10 1 2 3 4 5 6 7 b2 a2 v ss b3 a 3 (top view) b1 x1 a1 x2 a 4 x3 www.datasheet.co.kr datasheet pdf - http://www..net/
tc4001bp/bf/bfn/bft 2007-10-01 2 absolute maximum ratings (note) characteristics symbol rating unit dc supply voltage v dd v ss ? 0.5 to v ss + 20 v input voltage v in v ss ? 0.5 to v dd + 0.5 v output voltage v out v ss ? 0.5 to v dd + 0.5 v dc input current i in 10 ma power dissipation p d 300 (dip)/180 (soic) mw operating temperature range t opr ? 40 to 85 c storage temperature range t stg ? 65 to 150 c note: exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in ic performance or even destruction. using continuously under heavy loads (e.g. the app lication of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temper ature/current/voltage, etc. ) are within the absolute maximum ratings and the operating ranges. please design the appropriate reliability upon reviewing the toshiba semiconductor reliability handbook (?handling precautions?/?derating concept and methods?) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). operating ranges (v ss = 0 v) (note) characteristics symbol test condition min typ. max unit dc supply voltage v dd D 3 D 18 v input voltage v in D 0 D v dd v note: the operating ranges must be maintained to ensure the normal oper ation of the device. unused inputs must be tied to either v dd or v ss . www.datasheet.co.kr datasheet pdf - http://www..net/
tc4001bp/bf/bfn/bft 2007-10-01 3 static electrical characteristics (v ss = 0 v) test condition 40c 25c 85c characteristics symbol v dd (v) min max min typ. max min max unit high-level output voltage v oh |i out | < 1  a v in = v ss , v dd 5 10 15 4.95 9.95 14.95 ? ? ? 4.95 9.95 14.95 5.00 10.00 15.00 ? ? ? 4.95 9.95 14.95 ? ? ? v low-level output voltage v ol |i out | < 1  a v in = v ss , v dd 5 10 15 ? ? ? 0.05 0.05 0.05 ? ? ? 0.00 0.00 0.00 0.05 0.05 0.05 ? ? ? 0.05 0.05 0.05 v v oh = 4.6 v v oh = 2.5 v v oh = 9.5 v v oh = 13.5 v 5 5 10 15 0.61 2.50 1.50 4.00 ? ? ? ? 0.51 2.10 1.30 3.40 1.0 4.0 2.2 9.0 ? ? ? ? 0.42 1.70 1.10 2.80 ? ? ? ? output high current i oh v in = v ss ma v ol = 0.4 v v ol = 0.5 v v ol = 1.5 v 5 10 15 0.61 1.50 4.00 ? ? ? 0.51 1.30 3.40 1.2 3.2 12.0 ? ? ? 0.42 1.10 2.80 ? ? ? output low current i ol v in = v ss , v dd ma v out = 0.5 v v out = 1.0 v v out = 1.5 v 5 10 15 3.5 7.0 11.0 ? ? ? 3.5 7.0 11.0 2.75 5.50 8.25 ? ? ? 3.5 7.0 11.0 ? ? ? input high voltage v ih |i out | < 1  a v v out = 4.5 v v out = 9.0 v v out = 13.5 v 5 10 15 ? ? ? 1.5 3.0 4.0 ? ? ? 2.25 4.50 6.75 1.5 3.0 4.0 ? ? ? 1.5 3.0 4.0 input low voltage v il |i out | < 1  a v ?h? level i ih v ih = 18 v 18 ? 0.1 ? 10 5 0.1 ? 1.0 input current ?l? level i il v il = 0 v 18 ? 0.1 ? 10 5 0.1 ? 1.0  a quiescent supply current i dd v in = v ss , v dd (note) 5 10 15 ? ? ? 0.25 0.50 1.00 ? ? ? 0.001 0.001 0.002 0.25 0.50 1.00 ? ? ? 7.5 15.0 30.0  a note: all valid input combinations. www.datasheet.co.kr datasheet pdf - http://www..net/
tc4001bp/bf/bfn/bft 2007-10-01 4 dynamic electrical characteristics (ta = 25c, v ss = 0 v, c l = 50 pf) test condition characteristics symbol v dd (v) min typ. max unit output transition time t tlh D 5 10 15 D D D 70 35 30 200 100 80 ns output transition time t thl D 5 10 15 D D D 70 35 30 200 100 80 ns propagation delay time t plh D 5 10 15 D D D 65 30 25 200 100 80 ns propagation delay time t phl D 5 10 15 D D D 65 30 25 200 100 80 ns input capacitance c in D D 5 7.5 pf circuit and waveform for measureme nt of dynamic characteristics circuit waveform output input 20 ns 20 ns 50% 10% 90% t plh t phl 50% 10% 90% 50% 10% 90% 50% 10% 90% t tlh t thl v dd output v ss input p.g. c l = 50 pf www.datasheet.co.kr datasheet pdf - http://www..net/
tc4001bp/bf/bfn/bft 2007-10-01 5 package dimensions weight: 0.96 g (typ.) www.datasheet.co.kr datasheet pdf - http://www..net/
tc4001bp/bf/bfn/bft 2007-10-01 6 package dimensions weight: 0.18 g (typ.) www.datasheet.co.kr datasheet pdf - http://www..net/
tc4001bp/bf/bfn/bft 2007-10-01 7 package dimensions (note) note: this package is not available in japan. weight: 0.12 g (typ.) www.datasheet.co.kr datasheet pdf - http://www..net/
tc4001bp/bf/bfn/bft 2007-10-01 8 package dimensions weight: 0.06 g (typ.) www.datasheet.co.kr datasheet pdf - http://www..net/
tc4001bp/bf/bfn/bft 2007-10-01 9 restrictions on product use 20070701-en general ? the information contained herein is subject to change without notice. ? toshiba is continually working to improve the quality and reliability of its products. nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity an d vulnerability to physical stress. it is the responsibility of the buyer, when utilizing toshiba produc ts, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such toshiba products could cause loss of human life, bodily injury or damage to property. in developing your designs, please ensure that toshiba products are used within specified operating ranges as set forth in the most recent toshib a products specifications. also, please keep in mind the precautions and conditions set forth in the ?handling guide for semiconduct or devices,? or ?toshiba semiconductor reliability handbook? etc. ? the toshiba products listed in this document are in tended for usage in general electronics applications (computer, personal equipment, office equipment, measuri ng equipment, industrial robotics, domestic appliances, etc.).these toshiba products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfuncti on or failure of which may cause loss of human life or bodily injury (?unintended usage?). unintended usage incl ude atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, et c.. unintended usage of toshiba products listed in his document shall be made at the customer?s own risk. ? the products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. ? the information contained herein is presented only as a guide for the applications of our products. no responsibility is assumed by toshiba for any infringement s of patents or other rights of the third parties which may result from its use. no license is granted by implic ation or otherwise under any patents or other rights of toshiba or the third parties. ? please contact your sales representative for product- by-product details in this document regarding rohs compatibility. please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations. www.datasheet.co.kr datasheet pdf - http://www..net/


▲Up To Search▲   

 
Price & Availability of TC4002BP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X