Part Number Hot Search : 
1563C 50N03 2060CT MA4EXP NJU6391 CHDTA L8150 NTE30016
Product Description
Full Text Search
 

To Download TC2571 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  TC2571 rev.2_04/12/2004 transcom, inc., 90 dasoong 7 th road, tainan science-based industrial park, hsin-she shiang, tainan county taiwan, r.o.c. web-site: www.transcominc.com.tw phone: 886-6-5050086 fax: 886-6-5051602 p 1 / 3 1w low-cost packaged phemt gaas power fets features ? 1w typical output power at 6 ghz ? 11db typical power gain at 6 ghz ? high linearity: ip3 = 40 dbm typical at 6 ghz ? high power added efficiency: pae 43 % for class a operation ? suitable for high reliability application ? breakdown voltage: bv dgo 15 v ? lg = 0.35 m, wg = 2.4 mm ? 100 % dc tested ? low cost ceramic package description the TC2571 is packaged the tc1501 pseudomorphic high electron mobility transistor (phemt) gaas power chip. the cu-based ceramic package that requires a surface-mount package is a low-cost and high performance package. all devices are 100% dc tested to assure consistent quality. typical applications include high dynamic range power amplifier for commercial applications including cellular/pcs systems, and military high performance power amplifier. electrical specifications (t a =25 ) symbol conditions min typ max unit p 1db output power at 1db gain compression point , f = 6ghz v ds = 8 v, i ds = 300 ma 29.5 30 dbm g 1db power gain at 1db gain compression , f = 6ghz v ds = 8 v, i ds = 300 ma 11 db ip3 intercept point of the 3 rd -order intermodulation, f = 6ghz v ds = 8 v, i ds = 300 ma, *p scl = 17 dbm 40 dbm pae power added efficiency at 1db compression power, f = 6ghz 43 db i dss saturated drain-source current at v ds = 2 v, v gs = 0 v 600 ma g m transconductance at v ds = 2 v, v gs = 0 v 400 ms v p pinch-off voltage at v ds = 2 v, i d = 4.8 ma -1.7** volts bv dgo drain-gate breakdown voltage at i dgo =1.2 ma 15 18 volts r th thermal resistance 16 c/w * p scl : output power of single carrier level photo enlargement ** for the tight control of the pinch-off voltage range, we divide TC2571 into 3 model numbers to fit customer design requireme nt (1)TC2571p1519 : vp = -1.5v to -1.9v (2)TC2571p1620 : vp = -1.6v to -2.0v (3)TC2571p1721 : vp = -1.7v to -2.1v if required, customer can specify the requirement in purchasing document. for special vp requirement, please contact factory fo r details.
TC2571 rev.2_04/12/2004 transcom, inc., 90 dasoong 7 th road, tainan science- based industrial park, hsin-she shiang, tainan county taiwan, r.o.c. web-site: www.transcominc.com.tw phone: 886-6-5050086 fax: 886-6-5051602 p 2 / 3 absolute maximum ratings (t a =25 c) symbol parameter rating v ds drain-source voltage 12 v v gs gate-source voltage -5 v i ds drain current i dss p in rf input power, cw 26 dbm p t continuous dissipation 3.8 w t ch channel temperature 175 c t stg storage temperature - 65 c to +175 c recommanded operating condition symbol parameter rating v ds drain to source voltage 8 v i d drain current 300 ma handling precautions : the user must operate in a clean, dry environment. electrostatic discharge(esd) precautions should be observed at all stages of storage, handling, assembly, and testing. the static discharge must less than 300v. typical scattering parameters (t a =25 ) power bias : v ds = 8 v, i ds = 300 ma 0 1.0 1.0 -1.0 10.0 10.0 -10.0 5.0 5.0 -5.0 2.0 2.0 - 2 . 0 3.0 3 . 0 -3.0 4.0 4.0 -4.0 0.2 0.2 -0.2 0.4 0.4 -0.4 0.6 0.6 -0.6 0.8 0.8 -0.8 swp max 9ghz swp min 2ghz s11 0 15 30 45 60 75 90 105 120 135 150 165 -180 -165 -150 -135 -120 -105 -90 -75 -60 -45 -30 -15 swp max 9 ghz swp min 2 ghz mag max 0.2 0.05 per div s12 0 15 30 45 60 75 90 105 120 135 150 165 -180 -165 -150 -135 -120 -105 -90 -75 -60 -45 -30 -15 swp max 9 ghz swp min 2 ghz mag max 8 2 per div s21 0 1.0 1.0 -1.0 10.0 10.0 -10.0 5.0 5.0 -5.0 2.0 2.0 - 2 . 0 3.0 3 . 0 -3.0 4.0 4.0 -4.0 0.2 0.2 -0.2 0.4 0.4 -0.4 0.6 0.6 -0.6 0.8 0.8 -0.8 swp max 9ghz swp min 2ghz s22 frequency s11 s21 s12 s22 (ghz) mag ang mag ang mag ang mag ang 2 0.8422 179.88 4.4104 55.63 0.0378 4.41 0.2968 -160.56 3 0.8330 156.09 3.0979 27.48 0.0410 -5.11 0.3334 -174.58 4 0.8128 135.66 2.4617 1.60 0.0463 -13.48 0.3617 172.88 5 0.7880 114.61 2.1283 -23.92 0.0531 -21.93 0.3796 159.66 6 0.7645 90.83 1.9470 -50.89 0.0655 -35.02 0.3879 145.45 7 0.7467 63.85 1.8797 -79.40 0.0813 -51.82 0.3770 128.62 8 0.7247 33.82 1.8428 -109.44 0.1016 -73.69 0.3550 110.31 9 0.7245 -5.98 1.7925 -146.06 0.1226 -103.34 0.3032 81.57
TC2571 rev.2_04/12/2004 transcom, inc., 90 dasoong 7 th road, tainan science-based industrial park, hsin-she shiang, tainan county taiwan, r.o.c. web-site: www.transcominc.com.tw phone: 886-6-5050086 fax: 886-6-5051602 p 3 / 3 outline dimensions (in inch) 4 plcs 4 plcs 4 sides 4 plcs 2 plcs 2 plcs bottom side(source) top side xxxx tcxxxx gate drain tape & reel package orientation (mm) ko = 3.10 0.10 mm ao = 11.50 0.10 mm bo = 7.50 0.10 mm xxxx xxxx section b-b xxxx b a xxxx b section a-a tcxxxx tcxxxx tcxxxx tcxxxx a standard reel size 7? standard reel quantity 500


▲Up To Search▲   

 
Price & Availability of TC2571

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X