Part Number Hot Search : 
3KP12CA E561UAP SP8910 TT150N TA8473F 332J100 100BG MTRPB
Product Description
Full Text Search
 

To Download SF0140BA02433T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  140 mhz saw filter 4.4 mhz bandwidth part number SF0140BA02433T idt ? saw products ? 324 clark street, worcester, ma 01606, usa ? ph 1-508-852-5400 ? fax 1-508-852-8456 www.idt.com dsSF0140BA02433T rev a 23-aug-2006 page 1 of 3 description ? 140 mhz saw bandpass filter with 4.4 mhz bandwidth. ? 27.2 x 12.7 mm dip package. ? rohs compliant. typical performance horizontal: frequency : 2 mhz/div vertical from top: relative magnitude : 10 db/div relative magnitude : 1 db/div phase linearity : 5 deg/div group delay : 100 ns/div s11 s22
140 mhz saw filter 4.4 mhz bandwidth part number SF0140BA02433T idt ? saw products ? 324 clark street, worcester, ma 01606, usa ? ph 1-508-852-5400 ? fax 1-508-852-8456 www.idt.com dsSF0140BA02433T rev a 23-aug-2006 page 2 of 3 specification parameter min typ max units center frequency (f c ) 1 139.92 140.00 140.08 mhz minimum insertion loss - 19.9 21.5 db 1.5 db bandwidth 2 4.40 4.42 - mhz 25 db bandwidth 2 - 5.39 5.44 mhz 30 db bandwidth 2 - 5.49 5.70 mhz 40 db bandwidth 2 - 5.86 6.10 mhz passband variation (fc +/- 2.0 mhz) - 0.6 1.0 db p-p phase linearity (f c +/- 2.2 mhz) - 3 6 deg p-p group delay variation (fc +/- 2.2 mhz) 3 - 80 100 ns p-p absolute delay - 2.26 2.30 us input vswr (fc +/- 2.2 mhz) - 2.0 2.3 :1 output vswr (fc +/- 2. 2 mhz) - 2.0 2.3 :1 ultimate rejection (fc+/-3.5 to fc+/- 60 mhz) 40 45 - db substrate material 112 litao 3 ambient temperature (tref) - 25 - ? c notes: 1. defined as the average of the lower and upper 3 db frequencies. 2. all db levels are defined relative to the insertion loss. 3. a smoothing aperture of 0.125 mhz may be used for this measurement. 4. typical change of filter response with temperature is: ? f = (t-tref)*tc*fc in ppm. maximum ratings parameter min typ max units storage temperature range -40 25 85 ? c material coefficient of frequency (tc) 4 - -23 - ppm/ ? c input power level - 0 10 dbm matching circuit typical component values: (minimum inductor q = 45) notes: 1. recommend the use of + /-2% tolerance components. 2. component values shown are for guidance only and may change depending on board layout. ls1 = 15 nh ls2 = 18 nh cp1 = 68 pf cp2 = 68 pf rp1 = 22 ? rp2 = 22 ? input 50 ? single-ended output 50 ? single-ended 1 10 18 9
140 mhz saw filter 4.4 mhz bandwidth part number SF0140BA02433T idt ? saw products ? 324 clark street, worcester, ma 01606, usa ? ph 1-508-852-5400 ? fax 1-508-852-8456 www.idt.com dsSF0140BA02433T rev a 23-aug-2006 page 3 of 3 package outline iso 9001 registered all specifications are believed to be accurate and reliable. ho wever, mnc reserves the right to make changes without notice. ? 2006 all rights reserved. units: mm dimensions are nominal in mm. all tolerances are 0.15 mm except overall length and width and lead thicknesses. pin configuration: input: 1 input return: 18 output: 10 output return: 9 ground: 2, 11


▲Up To Search▲   

 
Price & Availability of SF0140BA02433T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X