Part Number Hot Search : 
10016 25P10 RGP30K HSS101 FAN5612 EAIRMAA3 MC74F195 00505
Product Description
Full Text Search
 

To Download RX-S261S-0390LFSN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 j s t j s t j s t jst short locking lever long locking lever contemporary needs require that electronic equipment be high in density, modular in construction and multi- functional. in addition, the costs of such connection systems must be reduced. to meet these needs, particularly in the video and audio fields, we offer jsts highly reliable and cost-efficient rx connectors. these connectors reflect displacement connection technology as well as its advanced production techniques. features ?conforms to mil standards jst? rx connectors conform to mil standards (mil-c-83503) and are compatible with its ra connectors. ?secure locking mechanism the locking levers are engaged by inserting the receptacle into the header. this ensures a firm connection that? highly resistant to impact and vibration. to save space, jst has also made available short locking levers which provides a firm connection even when the receptacle has no strain relief. ?cost-efficient to reduce costs, only the mating sections of the receptacle contacts and header posts are gold-plated. jst? wealth of mass-production technology allows it to produce connectors that are extremely reliable and cost-efficient. ?post suited for high-density patterns the mating section of the header post is 0.64mm square. the printed circuit board solder section of the post is 0.60mm in diameter. this small size greatly facilitates high-density design of printed circuit boards. * rohs compliant products are published. * refer to "general instruction and notice when using terminals and connectors" at the end of this catalog. * contact jst for details. standards 0 recognized e60389 1 certified lr20812 with strain relief without strain relief rx connector disconnectable insulation displacement connectors for 1.27mm pitch ribbon cables 2.54mm pitch
2 receptacle cover housing receptacle housing strain relief materials characteristics specifications current rating voltage rating temperature range contact resistance insulation resistance withstanding voltage applicable wire 1.0a ac, dc 300v ac, dc initial value: 20m ? max. after environmental testing: 30m ? max. 5,000m ? min. awg #28, 1.27mm pitch ribbon cables (including temperature rise in applying electrical current) -55 ? c to +125 ? c(gold-plated) -55 ? c to +85 ? c(tin-plated) 500v ac/5 seconds receptacle housing contact cover housing strain relief phosphor bronze ?nickel-undercoated mating part; gold-plated insulation displacement part; tin-plated (reflow treatment) ?copper-undercoated, tin-plated (reflow treatment) glass-filled pbt, ul94v-0, black glass-filled pa 66, ul94v-0, black glass-filled pa 66, ul94v-0, black insulator conductor 1.27xn=w 1.27x(n-1)=p 0.9 1.27 0.05(pitch) conductor insulator awg #28 stranded wire construction: 7/0.127mm dia. material: tin-plated annealed copper wire awg #28 solid wire construction: 0.32mm dia. material: tin-plated annealed copper wire soft vinyl chloride number of conductors (n) dimensional tolerance (mm) pw 10 to 14 16 to 26 34 to 60 0.18 0.28 0.38 0.3 0.3 0.3 applicable cables ribbon cables conforming to the following specifications can be used with rx connector receptacles. contact jst for details. *contact jst details. rx connector note: n --- number of circuits
3 model number identification note: the standard gold-plated type is identified by the suffix number [-1310] but this suffix number is usually omitted. other types must be identified by the full code number. strain relief cover housing jst 20p polarizing mark 10.4 guide rib a b 7.0 3.4 3.9 15.4 1.0 6.1 4.0 2.54 2.54 cir- cuits model no. dimensions (mm) q'ty / box gold-plated receptacle tin-plated . receptacle with strain relief without strain relief with strain relief without strain relief guide ribs ab 20 26 34 40 50 60 rx-s201s rx-s341s rx-s401s rx-s501s rx-s601s rx-s201s-0310 rx-s261s-0310 rx-s341s-0310 rx-s401s-0310 rx-s501s-0310 rx-s601s-0310 1 1 1 1 1 1 rx-s201s-1390 rx-s341s-1390 rx-s401s-1390 rx-s501s-1390 rx-s601s-1390 rx-s201s-0390 rx-s261s-0390 rx-s341s-0390 rx-s401s-0390 rx-s501s-0390 rx-s601s-0390 22.86 30.48 40.64 48.26 60.96 73.66 30.00 37.62 47.78 55.40 68.10 80.80 150 150 100 100 75 75 receptacle jst 20p a 3.9 8.5 6.1 a 6.1 3.4 7.0 dimension a (mm) model no. strain relief cover housing cir- cuits 20 26 34 40 50 60 rx-sr20t rx-sr34t rx-sr40t rx-sr50t rx-sr60t rx-ch20s rx-ch26s rx-ch34s rx-ch40s rx-ch50s rx-ch60s 30.00 37.62 47.78 55.40 68.10 80.85 strain relief and cover housing strain relief cover housing : height without strain relief : height with strain relief series name product name: receptacle number of circuits: 20, 26, 34, 40, 50, 60 number of guide grooves: 1 ... 20 to 60 circuits connection method: s ... short locking, through type with or without strain relief without: 0 with: 1 material of contact: 3 ... phosphor bronze for spring surface finish 10... gold flash 12... 0.2micron(8micro-inch)gold-plated 13... 0.4micron(16micro-inch)gold-plated 14... 0.76micron(30micro-inch)gold-plated 90... tin-plated (reflow treatment) s rx 50 1 s 1310 rx connector rohs compliance this product displays (lf)(sn) on a label. rohs compliance
4 shrouded header materials characteristics specifications current rating voltage rating temperature range insulation resistance withstanding voltage applicable pc board thickness 1.0a ac, dc 300v ac, dc (including temperature rise in applying electrical current) -55 ? c to +125 ? c(gold-plated) -55 ? c to +85 ? c(tin-plated) 5,000m ? min. 500v ac/5 seconds 1.6mm contact housing locking lever brass nickel-undercoated mating part; gold-plated solder tail; tin-plated (reflow treatment) copper-undercoated, tin-plated (reflow treatment) glass-filled pbt, ul94v-0, black glass-filled pbt, ul94v-0, black top entry type with long locking lever side entry type with short locking lever note: contact jst for details. rx connector
5 model number identification note: the standard gold-plated type is identified by the suffix number [-1110] but this suffix number is usually omitted. other types must be identified by the full code number. rohs compliance this product displays (lf)(sn) on a label. jst 20p (26.8) (21.87) 5.84 2.54 a b 2.7max. 8.79 2.54 2.8 17.5 (26.8) 3.8 (21.87) 3.8 2.54 2.8 long locking lever short locking lever 5.7max. cir- cuits type model no. dimensions (mm) q'ty / box gold-plated header tin-plated . header guide grooves ab top entry type side entry type top entry type side entry type 20 34 40 50 60 long short long short long short long short long short rx-h201td rx-h201td-2110 rx-h341td rx-h341td-2110 rx-h401td rx-h401td-2110 rx-h501td rx-h501td-2110 rx-h601td rx-h601td-2110 rx-h201sd rx-h201sd-2110 rx-h341sd rx-h341sd-2110 rx-h401sd rx-h401sd-2110 rx-h501sd rx-h501sd-2110 rx-h601sd rx-h601sd-2110 rx-h201td-1190 rx-h201td-2190 rx-h341td-1190 rx-h341td-2190 rx-h401td-1190 rx-h401td-2190 rx-h501td-1190 rx-h501td-2190 rx-h601td-1190 rx-h601td-2190 rx-h201sd-1190 rx-h201sd-2190 rx-h341sd-1190 rx-h341sd-2190 rx-h401sd-1190 rx-h401sd-2190 rx-h501sd-1190 rx-h501sd-2190 rx-h601sd-1190 rx-h601sd-2190 1 1 1 1 1 1 1 1 1 1 22.86 40.64 48.26 60.96 73.66 44.66 62.44 70.06 82.76 95.46 50 25 25 25 25 : with long locking levers : with short locking levers top entry type side entry type series name product name: header number of circuits: 20, 34, 40, 50, 60 number of guide grooves: 1 ... 20 to 60 circuits mounting method: td ... top entry, sd ... side entry type of locking lever: 0 ... without locking cover 1 ... long locking lever 2 ... short locking lever material and shape of post: 1 ... brass, 0.60mm diameter pin at soldering section surface finish 10... gold flash 12... 0.2micron gold-plated 13... 0.4micron gold-plated 14... 0.76micron gold-plated 90... tin-plated (reflow treatment) h rx 50 1 td 1 1 10 rx connector
6 pc board layout (viewed from component side) 1.52 2.54 0.05  2.7 (mounting screw hole) 2.54 0.05 a h b t + 0.1 0.05  0.8 a h 0.73 (printed circuit board edge) b s (14.0) 2.54 0.05 8.90 0.05 + 0.1 0.05  0.8 2.54 0.05 5.84 0.05  2.7 (mounting screw hole) note: 1. tolerances are non-cumulative: 0.05mm for all centers. hole dimensions differ according to the kind of pc board and piercing method. the dimensions above should serve as a guideline. contact jst for details. 2. the mounting screw holes are required for mounting headers on printed circuit boards but are not required for standard header. 3. this is normally the no. 1 circuit position. top entry type side entry type dimensions (mm) a h b t cir- cuits b s 20 34 40 50 60 22.86 40.64 48.26 60.96 73.66 40.66 58.44 66.06 78.76 91.46 34.54 52.32 59.94 72.64 85.34 rx connector


▲Up To Search▲   

 
Price & Availability of RX-S261S-0390LFSN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X